Part Number Hot Search : 
2200B F4116 GBPC4006 CSNB361 LN513 B1020A 0ACPZ M66011FP
Product Description
Full Text Search
 

To Download LP4100-24C1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industries corp. 5625-a s. arville, las vegas, nv 89118 tel:702-364-9998 fax: 702-364-1562 www.magt echind.com anz143f led driver product specifications anz#: z143f, august 04, 2009 high power constant current led driver lp4100 series total power 96 watts max. input voltages 110 or 200-277vac number of outputs quad features : applications : available with 110vac or 200-277vac input led refrigeration application 0-10v dimming available - optional led architectural lighting quad (4) outputs with c/c or c/v mode led industrial lighting single (1) output with c/v is available led channel letter ip66, nema 3 for dry and damp locations led general luminaire convection cooled in aluminum housing fcc and ce compliant three year warranty electrical specification input ? input voltage range: 100-132vac or 200-277vac ? input freq. range: 47 ~ 63 hz ? efficiency: 82% typical (77% with 200-277vac) ? thd: less than 20% at full load ? power factor: > than 0.9 (note: 200-277vac will be available in 3q, 2008) output ? number of dc output: 4 individual output, 24-watts maximum ? output voltage range: 12-26vdc ? output current range / type: max 880ma 8% / constant current ? ovp: 35vdc max. ? otp: yes ? dimming control: 0-10 vdc, 10.0v = 100% brightness and 1.0v = 15% brightness (output) (apply to both constant voltage ?cv? and constant current ?cc? version) model selections constant current mode constant voltage mode model vf (vdc) vi (ma) watt channel model output (vdc) output (ma) watt channel lp4100-40c350 9-40, 5% 350, 5% 15 lp4100-36c700 9-36, 5% 700, 5% 25 *lp4100-26c880 9-26, 5% 880, 5% 25 lp4100-24 24 808, 5% 20 *LP4100-24C1000 9-24, 5% 1000, 5% 25 lp4100-12 12 1617, 5% 20 lp1100-24 24 4000, 5% 96 note: ? * ? product is not ul recognized at the time this specification is released. environment operational temp.: -40 to +60 c full load, derate 2% per c from 60 - 70 c . storage temp.: -40 to +80 deg. c ip66 pending
industries corp. 5625-a s. arville, las vegas, nv 89118 tel:702-364-9998 fax: 702-364-1562 www.magt echind.com anz143f mechanical physical size: 12.4? x 1.57? x 1.125? (l x w x h) control line: pot connections 18 awg, ul1332 12.4 [315.0] 12.6 [320.0] 1.57 [40.0] 8.0 [203] min 1.54 [39.0] (max) 0.08 [2.0] r0.1 [r2.5] dc output 18awg, ul1332 red(+), black(-) (4 pairs) ac input 18 awg, ul1332 black--> line white --> neutral green ---> ground


▲Up To Search▲   

 
Price & Availability of LP4100-24C1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X