Part Number Hot Search : 
DAM3B12 1H683J 2966016 RM13TR PM5369 MMP7043 4743A KDS1001
Product Description
Full Text Search
 

To Download KSMC612A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? crisp clicking by tactile feedback ? prevent flux rise by insert-molded terminal ? ground terminal is attached ? snap-in mount terminal dimensions (unit : mm) specifications model designation ksmc6 1 2 a 1 hokuriku *details are subject to change without notice. 5/29/2007 dia. dia. 4.5 4.5 1.8 3.5 3.5 6.5 7.9 1.8 3.5 3.5 7.9 6.5 h h 6 6 6 6 0.7 0.3 0.7 0.3 0.7 0.3 4.1 (3 .5 ) (3 .5 ) item specification unit note operating temperature range -20 +70 storage temperature range -40 +85 type of operation tactile feedback circuit configuration push-on momentary, 1 pole-1 throw power rating max 50ma 24vdc contact resistance max 100 m ? insulation resistance 100m ? min. at 100vdc dielectric withstanding voltage 250vac for 1 minute contact bounce max 5 ms 0.980.49 n a type 1.570.49 n b type min 0.10 n a type min 0.49 n b type travel 0.25 +0.2/-0.1 mm operating force return force h (mm) 14.3 25 37 49.5 tactile switches 6mm 6mm top push general without ground terminal with ground terminal a c d b ac d b a c b d moving contact 4.50.1 6.50.1 4-10.05 dia. a c b d moving contact circuit diagram 4.50.1 6.50.1 4.10.1 5-10.05 dia. recommended mountin g hole dimensions circuit diagram recommended mountin g hole dimensions operation force mount height terminal option (1:without ground terminal, 2:with ground terminal) model no.
features ? crisp clicking by tactile feedback ? prevent flux rise by insert-molded terminal ? ground terminal is attached ? snap-in mount terminal ? dimensions (unit : mm) specifications model designation ksm06 1 2 c operation force mount height terminal option (1:without ground terminal, 2:with ground terminal) model no item specification unit note operating temperature range -20 +70 storage temperature range -40 +85 type of operation tactile feedback circuit configuration push-on momentary, 1 pole-1 throw power rating max 50ma 24vdc contact resistance max 100 m insulation resistance 100 m min. at 100vdc dielectric withstanding voltage 250vac for 1 minute contact bounce max 5 ms operating force 2.55 0.69 n return force min 0.49 n travel 0.25 +0.2/-0.1 mm dia. dia. 4.5 4.5 1.8 3.5 3.5 6.5 7.9 1.8 3.5 3.5 7.9 6.5 h h 6 6 6 6 0.7 0.3 0.7 0.3 0.7 0.3 4.1 (3 .5 ) (3 .5 ) h (mm) 14.3 25 37 49.5 tactile switches 6mm 6mm top push operating force 2.55n 2 hokuriku *details are subject to change without notice. 5/29/2007 a c d b ac d b a c b d moving contact 4.50.1 6.50.1 4-10.05 dia. a c b d moving contact circuit diagram 4.50.1 6.50.1 4.10.1 5-10.05 dia. recommended mountin g hole dimensions circuit diagram recommended mountin g hole dimensions without ground terminal with ground terminal


▲Up To Search▲   

 
Price & Availability of KSMC612A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X