Part Number Hot Search : 
EX242 SV050 CD409 AOD3N40 ON1847 C1G07 MS1045 M2560
Product Description
Full Text Search
 

To Download IRF510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  <^e,ml-l.onailctoi , line. 20 stern ave. springfield, new jersey 07081 u.s.a. IRF510, sjhf510 telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 product summary vds(v) ^dsion) (n) qg (max.) (nc) qgs (nc) qgd(nc) configuration 100 vgs = 10v 0.54 8.3 2.3 3.8 single features ? dynamic dv/dt rating ? repetitive avalanche rated ? 175 c operating temperature ? fast switching ? ease of paralleling ? simple drive requirements to-220ab n-channel mosfet the to-220ab package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 w. the low thermal resistance and low package cost of the to-220ab contribute to its wide acceptance throughout the industry. ordering information package lead (pb)-free snpb to-220ab IRF510pbf sihf510-e3 IRF510 sihf510 absolute maximum ratings (tc = 25 c, unless otherwise noted) parameter drain-source voltage gate-source voltage continuous drain current v at 10v tc = 25c v^s ai i u v ic=ioo o pulsed drain current3 linear derating factor single pulse avalanche energyb repetitive avalanche current3 repetitive avalanche energy3 maximum power dissipation tc = 25 c peak diode recovery dv/dtc operating junction and storage temperature range soldering recommendations (peak temperature) mounting torque for 10s 6-32 or m3 screw symbol vds vgs id i dm eas iar ear pd dv/dt tj, tstg limit 100 20 5.6 4.0 20 0.29 100 5.6 4.3 43 5.5 -5510 + 175 300d 10 1.1 unit v a w/c mj a mj w v/ns c ibf ? in n ? m notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. vdd = 25 v, starting tj = 25 c, l = 4.8 mh, rg = 25 n, ias = 5.6 a (see fig. 12). c. isd < 5.6 a, dl/dt < 75 a/us, vdd < vds, tj < 175 c. d. 1.6 mm from case. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. n.i semi-conductors encourages customers to verity that datasheets are current before placing orders. quality semi-conductors
IRF510, sjhf510 thermal resistance ratings parameter maximum junction-to-ambient case-to-sink, flat, greased surface maximum junction-to-case (drain) symbol rthja rthcs rthjc typ. - 0.50 - max. 62 - 3.5 unit c/w specifications (tj = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage vds temperature coefficient gate-source threshold voltage gate-source leakage zero gate voltage drain current drain-source on-state resistance forward transconductance vds avds/tj ves(th) igss idss f^dsfon) 9fs vgs = 0 v, id = 250 |ja reference to 25 c, id = 1 ma vds = vgs, id = 250 ua vgs = 20 v vds = 100v, vgs = ov vds = 80 v, vgs = 0 v, tj = 150 c vgs = 10v id =3.4 ab vds = 50 v, id = 3.4 ab 100 - 2.0 - - - - 1.3 - 0.12 - - - - - - - - 4.0 100 25 250 0.54 - v v/c v na ua u s dynamic input capacitance output capacitance reverse transfer capacitance total gate charge gate-source charge gate-drain charge turn-on delay time rise time turn-off delay time fall time internal drain inductance internal source inductance cjss c055 crss qg qgs qgd td(on) tr td(off) tf ld ls vgs = 0 v, vds = 25 v, f = 1.0 mhz, see fig. 5 vgs = 10v vdd = 5 rg = 24 n, rd id = 5.6 a, vds = 80v vds = 10v, see fig. 6 and 1 3b 0v, b = 5.6 a = 8.4n, see fig. 10b between lead, ' 6 mm (0.25") from /f'--5\e and center of -vt^ die contact ^~^ - - - - - - - - - - - - 180 81 15 - - - 6.9 16 15 9.4 4.5 7.5 - - - 8.3 2.3 3.8 - - - - - - pf nc ns nh drain-source body diode characteristics continuous source-drain diode current pulsed diode forward current3 body diode voltage body diode reverse recovery time body diode reverse recovery charge forward turn-on time is ism vsd trr qrr ton mosfet symbol showing the s\i integral reverse (] hjjo p - n junction diode xti| tj = 25 c, ls = 5.6 a, vgs = 0 vb t 9^ c* \^ ^ fi a rtl/ht inna/iicb - - - - - - - - 100 0.44 5.6 20 2.5 200 0.88 a v ns uc intrinsic turn-on time is negligible (turn-on is dominated by ls and ld) notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. pulse width < 300 us; duty cycle < 2 %.


▲Up To Search▲   

 
Price & Availability of IRF510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X