Part Number Hot Search : 
1N6157US LT1160IS LT1160IS 20MU11 20MU11 P7NC60 C14018 LX8942
Product Description
Full Text Search
 

To Download HBL2311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product datasheet HBL2311 -- twist-lock plug 2p3w, 20a 125v, l5-20p, black & white nylon product specifications product type product item plug wiring scheme 2 pole, 3 wire grounding amperage 20a voltage 125v ac nema configuration l5-20p item style insulgrip device color black/white horsepower 1 cord dia. .360"-.930" (9-24) blade holder material natural white nylon terminal retainer material clear polycarbonate housing material black nylon cord clamp material natural (white) nylon
blade material brass terminal clamp material .08" (2) steel-nickel plated terminal screw material #10-32 brass (white finish on neutral screw when used) multi-drive ground screw material #10-32 brass (green finish) multi-drive cord clamp screw material steel, zinc plated multi-drive body holding screw material steel, zinc plated multi-drive ratings molded into face. catalog no. permanently ink marked on body. dielectric voltage withstand 2,000v minimum current interrupting certified for current interrupting at full rated current. temperature rise max 30 c temperature rise at full rated current after 50 cycles of overload at 150% of rated current at a power factor of .75. cord accommodation round portable service cords of diameters commensurate with the device rating as defined in ul standard 62, csa c22.2 no. 49. terminal accommodation 20a #12 awg terminal identification terminals identified in accordance with ul 498 (x, y, z, white, green) flammability hb or better per ul 94 or csa 22.2 no. 0.6 operating temperatures maximum continuous 75 c minimum -40 c (w/o impact) moisture resistance ip20 listings fed spec ul/csa feature info black and white nylon. m drawings click here for m-drawing catalog page click here for catalog page b22 brochures click here for product brochure hubbellnet click here for hubbellnet catalog section click here for section-b upc number 78358503770 weight in lbs 0.25
nema configuration
2p 3w, 20a, 125v, 250v and 277v ac locking devices twist-lock ? devices 2 pole, 3 wire grounding 20 ampere, 125, 250 volts and 277 volts ac receptacles, insulgrip ? connector bodies, flanged devices and plugs b-22 dimensions in inches (mm) www.hubbell-wiring.com hbl2315 2.88" (73.2) .19" (4.8) dia. 1.25" r. (31.8) 2.09" (53.1) 2.04" (51.8) 120 120 HBL2311 2.75" (69.9) 2.26" (57.4) 1.97" (50.0) hbl2316 2.09" (53.1) 2.04" (51.8) 2.88" (73.2) .19" (4.8) dia. 1 .25" r. (31.8) 120 120 hbl2313 3.86" (98.0) 1.97" (50.0 ) 2.26" (57.4) 1.56" (39.6) 2.38" (60.5) 3.28" (83.3) #6-32 tap 2.67" (67.8) 1.23" (31.2) 1.70" (43.2) .98" (24.9) hbl2310 single flush receptacles, back and side wired description catalog numbers black nylon face. hbl2310 hbl2320 hbl2330 isolated ground, orange nylon face. ig2310 ig2320 ? corrosion resistant, yellow nylon face. hbl23cm10 ?? insulgrip connector bodies description catalog numbers black and white nylon. hbl2313 hbl2323 hbl2333 corrosion resistant, yellow nylon. hbl23cm13 hbl23cm23 ? note: cord clamp range .360 ?-.930 ? (9-24). insulgrip flanged receptacles description catalog numbers nylon casing, back wired. hbl2316 hbl2326 hbl2336 insulgrip plugs description catalog numbers black and white nylon. HBL2311 hbl2321 hbl2331 corrosion resistant, yellow nylon. hbl23cm11 hbl23cm21 ? notes: cord grip range .360?-.930 ? (9-24). see page b-73 for add-a-shroud? kit. insulgrip flanged inlets description catalog numbers nylon casing, back wired. hbl2315 hbl2325 hbl2335 notes: see pages b-68 and b-69 for accessories. see page b-63 for switched enclosure. for technical information see page b-83. hp ratings are ac only. only receptacles and plugs are hp rated. nema l5-20r 20a 125v ul/csa 1 hp g w n ema l5-20p 20a 125v ul/csa 1 hp g w n ema l6-20p 20a 250v ul/csa 2 hp g x y nema l7-20p 20a 277v a c ul/csa 2 hp g w nema l6-20r 20a 250v ul/csa 2 hp g x y nema l7-20r 20a 277v ac ul/csa 2 hp g w ip20 suitability ip20 suitability


▲Up To Search▲   

 
Price & Availability of HBL2311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X