Part Number Hot Search : 
02822 ER1006 SMB100A DF08G MSG104 B39A1 P11S2 SDT18
Product Description
Full Text Search
 

To Download FS10-3600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  47 | power transformers www.triadmagnetics.com | 22520 b temescal canyon road, corona, ca 92883 | phone 951-277-0757 | fax 951-277-2757 single dual secondary dimensions primary primary wt. section 6 pin 8 pin va series parallel h w l ml a b c lbs. f10-110 fs10-110 10.0v ct @ 0.11a 5.0v @ 0.22a f12-090 fs12-090 12.6v ct @ 0.09a 6.3v @ 0.18a f16-070 fs16-070 16.0v ct @ 0.07a 8.0v @ 0.14a f20-055 fs20-055 20.0v ct @ 0.055a 10.0v @ 0.11a f24-045 fs24-045 24.0v ct @ 0.045a 12.0v @ 0.09a a f28-040 fs28-040 1.1 28.0v ct @ 0.040a 14.0v @ 0.08a 15 / 16 1 1 / 8 1 3 / 8 ? 0.250 0.250 1.20 0.17 f36-030 fs36-030 36.0v ct @ 0.03a 18.0v @ 0.06a f48-023 fs48-023 48.0v ct @ 0.023a 24.0v @ 0.046a f56-020 fs56-020 56.0v ct @ 0.02a 28.0v @ 0.04a f120-010 fs120-01 120.0v ct @ 0.01a 60.0v @ 0.02a f10-250 fs10-250 10.0v ct @ 0.25a 5.0v @ 0.5a f12-200 fs12-200 12.6v ct @ 0.2a 6.3v @ 0.4a f16-150 fs16-150 16.0v ct @ 0.15a 8.0v @ 0.3a f20-120 fs20-120 20.0v ct @ 0.12a 10.0v @ 0.24a f24-100 fs24-100 24.0v ct @ 0.1a 12.0v @ 0.2a b f28-85 fs28-85 2.5 28.0v ct @ 0.085a 14.0v @ 0.17a 1 3 / 16 1 1 / 8 1 3 / 8 ? 0.250 0.250 1.20 0.25 f36-65 fs36-65 36.0v ct @ 0.065a 18.0v @ 0.13a f48-050 fs48-050 48.0v ct @ 0.05a 24.0v @ 0.1a f56-045 fs56-045 56.0v ct @ 0.045a 28.0v @ 0.09a f120-020 fs120-02 120.0v ct @ 0.02a 60.0v @ 0.04a f10-600 fs10-600 10.0v ct @ 0.6a 5.0v @ 1.2a f12-500 fs12-500 12.6v ct @ 0.5a 6.3v @ 1.0a f16-400 fs16-400 16.0v ct @ 0.4a 8.0v @ 0.8a f20-300 fs20-300 20.0v ct @ 0.3a 10.0v @ 0.6a f24-250 fs24-250 24.0v ct @ 0.25a 12.0v @ 0.5a c f28-200 fs28-200 6.0 28.0v ct @ 0.2a 14.0v @ 0.4a 1 5 / 16 1 5 / 16 1 5 / 8 1 1 / 16 0.250 0.350 1.280 0.44 f36-170 fs36-170 36.0v ct @ 0.17a 18.0v @ 0.34a f48-125 fs48-125 48.0v ct @ 0.125a 24.0v @ 0.25a f56-110 fs56-110 56.0v ct @ 0.11a 28.0v @ 0.22a f120-050 fs120-05 120.0v ct @ 0.05a 60.0v @ 0.1a f10-1200 fs10-1200 10.0v ct @ 1.2a 5.0v @ 2.4a f12-1000 fs12-1000 12.6v ct @ 1.0a 6.3v @ 2.0a f16-800 fs16-800 16.0v ct @ 0.8a 8.0v @ 1.6a f20-600 fs20-600 20.0v ct @ 0.6a 10.0v @ 1.2a f24-500 fs24-500 24.0v ct @ 0.5a 12.0v @ 1.0a d f28-420 fs28-420 12.0 28.0v ct @ 0.42a 14.0v @ 0.84a 1 7 / 16 1 9 / 16 1 7 / 8 1 1 / 4 0.30 0.40 1.410 0.70 f36-350 fs36-350 36.0v ct @ 0.35a 18.0v @ 0.7a f48-250 fs48-250 48.0v ct @ 0.25a 24.0v @ 0.5a f56-220 fs56-220 56.0v ct @ 0.22a 28.0v @ 0.44a f120-100 fs120-100 120.0v ct @ 0.1a 60.0v @ 0.2a f10-2000 fs10-2000 10.0v ct @ 2.0a 5.0v @ 4.0a f12-1600 fs12-1600 12.6v ct @ 1.6a 6.3v @ 3.2a f16-1250 fs16-1250 16.0v ct @ 1.25a 8.0v @ 2.5a f20-1000 fs20-1000 20.0v ct @ 1.0a 10.0v @ 2.0a f24-800 fs24-800 24.0v ct @ 0.8a 12.0v @ 1.6a 1 7 / 16 1 7 / 8 2 1 / 4 1 1 / 2 0.30 0.40 1.60 0.80 e f28-700 fs28-700 20.0 28.0v ct @ 0.7a 14.0v @ 1.4a f36-550 fs36-550 36.0v ct @ 0.55a 18.0v @ 1.1a f48-400 fs48-400 48.0v ct @ 0.4a 24.0v @ 0.8a f56-350 fs56-350 56.0v ct @ 0.35a 28.0v @ 0.7a f120-160 fs120-160 120.0v ct @ 0.16a 60.0v @ 0.32a :: split pack ct = center tap :: description the triad split pack split bobbin transformer is an extremely versatile tool for pc board applications. split pack transformers are nonconcentrically wound -- with primaries and secondaries side-by-side. unlike the secondary-on-top-of-primary designs of standard pc board transformers, the split bobbin winding and low capacitive coupling eliminate costly electrostatic shielding. it is offered in a dual secondary configuration with either single or dual primaries. :: specifications primary: 115 v, 50/60 hz | va ranges: 1.1 to 36.0 secondary: series - 10 to 120 v; parallel - 5 to 60 v power transformers pc mount: split pack ? class b ul recognized ul file e53148
48 | power transformers www.triadmagnetics.com | 22520 b temescal canyon road, corona, ca 92883 | phone 951-277-0757 | fax 951-277-2757 power transformers pc mount: split pack ? single dual secondary dimensions primary primary wt. section 6 pin 8 pin va series parallel h w l ml a b c lbs. f10-3600 FS10-3600 10.0v ct @ 3.6a 5.0v @ 7.2a f12-2850 fs12-2850 12.6v ct @ 2.85a 6.3v @ 5.7a f16-2250 fs16-2250 16.0v ct @ 2.25a 8.0v @ 4.5a f20-1800 fs20-1800 20.0v ct @ 1.8a 10.0v @ 3.6a f24-1500 fs24-1500 24.0v ct @ 1.5a 12.0v @ 3.0a a f28-1300 fs28-1300 36.0 28.0v ct @ 1.3a 14.0v @ 2.6a 1 9 / 16 2 3 / 16 2 5 / 8 * 0.40 0.40 1.850 1.1 f36-1000 fs36-1000 36.0v ct @ 1.0a 18.0v @ 2.0a f48-750 fs48-750 48.0v ct @ 0.75a 24.0v @ 1.5a f56-650 fs56-650 56.0v ct @ 0.65a 28.0v @ 1.3a f120-300 fs120-300 120.0v ct @ 0.3a 60.0v @ 0.6a * 36 va size has 4 mtg. holes on 2 3 ? 16 x 1 3 ? 4 centers. ct = center tap :: outline dimensions technical notes 1. hi-pot tested at 2,500 vrms. 2. pc terminal pin spacing for accurate placement. 3. 115 v connect primary in parallel. 230 v connect primary in series. 4. series connections: primary - input 1 & 4 connect 2 & 3 secondary - input 5 & 8 connect 6 & 7 5. parallel connections: primary - input 1 & 2 connect 1 & 3. 2 & 4 secondary - input 5 & 8 connect 5 & 7, 6 & 8 6. for single primary, omit pins 2 and 3.


▲Up To Search▲   

 
Price & Availability of FS10-3600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X