Part Number Hot Search : 
WJA1000 18LD4 5N60D C4082 93LC56A 16237 HC405 14D271
Product Description
Full Text Search
 

To Download FG25A01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fg25 a01 ~25a07  weight: 2.24 grams to-220a b type number symbol f eatures  low forward voltage drop  high current capability  high reliability  high surge current capability mechanical data  cases: to-220ab molded plastic  epoxy: ul 94v-0 rate flame retardant  terminals: leads solderable per mil-std- 202, method 208 guaranteed  polarity: as marked  high temperature soldering guaranteed: 260/10 seconds .16?,(4.06mm) from case m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol fg 25 a01 f g 25 a02 f g 25 a03 f g 25 a04 f g 25 a05 f g 25 a06 f g 25 a07 uni ts maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t c = 100 i (av) 25 .0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 4 00 a maximum instantaneous forward voltage @ 12.5a v f 1.1 v maximum dc reverse current @ t c =25 at rated dc blocking voltage i r 10 ua ua typical junction capacitance ( note 1 ) cj 100 pf typical thermal resistance (note 2) r jc 2.3 c/ w operating and storage temperature range t j ,t stg - 65 to + 175 c notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 2. thermal resistance from junction to case mounted on heatsink size 2? x 3? x 0.25 ? al-plate description mechanical dimensions
ratings and characteristic cu rves (fg 25 a01g thru fg25a07g) fig.2- maximum non-repetitive forward surge current peak forward surge current. (a) 1 2 5 10 20 100 50 50 0 3 00 20 0 100 400 500 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics instantaneous forward current. (a) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 0.4 0.2 1 4 2 10 20 40 100 200 400 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.4- typical reverse characteristics 0 20 40 60 80 100 120 140 0.1 0.4 0.2 1 4 40 2 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 fig.5- typical junction capacitance junction capacitance.(pf) 1 0 5 10 50 100 1000 500 20 40 60 100 80 120 reverse voltage. (v) tj=25 c 0 fig.1- maximum forward current derating curve average forward current. (a) 0 50 100 175 8 10 15 20 25 30 case temperature. ( c) o single phase half wave 60hz resistive or inductive load instantaneous reverse current .( a) f g 25 a01 ~25a07


▲Up To Search▲   

 
Price & Availability of FG25A01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X