Part Number Hot Search : 
0805C VRF157 LBN12008 ICS87 03002 M514260C 851933 FJX4012R
Product Description
Full Text Search
 

To Download F2403S-1WR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the copyright and authority for the interpretation of the products are reserved by mornsun specifications subject to change without notice. e_s-1wr & f_s-1wr b/0-2012 page 1 of 3 e_s-1wr & f_s-1wr series 1w, fixed input, isolated & unregulated dual/single output dc-dc converter patent protection rohs features product program input output voltage (vdc) current (ma) part number nominal range voltage (vdc) max min efficiency (%)(typ.) f0303s-1wr 3.3 303 30 68 f0305s-1wr 3.3 3.0-3.6 5 200 20 70 e0505s-1wr 5 100 10 69 e0509s-1wr 9 56 5 73 e0512s-1wr 12 42 4 74 e0515s-1wr 15 34 3 74 e0524s-1wr 24 21 2 76 f0505s-1wr 5 200 20 73 f0509s-1wr 9 112 11 73 f0512s-1wr 12 83 8 75 f0515s-1wr 15 67 6 75 f0524s-1wr 5 4.5-5.5 24 42 4 76 e1205s - 1wr 5 100 10 70 e1212s-1wr 12 42 4 76 e1215s - 1wr 1 5 34 3 7 6 f1205s-1wr 5 200 20 73 f1209s-1wr 9 112 11 72 f1212s-1wr 12 83 8 75 f1215s-1wr 12 10.8-13.2 15 67 6 76 e1505s-1wr 5 100 10 70 f1515s-1wr 15 13.5-16.5 15 67 6 75 e2405s-1wr 5 100 10 70 e2412s-1wr 12 42 4 76 e2415s-1wr 15 34 3 76 f2403s - 1wr 3.3 303 30 70 f2405s-1wr 5 200 20 70 f2412s-1wr 12 83 8 76 f2415s-1wr 24 21.6-26.4 15 67 6 76 note:models listed with strike-through text have been officially discontinued. common specifications item test conditions min typ max units storage humidity 95 % operating temperature -40 85 storage temperature -55 125 temp. rise at full load 20 30 lead temperature 1.5mm from case for 10 seconds 300 c cooling free air convection case material plastic (ul94-v0) short circuit protection* continuous, auto-recovery mtbf 1940 k hours sip package output short circuit protection little isolation capacitance 3000vdc isolation voltage operating temperature: -40 +85 internal smd construction industry standard pinout rohs compliance applications the e_s-1wr & f_s-1wr series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. these products apply to: 1) where the voltage of the input power supply is fixed (voltage variation 10%); 2) where isolation is necessary between input and output (isolation voltage 3000vdc); 3) where the regulation of the output voltage and the output ripple noise are not demanding. such as: purely digital circuits, ordinary low frequency analog circuits, and igbt power device driving circuits. model selection f0505s-1wr ratedpower ackagestyle p output voltage input voltage roductseries . p mornsun science & technology co.,ltd. address: no. 5, kehui st. 1, kehui development center, science ave., guangzhou science city, luogang district, guangzhou,p.r.china. tel: 86-20-38601850 fax:86-20-38601272 http://www.mornsun-power.com weight 2.3 g
the copyright and authority for the interpretation of the products are reserved by mornsun specifications subject to change without notice. e_s-1wr & f_s-1wr b/0-2012 page 2 of 3 input specifications typical characteristics item test conditions min. typ. max. units 3.3v input 50/420 5v input 30/260 12v input 12/110 15v input 12/100 input current (no load/full load) 24v input 7/55 ma 3.3v input 7 5v input 9 12v input 18 15v input 21 surge voltage (1s max) 24v input 30 v output specifications item test conditions min. typ. max. units output power 0.1 1 w line regulation for vin change of 1% 1.1 1.5 load regulation 10% to 100% load 10 20 % output voltage accuracy follow the tolerance envelope graph temperature drift 100% full load 0.03 %/ c ripple & noise* 20mhz bandwidth 100 200 mvp-p operating temp.(c) o switching frequency full load, nominal input 100 khz recommended circuit *test ripple and noise by parallel cable method. see detailed operation instructions at testing of power converter section, application notes. isolation specifications item test conditions min typ max units isolation voltage tested for 1 minute and 1 ma max 3000 vdc isolation resistance test at 500vdc 1000 m isolation capacitance input/output,100khz/0.1v 6 15 pf application note requirement on output load to ensure this module can operate efficiently and reliably, during operation, the minimum output load is not less than 10% of the full load. if the actual output power is very small, please connect a resistor with resistance of 10% rated power at the output end in parallel, or use our company s products with a lower rated output power overload protection under normal operating conditi ons, the output circuit of these products has no protection against overload. the simplest method is to connect a slow- blow fuse in series at the input end or add a circuit breaker to the circuit. recommended testing and application circuit if you want to further decrease the input ripple or the input inrush current, an lc filtering network may be connected to the input and output ends of the dc/dc converter, see (figure 1). it should also be noted that the inductance and the frequency of the lc fil tering network should be staggered with the dc/dc frequency to avoid mutual interference. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup problem might arise. for every channel of output, pro vided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (table 1). output voltage regulation and over-voltage protection circuit the simplest device for output voltage regulation, over-voltage and over- current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (figure 2). no parallel connection or plug and play dualoutput singleoutput vin gnd +vo 0v dc cin l l dc l cout cout -vo l vin gnd +vo 0v dc cin l dc cout ( figure 1) vin gnd 0v +vo dc dc -vo reg reg reg dualoutput singleoutput vin gnd 0v +vo dc dc reg reg ( figure 2) recommended capacitance(table 1) vin (vdc) cin ( f) single output (vdc) cout ( f) dual output (vdc) cout ( f) 5 4.7 5 10 5 4.7 12 2.2 9 4.7 9 2.2 15 2.2 12 2.2 12 1 24 1 15 1 15 0.47 1.the recommended external capacitance please use the ceramic capacitor; 2. for applications where output power is less than 0.5w in reality, external capacitors are not recommended.
the copyright and authority for the interpretation of the products are reserved by mornsun specifications subject to change without notice. e_s-1wr & f_s-1wr b/0-2012 page 3 of 3 outline dimensions & pin connections note: grid 2.54*2.54mm. note unit mm[inch] generaltolerances0.50mm[ 0.020inch] : : : l=530mm[20.866inch] devices per tube quantity: 25pcs l=220mm[8.661inch] devices per tube quantity: 10pcs short tube inner package dimensions: 255*170*80mm short tube outer package dimensions (with six inner package box): 375*280*270mm long tube inner package dimensions: 580*200*100mm long tube outer package dimensions (with two inner package box): 600*215*220mm long tube outer package dimensions (with three inner package box):600*215*325mm 11.70[0.461] 5.00 [0.197] tubeoutlinedimensions recommendedfootprint 1 7 2 vin gnd 0v 6 +vo dual 5 -vo vin gnd no pin +vo single 0v pin footprintdetails (bottomview) (front view) note unitmm[inch] pin sectiontolerances0.10mm[0.004inch general tolerances0.25mm[ 0.010inch ] : : : ] : 8.30[0.327] 17.50[0.689] 19.50 0.50 [0.768] 0.020 10.16 [0.400] 9 . 3 0 [ 0 . 3 6 6 ] 0 . 2 0 0 . 0 0 8 9 . 0 0 [ 0 . 3 5 4 ] 0 . 2 0 0 . 0 0 8 1 3 . 4 0 [ 0 . 5 2 8 ] 0 . 5 0 0 . 0 2 0 0 . 3 0 [ 0 . 0 1 2 ] 0 . 1 0 0 . 0 0 4 0.6 0.10 0.004 [0.024] 15.24 [0.600] mechanicaldimensions (side view) 6 1 2 5 7 1 2 7 5 6 1 . 9 0 [ 0 . 0 7 5 ] 0 . 2 0 0 . 0 0 8 10.16 [0.400] ? 1.00 [0.040] 15.24 [0.600] 2.13 [0.084] 0 . 6 0 [ 0 . 0 2 4 ] 0 . 2 0 0 . 0 0 8 1 . 9 0 [ 0 . 0 7 5 ] 0 . 2 0 0 . 0 0 8 1 . 7 5 [ 0 . 7 0 0 ] 2.13 [0.084] note: 1. operation under minimum load will not damage the converter; however, they may not meet all specification listed , and that will reduce the life of product. 2. all specifications measured at ta=25 c, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 3. in this datasheet, all the test methods of indications are based on corporate standards. 4. only typical models listed, other models may be different, please contact our technical person for more details.


▲Up To Search▲   

 
Price & Availability of F2403S-1WR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X