Part Number Hot Search : 
ST10F168 HD64F3 2SK3377 AK412 A8936CJT 2SC643 02410 PS20010
Product Description
Full Text Search
 

To Download F2403D-1WR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc/dc converter e_d-1wr2&f_d-1wr2series 2014.02.20-a/0 page1of5 mornsunguangzhouscience&technologyco.,ltd.reservesthecopyrightandrightoffinalinterpretation 1w, fixed input voltage, isolated & unregulated dual/singleoutput patentprotection rohs features l dippackage l efficiencyupto81% l operatingtemperaturerange:-40 to+105 l isolation voltage: 3 k vdc l continuousshortcircuitprotection l noexternalcomponentrequired l internationalstandardpin-out e_d-1wr2&f_d-1wr2seriesisspeciallydesignedforapplicationswhereanisolatedvoltageisrequiredinadistributedpowersupply system.itissuitablefor: 1.wherethevoltageoftheinputpowersupplyisstable(voltagevariation: 10%vin); 2.whereisolationisnecessarybetweeninputandoutput(isolationvoltage 3000vdc); 3.wheredonothashighrequirementoflineregulationandloadregulation; 4.suchas:puredigitalcircuits,lowfrequencyanalogcircuits,relay-drivencircuitsanddataswitchingcircuits. selection guide partno. inputvoltage (vdc) output efficiency(%, min./t yp.) @fullload max.capacitive load* ( f) outputvoltage (vdc) outputcurrent(ma) (max./min.) f0303d-1wr2 2.97-3.63 (3.3vdcnominal) 3.3 303/31 69/73 220 f0305d-1wr2 5 200/20 74/78 e0505d-1wr2 4.5-5.5 (5vdcnominal) 5 100/ 10 75/79 100 e0512d-1wr2 12 42/ 5 76/80 e0515d-1wr2 15 34/ 4 77/81 e0524d-1wr2 24 21/ 3 77/81 f0503d-1wr2 3.3 303/31 71/75 220 f0505d-1wr2 5 200/20 76/80 f0512d-1wr2 12 83/9 76/80 f0515d-1wr2 15 67/7 77/81 f0524d-1wr2 24 42/5 77/81 e1205d-1wr2 10.8-13.2 (12vdcnominal) 5 100/ 10 76/80 100 e1212d-1wr2 12 42/ 5 76/80 e1215d-1wr2 15 34/ 4 77/81 e1224d-1wr2 24 21/ 3 77/81 f1203d-1wr2 3.3 303/31 71/75 220 f1205d-1wr2 5 200/20 76/80 f1212d-1wr2 12 83/9 76/80 f1215d-1wr2 15 67/7 77/81 f1224d-1wr2 24 42/5 77/81 e1505d-1wr2 13.5-16.5 (15vdcnominal) 5 100/ 10 76/80 100 e1515d-1wr2 15 34/ 4 77/81 f1505d-1wr2 5 200/20 76/80 220 f1515d-1wr2 15 67/7 77/81 e2405d-1wr2 21.6-26.4 (24vdcnominal) 5 100/ 10 75/79 100 e2412d-1wr2 12 42/ 5 77/81 e2415d-1wr2 15 34/ 4 77/81 e2424d-1wr2 24 21/ 3 77/81
dc/dc converter e_d-1wr2&f_d-1wr2series 2014.02.20-a/0 page2of5 mornsunguangzhouscience&technologyco.,ltd.reservesthecopyrightandrightoffinalinterpretation selectionguide partno. inputvoltage (vdc) output efficiency(%, min./t yp.) @fullload max.capacitive load* ( f) outputvoltage (vdc) outputcurrent(ma) (max./min.) F2403D-1WR2 21.6-26.4 (24vdcnominal) 3.3 303/31 71/75 220 f2405d-1wr2 5 200/20 75/79 f2412d-1wr2 12 83/9 77/81 f2415d-1wr2 15 67/7 77/81 f2424d-1wr2 24 42/5 77/81 note:*thecapacitiveloadsofpositiveandnegativeoutputsarethesame. input specifications item operating conditions min. typ. max. unit input current (full load / no-load) 3.3v input -- 404/30 -- ma 5v input -- 256/20 -- 12v input -- 106/15 -- 1 5v input -- 84/10 -- 24v input -- 54/7 -- surge voltage (1sec. max.) 3.3v input -0.7 -- 5 vdc 5v input -0.7 -- 9 12v input -0.7 -- 18 15v input -0.7 -- 21 24v input -0.7 -- 30 reflected ripple current -- 15 -- ma input filter capacitance filter output specifications item operating conditions min. typ. max. unit output voltage accuracy see tolerance envelope graph (fig. 1) linear regulation input voltage change: 1% 3.3vdc output -- -- 1.5 % other output -- -- 1.2 load regulation 10%-100% load 3.3vdc output -- 18 -- 5vdc output -- 12 -- 12vdc output -- 8 -- 15vdc output -- 7 -- 24vdc output -- 6 -- ripple & noise* 20mhz bandwidth -- 60 -- mvp-p temperature coefficient 100% load -- -- 0.03 %/ short circuit protection continuous, self-recovery note:*rippleandnoisearemeasuredby parallelcable method,pleaseseedc-dcconverterapplicationnotesforspecificoperation. general specifications item operating conditions min. typ. max. unit insulation voltage input-output, with the test time of 1 minute and the leak current lower than 1ma 3000 -- -- vdc insulation resistance input-output, isolation voltage 500vdc 1000 -- -- m isolation capacitance input-output, 100khz/0.1v -- 20 -- pf operating temperature derating when operating temperature up to 85 , (see fig.2) -40 -- 105 storage temperature -55 -- 125 casing temperature rise during operating ta=25 -- 25 -- handsoldering welding spot is 1.5mm away from the casing, 10 seconds -- -- 300
dc/dc converter e_d-1wr2&f_d-1wr2series 2014.02.20-a/0 page3of5 mornsunguangzhouscience&technologyco.,ltd.reservesthecopyrightandrightoffinalinterpretation storage humidity n on-condensing -- -- 95 % switching frequency 100% load, nominal input voltage -- 100 300 khz mtbf mil-hdfk-217f@25 3500 -- -- k hours physicalspecifications casingmaterial epoxyresin(ul94-v0) dimensions 20.00*10.00*7.00mm weight 2.1g(typ.) cooling freeconvection emc specifications emi conducted e mission cispr22/en55022 class b (see fig. 4 for recommended circuit) radiated emission cispr22/en55022 class b (see fig. 4 for recommended circuit) ems electrostatic discharge e_d-1wr2 iec/en61000-4-2 contact 6kv perf. criteria b f_d-1wr2 iec/en61000-4-2 contact 8kv perf. criteria b product characteristic curve tolerance envelope graph +10% +5% 50 100 +2.5% -2.5% -7.5% rated output voltage o u t p u t v o l t a g e ( % ) a c c u r a c y output current percentage(%) t y p i c a l l o a d c u r v e 70 (nominal input voltage) fig.1 120 100 80 60 40 20 0 o u t p u t p o w e r p e r c e n t ( % ) ambient temp.() temperature derating graph safe operating area 40 0 40 85 105 120 fig.2 e0505d-1wr2 f0505d-1wr2 50 55 60 65 70 75 80 85 90 95 100 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 efficiency(%) input voltage (v) efficiency vs input voltage (full load) e0505d-1wr2 f0505d-1wr2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 efficiency(%) output current percentage (%) efficiency vs output load(vin=vin- nominal) e1205d-1wr2 f1205d-1wr2 50 55 60 65 70 75 80 85 90 95 100 10.8 11.0 11.3 11.5 11.8 12.0 12.2 12.4 12.6 12.8 13.2 efficiency(%) input voltage (v) efficiency vs input voltage (full load) e0505d-1wr2 f0505d-1wr2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 efficiency(%) output current percentage (%) efficiency vs output load(vin=vin- nominal)
dc/dc converter e_d-1wr2&f_d-1wr2series 2014.02.20-a/0 page4of5 mornsunguangzhouscience&technologyco.,ltd.reservesthecopyrightandrightoffinalinterpretation design reference 1.typicalapplication ifitisrequiredtofurtherreduceinputandoutputripple,afiltercapacitorcanbeconnectedtotheinputandoutputterminals,seefig.3. moreover,choosingsuitablefiltercapacitorisveryimportant,start-upproblemsmaybecausedbytoolargecapacitance.toensured themodulesrunningwell,therecommendedcapacitiveloadvaluesasshownintable1. vin gnd +vo 0v dc cin dc cout cout -vo dual output single output vin gnd +vo 0v dc cin dc cout fig.3 recommendedcapacitiveloadvaluetable(table1) vin(vdc) cin ( f) single vout (vdc) cout ( f) dual vout (vdc) cout ( f) 3.3/5 4.7 3.3/5 10 5 4.7 12 2.2 12 2.2 12 1 15 2.2 15/24 1 15/ 24 0.47 24 1 -- -- -- -- itisnotrecommendedtoconnectanyexternalcapacitorwhen outputpowerislessthan0.5w. 2.emctypicalrecommendedcircuit(classb) vin gnd +vo -vo () 0v dcdc load ldm c1 vin gnd c2 fig.4 inputvoltage(v) 3.3/5/12/15/24 emi c1 4.7 f/50v c2 refertothecoutinfig.3 ldm 6.8 h 3.outputloadrequirements toensurethemoduleworkefficientlyandreliably,duringtheoperation,themin.outputloadshouldbenolessthan10%ofthefullload.if theactualoutputpowerislow,pleaseconnectaresistertotheoutputterminalinparallel,witharecommencedresistancewhichis10%of theratedpower,andderatingisrequiredduringoperation. 4.formoreinformationpleasefinddc-dcconverterapplicationnoteson www.mornsun-power.com dimensionsandrecommendedlayout
dc/dc converter e_d-1wr2&f_d-1wr2series 2014.02.20-a/0 page5of5 mornsunguangzhouscience&technologyco.,ltd.reservesthecopyrightandrightoffinalinterpretation note: 1. packinginformationpleasereferto"productpackinginformation".packingbagnumber:58200009; 2. iftheproductisoperatedoutofthemin.loadrequirement,theproductperformancemaynotmeetallparameterindexesinthis datasheet; 3. themax.capacitiveloadofferedistestedatnominalinputvoltageandfullload; 4. unlessotherwisespecified,parameterindexesinthisdatasheetismeasuredundertheconditionsofta=25 ,humidity<75%with nominalinputvoltageandratedoutputload; 5. alltestingmethodsinthisdatasheetarebasedonourcompany scorporatestandards; 6. the parameter indexes above are for the modules listed in this datasheet, for non-standard module's parameter indexes, please contactourtechniciansforspecificinformation; 7. we can provide custom design; 8. specificationsaresubjecttochangewithoutpriornotice. mornsunguangzhouscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china tel:86-20-38601850-8801 fax:86-20-38601272 e-mail: info@mornsun.cn


▲Up To Search▲   

 
Price & Availability of F2403D-1WR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X