Part Number Hot Search : 
MJE130 5KE110A MAX6640 ITS711L1 HE8051S 2SB90510 003VS SEC4403C
Product Description
Full Text Search
 

To Download E38E841100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  109 capa841 intel ? atom? processor e3845/e3827 3.5" embedded sbc with lvds/vga/hdmi, dual lans and audio intel ? atom? processor e3845 (1.91 ghz)/ e3827 (1.75 ghz) 1 ddr3l so-dimm supports up to 8 gb memory capacity 4 usb 2.0 ports 4 com ports 2 pci express mini card 2 gigabit ethernet (intel ? i210it) display: lvds/vga/hdmi in dual view i/o packing list system features display new cpu intel ? atom? processor e3845 1.91 ghz quad core and e3827 1.75 ghz dual core onboard system memory 1 x 204-pin ddr3l-1066/1333 so-dimm max. up to 8 gb chipset n/a bios ami ssd 1 x cfast? watchdog timer 255 levels, 1~255 sec. expansion interface 1 x full-size mini pci express mini card w/msata supported 1 x half-size mini pci express mini card battery lithium lithium 3v/220mah power input 2 x 2-pin connector +12v dc-in only at auto power on function supported power requirements intel ? atom? e3845 @ 1.91 ghz, 8 gb ddr3l max. rms: +12v @ 1.22a intel ? atom? e3827 @ 1.75 ghz, 8 gb ddr3l max. rms:+12v @ 0.96a size 146 x 104 mm board thickness 1.6 mm temperature -40c ~ +75c (-40f ~ 167f), operation relative humidity 10% ~ 95% relative humidity, non-condensing mio 2 x rs-232/422/485 2 x rs-232 sata 1 x sata-300 hardware monitoring detect cpu/system temperature and voltage ethernet 2 x 10/100/1000 mbps supports wake-on-lan, rpl/pxe boot rom with intel ? i210it audio hd codec audio as mic-in/line-in/line-out/speaker out with realtek alc662 usb 4 x usb 2.0 smbus system management bus for advanced monitoring/control digital i/o 8 channels in/out programmed tpm st st33tpm12lpc with tpm 1.2 compliant chipset intel ? hd graphics memory size share system memory display interface 1 x vga 1 x lvds; 18/24-bit single/dual channel 1 x hdmi top view fanless low power cfast tm cfast aird rear view full solid cap design fanless low power dualview pcie mini pcie mini pcie mini com 1 com 2 usb 2.0 3/4 com 3/4 lvds audio +12v dc input sata vga ddr3l so-dimm half-size pci express mini card full-size pci express mini card w/msata supported cfast ethernet hdmi ethernet usb 2.0 1/2 ddr3l ddr3l ddr3l standard quick installation guide, user's manual/utility cd, cable cable part number description qty 59382620000e 1 x com w/ bracket p=2.0mm, l=300 mm 1 59384500100e audio cable w/ bracket p=2,450 mm 1 59382631000e 2 x usb 2.0 wafer cable w/ bracket 180 mm 1 ordering information standard capa841vhgga-e3845 w/et (p/n: E38E841100) 3.5" sbc with intel ? atom? e3845 1.91 ghz, vga/lvds/ hdmi, 2 10/100/1000 ethernet and audio capa841vhgga-e3827 w/et (p/n: e38e841101) 3.5" sbc with intel ? atom? e3827 1.75 ghz, vga/lvds/ hdmi 2 10/100/1000 ethernet and audio * all specifications and photos are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of E38E841100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X