Part Number Hot Search : 
2N649 1946A MBT2907A DDTC124 UTX4115 TPA2273 166BG IR3220
Product Description
Full Text Search
 

To Download DNT900P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page1of7 ? 2008-2011 by rf monolithics, inc. dnt900 - 06/20/11 dnt900 rating value units all input/output pins -0.5 to +3.3 v non-operating ambient temperature range -40 to +85 o c dnt900 absolute maximum ratings dnt900 electrical characteristics characteristic sym notes minimum typical maximum units operating frequency range 902.75 927.25 mhz hop dwell time 5 200 ms number of rf channels 50 modulation fsk rf data transmission rates 1 38.4, 115.2, 200 and 500 kb/s receiver sensitivity: 10 -5 ber @ 38.4 kb/s -108 dbm 10 -5 ber @ 200 kb/s -98 dbm 10 -5 ber @ 500 kb/s -94 dbm transmitter rf output power levels 1 1, 10, 100, 250, 500, 1000 at 38.4 to 200 kb/s 1, 10, 85 at 500 kb/s mw optimum antenna impedance 50  rf connection u.fl coaxial connector network topologies point-to-point, point-to-multipoint, peer-to-peer, tree-routing access schemes csma and tdma low cost 900 mhz fhss transceiver module with i/o the dnt900 fhss transceiver module is a low cost, high-power solution for robust wire - less data communications in the 900 mhz ism band. the dnt900 rf output power can be set from 1 mw to 1 w, and the rf data rate can be set from 38.4 to 500 kb/s. the dnt900 receiver includes a low-noise preamplifier protected by two saw filters, provid - ing an excellent combination of receiver sensitivity and out-of-band interference rejection. the dnt900 module includes analog, digital and serial i/o, providing the flexibility and versatility to serve applications ranging from cable replacements to sensor networks. the dnt900 transceiver module is easy to integrate and provides reliable wireless communi - cations up to 40 miles in line-of-sight installations. development kit (info click here )  900 mhz frequency hopping spread spectrum transceiver  point-to-point, point-to-multipoint, peer-to-peer and tree-routing networks  transmitter power configurable from 1 mw to 1 w  rf data rate configurable from 38.4 to 500 kb/s  serial port rate up to 460.8 kb/s for streaming applications  128-bit aes encryption  separate serial port for diagnostics  analog and digital i/o for sensor applications  fcc and canadian ic certified for unlicensed operation
notes: 1. the dnt900 achieves regulatory certification under fhss rules at air data rates of 38.4, 115.2 and 200 kb/s. at 500 kb/s, the dnt900 achieves regulatory certification under ?digital modulation? or dts rules. the dnt900 still employs frequency hopping at 500 kb/s to mitigate the effects of interference and multipath fading, but hops on fewer, more widely spaced frequencies than at lower data rates. maximum rf power at 500 kb/s is 85 mw. 2. pwm is set with an 8-bit value. dac resolution is limited to 7 bits by residual ripple at output of low-pass filter. 3. maximum sleep current occurs at +85 o c. www.rfm.com e-mail: info@rfm.com page2of7 ? 2008-2011 by rf monolithics, inc. dnt900 - 06/20/11 characteristic sym notes minimum typical maximum units number of network nodes: tdma mode 16 csma mode unlimited adc input range 0 3.3 v adc input resolution 10 bits adc sample rate 10 ms signal source impedance for adc reading 10 k  pwm (dac) output range 0 3.3 v pwm (dac) output resolution 2 8 bits pwm output period 20 s primary and diagnostic serial port baud rates 1.2, 2.4, 4.8, 9.6, 19.2, 28.8, 38.4, 57.6, 76.8, 115.2, 230.4, 460.8 kb/s serial peripheral interface data rate 6.35 80.64 kb/s digital i/o: logic low input level -0.5 0.8 v logic high input level 2 3.3 v logic input internal pull-up resistor 50 200 k  power supply voltage range v cc +3.3 +5.5 vdc power supply voltage ripple 10 mv p-p peak transmit mode current , 1 w output 1200 ma average operating receive current: base 105 ma remote, no data transmission 35 ma remote, 9.6 kb/s continuous data stream 40 ma remote, 115.2 kb/s continuous data stream 53 ma sleep current 3 50 225 a dnt900c mounting reflow soldering DNT900P mounting socket operating temperature range -40 85 o c operating relative humidity range, non-condensing 10 90 % dnt900 electrical characteristics caution: electrostatic sensitive device. observe precautions when handling.
dnt900 hardware the major components of the dnt900 include a 900 mhz fhss transceiver and a low current 32-bit microcontroller. the dnt900 operates in the 902 to 928 mhz ism band. there are a number of selectable hopping patterns includ - ing patterns compatible with frequency allocations in north america, south america and australia. the dnt900 has six selectable rf output power levels: 1, 10, 100, 250 and 500 mw plus 1 w. also, there are four selectable rf transmission rates: 38.4, 115.2, 200 and 500 kb/s. the dnt900 includes a low-noise preamplifier protected by two saw filters, providing an excellent blend of receiver sensitivity and out-of-band interference rejection that is especially important in outdoor applications. the dnt900 provides a variety of hardware interfaces. there are two serial ports plus one spi port. either the pri - mary serial port or the spi port can be selected for data communications. the second serial port is dedicated to diagnostics. the primary and diagnostic serial ports sup - port baud rates from 1.2 to 460.8 kb/s. the spi port sup - ports data rates from 6.35 to 80.64 kb/s. also included are three 10-bit adc inputs, two 8-bit pwm outputs, and six general-purpose digital i/o ports. four of the digital i/o ports support an optional interrupt-from-sleep mode when configured as inputs. the radio is available in two mount - ing configurations. the dnt900c is designed for solder reflow mounting. the DNT900P is designed for plug-in connector mounting. dnt900 firmware the dnt900 firmware can operate using either tdma or csma channel access modes. tdma supports up to 16 remotes with rapid, deterministic channel latency. csma provides carrier-sense managed channel access for an unlimited number of low-traffic remotes. dnt900 firmware will operate ?out of the box? using point-to-point transpar - ent serial mode, with point-to-multipoint, peer-to-peer and tree-routing network topologies also supported. dnt900 firmware provides the user with a rich set of con - figuration options including a choice of hopping patterns, hopping dwell times, rf data rates, serial or spi data port operation, serial and spi data rate selection, rf output power selection, plus configurable analog and digital i/o lines. data integrity is protected by 24-bit error detection, with optional ack and automatic transmission retries or redundant transmissions. 128-bit aes encryption provides a high level of data security for sensitive applications. sen - sor networks can take advantage of timer or event-based data reporting and remote node sleep cycling for extended battery life. www.rfm.com e-mail: info@rfm.com page3of7 ? 2008-2011 by rf monolithics, inc. dnt900 - 06/20/11                  
                  
   

                                                        ! " 
! "   # ! $ %
# ! $ %  # ! $ %  # ! $ %  #      &    '   ( ) $ *    $ % #  + $ % , -  + $ % ,  - .  / * / . * *  % * $  $ * % .  .  ! "  !  /          
     
* $ * % ! )  /     0     0    ! ) , /  *  + ,  /   * * $ * ( / / ! +  +  +
/ - , * 1 $ + # , - $ + # ,  - .  # . 2 % * ,  * . 2 % * , * # ! $ %  # ! $ %  # + .  *   *   *    % * ( )  *  figure 1
pin name i/o description 1 pkt_det o packet detect output. signal switches logic high at the end of the start-of-packet symbol and switches logic low at the end of the end-of-packet symbol on both received and transmitted packets. pkt_det provides a timing reference for external use in network timing evaluations, etc. 2 rsvd - reserved pin. leave unconnected. 3 adc_ref i adc supply and external full scale reference voltage input. voltage range is 2.4 to 3.3 vdc. connect pad 34 to this input to reference the adc full scale reading to the module?s 3.3 v regulated supply. 4 rsvd - reserved pin. leave unconnected. 5 gpio0 i/o configurable digital i/o port 0. when configured as an input, an internal pull-up resistor can be selected and interrupt from sleep can be invoked. when configured as an output, the power-on state is configurable. the sleep mode direction and state are also configurable. 6 gpio1 i/o configurable digital i/o port 1. same configuration options as gpio0. 7 gpio2 i/o configurable digital i/o port 2. same configuration options as gpio0. 8 gpio3 i/o configurable digital i/o port 3. same configuration options as gpio0. 9 pwm0 o 8-bit pulse-width modulated output 0 with internal low-pass filter. filter is first-order, with a159 hz 3 db bandwidth. 10 pwm1 o 8-bit pulse-width modulated output 1 with internal low-pass filter. filter is first-order, with a 159 hz 3 db bandwidth. 11 sleep/dtr i active high module sleep input (active low dtr). when switched low after sleep, the module executes a power on-reset. usually connected to host dtr. connect to ground if sleep/dtr function not used. 12 adc2 i 10-bit adc input 0. full scale reading is referenced to the adc_ref input. 13 adc1 i 10-bit adc input 1. full scale reading is referenced to the adc_ref input. 14 adc0 i 10-bit adc input 2. full scale reading is referenced to the adc_ref input. 15 ex_sync i rising-edge triggered input for synchronizing co-located base stations. synchronization pulse interval must equal hop dwell time 10 s. pulse width must be in the range of 50 to 800 s. 16 diag_tx o diagnostic uart transmitter output. 17 diag_rx i diagnostic uart receiver input. 18 /cfg i protocol selection input. leave unconnected when using software commands to select transparent/protocol mode (default is transparent mode). logic low selects protocol mode, logic high selects transparent mode. 19 vcc i power supply input, +3.3 to +5.5 vdc. 20 gnd - power supply and signal ground. connect to the host circuit board ground. 21 gnd - power supply and signal ground. connect to the host circuit board ground. 22 gpio4 i/o configurable digital i/o port 4. when configured as an input, an internal pull-up resistor can be selected. when configured as an output, the power-on state is configurable. 23 gpio5 i/o configurable digital i/o port 5. same configuration options as gpio4. 24 gnd - logic ground. 25 act o data activity output, logic high when data is being transmitted or received. 26 /dcd o default functionality is data carrier detect output, logic low on a remote when the module is locked to fhss hopping pattern and logic low on a base station when at least one remote is connected to it. the sleep mode state of this pin and /host_cts is jointly configurable. 27 rsvd - reserved pin. leave unconnected. 28 rsvd - reserved pin. leave unconnected. 29 rsvd - reserved pin. leave unconnected. www.rfm.com e-mail: info@rfm.com page4of7 ? 2008-2011 by rf monolithics, inc. dnt900 - 06/20/11 dnt900 i/o descriptions
pin name i/o description 30 /host_rts i uart flow control input. the host sets this line low to allow data to flow from the dnt900 on the radio_txd pin. when the host sets this line high, the dnt900 will stop sending data to the host. 31 radio_txd o uart transmitter output. the dnt900 sends serial data to the host on this pin. the sleep mode state of this pin is configurable. 32 radio_rxd i uart receiver input. the dnt900 receives serial data from the host on this pin. 33 /host_cts o uart/spi flow control output. the dnt900 sets this line low to indicate it is ready to accept data from the host on the radio_rxd or mosi input. when the dnt900 sets this line high, the host must stop sending data. the sleep mode state of this pin and /dcd is jointly configurable. 34 vmod o +3.3 v regulated supply. connect to pad 3 to support 3.3 v full scale and/or ratiometric adc readings, etc. current drain on this output should be no greater than 5 ma. 35 /ss i/o spi active low slave select. this pin is an output when the dnt900 operating as a master, and an input when it is operating as a slave. 36 mosi i/o spi master out, slave in function. this pin is an output when the dnt900 is operating as a master, and is an input when the dnt900 is operating as a slave. 37 miso i/o spi master in, slave out function. this pin is an input when the dnt900 is operating as a master, and is an output when the dnt900 is operating as a slave. 38 sclk i/o spi clock signal. this pin is an output when operating as a master, and an input when operating as a slave. 39 /reset i active low module hardware reset. 40 rsvd - reserved pin. leave unconnected. www.rfm.com e-mail: info@rfm.com page5of7 ? 2008-2011 by rf monolithics, inc. dnt900 - 06/20/11

 % 3         4    3           &    &     &    &        5  &    4  6   7  0

 6   0
 7  0  
6   0
 7
0  
6   0

7
0  
 6  0   7
0

6  0   7
0

6  0
 7
0 

 6  0   7  

0 

 6  0   7 figure 2
dnt900 antenna connector a u.fl miniature coaxial connector is provided on both dnt900 configurations for connection to the rfio port. a short u.fl coaxial cable can be used to connect the rfio port directly to an antenna. in this case the antenna should be mounted firmly to avoid stressing the u.fl coaxial cable due to antenna mounting flexure. alternately, a u.fl coaxial jumper cable can be used to connect the dnt900 module to a u.fl connector on the host circuit board. the connection between the host circuit board u.fl connector and the antenna or antenna connector on the host circuit board should be implemented as a 50 ohm stripline. referring to figure 4, the width of this stripline depends on the thickness of the circuit board between the stripline and the groundplane. for fr-4 type circuit board materials (dielectric constant of 4.7), the width of the stripline is equal to 1.75 times the thickness of the cir - cuit board. note that other circuit board traces should be spaced away from the stripline to prevent signal cou - pling, as shown in figure 5. the stripline trace should be kept short to minimize its insertion loss. www.rfm.com e-mail: info@rfm.com page6of7 ? 2008-2011 by rf monolithics, inc. dnt900 - 06/20/11
0  
6  0  7
0

6  0   7
0 

6  0   7  0  
6  0  7

 !       8         &    &        5  &    4  6   7  
figure 3  8 8   #   3  4 !      8 8   *    8           9   !             3        4  *    8                    
  5     8  4      "  :   0    ;  2 figure 4 figure 5 trace separation from 50 ohm microstrip length of trace run parallel to microstrip 100 mil 125 mil 150 mil 200 mil 200 mil 290 mil 250 mil 450 mil 300 mil 650 mil
www.rfm.com e-mail: info@rfm.com page7of7 ? 2008-2011 by rf monolithics, inc. dnt900 - 06/20/11  0
6   0   7  0

6 
0 
7
0 
6  0   7

!  $     <             !   (  =  3       
0 
6  0   7         &       $  /          &      9  
(       > 3  '          &    &        5  &    4  6   7  0   6   0

7      3   8     4  !  5     4        
0

 6
0   7 figure 7 note: specifications subject to change without notice. part # m-0900-0000, rev e

!  % 3         4    3           &    &     &    &        5  &    4  6   7  0

 6   0
 7
0     6  0   7
0

6  0
 7
0 

 6  0   7
0     6  0   7
0

6  0   7  0  
6   0   7  
 0  
6   0

7
0

6  0   7 figure 6


▲Up To Search▲   

 
Price & Availability of DNT900P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X