Part Number Hot Search : 
BYW29E 00209 LX838 TC144 FZT649 DMR14C4 PSD81441 GJ127
Product Description
Full Text Search
 

To Download CMMT495 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon planar epitaxial transistor CMMT495 sot-23 formed smd package marking code is =495 absolute maximum ratings description symbol units collector base voltage v cbo v collector emitter voltage v ceo v emitter base voltage v ebo v collector current continuous i c a collector current peak i cm a base current i b ma power dissipation @ t a =25oc p d mw operating and storage junction temperature range t j, t stg oc electrical characterstics (t a =25oc unless specified otherwise) description symbol conditions min typ max unit collector base voltage v cbo i c =100 m a, i e =0 170 v collector emitter voltage *v ceo(sus) i c =10ma, i b =0 150 v emitter base voltage v ebo i e =100 m a, i c =0 5 v collector cut off current i cbo v cb =150v, i e =0 100 na collector cut off current i ces v ce =150v, v be =0 100 na emitter cut off current i ebo v eb =4v, i c =0 100 na i c =250ma, i b =25ma 0.2 v i c =500ma, i b =50ma 0.3 v base emitter on voltage *v be(on) v ce =10v, i c =500ma 1.0 v dc current gain h fe v ce =10v, i c =1ma 100 *v ce =10v, i c =250ma 100 300 *v ce =10v, i c =500ma 50 v ce =10v, i c =1a 10 transition frequency f t v ce =10v, i c =50ma, f=100mhz 100 mhz output capacitance c obo v cb =10v, f=1mhz 10 pf *pulse test: pulse width =300 m m s, duty cycle < 2% v 2 200 value 170 150 5 1 500 - 55 to +150 collector emitter saturation voltage *v ce(sat) base emitter saturation voltage *v be(sat) i c =500ma, i b =50ma 1.0 pin configuration (npn) 1 = base 2 = emitter 3 = collector 2 1 3 continental device india limited data sheet page 1 of 3 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
continental device india limited data sheet page 2 of 3 1.6 max 1.22 2.77 8.0 ?0.1 ?0.10 +0.3 3.5 ?0.05 ?0.1 ?0.1 ?0.05 ?0.1 ?0.05 4.0 4.0 1.55 2.0 1.75 5.75 max ?0.05 ?0.10 3.15 1.0 - 0.1 direction of unreeling all d im e n s i o n s in mm ? 329.2? 0.5 / 178 ? 0.5 14.4 7.9 10.9 trailer fixing tape leader 9.2? 0.5 max ? 100.0? 0.5 / 54.5 ? 0.5 ? 2.0? 0.5 ? 20.2 min detail x ? 13.0 +0.5 0.2 all dimensions in mm 330 / 180 mm antistatic coated plastic reel notes: no. of devices 8mm tape size of reel 330 mm (13") 10,000 pcs 8mm tape size of reel 180 mm (7") 3,000 pcs the bandolier of 330 mm reel contains at least 10,000 devices. the bandolier of 180 mm reel contains at least 3,000 devices. no more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. the carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). in order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. at the end of the bandolier at least 40 empt y positions ( e q uivalent to 160 mm ) are there. 180 or 330 1. 2. 3. 4. 5. +/? 0.05 +/? 0.05 1.30 0.62 0.62 7o 0.08 pa rt i n g l i n e ro.08 0.21 6o 7 5o +/?3" +/?0.10 2. 50 +/? 4" +/?0.01 0.12 0.08 r0.08 +/?0.02 +/? 0.025 0.95 0.06 +/-/0.04 0 .60 +/? 0.05 2.50 0 .62 +0.08 -0.02 1.30 +/? 0.10 +/?0.025 +/-0.05 0.40 3 3 0 .62 +/?0.025 2 .90 1.90 +/?0.05 cl 1 2 3 tape specification for sot-23 surface mount device sot-23 formed smd package sot-23 package reel information reel specifications for packing (13"/7" reels) sot-23 formed smd package CMMT495
customer notes disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3 sot-23 t&r 3k/reel 10k/reel 136 gm/3k pcs 415 gm/10k pcs 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5" 12.0k 51.0k 10.0k 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5" 192.0k 408.0k 300.0k 12 kgs 28 kgs 16 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail component disposal instructions 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. 2. in europe, please dispose as per eu directive 2002/96/ec on?waste electrical and? electronic equipment (weee). CMMT495rev180602e


▲Up To Search▲   

 
Price & Availability of CMMT495

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X