Part Number Hot Search : 
74HC15 C2909 39200 A1718 RCA31W AQV212A R2000 2SK300
Product Description
Full Text Search
 

To Download BUZ355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , o ne. 20 stern ave. springfield, new jersey 07081 u.s.a. n channel enhancement mode avalanche-rated buz 355 telephone: (973) 376-2922 pint pin 2 pin 3 type buz 355 vds 800v id 6a ^ds(on) 1.50 package to-218aa maximum ratings parameter continuous drain current rc = 29 c pulsed drain current tc = 25 c avalanche current.limited by 7jmax avalanche energy, periodic limited by 7]max avalanche energy, single pulse /d = 6 a, vdd = 50 v, rqs = 25 q l = 37.5 mh, 7] = 25 c gate source voltage power dissipation tc = 25 c operating temperature storage temperature thermal resistance, chip case thermal resistance, chip to ambient din humidity category, din 40 040 iec climatic category, din iec 68-1 symbol id 'dpuls /ar ^ar eas vgs plot t\g ^thjc ^thja values 6 24 5.1 15 720 20 125 -55... + 150 -55... + 150 <1 75 e 55/150/56 unit a mj v w c k/w nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however. nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
electrical characteristics, at 71 = 25c, unless otherwise specified buz 355 parameter symbol values min. typ. max. unit static characteristics drain- source breakdown voltage vgs = 0 v, /d = 0.25 ma, 7] = 25 c gate threshold voltage \/gs=vbs, b = 1 ma zero gate voltage drain current vds = 800 v, vgs = 0 v, 7] = 25 c vds = 800 v, vgs = 0 v, 7] = 125 c gate-source leakage current vgs = 20 v, vds = o v drain-source on-resistance vgs = 10v, /o = 3.9a v(br)dss ^gs(th) /dss 'gss ^ds(on) 800 2.1 - - - - - 3 - 10 10 0.9 - 4 1 100 100 1.5 v ma na a
buz 355 electrical characteristics, at ti = 25c, unless otherwise specified parameter symbol values min. typ. max. unit dynamic characteristics transconductance vds> 2 * /d * ^ds(on)max, /d = 3-9 a input capacitance vqs = 0 v, vbs = 25 v, f= 1 mhz output capacitance vqb = o v, vds = 25 v, f- 1 mhz reverse transfer capacitance l/gs = 0 v, uds = 25 v, f = 1 mhz turn-on delay time vdd = 30 v, vgs = 10 v, /d = 2.1 a rgs = 50 ^ rise time vdd = 30v, \/gs = 10v, /d = 2.1 a rgs = 50 q turn-off delay time \/dd = 30v, vfes = 10v, /d = 2.1 a rgs = 50 d fall time vdd = 30v, vgs = 10v, /d = 2.1 a rgs = so fl 5fs p. iss coss qss td(on) ^r *d(off) 'f 2.5 - - - - - - - 6.8 1750 190 100 25 130 400 130 - 2350 290 150 40 200 530 175 s pf ns
buz 355 electrical characteristics, at 7] = 25c, unless otherwise specified parameter symbol values min. typ. max. unit reverse diode inverse diode continuous forward current tc = 25 c inverse diode direct current.pulsed tc = 25 c inverse diode forward voltage vgs = ov, /f= 12 a reverse recovery time vr = 100 v, /f=/s, d/f/df = 100 a/us reverse recovery charge vr = 100 v, /f=/s, d/f/d? = 100 a/us is ism vsd 'rr qrr - - - - - - - 0.95 0.3 2.5 4 16 1.4 - - a v us uc


▲Up To Search▲   

 
Price & Availability of BUZ355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X