Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
 

To Download BP5075-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100vac input/ ? 5vdc (200ma) output non-isolated ac/dc converter bp5035a5 data sheet absolute maximum ratings input voltage output current esd endurance operating temperature range storage temperature range parameter symbol limits unit vi io vsurge topr tstg ?170 200 2 ?25 to +80 ?25 to +80 v mapk kv c c unit ?1 ?2 conditions v v ma v v vp-p % dc (80 to 120vac) vi=? 141v, io=100ma vi=?141v vi= ? 113 to ? 170v, io=100ma vi=? 141v, io=0 to 100ma vi=? 141v, io=100ma vi=? 141v, io=200ma ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. ? 2 spike noise is not included in output ripple voltage. electrical characteristics input voltage range output voltage output current line regulation load regulation output ripple voltage power conversion efficiency parameter symbol typ. max. min. vi vo io vr vl vp ?141 ?5.0 ? 0.04 0.05 0.07 60 ?170 ?5.3 200 0.15 0.15 0.15 ? ?113 ?4.7 0 ? ? ? 50 dimensions ( unit : mm) external component specifications fuse: fuse use a fuse of 1a capacitance : 22 f ripple current is 0.13arms or above. rated voltage : 200v or higher capacitance : 0.1 to 0.22 f rated voltage : 200v or higher use a film or ceramic capacitor. evaluate under actual operating conditions. c1: input smoothing capacitor c2: noise reduction capacitor capacitance : 100 to 470 f rated voltage : 16v or higher, low impedance impedance is 0.4? max at high frequencies. ripple current 0.25arms or above. capacitor impedance affects the output ripple voltage. c3: output smoothing capacitor in the absolute maximum ratings, the reverse surge voltage should be 400v or higher, the average rectifying current should be 0.5a or higher, and the forward surge current should be 20a or higher. d1: rectifier diode 10 to 22?, 1/4w determine the ideal value through actual testing. r1: noise reduction resistor a varistor is required to protect against lightning surges and static electricity. znr: varistor please verify operation and characteristics in the customer's circuit before actual usage. ensure that the load current does not exceed the maximum rating. 17.9max. mark side 41.0 28.2max. 9.1max. 4.25max. 4.85max. 2.54?9=22.86 1 3 5 7 10 0.50.1 p=5.080.2 1.30.2 0.250.05 3.25max application circuit pin no. 1 2 3 4 5 6 7 8 9 10 function output terminal vo ( ?5v) skipping pin coil connect skipping pin coil connect skipping pin common skipping pin skipping pin input terminal vi ( ?141vdc) bp5035a5 please note that pin no.10 side is input. be sure to use fuse for safety. ?5v output input 100f/50v 470h ac100v 50hz/60hz 0.1f c2 fuse 1a 1 10 7 5 3 + ? + ? 22f/200v c1 znr 220v r1 10?1/4w 1sr139?400a d1 c3 l1 inductance : 470 h, rating current : above 0.57a select components that do not easily become magnetically saturated at high temperatures. l1: power inductor derating curve derating curve operation range 300 250 200 150 100 50 0 0 10 -30 -20 -10 20 4030 80706050 90 ambient temperature ta( c ) output current io(ma) load regulation load regulation 6 5 4 3 2 1 0 500 100 150 250200 300 (ta=25 c, vi=?141v) output current io(ma) output voltage ? vo(v) conversion efficiency conversion efficiency 70 60 50 40 30 20 10 0 20 400 120 140 180 100 8060 160 200 (ta=25 c , vi= 141 v) output current io(ma) conversion efficiency (%) temperature rising ?t(c) surface temperature increase surface temperature increase 60 50 40 30 20 10 0 100 50 0 200 150 (ta=25 c, vi=141v) output current io(ma) 220vac input/ ? 5vdc (120ma) output non-isolated ac/dc converter BP5075-5 data sheet load regulation conversion efficiency surface temperature increase dimensions (unit : mm ) external component specifications fuse: fuse use a quick-acting fuse of 1.0a capacitance : 3.3 to 33 f rated voltage : 250v or higher capacitance : 0.1 to 0.22 f rated voltage : 250v or higher use a film or ceramic capacitor. evaluate under actual operating conditions. c1: input smoothing capacitor c3: noise reduction capacitor capacitance : 47 to 470 f rated voltage : 16v or higher, low impedance impedance is 0.42? max at high frequencies ripple current is 0.2arms or above. capacitor impedance affects the output ripple voltage. c2: output smoothing capacitor in the absolute maximum ratings, the reverse peak voltage should be 400v or higher, the average rectifying current should be 1a or higher, and the forward surge current should be 40a or higher. d1: rectifier diode 10 to 22? 1/4w determine the ideal value through actual testing. r1: noise reduction resistor a varistor is required to protect against lightning surges and static electricity. znr: varistor derating curve application circuit please verify operation and characteristics in the customer's circuit before actual usage. ensure that the load current does not exceed the maximum rating. absolute maximum ratings input voltage operating temperature range storage temperature range maximum surface temperature maximum output current parameter symbol limits unit ?170 ?20 to +80 ?25 to +105 105 120 v c c c mapk electrical characteristics unit ?1 ?2 conditions v v ma v v vp-p % dc(80 to 120vac) vi=? 141v, io=60ma vi=?113 to ? 170v, io=60ma vi= ? 141v, io=0 to 60ma vi= ? 141v, io=60ma vi= ? 141v, io=120ma ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. input voltage output voltage output current line regulation load regulation output ripple voltage power conversion efficiency parameter symbol typ. max. min. ?141 ?5.0 ? 0.02 0.03 0.04 59 ?170 ?5.3 120 0.20 0.20 0.20 ? ?113 ?4.7 ? ? ? ? 55 mark side 10.7max. 20.5max. 2.54x6=15.24typ. 3.25max. 1 4 5 6 7 19.5max. 4.0 1.0 6.25max. 4.45max. 0.25 0.05 1.3 0.2 0.5 0.1 p=2.54 0.2 load regulation -6.0 -5.0 -4.0 -3.0 -2.0 -1.0 0.0 200 40 60 80 160 120 140 100 (ta=25 c , vi= ?141v) output current io(ma) output voltage vo(v) conversion efficiency 100 90 80 70 60 50 40 30 20 10 0 200 40 60 80 120100 (ta=25 c , vi= ?141v) output current io(ma) conversion efficiency (%) surface temperature increase 40 35 30 25 20 15 10 5 0 200 40 60 12010080 (ta=25 c , vi= ?141v) output current io(ma) surface temperature increase ?t( c ) derating curve operation range 140 120 100 80 60 40 20 0 0 10 -30 -20 -10 20 4030 80706050 10090 ambient temperature ta( c ) output current io(ma) maximum io=120ma BP5075-5 ? 2 the output ripple voltage may vary depending on the capacitance, environment, and location of peripheral components. particular attention must be paid to aluminum electrolytic capacitor, because esr changes greatly at the time of the low temperature and output ripple voltages increase. pin no. 1 2 3 4 5 6 7 functions input terminal not used not used common common nc output terminal be sure to use fuse for safety. 1 4 5 6 7 d1 r1 fuse vi znr c1 + ? + ? c3 c2 vo v ? a ? vi vo io vr vl vp vi topr tstg tsmax iopeak 1/1 2010.01 - rev.a www.rohm.com ?2010 rohm co., ltd. all rights reserved.


r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BP5075-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X