Part Number Hot Search : 
C4115 NJM2366 DA726 1771516 SP301 M5287 D5100 PM200
Product Description
Full Text Search
 

To Download BFS482 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BFS482 1 jun-27-2001 npn silicon rf transistor  for low-noise. high-gain broadband amplifiers at collector currents from 0.2 ma to 20 ma  f t = 8 ghz f = 1.2 db at 900 mhz  two (galvanic) internal isolated transistors in one package vps05604 6 3 1 5 4 2 eha07196 6 54 3 2 1 c1 e2 b2 c2 e1 b1 tr1 tr2 esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! type marking pin configuration package BFS482 rgs 1=b 2=e 3=c 4=b 5=e 6=c sot363 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 12 v collector-emitter voltage v ces 20 collector-base voltage v cbo 20 emitter-base voltage v ebo 2 collector current i c 35 ma base current i b 4 total power dissipation t s  81 c 1) p tot 250 mw junction temperature t j 150 c ambient temperature t a -65 ... 150 storage temperature t st g -65 ... 150 thermal resistance junction - soldering point 2) r thjs  275 k/w 1 t s is measured on the collector lead at the soldering point to the pcb 2 for calculation of r thja please refer to application note thermal resistance
BFS482 2 jun-27-2001 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 12 - - v collector-emitter cutoff current v ce = 20 v, v be = 0 i ces - - 100 a collector-base cutoff current v cb = 10 v, i e = 0 i cbo - - 100 na emitter-base cutoff current v eb = 1 v, i c = 0 i ebo - - 1 a dc current gain i c = 10 ma, v ce = 8 v h fe 50 100 200 -
BFS482 3 jun-27-2001 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) transition frequency i c = 15 ma, v ce = 8 v, f = 500 mhz f t 6 8 - ghz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 0.3 0.45 pf collector-emitter capacitance v ce = 10 v, f = 1 mhz c ce - 0.12 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 0.65 - noise figure i c = 3 ma, v ce = 8 v, z s = z sopt , f = 900 mhz f = 1.8 ghz f - - 1.2 1.9 - - db power gain, maximum stable 1) i c = 10 ma, v ce = 8 v, z s = z sopt , z l = z lopt , f = 900 mhz g ms - 19.5 - power gain, maximum available 2) i c = 10 ma, v ce = 8 v, z s = z sopt , z l = z lopt , f = 1.8 ghz g ma - 13 - transducer gain i c = 10 ma, v ce = 8 v, z s = z l = 50  , f = 900 mhz f = 1.8 ghz | s 21e | 2 - - 15.5 10 - - 1 g ms = | s 21 / s 12 | 2 g ma = | s 21 / s 12 | (k-(k 2 -1) 1/2 )
BFS482 4 jun-27-2001 total power dissipation p tot = f ( t s ) 0 20 40 60 80 100 120 c 150 t s 0 50 100 150 200 mw 300 p tot permissible pulse load r thjs = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
BFS482 5 jun-27-2001 collector-base capacitance c cb = f ( v cb ) f = 1mhz 0 4 8 12 16 v 24 v cb 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 pf 0.50 c cb transition frequency f t = f ( i c ) v ce = parameter 0 5 10 15 20 25 30 35 ma 45 i c 0.0 1.0 2.0 3.0 4.0 5.0 6.0 ghz 8.0 f t 8v 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 0.9ghz v ce = parameter 0 5 10 15 20 25 30 35 ma 45 i c 6 8 10 12 14 16 18 db 22 g 10v 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 1.8ghz v ce = parameter 0 5 10 15 20 25 30 35 ma 45 i c 0 2 4 6 8 10 db 14 g 8v 5v 3v 2v 1v 0.7v
BFS482 6 jun-27-2001 intermodulation intercept point ip 3 = f ( i c ) (3rd order, output, z s = z l =50  ) v ce = parameter, f = 900mhz 0 4 8 12 16 20 ma 28 i c 6 8 10 12 14 16 18 20 22 24 dbm 28 ip 3 8v 5v 3v 2v 1v power gain g ma , g ms = f ( v ce ):_____ | s 21 | 2 = f ( v ce ):--------- f = parameter 0 1 2 3 4 5 6 7 8 v 10 v ce 6 8 10 12 14 16 18 db 22 g 0.9ghz 1.8ghz 0.9ghz 1.8ghz i c =10ma power gain | s 21 | 2 = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f 0 2 4 6 8 10 12 14 16 18 20 22 24 db 28 s 21 8v 1v 0.7v i c =10ma power gain g ma , g ms = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f 0 4 8 12 16 20 24 db 32 g 8v 1v 0.7v i c =10ma
published by infineon technologies ag, st.-martin-strasse 53, 81669 mnchen ? infineon technologies ag 200 4 . all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office (www.infineon.com). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BFS482

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X