Part Number Hot Search : 
15SMC13A 48VDC HT95A200 LB11975 W25Q32DW KA7522 XC164KM MC1458
Product Description
Full Text Search
 

To Download BC212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BC212 -0.1a , -60v pnp plastic encapsulated transistor elektronische bauelemente 18-dec-2012 rev. a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 3 collector 1 emitter base 2 rohs compliant product a suffix of -c specifies halogen & lead-free feature  general purpose switching and amplification. classification of h fe product-rank BC212 BC212b BC212c range 140~600 140~400 350~600 absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo -60 v collector to emitter voltage v ceo -50 v emitter to base voltage v ebo -5 v collector current - continuous i c -0.1 a collector power dissipation p c 350 mw thermal resistance from junction to ambient r ja 357 c / w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo -60 - - v i c = -0.01ma, i e =0 collector to emitter breakdown voltage v (br)ceo -50 - - v i c = -2ma, i b =0 emitter to base breakdown voltage v (br)ebo -5 - - v i e = -0.01ma, i c =0 collector cut-off current i cbo - - -15 na v cb = -30v, i e =0 collector cut-off current i ceo - - -0.1 a v ce = -30v, i b =0 emitter cut-off current i ebo - - -15 na v eb = -4v, i c =0 dc current gain BC212 h fe 140 - 600 v ce = -5v, i c = -2ma BC212b 140 - 400 BC212c 350 - 600 collector to emitter saturation voltage v ce(sat) - - -0.6 v i c = -100ma, i b = -5ma base to emitter saturation voltage v be(sat) - - -1.2 v i c = -100ma, i b = -5ma base to emitter voltage v be - - -0.72 v v ce = -5v, i c = -2ma collector output capacitance c ob - - 6 pf v cb = -10v, i c =0, f=1mhz transition frequency f t 200 - - mhz v ce = -5v, i c = -10ma, f=100mhz to-92 ref. millimeter ref. millimeter min. max. min. max. a 4.40 4.70 f 0.30 0.51 b 4.30 4.70 g 1.27 typ. c 12.70 - h 1. 10 1.40 d 3.30 3.81 j 2.42 2.66 e 0.36 0.56 k 0.36 0.76 1 11 1 emitter 2 22 2 base 3 33 3 collector


▲Up To Search▲   

 
Price & Availability of BC212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X