Part Number Hot Search : 
BD667 BA340 KRA309E MSK3001 WA06X220 AV3842A A1142 BA3131
Product Description
Full Text Search
 

To Download AP9974GH-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low on-resistance bv dss 60v single drive requirement r ds(on) 10.5m fast switching performance i d 74a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.2 /w rthj-a 62.5 /w rthj-a maximum thermal resistance, junction-ambient 110 /w data and specifications subject to change without notice thermal data parameter storage temperature range -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.8 pulsed drain current 1 300 total power dissipation 104 continuous drain current, v gs @ 10v 74 continuous drain current, v gs @ 10v 48 drain-source voltage 60 gate-source voltage + 20 1 ap9974gh/j-hf halogen-free product maximum thermal resistance, junction-ambient (pcb mount) 3 200908202 parameter rating advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost- effectiveness. g d s the to-252 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap9974gj) are available for low-profile applications. g d s to-251(j) g d s to-252(h)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =45a - - 10.5 m ? ? ? 3 v t rr reverse recovery time 2 i s =30a, v gs =0 v , - 45 - ns q rr reverse recovery charge di/dt=100a/s - 40 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 ap9974gh/j-hf
a p9974gh/j-hf fig 1. typical output characteristics fig 2. typical output characteristics t rr q rr fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 50 100 150 200 250 01234 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 7 .0v 5.0v 4.5v v g =3.0v 0 20 40 60 80 100 120 01234 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10 v 7 .0v 5.0 v 4.5 v v g = 3.0 v 4 6 8 10 12 246810 v gs , gate-to-source voltage (v) r ds(on) (m  ) i d =30a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =45a v g =10v 0 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c
ap9974gh/j-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics q rr fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. gate charge waveform 4 q v g 4.5v q gs q gd q g charge 0 2 4 6 8 10 12 14 0 20406080100 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =30a v ds =30v v ds =38v v ds =48v 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 1000 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) 100us 1ms 10ms 100ms dc t c =25 o c single pulse 0 20 40 60 80 100 02468 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP9974GH-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X