Part Number Hot Search : 
UF2005 G921108 133AX 30KPA96A 0200A PR1000PT 10190 HYS64T
Product Description
Full Text Search
 

To Download AP4813GSM-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel mosfet with schottky electronics corp. diode simple drive requirement bv dss 30v good recovery time r ds(on) 9m ? fast switching performance i d 13a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a v ka v i f @t a =25 a i fm a w w t stg t j symbol value unit rthj-a 50 /w rthj-a 60 /w data and specifications subject to change without notice 200910301 halogen-free product 1 parameter 10.6 pulsed drain current 1 50 maximum thermal resistance, junction-ambient 3 (mosfet) schottky reverse voltage continous forward current 30 + 20 13 maximum thermal resistance, junction-ambient 3 (schottky) drain-source voltage gate-source voltage continuous drain current 3 continuous drain current 3 30 AP4813GSM-HF rating 1 p d @t a =25 pulsed diode forward current 25 -55 to 150 operating junction temperature range -55 to 150 max power dissipation (schottky) 2.0 storage temperature range parameter max power dissipation (mosfet) 2.5 thermal data advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. s s s g d d d d so-8 g d s schottky diode
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =12a - - 9 m ? v gs =4.5v, i d =8a - - 15 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =8a - 20 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 100 ua drain-source leakage current (t j =70 o c) v ds =24v, v gs =0v - - 1 ma i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =8a - 11.5 18 nc q gs gate-source charge v ds =15v - 2.5 - nc q gd gate-drain ("miller") charge v gs =4.5v - 7 - nc t d(on) turn-on delay time 2 v ds =15v - 9 - ns t r rise time i d =1a - 7 - ns t d(off) turn-off delay time r g =3.3 ? ,v gs =10v - 23 - ns t f fall time r d =15 ? -8- ns c iss input capacitance v gs =0v - 730 1170 pf c oss output capacitance v ds =25v - 205 - pf c rss reverse transfer capacitance f=1.0mhz - 150 - pf r g gate resistance f=1.0mhz - 1.5 - ? source-drain diode symbol parameter test conditions min. typ. max. units v sd diode+schottky forward on voltage 2 i s =1.0a, v gs =0v - 0.48 0.5 v t rr body diode+schottky reverse recovery time i s =8a, v gs =0 v , - 20 - ns q rr body diode+schottky reverse recovery charge di/dt=100a/s - 9 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10 sec. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP4813GSM-HF
a p4813gsm-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 50 01234 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c 10v 7.0v 6.0v 5.0v v g =4.0v 0 10 20 30 40 50 0123 v ds , drain-to-source voltage (v) i d , drain current (a) 10v 7.0v 6.0v 5.0v v g = 4.0v t a = 150 o c 6 8 10 12 14 16 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =8a t a =25 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =12a v g =10v 0.50 0.75 1.00 1.25 1.50 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 4 8 12 16 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c mosfet+schottky
AP4813GSM-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 q v g 4.5v q gs q gd q g charge 0 400 800 1200 1600 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 0 4 8 12 16 20 24 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =15v v ds =18v v ds =24v i d =8a 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 125 /w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) 100us 1ms 10ms 100ms 1s dc t a =25 o c single pulse t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP4813GSM-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X