Part Number Hot Search : 
RN2964FS TB0800A 4HC597 P363JF RC251 RBY276 080001 PSUT36
Product Description
Full Text Search
 

To Download AND001601A-OLED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  displays short form catalog 2013 liquid crystal displays full line of displays ? p-si and a-si technology ? small tft color monitors ? large and medium tft color modules ? intelligent lcd graphic displays ? intelligent lcd alphanumeric displays new! oled displays graphic and alphanumeric ? panel/segment displays ? film super twist nematic ? super twist nematic precision custom enhancements: ? anti-reflective films ? high-bright backlights ? white led backlights ? heaters ? controller cards ? inverters ? cabling 755 north pastoria avenue sunnyvale, ca 94085-2918 tel: 408.523.8200 fax: 408.733.1287 email: sales@purdyelectronics.com www.purdyelectronics.com lcd_sfc_1211
purdy electronics corporation ? 755 north pastoria avenue ? sunnyvale, ca 94085-2918 tel: 408.523.8200 ? fax: 408.733.1287 ? email: sales@purdyelectronics.com ? www.purdyelectronics.com color tft video monitors (includes ccfl or led backlight, inverter & control circuitry. *control circuitry includes integrated dc-ac inverter to drive ccfl backlight.) part number screen diagonal (inches) pixel count w x h brightness nits (cd/m 2 ) pixel pitch (mm) w x h active area (mm) w x h overall dimension (mm) w x h x d driving voltage (v) input signal andpsi020td-led 2.0 320 x 240 250 0.053 x 0.159 40.67 x 30.48 46.1 x 40.96 x 2.53 12.0 ntsc, pal and-tft-25xs-led 2.5 160 x 234 250 0.125 x 0.163 49.68 x 37.44 60.6 x 48.4 3.45 12.0 ntsc, pal and-tft-35vx-uhb-led 3.5 640 x 480 1,500 0.1125 x 0.1095 72 x 52.56 84.24 x 65.4 x 3.45 5.0 vga, ntsc, pal and-tft-35vx 3.5 640 x 480 210 0.1125 x 0.1095 72 x 52.56 84.24 x 65.4 x 3.45 5.0 vga, ntsc, pal and-tft-35vxts 3.5 640 x 480 210 0.11125 x 0.1095 72 x 52.56 84.25 x 65.4 x 4.45 5.0 vga, ntsc, pal and-tft-35xs-led 3.5 320 x 234 250 0.074 x 0.225 71.6 x 52.65 83.5 x 63.1 x 3.6 12.0 ntsc, pal and-tft-43lp 4.3 480 x 272 400 0.198 x 0.198 95.04 x 53.856 105.5 x 67.2 x 4.05 12.0 vga, ntsc, pal and-tft-5pa 5.0 320 x 234 400 0.107 x 0.319 102.7 x 74.5 127 x 93 x 13 12.0* ntsc, pal and-tft-5pa-dhb 5.0 320 x 234 500 0.32 x 0.32 102.7 x 74.5 127 x 93 x 13 12.0* ntsc, pal and-tft-5vx 5.0 640 x 480 400 0.156 x 0.159 74.88 x 101.76 91.4 x 119.3 x 7.9 12.0 vga, ntsc, pal and-tft-5vx-4hb 5.0 640 x 480 1,000 0.156 x 0.159 74.88 x 101.76 91.4 x 119.3 x 7.9 12.0 vga, ntsc, pal and-tft-5lp 5.0 640 x 480 200 0.1587 x 0.1587 101.59 x 76.18 132.65 x 90.23 x 23.1 12.0 vga, ntsc, pal and-tft-56lp 5.6 640 x 480 350 0.1764 x 0.1764 112.9 x 84.7 141.5 x 101.6 x 18.5 12.0 vga, ntsc, pal and-tft-64pa 6.4 320 x 234 330 0.135 x 0.416 129.6 x 97.3 156.3 x 120 x 14.3 12.0* ntsc, pal and-tft-64pa-dhb 6.4 320 x 234 500 0.135 x 0.416 129.6 x 97.3 156.3 x 120 x 14.3 12.0* ntsc, pal and-tft-64pa-led 6.4 320 x 234 400 0.135 x 0.416 129.6 x 97.34 156.3 x 119.8 x 14.3 12.0 ntsc, pal and-tft-7lp 7.0 480 x 234 400 0.190 x 0.190 152.4 x 91.44 165 x 104 x 6.2 12.0 ntsc, pal and-tft-8lp 8.0 800 x 480 450 0.2208 x 0.2070 176.64 x 99.36 236.6 x 118.7 x 22.9 12.0 vga, ntsc, pal color tft modules (includes ccfl or led backlight. availabe seperately: cac inverters and pwm backlight drivers. touch screens are available for most modules below in 4- or 5- wire resistive types. ) part number screen diagonal (inches) pixel count (1) w x h brightness nits (cd/m 2 ) pixel pitch (mm) w x h active area (mm) w x h overall dimension (mm) w x h x d driving voltage (v) input signal (2) and050vl-led 5.0 640 x 480 450 0.159 x 0.156 101.76 x 74.88 120.7 x 92.8 x 12.5 5.0 lvds 6-bit interface andpsi056et0s-hb 5.6 1024 x 600 250 0.120 x 0.120 122.88 x 72 141.8 x 84.4 x 7.5 3.3 lvds 6-bit interface andpsi056et0s-led 5.6 1024 x 600 400 0.120 x 0.120 122.88 x 72 141.8 x 84.4 x 7.5 5.0 lvds 6-bit interface and064vt8-hb-led 6.4 640 x 480 400 0.203 x 0.203 129.6 x 97.44 175.4 x 126.9 x 12.5 5.0 lvds 6-bit interface and065a041f-hb 6.5 640 x 480 400 0.207 x 0.207 132.48 x 99.36 153 x 118 x 11 5.0 digital 6-bit interface and065a041f-hb2 6.5 640 x 480 400 0.207 x 0.207 132.48 x 99.36 153 x 118 x 11 5.0 digital 6-bit interface andpsi08c351-hb 8.0 800 x 600 350 0.213 x 0.213 170.4 x 127.8 200 x 150 x 12 3.3 digital 6-bit interface andpsi084c270f-hb 8.4 800 x 600 400 0.213 x 0.213 170.x x 127.8 199.5 x 149.5 x 12 3.3 lvds 6-bit interface andpsi089c362s 8.9 1024 x 600 250 0.1905 x 0.1890 195.07 x 113.4 219.5 x 134.5 x 5.2 3.3 digital 6-bit interface andpsi089c362s-4hb 8.9 1024 x 600 800 0.1905 x 0.1890 195.07 x 113.4 219.5 x 134.5 x 8.4 3.3 lvds 6-bit interface and104x02-hb 10.4 1024 x 768 340 0.2055 x 0.2055 210.43 x 157.8 238.6 x 173.2 x 4.3 3.3 lvds 6-bit interface and12c285-dhb 12.1 800 x 600 500 0.3075 x 0.3075 246.0 x 184.5 290 x 220 x 15 5.0 digital 6-bit interface and12c285-4hb 12.1 800 x 600 850 0.3075 x 0.3075 246.0 x 184.5 290 x 209 x 12 5.0 digital 6-bit interface andpsi121c250f-hb 12.1 1024 x 768 400 0.24 x 0.24 246.7 x 184.32 278.3 x 209 x 12 3.3 lvds 6-bit interface note 1: vga = 640 x 480 resolution; svga = 800 x 600 resolution; xga = 1024 x 768 resolution note 2: 6-bit = 256k colors; 8-bit = 16.2 m colors
purdy electronics corporation ? 755 north pastoria avenue ? sunnyvale, ca 94085-2918 tel: 408.523.8200 ? fax: 408.733.1287 ? email: sales@purdyelectronics.com ? www.purdyelectronics.com intelligent graphic displays (stn, fstn, bst) note 1: wide viewing angle disply part number pixel count w x h pixel pitch (mm) w x h viewing area (mm) w x h overall dimension (mm) w x h x d driving voltage(v) built-in controller backlight -30 -el contrast ratio and1264gst-led 128 x 64 0.56 x 0.52 72 x 40 87 x 70 x 12.7 +5 t6963c led 7:1 and1264wgst-led 128 x 64 0.56 x 0.52 72 x 40 87 x 70 x 12.7 +5 t6963c led 7:1 and1391st 128 x 128 0.43 x 0.43 62 x 62 84.4 x 100 x 14 +5/-14.5 t6963c 4:1 and1391st-led 128 x 128 0.50 x 0.50 69 x 69 88 x 88 x 16.3 +5/-14.2 t6963c led 4:1 and1013st-led 160 x 128 0.58 x 0.58 101 x 82 129 x 102 x 19.2 +5/-15 t6963c led 6:1 and711ast-30 240 x 64 0.53 x 0.53 132 x 39 180 x 65 x 12 +5/-8.5 t6963c -30 4:1 and711ast-eo 240 x 64 0.53 x 0.53 132 x 39 180 x 65 x 12 +5/-8.5 t6963c el 4:1 and1781bst-led 240 x 64 0.53 x 0.53 134 x 40.4 180 x 65 x 9.7 +5 t6963c led 6:1 and1781mst-led 240 x 64 0.53 x 0.53 127.2 x 33.9 180 x 70 x 14 +5 t6963c led 12:1 and1743mst-led 240 x 64 0.50 x 0.50 132 x 76 170 x 95 x 14 +5 t6963c led 6:1 and1743fst-led 240 x 128 0.50 x 0.50 132 x 76 170 x 95 x 14 +5 t6963c led 6:1 and1743bst-led 240 x 128 0.50 x 0.50 132 x 76 170 x 95 x 14 +5 t6963c led 6:1 and1742mst2 240 x 128 0.51 x 0.51 134 x 76 180 x 110 x 15.1 +5 raio ccfl 6:1 and322mst2 320 x 240 0.36 x 0.36 120 x 92 148 x 120 x 20.5 +5/-22.0 sed1335 ccfl 6:1 and322mst2-ledw (1) 320 x 240 0.36 x 0.36 120.14 x 92.14 148 x 120 x 20.5 +5 sed1335 led white 6:1 monochromatic displays notes for the intelligent graphic displays ? 30 means that the lcd has a trans? ective re? ector. part would be ordered with a -30 suf? x (i.e. and1013st-30); a eo means that an electroluminescent panel is installed int he lcd. order with the eo suf? x (i.e. and1013st-eo); ? ccfl means that a cold cathode ? uorescent lamp is installed int eh module.; ? mst means film super twist nematic (fstn); ? bst means blue mode super twist nematic lcd intelligent alphanumeric displays (stn, fstn, bst) part number lines x characters character size (mm) w x h viewing area (mm) w x h outline dimension (mm) w x h x d driving voltage (v) built-in con- troller backlight and081gst 1 x 8 4.45 x 8.35 48.0 x 13.0 60 x 36 x 10 5 hd44780 C and081gst-led 1 x 8 4.45 x 8.35 48.0 x 13.0 60 x 36 x 13 5 hd44780 led and082gst 2 x 8 2.96 x 5.56 38.0 x 16.0 58 x 32 x 8.4 5 hd44780 C and082gst-led 2 x 8 2.96 x 5.56 38.0 x 16.0 58 x 32 x 12.8 5 hd44780 - and671gst-led 1 x 16 3.07 x 6.56 64.5 x 13.8 80 x 36 x 11.3 5 hd44780 - and471gst 2 x 16 4.84 x 9.66 99 x 24 122 x 44 x 11.3 5 hd44780 - and471gst-led 2 x 16 4.84 x 9.66 99 x 24 122 x 44 x 15.8 5 hd44780 led and481gst 2 x 16 2.78 x 4.89 62 x 16 85 x 30 x 10.1 5 hd44780 - and481gst-led 2 x 16 2.78 x 4.89 62 x 16 85 x 30 x 15.8 5 hd44780 led and491gst 2 x 16 2.95 x 4.35 64.5 x 13.8 80 x 36 x 11.3 5 hd44780 - and491gst-led 2 x 16 2.95 x 4.35 64.5 x 13.8 80 x 36 x 15.8 5 hd44780 led and731gst 4 x 16 2.95 x 4.75 62 x 25.6 87 x 60 x 8.8 5 hd44780 - and731gst-led 4 x 16 2.95 x 4.75 62 x 25.6 87 x 60 x 12.7 5 hd44780 led and501gst 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 11.3 5 hd44780 - and501gst-led 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 15.8 5 hd44780 led and501wgst 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 15.8 5 hd44780 - and501wgst-led 2 x 20 3.2 x 5.55 83 x 18.6 116 x 37 x 15.8 5 hd44780 led and721gst 4 x 20 2.95 x 4.75 76 x 25.2 98 x 60 x 12 5 hd44780 - and721gst-led 4 x 20 2.95 x 4.75 76 x 25.2 98 x 60 x 16 5 hd44780 led and591gst 2 x 40 3.2 x 5.55 154 x 15.3 182 x 33.5 x 8.8 5 hd44780 - and591gst-led 2 x 40 3.2 x 5.55 154 x 15.3 182 x 33.5 x 12.7 5 hd44780 led and791gst 4 x 40 2.78 x 4.89 149 x 29.5 190 x 54 x 8.8 5 hd44780 - and791gst-led 4 x 40 2.78 x 4.89 149 x 29.5 190 x 54 x 13 5 hd44780 led
purdy electronics corporation ? 755 north pastoria avenue ? sunnyvale, ca 94085-2918 tel: 408.523.8200 ? fax: 408.733.1287 ? email: sales@purdyelectronics.com ? www.purdyelectronics.com lcd - panel-segment displays (wide temperature & high humidity) part number display font digit height in inches package dimensions in inches (l x w) fe1901w 0.5 1.1 x 1.2 fe0201w 0.5 2.0 x 1.2 fe0203w 0.5 2.0 x 1.2 fe0202w 0.5 2.0 x 1.2 fe0501w 0.7 2.75 x 1.5 fe0502w 0.7 2.75 x 1.5 fe0206w 0.5 2.0 x 1.2 fe0208w 0.4 2.0 x 1.2 fe0401w 0.5 2.75 x 1.2 fe0601w 0.7 3.7 x 1.5 fe1001w 0.5 3.7 x 1.2 backlight viewing mode designation is: ? du for re? ective surface to re? ect ambient light back through the liquid crystal materials for illumination. ? eu for trans? ective surface which uses a partially re? ecting surface for viewing with a backlight or using re? ected light. ? example: to receive a 0.5-inch high, 4-digit, wide temperature, high humidity, re? ective panel display, order: fe202+w-du = fe0202w-du intelligent graphic displays (oled) *oled available in (white, green, blue, and red) sunlight readable. part number pixel count w x h pixel pitch (mm) w x h viewing area (mm) w x h overall dimension (mm) w x h x d driving voltage(v) built-in controller backlight and005016a-oled 50 x 16 0.70 x 0.60 38.0 x 16.0 58.0 x 32.0 x 10.0 5v, option 3 v ws0010 *oled and010008a-oled 100 x 8 0.80 x 0.60 66.0 x 16.0 80.0 x 36.0 x 10.0 5v, option 3 v ws0010 *oled and010016b-oled 100 x 16 1.12 x 0.96 99.0 x 24.0 122.0 x 44.0 x 10.0 5v, option 3 v ws0010 *oled and010016d-oled 100 x 16 0.70 x 0.60 66.0 x 16.0 85.0 x 30.0 x 10.0 5v, option 3 v ws0010 *oled and010016a-oled 100 x 16 0.70 x 0.60 66.0 x 16.0 80.0 x 36.0 x 10.0 5v, option 3 v ws0010 *oled and010016f-oled 100 x 16 0.70 x 0.65 85.0 x 18.60 116.0 x 37.0 x 9.8 5v, option 3 v ws0010 *oled and010016f-oled 100 x 16 0.70 x 0.65 85.0 x 18.60 116.0 x 37.0 x 9.8 5v, option 3 v ws0010 *oled and010032a-oled 100 x 32 0.60 x 0.59 77.0 x 25.2 98.0 x 60.0 x 10.0 5v, option 3 v ws0010 *oled part number lines x characters character size (mm) w x h viewing area (mm) w x h outline dimension (mm) w x h x d driving voltage (v) built-in con- troller backlight and000802a-oled 2 x 8 38.0 x 16.0 58.0 x 32.0 x 10 5v, option 3v ws0010 *oled AND001601A-OLED 1 x 16 66.0 x 16.0 80.0 x 36.0 x 10.0 5v, option 3v ws0010 *oled and001602b-oled 2 x 16 99.0 x 24.0 122.0 x 44.0 x 10.0 5v, option 3v ws0010 *oled and 001602d-oled 2 x 16 66.0 x 16.0 85.0 x 30.0 x 10 5v, option 3v ws0010 *oled and001602a-oled 2 x 16 66.0 x 16.0 80.0 x 36.0 10 5v, option 3v ws0010 *oled and002002a-oled 2 x 20 85.0 x 18.6 116.0 x 37.0 x 9.8 5v, option 3v ws0020 *oled and002004a-oled 4 x 20 77.0 x 25.2 98.0 x 60.0 x 10.0 5v, option 3v ws0010 *oled and004002a-oled 2 x 40 154.4 x 16.5 182.0 x 33.5 x 9.3 5v, option 3v ws0010 *oled intelligent alphanumeric displays (oled) *oled available in (white, green, blue, and red) sunlight readable.


▲Up To Search▲   

 
Price & Availability of AND001601A-OLED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X