Part Number Hot Search : 
0122MR 2SD2704K SR1660 245BQ TN1156 MAQ3203 18F2682 40175BDM
Product Description
Full Text Search
 

To Download AN3803X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 AN3803X through-hole ired/ 3 type features recommended applications electric household appliances, oa/fa, pc/peripheral equipment, other general applications ? narrow distribution ? flush mount type ? lead?free soldering compatible ? rohs compliant peak wavelength 940nm product features die materials gaas 26 deg. package 3 type, water clear epoxy rank grouping parameter soldering methods esd packing ttw (through the wave) soldering and manual soldering please refer to soldering conditions about soldering. 2kv (hbm) bulk : 200pcs(min.) sorted by radiant inte nsity per rank taping half intensity angle 2009.2.2
abs olute maximum r atings ite m s ymbol unit power dissipation pd mw f orward current i f ma p ulse f orward current 1 i frm ma S i f ma/ S i frm ma/ reverse voltage v r v operating temperature t opr storage temperature t stg e lectro- optical characteris tics conditions min. 1.15 typ. 1.3 max . 1.45 reverse current v r =5v i r ma x . 10 a min. 8. 4 typ. 22 t ota l output p ow e r i f =50ma p o t yp . 12 mw peak wavelength i f =50ma p t yp . 940 nm s pe ctra l ha lf-w idth i f =50ma S typ. 50 nm ha lf inte nsity ang le i f =50ma 2 1/2 t yp . 26 de g . response time i f =50ma tr/tf t yp . 1/1 s de ra ti n g (t a =25 or higher) ite m s ymbol cha ra cte ristics -30~ +85 -30~ +100 1 i frm measurement condition : pulse width Q 0.1ms, duty Q 1/100 absolute maximum ratings v mw/sr un i t 160 100 1,000 1.33 13.3 5 forward voltage i f =50ma v f ra dia nt inte nsity i f =50ma i e page 2 through-hole ired/ 3 type AN3803X (ta=25 ) (ta=25 ) 2009.2.2
radiant intensity rank page 3 t please contact our sales staff concerning rank designation. 2009.2.2 AN3803X (ta=25 ) min . ma x . a 8.4 16.8 b 12.0 24.0 c 16.8 33.6 d 24.0 48.0 e 33.6 67.2 rank i f = 50ma i e mw/s r condition through-hole ired/ 3 type
page 4 2009.2.2 technical data spatial distribution example condition : ta = 25 spectral distribution wavelength vs. relative radiant intensity condition : ta = 25 , i f = 50ma wavelength [nm] relative radiant intensity forward voltage vs. forward current condition : ta = 25 forward voltage : v f (v) forward current i f (ma) duty ratio vs. pulse forward current condition : ta = 25 , tw Q 100 s duty ratio pulse forward current i frm (a) through-hole ired/ 3 type AN3803X
page 5 2009.2.2 technical data pulse forward voltage vs. pulse forward current condition : ta=25 , tw Q 100 s, duty Q 1/100 pulse forward voltage : v fm (v) pulse forward current : i frm (ma) forward current vs. relative radiant intensity condition : ta = 25 forward current : i f (ma) relative radiant intensity derating ambient temperature vs. maximum forward current condition : tw Q 100 s ambient temperature : ta( ) maximum forward current : i f max. (ma) through-hole ired/ 3 type AN3803X pulse forward current vs. relative radiant intensity condition : ta = 25 , tw Q 100 s, duty Q 1/100 pulse forward current : i frm (ma) relative radiant intensity
page 6 2009.2.2 technical data pulse forward current vs. ambient temperature condition : tw Q 100 s, duty Q 1/100 ambient temperature : ta( ) ambient temperature vs. forward current ambient temperature : ta( ) forward current : i f (ma) ambient temperature vs. forward voltage condition : i f = 50ma ambient temperature : ta ( ) ambient temperature vs. pulse forward voltage condition : i frm =500ma, tw Q 100 s, duty Q 1/100 ambient temperature : ta ( ) pulse forward voltage v fm (v) pulse forward current i frm (ma) forward voltage v f (v) through-hole ired/ 3 type AN3803X
page 7 2009.2.2 technical data ambient temperature vs. relative radiant intensity condition : i f = 50ma ambient temperature : ta ( ) relative radiant intensity ambient temperature vs. peak wavelength condition : i f = 50ma ambient temperature : ta( ) peak wavelength p(nm) ambient temperature vs. power dissipation ambient temperature : ta( ) power dissipation pd (mw) through-hole ired/ 3 type AN3803X
package dimensions page 8 (unit: mm) 2009.2.2 AN3803X through-hole ired/ 3 type
AN3803X page 9 through-hole ired/ 3 type ttw (through the wave ) soldering conditions solder bath temp. dipping time 265 5 s (max.) (max.) position at least 1.6 mm away from the root of lead iron tip temp. soldering time and frequency 3 s 1 time 400 (max.) (max.) (max.) (30 w max.) position at least 1.6 mm away from the root of lead 2009.2.2 pre-heating 100 (max.) resin surface temperature 1) the dip soldering process shall be twice maximum. 2) the product shall be cooled to normal temperature before the second dipping process. the detail is described to led and photodet ector handling precautions of home page: "mounting through-hole type devices? and "soldering", and use it after the confirmation, please. manual soldering conditions the detail is described to led and photodet ector handling precautions of home page: "mounting through-hole type devices? and "soldering", and use it after the confirmation, please.
AN3803X page 10 through-hole ired/ 3 type reliability testing result failure criteria items symbols conditions failure criteria luminous intensity iv i f value of each product luminous intensity testing min. value spec. min. value x 0.5 forward voltage v f i f value of each product forward voltage testing max. value R spec. max. value x 1.2 reverse current i r v r = maximum rated reverse voltage v testing max. value R spec. max. value x 2.5 cosmetic appearance - - occurrence of notable decoloration, deformation and cracking reliability testing result applicable standard testing conditions duration failure room temp. operating life eiaj ed- 4701/100(101) ta = 25 , i f = maxium rated current 1,000 h 0/25 resistance to soldering heat eiaj ed- 4701/300(302) 265 5 , 3mm from package base 10s 0/25 temperature cycling eiaj ed- 4701/100(105) minimum rated storage temperature(30min) normal temperature(15min) maximum rated storage temperature(30min) normal temperature(15min) 5 cycles 0/25 wet high temp. storage life eiaj ed- 4701/100(103) ta = 60 2 , rh = 90 5% 1,000 h 0/25 high temp. storage life eiaj ed- 4701/200(201) ta = maximum rated storage temperature 1,000 h 0/25 low temp. storage life eiaj ed- 4701/200(202) ta = minimum rated storage temperature 1,000 h 0/25 lead tension eiaj ed- 4701/400(401) 10n,1time ( 0.4 and flat package : 5n) 10s 0/10 vibration, variable frequency eiaj ed- 4701/400(403) 98.1m/s 2 (10g), 100 2khz sweep for 20min., xyz each direction 2 h 0/10 2009.2.2
special notice to customer s using the products and technical information shown in this data sheet AN3803X page 11 through-hole ired/ 3 type 1) the technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. it does not co nstitute the warranting of industrial property nor the granting of any license. 2) for the purpose of product improvement, the specif ications, characteristics and technical data described in the data sheets are subject to change without prior notice. therefore it is recommended that the most updated specifications be used in your design. 3) when using the products described in the data sh eets, please adhere to the ma ximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. we are not responsible for any damage which may occur if these specifications are exceeded. 4) the products that have been described to this cata log are manufactured so that they will be used for the electrical instrument of the benchmark (oa equipment, telecommunications equipment, av machine, home appliance and measur ing instrument). the application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high re liability and safety, and the breakdown and the wrong operation might influence the life or the human body. pl ease consult us beforehand if you plan to use our product for the usages of aircrafts, space borne appl ication, transportation equipment, medical equipment and nuclear power control equipment, etc. except oa equipment, telecommunications equipment, av machine, home appliance and measuring instrument. 5) in order to export the products or technologi es described in this data sheet which are under the ?foreign exchange and foreign trade control law,? it is necessary to first obtain an export permit from the japanese government. 6) no part of this data sheet may be reprinted or reproduced without prior written permission from stanley electric co., ltd. 7) the most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com 2009.2.2


▲Up To Search▲   

 
Price & Availability of AN3803X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X