Part Number Hot Search : 
2DA1774S 2DA1774S KD125 5C100 15R06 067492 BUZ102 MK23H2
Product Description
Full Text Search
 

To Download AK8160B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  [ AK8160B ? ] 2013/02/26 - 1 - ? ? ak81 60 b multi clock generator ic a k81 60 b ? pci express 100mhz ? pll i ??C? ? ` ic ? 25 mhz ????? ????r???? L ??R 3. 0 v C 3.6v M 35 ma typ . ? 100.000mhz r ?? 25 .000 mhz ? ?? pcie0p - 1 p/0n - 1 n 100.000 mhz (differential) with ss refout 25.000 mhz ( lvcmos ) without ss ss { 0% , - 0. 5% {? 30khz to 33khz ? rms jitter 2 .6 ps max. pcie0p - 1 p/0n - 1 n, bw=10[khz] - 1.5[mhz] 2.6 ps max. pcie0p - 1 p/ 0n - 1 n, bw=1.5[mhz] - 50[mhz] cycle to cycle jitter 125 ps max. pcie0p - 1p/0n - 1n 15 ps typ . (1 ? ) refout ??` 0.4pitch 3mm x 3mm 20 pin qfn ( U?` ) ? dslr, ???`C , mfp, `C
[ AK8160B ? ] 2013/02/26 - 2 - ?? h ? 20 pin qfn ( top view ) 25[mhz] refout clock 100[mhz] pcie gen2 crystal osc xin xout vdd1 - 4 vss1 - 4 pll1 (ss) refout pcie0p pcie0n pcie1p pcie1n output divider 25[mhz] crystal vref ss_sel pcie1_oe refout_oe pcie0_oe 2 0 18 17 1 6 19 6 8 9 1 0 7 3 2 1 4 5 1 3 1 4 1 5 1 2 1 1 ss_sel vss3 vdd3 refout vss1 xin xout vss2 vdd2 v dd 4 v ref vdd1 pcie0_oe pcie1 _oe pcie 1p pcie0p pcie0n pcie 1n v ss 4 refout_oe
[ AK8160B ? ] 2013/02/26 - 3 - ?Ch ? h 1 ss_sel di ss {? ss_sel=l ? ss {? 0[%](off) ??? ss_sel=h ? ss {? - 0.5[%] ??? 2 vss3 pwr gnd ? 3 vdd3 pwr ?? 4 vref ao ?Rk? ? gnd g 1[ ? f] ????A ?`r hi - z ??? 5 vdd4 pwr ?? 6 vss4 pwr gnd ? 7 pcie1p do pci express gen2 ? 100.000mhz ???? 8 pcie1n do pci express gen2 ? 100.000mhz ???? 9 pcie0p do pci express gen2 ? 100.000mhz ???? 10 pcie0n do pci expres s gen2 ? 100.000mhz ???? 11 pcie1_oe di pcie1p/n ? pcie1_oe=l ? pcie1p/n ? l ??? pcie1_oe=h ? pcie1p/n ? 100.000mhz ?? ? 12 pcie0_oe di pcie0p/n ? pcie0_oe=l ? pcie0p/n ? l ??? pcie0_oe= h ? pcie0p/n ? 100.000mhz ?? ? 13 vdd2 pwr ?? 14 vss2 pwr gnd ? 15 xout ao 25.000mhz ???A? 16 xin ai 25.000mhz ???A? 17 vss1 pwr gnd ? 18 vdd1 pwr ?? 19 refout do refout ? 25.000mhz ???? 20 refout_oe di refout ? refout_oe=l ? refout ? l ??? refout_oe=h ? refout ? 25.000mhz ? ? ?? ai= ?? ao= ??? di= ?? d o= ?? pwr= ? YU?? gnd ?A
[ AK8160B ? ] 2013/02/26 - 4 - ?? ~?? ? ? g q ??R ?? ?R ? ?? ??????????? ????^? ? ? g q ? ??R ? ??????? gnd g 0.1 f ????? ?? vdd ????A ?
[ AK8160B ? ] 2013/02/26 - 5 - M vdd = 3. 0 3. 6 v , ta = - 4 0 85 ? ? g q M M M ? o?? pcie0p/n, pcie1p/n cl=2[pf] *2 ? 100.000mhz r (refout_oe = pcie0_0e = pcie1_oe = ss_sel = h ) *3 ? 100.000mhz r (refout_oe = l , pcie0_0e = pcie1_oe = ss_sel = h ) * 4 ??`r ( refout_oe = pcie0_0e = pcie1_oe = l ) vdd =3.0 3.6v, ta = - 4 0 85 ? g q ?????R ?????R ? ??? ? ? ?R ? ?????R ?????R ?
[ AK8160B ? ] 2013/02/26 - 6 - differential output ? vdd=3.0 3.6v, ta= - 40 85 ? g q ?k? k?? ? ? ?? `` ? ?`?` ? ` ? ? ? ?rg ? uu?? xrcgb25m000f3 m 00r0 k? 70ppm p.10 ? ???? *2 O?? * 3 10000 ?? * 4 ?` ?? +/ - 0.1% _??rg ? differential output vdd=3.0 3.6v, ta= - 40 85 ? g q ? ? r r g` ? ?? `` ? ?? ?R ? ?? ?R ? ??? ?R?` ? ??? rg ? ?R ?
[ AK8160B ? ] 2013/02/26 - 7 - ?R ? - 0.3 v *2 fig3 - 2 single end ?`?` ? 45 50 55 % *2 fig3 - 6 ?? rg?? ? 20 % *2 fig3 - 5 pci express gen2 rms ? ? 2.6 ps bw = 10khz - 1.5mhz *2 *3 2.6 ps bw = 1.5mhz - 50mhz *2 *3 ` ? (p - p) ? 125 ps *2 *4 ?rg ? 2 ms ss off r *2 *5 *1 u u? xrc gb25m000f3 m 00r0 k? 70ppm p.1 0 ? ???? * 2 O?? * 3 rms ?y??`??_vm?? * 4 10000 ??? 7 ? * 5 ?`??? +/ - 0.1% _??rg * 6 y??? D differential output y? differential output y differentia l output ?? fig3 - 1 measure point ??y? fig.3 - 1. differential output y < 5 inch 2pf z = 10 0 ? differential traces 2pf pll core vref 3.3v measure point 1 ? f
[ AK8160B ? ] 2013/02/26 - 8 - differential output ac ?x fig.3 - 2. ???R???R???Rx fig.3 - 3. ???Rx fig3 - 4. ``?x rfmatch % 100*2* tr - tf / tr+tf fig.3 - 5. ? / rg????x pcie 0/1 p pcie 0/1 n vcross_median +75mv vcross_median - 75mv tf tr vcross_median voh vcross_min= 25 0mv vcross_max=550mv voh_max= 1.15 v vol_min= - 0.3 v vol vcross pcie 0/1 p pcie 0/1 n vcross_delta_max=140mv vcross_delta pcie 0/1 p pcie 0/1 n rer ( pcie 0/1 p) - (pcie 0/1 n) +150mv - 150mv fer
[ AK8160B ? ] 2013/02/26 - 9 - cduty % 100*thigh/tperiod fig.3 - 6. ?`?`x fig.3 - 7. ????R?`x fig.3 - 8. ???rgx thigh 0.0v tperiod (pcie 0/1 p) - (pcie 0/1 n) (pcie 0/1 p) - (pcie 0/1 n) ??? ??? vrb_max=100mv vrb_min = - 100mv ?????R tstable +150mv - 150mv tstable (pcie 0/1 p) - (pcie 0/1 n)
[ AK8160B ? ] 2013/02/26 - 10 - ? u u xrcgb25m000 f3m 00r 0 ? ? g q ? ?? K ?? ?? ? ? ? ? cl l1 r1 c1 c0 cl ????`?
[ AK8160B ? ] 2013/02/26 - 11 - ??A tbd
[ AK8160B ? ] 2013/02/26 - 12 - ??`??g ? 3mm x 3mm, 0.4mm pitch 20pin qfn >&;"'??aw8>'
[ AK8160B ? ] 2013/02/26 - 13 - ?`?? ? ?? ? ? ?`???` 81 60 b ? ?`?` xxxx 4 ? 2 0 18 17 1 6 19 6 8 9 1 0 7 3 2 1 4 5 1 3 1 4 1 5 1 2 1 1 xxxx 81 60b
[ AK8160B ? ] 2013/02/26 - 14 - ?d?u??u???????u??? ????????H???d Q??? ?I???s?I?_J ?d? x? ???vB? ? u??h??CO??? ?d ? x? ???vB?? ???????d? x? ? ?vB????????? p ?? ?????????????? I ????????? ?du??Q???Y????? ???H????S?? ? C??C?C???C ????g???]?b???p??? ?????O??m?? ??u??? ??????????? ?????u???????? p????????? ??????????o???u???? ??p?????????a?? ? ??


▲Up To Search▲   

 
Price & Availability of AK8160B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X