Part Number Hot Search : 
TFS70H47 1N6110A ST72T AME88 M41T315Y MC10E1 TQ2061 MC100EP
Product Description
Full Text Search
 

To Download AB6H-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16mm a6 457 usa: 800-262-idec canada: 888-317-idec switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices a6 series miniature switches and pilot devices: 16mm key features: 16mm (5/8) mounting hole led illumination compact design saves space momentary, maintained, selectors, and e-stops gold-clad silver contacts for reliable low level switching snap action contacts ip40 (dustproof) or ip65 (oiltight) versions speci? cations degree of protection ip40: dustproof ip65 watertight/oiltight contact con? guration spdt, dpdt maximum voltage 250v ac/dc thermal current 3a minimum applicable load 5v ac/dc, 1ma contact material gold-clad silver terminal style .110 solder/ quick connect operating temperature -25o to +55oc (no freezing) operating humidity 45 to 85% rh contact resistance 50m maximum (initial value) insulation resistance 100m minimum (500v dc megger) vibration resistance 10 to 55hz, amplitude 1.5mm p-p shock resistance damage limits: 500m/sec 2 (approx. 50g) operating extremes: 200m/sec 2 (approx. 20g) electrical life 100,000 operations minimum (at full rated load) mechanical life maintained: 100,000 operations minimum momentary: 1,000,000 operations minimum selector/keylock: 250,000 operations minimum dielectric strength switch unit: 2,000v ac, 1 min. between live/dead part and terminals of different poles; 1,000v ac, 1 minute between terminals of the same pole; 1,500v ac, 1 minute between contact and lamp terminals. illumination unit: 2,000v ac, 1 min. between live part/ground soldering temperature 20w/5 seconds or 260oc/3 seconds contact ratings operating voltage 24v 120v 240v ac (50/60hz) resistive 1.0a 0.5a inductive 0.7a 0.5a dc resistive 1.0a 0.2a inductive 0.7a 0.1a led lamp ratings rated voltage/current 5v dc 5% 6v ac/dc (10%) 12v ac/dc (10%) 24v ac/dc (10%) 8ma ac: a, r, w, y: 8ma g, s: 7ma dc: a, r, w, y: 6ma g, s: 5ma ac: 9ma dc: 8ma ac: 9ma dc: 8ma 1. ac inductive load, pf = 0.6 C 0.7; dc inductive load, l/r = 7ms. 2. led lamp contains a built-in current limiting resistor and a protection diode. 3. leds dont burn out. luminance is reduced to 50% of initial intensity after being lit for 50,000 hours continuously. ? ? ? ? ? ? ? ul recognized file no.e55996 r csa certi? ed file no. lr21451
16mm a6 458 www.idec.com switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices ab6 non-illuminated pushbuttons (assembled) non-illuminated pushbuttons style contact part number momentary maintained (latching) dustproof (ip40) oiltight (ip65) dustproof (ip40) oiltight (ip65) standard button round 18mm spdt dpdt ab6m-m1- j ab6m-m2- j ab6m-m1p- j ab6m-m2p- j ab6m-a1- j ab6m-a2- j ab6m-a1p- j ab6m-a2p- j square 18mm spdt dpdt ab6q-m1- j ab6q-m2- j ab6q-m1p- j ab6q-m2p- j ab6q-a1- j ab6q-a2- j ab6q-a1p- j ab6q-a2p- j rectangular 18mm x 24mm spdt dpdt ab6h-m1- j ab6h-m2- j ab6h-m1p- j ab6h-m2p- j ab6h-a1- j AB6H-A2- j ab6h-a1p- j AB6H-A2p- j oversize button round 23.5mm spdt dpdt C ab6m-m1p-m j ab6m-m2p-m j C ab6m-a1p-m j ab6m-a2p-m j square 23.5mm spdt dpdt C ab6q-m1p-q j ab6q-m2p-q j C ab6q-a1p-q j ab6q-a2p-q j rectangular 17.5 x 23.5mm spdt dpdt C ab6q-m1p-h j ab6q-m2p-h j C ab6q-a1p-h j ab6q-a2p-h j ab6-v pushlock turn reset shape operation contact part number remarks dustproof (ip40) oiltight (ip65) 23.5mm round mushroom pushlock turn reset spdt dpdt ab6m-v1-r ab6m-v2-r ab6m-v1p-r ab6m-v2p-r 1. button available in red only. 2. replacement button: order ab6m-v-r buzzer style shape voltage part number round (18mm) 12v dc uz6-11 24v dc uz6-12 buzzer ratings frequency 2 khz 500 hz amplitude 80db @ 0.1m (at rated voltage) operating voltage 6v ac/dc or 12 - 24v ac/dc 10% adjustable cycle 55 to 600 cycles per minute current draw dc: 7ma, ac: 20ma life 1000 hrs. minimum insulation voltage 60v ac/dc operating temperature -20 to 55 c (no freezing), 45 to 85% rh j button color code color code black b green g red r blue s white w yellow y j button color code color code black b green g red r blue s white w yellow y 1. in place of j , specify button color code from the table at right. 2. to order as sub-assembled, see page 459. 3. for accessories, see page 466. 4. for dimensions, see page 468. 1. in place of j , specify button color code from the table at right. 2. to order as sub-assembled, see page 459. 3. for accessories, see page 466. 4. for dimensions, see page 468.
16mm a6 459 usa: 800-262-idec canada: 888-317-idec switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices ab6 non-illuminated pushbuttons (sub-assembled) operator + button = completed unit operators style contact operator part number round square rectangular non-illuminated pushbuttons spdt momentary ab6m-m100 ab6q-m100 ab6h-m100 maintained ab6m-a100 ab6q-a100 ab6h-a100 dpdt momentary ab6m-m200 ab6q-m200 ab6h-m200 maintained ab6m-a200 ab6q-a200 AB6H-A200 oversize rectangular button uses square operator. buttons description part number button dustproof (ip40) oiltight (ip65) round ab6m-bk1- j ab6m-bk2- j square ab6q-bk1- j ab6q-bk2- j rectangular ab6h-bk1- j ab6h-bk2- j round oversize C ab6m-bk2-m j square oversize C ab6q-bk2-q j rectangular oversize C ab6q-bk2-h j 1. in place of j , specify button color code from table. 2. buttons which are rated ip65 include a waterproof rubber gasket. 3. for accessories, see page 466. j button color code color code black b green g red r blue s white w yellow y j button color code color code black b green g red r blue s white w yellow y
16mm a6 460 www.idec.com switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices al6 illuminated pushbuttons (assembled) led illuminated pushbuttons description style contact part numbers momentary maintained (latching) dustproof (ip40) oiltight (ip65) dustproof (ip40) oiltight (ip65) standard lens round (18mm lens) spdt dpdt al6m-m1 l - k al6m-m2 l - k al6m-m1 l p- k al6m-m2 l p- k al6m-a1 l - k al6m-a2 l - k al6m-a1 l p- k al6m-a2 l p- k square (18mm lens) spdt dpdt al6q-m1 l - k al6q-m2 l - k al6q-m1 l p- k al6q-m2 l p- k al6q-a1 l - k al6q-a2 l - k al6q-a1 l p- k al6q-a2 l p- k rectangular (18mm x 24mm lens) spdt dpdt al6h-m1 l - k al6h-m2 l - k al6h-m1 l p- k al6h-m2 l p- k al6h-a1 l - k al6h-a2 l - k al6h-a1 l p- k al6h-a2 l p- k oversize lens round (24mm lens) spdt dpdt C al6m-m1 l p-m k al6m-m2 l p-m k C al6m-a1 l p-m k al6m-a2 l p-m k square (24mm lens) spdt dpdt C al6q-m1 l p-q k al6q-m2 l p-q k C al6q-a1 l p-q k al6q-a2 l p-q k rectangular (18mm x 24mm lens) spdt dpdt C al6q-m1 l p-h k al6q-m2 l p-h k C al6q-a1 l p-h k al6q-a2 l p-h k 1. in place of k , specify lens/led color code from table below. 2. in place of l , specify voltage code from table below. 3. lamps also available in 5v dc, 6v ac/dc or 12 v ac/dc, change 4 using voltage/lamp codes (ie al6m-m13- k uses 12v ac/dc led). 4. led lamp is included in unit and contains a current-limiting resistor and a protection diode. (external resistor not require d.) 5. to order as sub-assembled, see page 461. 6. for accessories, see page 466. 7. for dimensions, see page 468. 8. light independent of switch position. k lens/led color code color code amber a green g red r blue s warm white w cool white jw yellow y l voltage code voltage code 5v dc 1 6v ac/dc 2 12v ac/dc 3 24v ac/dc 4 l voltage code voltage code 5v dc 1 6v ac/dc 2 12v ac/dc 3 24v ac/dc 4
16mm a6 461 usa: 800-262-idec canada: 888-317-idec switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices al6 illuminated pushbuttons (sub-assembled) operator + led lamp + lens = completed unit operators style contact operator part number round square rectangular al6 illuminated pushbuttons spdt momentary al6m-m100 al6q-m100 al6h-m100 maintained al6m-a100 al6q-a100 al6h-a100 dpdt momentary al6m-m200 al6q-m200 al6h-m200 maintained al6m-a200 al6q-a200 al6h-a200 oversize rectangular button uses square operator. lenses unit part number degree of protection dustproof (ip40) oiltight (ip65) size standard standard oversize round al6m-lk1- k al6m-lk2- k al6m-lk2-m k square al6q-lk1- k al6q-lk2- k al6q-lk2-q k rectangular al6h-lk1- k al6h-lk2- k al6q-lk2-h k 1. in place of k , specify lens color code from table below. 2. lenses which are rated ip65 include a waterproof rubber gasket. 3. for accessories, see page 466. k lens/led color code color code amber a green g red r blue s warm white w cool white jw yellow y led lamps appearance rated voltage part number 5v dc latd-5 k 6v ac/dc latd-6 k 12v ac/dc latd-1 k 24v ac/dc latd-2 k 1. in place of k , specify led color code from table at left. led lamps appearance rated voltage part number 5v dc latd-5 k 6v ac/dc latd-6 k 12v ac/dc latd-1 k 24v ac/dc latd-2 k 1. in place of k , specify led color code from table at left.
16mm a6 462 www.idec.com switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices al6 pilot lights (assembled) led pilot lights description part number dustproof (ip40) oiltight (ip65) round (18mm lens) al6m-p l - k al6m-p l p- k square (18mm lens) al6q-p l - k al6q-p l p- k rectangular (18mm x 24mm lens) al6h-p l - k al6h-p l p- k 1. in place of k , specify lens color code from table below. 2. in place of l , specify voltage code from table below. 3. leds also available in 5v dc, 6v ac/dc or 12 v ac/dc, change 4 using voltage codes (ie al6m-p3- k uses 12v ac/dc led). 4. led is included and contains built-in current limiting resistor and reverse polarity protection diode. (no external resistor required) 5. to order sub-assembled, see page 463. 6. for accessories, see page 466. 7. for dimensions, see page 468. 8. for one piece pilot lights and/or dome lens pilot lights, see ap series miniature pilot lights. k lens/led color code color code amber a green g red r blue s warm white w cool white jw yellow y l voltage code voltage code 5v dc 1 6v ac/dc 2 12v ac/dc 3 24v ac/dc 4 l voltage code voltage code 5v dc 1 6v ac/dc 2 12v ac/dc 3 24v ac/dc 4
16mm a6 463 usa: 800-262-idec canada: 888-317-idec switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices al6 pilot lights (sub-assembled) operator + led lamp + lens = completed unit operators style part number round square rectangular al6 pilot lights al6m-p00 al6q-p00 al6h-p00 lenses degree of protection part number dustproof ip40 oiltight ip65 round al6m-lk1- k al6m-lk3- k square al6q-lk1- k al6q-lk3- k rectangular al6h-lk1- k al6h-lk3- k 1. in place of k , specify lens color code from table below. 2. lenses which are rated ip65 include a waterproof rubber gasket. 3. for accessories, see page 466. k lens/led color code color code amber a green g red r blue s warm white w cool white jw yellow y led lamps appearance rated voltage part number 5v dc latd-5 k 6v ac/dc latd-6 k 12v ac/dc latd-1 k 24v ac/dc latd-2 k 1. in place of k , specify led color code from table at left. led lamps appearance rated voltage part number 5v dc latd-5 k 6v ac/dc latd-6 k 12v ac/dc latd-1 k 24v ac/dc latd-2 k 1. in place of k , specify led color code from table at left.
16mm a6 464 www.idec.com switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices as6 selector and keylock switches as6 selector switches and keylock switches (2 & 3 position) style function knob key round selector round keylock 2-position 90o maintained l r as6m-2y2p as6m-2kt2p j spring return right l r as6m-21y2p as6m-21kt2pb 3-position 45o maintained l c r as6m-3y2p as6m-3kt2p j spring return right g center l c r as6m-31y2p as6m-31kt2p j spring return left g center l c r as6m-32y2p as6m-32kt2p j 2-way return g center l c r as6m-33y2p as6m-33kt2pd square selector square keylock 2-position 90o maintained l r as6q-2y2p as6q-2kt2p j spring return to right l r as6q-21y2p as6q-21kt2pb 3-position 45o maintained l c r as6q-3y2p as6q-3kt2p j spring return right g center l c r as6q-31y2p as6q-31kt2p j spring return left g center l c r as6q-32y2p as6q-32kt2p j 2-way return g center l c r as6q-33y2p as6q-33kt2pd rectangular selector rectangular keylock 2-position 90o maintained l r as6h-2y2p as6h-2kt2p j spring return right l r as6h-21y2p as6h-21kt2pb 3-position 45o maintained l c r as6h-3y2p as6h-3kt2p j spring return right g center l c r as6h-31y2p as6h-31kt2p j spring return left g center l c r as6h-32y2p as6h-32kt2p j 2-way return g center l c r as6h-33y2p as6h-33kt2pd 1. all models are ip65 and dpdt. 2. in place of j , specify key retention code. see table on right. 3. available as assembled units only. 4. for accessories, see page 466. 5. for dimensions, see page 468. contact operations (for all selectors) contents operator position & contact operation 2-pos. (dpdt) left left contact no c nc right contact no c nc right no c nc no c nc left contact right contact 3-pos. (dpdt) left no c nc no c nc left contact right contact center left contact no c nc right contact no c nc right no c nc no c nc left contact right contact j key retention codes code description a key not retained in any position (removable in all positions) b key retained in right position only c key retained in left position only d key retained in left and right (3 position only) e key retained in center only (3 position only) g key retained right and center (3 position only) h key retained left and center (3 position only) key cannot be removed in a spring return position. contact operations (for all selectors) contents operator position & contact operation 2-pos. (dpdt) left left contact no c nc right contact no c nc right no c nc no c nc left contact right contact 3-pos. (dpdt) left no c nc no c nc left contact right contact center left contact no c nc right contact no c nc right no c nc no c nc left contact right contact j key retention codes code description a key not retained in any position (removable in all positions) b key retained in right position only c key retained in left position only d key retained in left and right (3 position only) e key retained in center only (3 position only) g key retained right and center (3 position only) h key retained left and center (3 position only) key cannot be removed in a spring return position.
16mm a6 465 usa: 800-262-idec canada: 888-317-idec switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices switch engraving order form C a6 series copy this order form and use it to specify letter height, maximum number of lines and text to be engraved. to insure engraving accuracy, fax it to your idec representative or distributor. your company: telephone: name: fax: address: email: po: part number to be engraved: please check one of the boxes below to indicate your choice of engraving options: rectangular switch square switch round switch # of lines letter height max. characters per line # of lines letter height max. characters per line # of lines letter height max. characters per line 1 5/32 6 1 5/32 5 1 5/32 3 2 5/32 6 2 5/32 5 1/8 3 1/8 6 1/8 6 2 5/32 custom* 3 1/8 6 3 1/8 6 3 1/8 custom* 4 n/a 4 n/a 4 3/32 custom* *engraving is possible, but character size will be smaller than standard sizes. 1. engraving is done on the button itself for non-illuminated pushbuttons and on marking plate for illuminated pushbuttons and pilot lights. 2. please enter text exactly how you want it engraved, take care to emphasize capital or small letters. enter text to be engraved: line 1: line 2: line 3: line 4: sample letter sizes 1/8 letters: 5/32 letters: for idec internal use only: work order #:
16mm a6 466 www.idec.com switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices accessories appearance description used with part number locking ring wrench made of metal. used for tightening plastic locking ring during installation. tightening torque should not exceed 3kgf-cm ? 5/8 (16mm) units mt-001 ? 31/64 (12mm) ap2m units mt-002 ? 13/32 (10mm) ap1m units mt-003 lens removal tool made of metal. used for removing lens or button from the housing all pushbuttons and pilot lights mt-101 lamp holder tool made of rubber. used for removing and replacing led lamps in illuminated units all illuminated pushbuttons and pilot lights or-77 switch guard prevents inadvertent switch operation. ip40 dust-tight. 90 degrees opening maintained round/square al-k6 rectangular al-kh6 prevents inadvertent switch operation. ip65 oiltight 180 degrees opening, spring return round/square al-k6sp rectangular al-kh6sp terminal cover made of translucent nylon. fits over and shields the terminals all 5/8 (16mm) units al-v6 dust cover fits over the lens or button to provide extra protection from dust (not applicable for oversize lenses or buttons). all round units al-d6 all square units al-dq6 all rectangular units al-dh6 adaptor socket plug-on terminal adaptor with solder terminals all 5/8 (16mm) units al-c6 plug-on terminal adaptor with pcb terminals al-c6v mounting hole plug fills unused panel cutouts. made of nitrile rubber. push-in installation from front of panel. ip65 (oiltight). rubber al-b6 fills unused panel cutouts. made of aluminum. screw-on locking ring from inside of panel. ip65 (oiltight). aluminum al-bm6 round mounting hole plug plastic (applicable for ? ush mount switches only) la9z-bs6 square mounting hole plug la9z-bs7 rectangular mounting hole plug la9z-bs8 replacement led lamps led with built in current limiting resistor (with all illuminated assemblies). 5v dc latd-5 k 6v ac/dc latd-6 k 12v ac/dc latd-1 k 24v ac/dc latd-2 k replacement locking ring fastens operators to panel (included with all operators). all switches & pilot lights ha9z-ln anti-rotation ring prevents rotation of switches in panel (included with all operators). all switches & pilot lights al6-lp replacement engraving inserts engraving plates to allow legends underneath translucent lenses (included with all lenses). round standard al6m-w square standard al6q-w rectangular standard al6h-w round oversize al6m-mw square/rectangular oversize al6q-qw replacement keys pair of keys (#132). all key switches use same standard key. all key selectors as6-sk 1. in place of k specify color code. a=amber, g=green, y=yellow, r=red, s=blue, w=warm white, jw=cool white. 2. leds include built-in current limiting resistor and reverse polarity protection diode.
16mm a6 467 usa: 800-262-idec canada: 888-317-idec switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices appearance description used with part number flush bezel ?24mm round, metal (aluminum color), panel cut-out ?20.2mm pushbuttons, pilot lights, illuminated pushbutton, selector switches, key selector switches and illuminated selec- tor switches. a6 switch + flush bezel = flush switch la9z-sm61 ?24mm round, plastic (black), square panel cut-out ?20.2mm la9z-s61b 24mm square, plastic (black), panel cut-out 20.2 x 20.2mm la9z-s71b 24 x 30mm rectangular, plastic (black), rectangular panel cut-out ?20.2 x 26.2mm la9z-s81b switch guard w/ flush bezel (spring return) rectangular, plastic (black) la9z-ks8 schematics a series: 5/8 (16mm) terminal arrangement (top view) illuminated pushbuttons non-illuminated pushbuttons and selector switches pilot lights nc1 no1 c1 lamp terminal (+) lamp terminal (? (top) nc1 no1 c1 nc2 no2 c2 lamp terminal (+) lamp terminal (? (top) nc1 no1 c1 (top) nc1 no1 c1 nc2 no2 c2 (top) lamp terminal (+) lamp terminal (?) (top) spdt contact (single-pole/double throw) dpdt contact (double-pole/double throw) spdt contact (single-pole/double throw) dpdt contact (double-pole/double throw) idecs superbright led internal circuits latd-1,-2,-6 (gs) latd-5 (arwy) led chip protective diode zener diode latd-1,-2,-6 (arwy) latd-5 (gs)
16mm a6 468 www.idec.com switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices dimensions (mm) pushbuttons, ? 5/8 (16mm) anti-rotation ring rubber gasket locking ring ?8 ( top ) rectangular round ( top ) square ( top ) terminal width 2.8 0.5t 5.7 9 18 24 18 1 0.6 8229 panel thickness 0.5 to 6 2.5 3 5 5 oversize lens anti-rotation ring locking ring rubber gasket teminal width 2.8 0.5t round ( top ) rectangular ( top ) square ( top ) 2.5 3 5 5 6 6 1 0.6 9 8 22 15.5 panel thickness 0.5 to 6 23.5 17.5 0.6 9 15.5 c 23.5 ?23.5 0.6 12.5 selector switches, ? 5/8 (16mm) terminal width 2.8 0.5t anti-rotation ring rubber gasket locking ring rectangular ( top ) round ( top ) square ( top ) 2.5 3 5 5 panel thickness 0.5 to 6 1 8 22 15.5 24 18 c 18 8 ?18 key selector switches, ? 5/8 (16mm) left contact right contact top 3 2.5 anti-rotation ring rubber gasket locking ring terminal width 2.8 0.5t c n c n o 2.5 3 5 5 panel thickness 0.5 to 6 1 822 26 ( top ) round square ( top ) rectangular ( top ) 24 18 18 ?18
16mm a6 469 usa: 800-262-idec canada: 888-317-idec switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices switch guard, ? 5/8 (16mm) rubber gasket ( 90 /110 opening type) ( 180 opening type) (45.5 minimum for 180 opening type) (45.5 minimum for 180 opening type) rubber gasket 34 33 14 28 32 panel thickness 0.5 to 5 panel thickness 0.5 to 5 r22 14 28 24 10.5 13 23.5 26.5 minimum 26.5 minimum 25 minimum 13 10.5 23.5 19 minimum 18 panel thickness 0.5 to 5 rubber gasket waterproof gasket for switch guard 34 33 14 28 r22 24 10.5 13 23.5 45.5 min. 25 min. 13 10.5 23.5 19 min. 45.5 min. 18 0.4 flush bezel flush bezel with switch round 21.4 20 24 18 ?8 ?4 ?1.4 24 30 18 24 14.8 ?8 ?4 21.4 0.9 27.4 23 0.8 9.8 26 20 20 22.6 2 8.5 2 8.5 2 9.3 mounting bracket gasket flush bezel metal plastic 29 8 1 panel thickness 0.5 to 5 2 square selector switches illuminated & non-illuminated 2 8.5 key 2 18.1 lever 2 17 rectangular flush bezel mounting hole layout round square rectangular 24 min. ? 24 min. ? 24 min. ? 24 min. ? - 0.1 +0.2 20.2 24 min. ? 30 min. ? 20.2 0.1 +0.2 ?0.2 0.1 +0.2 26.2 0.1 +0.2
16mm a6 470 www.idec.com switches & pilot lights display lights relays & sockets timers terminal blocks circuit breakers switches & pilot devices terminal sockets pc board terminal type ( al-c6v ) lamp terminal (+) lamp terminal ( ? ) ( top ) 8-1.6 holes terminal 1.50.3t nc1 nc2 no1 no2 c1 c2 0 +0.3 16.2 3.8 33.5 66 5 5 3 2.5 solder terminal type ( al-c6 ) 2.5 3 66 5 5 2.4 16.2 7.5 33.5 top pc board mounting hole layout (bottom view) terminal arrangement (bottom view) dust covers panel cut-outs for units w/dust cover al-d6, round al-dq6, square al-dh6, rectangular round/square rectangular ?24 7.5 0.3 13 waterproof gasket for dust cover 7.5 0.3 13 c 24 waterproof gasket for dust cover 7.5 0.3 13 30 24 waterproof gasket for dust cover ?16.2 0 +0.2 24 min. 24 min. ?16.2 0 +0.2 30 min. 24 min. marking plates pushbuttons with standard size lens style roundal6m-w squareal6q-w rectangularal6h-w dimensions ?d ? marking area 0.8 c a 0.8 engraving area ?d a 2 a 1 0.8 engraving area od 1 od 2 ? 5/8 (16mm) outside (od) (13.8mm) (13.8mm) (od 1 x od 2 ) 13.8 x 19.8mm marking area (a) (12mm) (12mm) (a 1 xa 2 ) 12 x 18mm engraving must be made on the engraving area within 0.02 (0.5mm) deep. pushbuttons with oversize lens style roundal6m-mw square/rectangularal6q-qw dimensions ?d ? marking area marking area ? a ? od outside (od) ? 0.491 (12.6mm) 0.491 (12.6mm) marking area (a) ? 0.429 (11mm) 0.429 (11mm) replacing & and marking plate removal remove the lens holder assembly (lens, marking plate and holder) from the opera- tor by holding the color lens recesses with the lens removal tool (part no.mt-101) and pulling out. remove marking plate by pushing the color lens from the rear to disengage the latches. marking plate must be engraved on the side as shown in the ? gure on the right. fitting grooves grooves engraving surface color lens marking plate lens holder ? 5/8 (16mm) installation for illuminated pushbuttons: 1. insert marking plate inside lens in correct direction 2. press color lens on to lens holder to engage latches. 3. insert lens holder into housing in correct direction. do not loosen spring on illuminated pushbutton units (except on pilot light units). the marking plate must be engraved on the front side as shown above.


▲Up To Search▲   

 
Price & Availability of AB6H-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X