Part Number Hot Search : 
TSH690ID CED6060R S29153 TC144E M51996 LBT16028 AK4950EN LTM9004
Product Description
Full Text Search
 

To Download A6N64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec-00260 g type 1 hinged-cover type 1 boxes, e n c losures and acc essories equipment protection solutions subject to change without notice con t ra ct or 1 spec-00260 g 763.422.2211 763.422.2600 con t ra ct or type 1 hinged-cover type 1 boxes, e n c losures and acc essories small, type 1 i n dust ry st an d ar ds ul 50, 50e listed; type 1; file no. e27567 cul listed per csa c22.2 no 40; type 1; file no. e27567 nema/eemac type 1 csa, file 42184: type 1 iec 60529, ip30 appl ic a ti on these enclosures have a size range of 6 x 6 x 4-in. to 14 x 12 x 8-in. and meet basic functionality requirements for applications that do not require oil- or dust-tight enclosures. f ea tu re s ? flush slotted latch operated with a screwdriver; optional latches available ? weldnuts provided for mounting optional panels ? butt hinges ? mounting holes on back of enclosure s pe cific a ti on s ? 16 gauge steel fi n ish ansi 61 gray polyester powder paint finish inside and out over pretreated surfaces. optional solid panels are white and optional perforated panels are gray. a cc e ss or i e s see also accessories. t-handle latch and keyed cylinder lock kits grounding device panels for type 1 enclosures and small type 3r enclosures t-handle latch and keyed cylinder lock kits touch-up paint steel and stainless steel window kits bulletin: a1sm standard product ? catalog number axbxc in./mm panel perforated panel panel size d x e in./mm A6N64 6.00 x 6.00 x 4.00 152 x 152 x 102 a6n6p a6n6pp 4.25 x 4.25 108 x 108 a8n64 8.00 x 6.00 x 4.00 203 x 152 x 102 a8n6p a8n6pp 6.25 x 4.25 159 x 108 a8n84 8.00 x 8.00 x 4.00 203 x 203 x 102 a8n8p a8n8pp 6.25 x 6.25 159 x 159 a10n84 10.00 x 8.00 x 4.00 254 x 203 x 102 a10n8p a10n8pp 8.25 x 6.25 210 x 159 a10n104 10.00 x 10.00 x 4.00 254 x 254 x 102 a10n10p a10n10pp 8.25 x 8.25 210 x 210 a12n104 12.00 x 10.00 x 4.00 305 x 254 x 102 a12n10p a12n10pp 10.25 x 8.25 260 x 210 a12n124 12.00 x 12.00 x 4.00 305 x 305 x 102 a12n12p a12n12pp 10.25 x 10.25 260 x 260 a14n124 14.00 x 12.00 x 4.00 356 x 305 x 102 a14n12p a14n12pp 12.25 x 10.25 311 x 260 a8n66 8.00 x 6.00 x 6.00 203 x 152 x 152 a8n6p a8n6pp 6.25 x 4.25 159 x 108 a8n86 8.00 x 8.00 x 6.00 203 x 203 x 152 a8n8p a8n8pp 6.25 x 6.25 159 x 159 a10n86 10.00 x 8.00 x 6.00 254 x 203 x 152 a10n8p a10n8pp 8.25 x 6.25 210 x 159 a10n106 10.00 x 10.00 x 6.00 254 x 254 x 152 a10n10p a10n10pp 8.25 x 8.25 210 x 210 a12n106 12.00 x 10.00 x 6.00 305 x 254 x 152 a12n10p a12n10pp 10.25 x 8.25 260 x 210 a12n126 12.00 x 12.00 x 6.00 305 x 305 x 152 a12n12p a12n12pp 10.25 x 10.25 260 x 260 a14n126 14.00 x 12.00 x 6.00 356 x 305 x 152 a14n12p a14n12pp 12.25 x 10.25 311 x 260 a16n126 16.00 x 12.00 x 6.00 406 x 305 x 152 a16n12p a16n12pp 14.25 x 10.25 362 x 260 a20n126 20.00 x 12.00 x 6.00 508 x 305 x 152 a20n12p a20n12pp 18.25 x 10.25 464 x 260 a12n128 12.00 x 12.00 x 8.00 305 x 305 x 203 a12n12p a12n12pp 10.25 x 10.25 260 x 260 a14n128 14.00 x 12.00 x 8.00 356 x 305 x 203 a14n12p a14n12pp 12.25 x 10.25 311 x 260 purchase panels separately.
spec-00260 g type 1 hinged-cover type 1 boxes, e n c losures and acc essories ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions con t ra ct or 2


▲Up To Search▲   

 
Price & Availability of A6N64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X