Part Number Hot Search : 
29LV160 DHM185AA ES110 B5NC90Z RT9229 MMSZ523 A26K1V1 4431C
Product Description
Full Text Search
 

To Download A1210E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet panel mount series 1 120 vac ? ratings from 10a to 40a @ 24-140 vac ? scr output for heavy industrial loads ? zero turn-on or instantaneous turn-on outputs ? ul/csa/vde approved, ce compliant to en60950-1 ? improved sems screw and washer ? redesigned housing with anti-rotation barriers for generation 3 datasheet click here ? ac or dc control ? direct bond copper substrate ? emc compliant to level 3 ? direct power lead frame ? epoxy free design product selection control voltage 10a 25a 40a 3-32 vdc d1210 d1225 d1240 90-280 vac a1210 a1225 a1240 18-36 vac A1210E a1225e a1240e available options required for valid part number for options only and not required for valid part number control voltage a: 90-280 vac d: 3-32 vdc axxxxe: 18-36 vac rated load current 10: 10 amps 25: 25 amps 40: 40 amps operating voltage 12: 24-140 vac output frecuency blank: 47-440 hz 4: 400 hz overvoltage protection blank: not included p: included (8) input status led blank: not included g: included termination blank: screw f: quick connect (7) k: round standoffs 10 e a 4 p g thermal pad blank: not included h: included 12 k h snubber blank: not included s: included s switching type blank: zero voltage turn-on -10: instantaneous turn-on (9) -10 output specifications (1) description 10a 25a 40a operating voltage (47-440hz) [vrms] (2) 24-140 24-140 24-140 transient overvoltage [vpk] 600 600 600 maximum off-state leakage current @ rated voltage [marms] (3) 1 1 1 minimum off-state dv/dt @ maximum rated voltage [v/sec] 500 500 500 maximum load current [arms] (4) 10 25 40 minimum load current [marms] 150 150 150 maximum 1 cycle surge current (50/60hz) [apk] 115/120 239/250 597/625 maximum on-state voltage drop @ rated current [vrms] 1.15 1.15 1.15 thermal resistance junction to case (rjc) [c/w] 1.03 0.8 0.5 maximum 1/2 cycle i2 t for fusing (50/60hz) [a2 sec] 66/60 285/259 1770/1629 minimum power factor (at maximum load) 0.5 0.5 0.5 input specifications (1) description d12xx a12xx a12xxe control voltage range 3-32 vdc 90-280 vrms 18-36 vrms maximum reverse voltage -32 - - minimum turn-on voltage 3.0 vdc (5) 90 vrms 18 vrms minimum turn-off voltage 1.0 vdc 10 vrms 4 vrms minimum input current [ma] 7 5 16 maximum input current [ma] 12 10 20 nominal input impedance [ohms] current regulated maximum turn-on time [msec] 1/2 cycle (6) 20 20 maximum turn-off time [msec] 1/2 cycle 30 30 do not forget to visit us at: www.crydom.com copyright ? 2013 crydom inc. specifications subject to change without notice.
datasheet panel mount general specifications (1) description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 vdc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 2.6 oz (74.9g) housing material ul 94 v-0 baseplate material aluminum input terminal screw torque range (in-lbs/nm) 13-15 /1.5-1.7 load terminal screw torque range (in-lbs/nm) 18-20 / 2.0-2.2 ssr mounting screw torque range (in-lbs/nm) 18-20 / 2.0-2.2 humidity 85% non-condensing led input status indicator w/?g? option (green) wiring diagram 1 4 2 3 s oli d s t a t e r ela y output input load (13) v 4 (? / ) 3 (+ / ) 1 ( ) 2 ( ) ac recommended wire sizes terminals wire size (solid / stranded) wire pull-out strength (lbs)[n] input output 24 awg (0.2 mm 2 ) / 0.2 [minimum] 2 x 12 awg (3.3 mm 2 ) / 3.3 [maximum] 20 awg (0.5 mm 2 ) / 0.518 [minimum] 2 x 10 awg (5.3 mm 2 ) / 5.3 2 x 8 awg (8.4 mm 2 ) / 8.4 [maximum] 10 [44.5] 90 [400] 30 [133] 110 [490] 90 [400] input current vs input voltage standard regulated ?dc? inputs input current (ma) 25 20 15 10 5 0 0 5 10 15 20 25 30 dc input voltage equivalent circuit block diagrams ac ac ac trigger circuit current limiter ac 3 4 2 1 ac/dc converter (10) (11) (12) diagram: series 1 ac control +dc - dc ac trigger circuit current limiter ac 3 4 2 1 (10) (11) (12) diagram: series 1 dc control do not forget to visit us at: www.crydom.com copyright ? 2013 crydom inc. specifications subject to change without notice.
datasheet panel mount mechanical specifications (1) screw termination 1 output 2 s oli d s t a t e r ela y 4 input 3 1.1 [27.9] 0.49 [12.4] mounting hole/slot 0.18 [4.5] dia. 0.89 [22.6] 1.88 [47.6] 1.7 [43.2] 2.25 [57.3] 1.0 [25.4] 1.75 [44.5] mounting hole/slot r 0.09 [2.2] 0.92 [23.3] round standoff termination (?k? option) 1 output 2 s oli d s t a t e r ela y 4 input 3 1.1 [27.9] 0.49 [12.4] mounting hole/slot 0.18 [4.5] dia. 1.08 [27.5] 1.88 [47.6] 1.7 [43.2] 2.25 [57.3] 1.0 [25.4] 1.75 [44.5] mounting hole/slot r 0.09 [2.2] 0.89 [22.6] quick connect termination (?f? option) - up to 25 amp (7) 1 output 2 s oli d s t a t e r ela y 4 input 3 mounting hole/slot 0.18 [4.5] dia. 1.1 [27.9] 0.49 [12.4] 8-32 output screw (2 places) faston terminal 0.25 x 0.032 (2 places) 1.31 [33.4] 1.88 [47.6] 1.7 [43.2] 2.25 [57.3] mounting hole/slot r 0.09 [2.2] 1.0 [25.4] 1.75 [44.5] 6-32 input screw (2 places) faston terminal 0.187 x 0.032 (2 places) 0.89 [22.6] 1.25 [31.8] quick connect termination (?f? option) - up to 50 amp (7) 1 4 2 3 s oli d s t a t e r ela y output input mounting hole/slot 0.18 [4.5] dia. 1.1 [27.9] 0.49 [12.4] 8-32 output screw (2 places) faston terminal 0.25 x 0.032 (4 places) 1.31 [33.4] 1.88 [47.6] 1.7 [43.2] 2.25 [57.3] mounting hole/slot r 0.09 [2.2] 1.0 [25.4] 1.75 [44.5] 6-32 input screw (2 places) faston terminal 0.187 x 0.032 (2 places) 0.89 [22.6] 1.25 [31.8] general notes (1) all parameters at 25c unless otherwise speci?ed. (2) for ?s? option, operating voltage frequency is 47-63hz. (3) for parts with option ?s? maximum leakage current is 10ma. (4) heat sinking required, see derating curves. (5) increase minimum voltage by 1v for operations from -20 to -40c. (6) turn-on time for instantaneous turn-on versions is 0.02 msec (dc control models). (7) single pair (up to 25a) double pair* (50a model only). *caution: user must connect to both pairs. (8) output will self trigger between 450-600vpk, not suitable for capacitive loads. (9) instantaneous turn-on version is not recomended for capacitive loads. use zero turn-on only. (10) elective input status led, ?g? option. (11) elective overvoltage protection, ?p? option. (12) elective internal snubber, ?s? option. (13) load can be wired to either ssr output terminal 1 or 2. do not forget to visit us at: www.crydom.com copyright ? 2013 crydom inc. specifications subject to change without notice.
datasheet panel mount surge current information 0 20 40 60 80 10 0 12 0 0.0 1 0.1 1 10 surge current ( a mp) surge duration ( s ecs) 1 0 a 0 50 100 150 200 250 0.0 1 0.1 1 10 surge current ( a mp) surge duration ( s ecs) 25 a 0 100 200 300 400 500 600 0.0 1 0.1 1 10 surge current ( a mp) surge duration ( s ecs) 40 a non repetitive peak surge current at tj initial 40oc. thermal derate information 10 8 6 4 2 20 30 40 50 60 70 80 0 ambient temperature (oc) load current (amps) 10 a 3oc/w 5oc/w no heatsink 25 20 15 10 5 20 30 40 50 60 70 80 0 ambient temperature (oc) load current (amps) 25 a 1.5oc/w 2oc/w 3oc/w 40 30 20 10 20 30 40 50 60 70 80 0 ambient temperature (oc) load current (amps) 40 a 1oc/w 1.5oc/w 2oc/w 3.5oc/w do not forget to visit us at: www.crydom.com copyright ? 2013 crydom inc. specifications subject to change without notice.
datasheet panel mount agency ap provals en60950 : meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7: designed in accordance with the requirements of iec 62314 iec 61000-4-2 : electrostatic discharge ? level 3 iec 61000-4-4 : electrically fast transients ? level 3 iec 61000-4-5 : electrical surges ? level 3 iec 60068-2-6 : vibration 0.33mm and 0.75 mm amplitude over 10-55 hz iec 60068-2-27 : shock resistance 15g/11ms e116949 lr81689 10143 ug (not applicable: -b and 4d) acc e s o r i e s new accessories! protective cover & hardware kits protective cover part number: ks101 clear plastic cover compatible with all new s1 designs. safety covers provide added protection from electric shock when installing or checking equipment. hardware kit part number: hk3 bag with 2 threaded standoffs, 2 screws 8-32 x 1/4, and 2 lockwashers m8 for output, and 2 threaded standoffs, 2 screws 6-32 x 3/16, and 2 lockwashers m6 for input. standoff screws provide additional mounting options such as "dead bug" mounting, using lug terminals or wire terminals to the side of the relay. hardware kit part number: hk4 bag with 2 square brass accessories and 2 screw 8-32 x 5/8 for output. used to mount tmr1 lug terminals. recommended accessories cover hardware kit heat sink part no. thermal resistance [oc/w] lug terminal thermal pad ks101 hk1 hk3 hk4 hs501dr hs301 / hs301dr hs251 hs201 / hs201dr hs172 hs151 / hs151dr hs103 / hs103dr hs072 hs053 5.0 3.0 2.5 2.0 1.7 1.5 1.0 0.7 0.5 trm1 trm6 hsp-1 hsp-2 rev. 081913 do not forget to visit us at: www.crydom.com copyright ? 2013 crydom inc. specifications subject to change without notice.
datasheet panel mount danger / peligro / danger /gefahr / pericolo / h a z a r d o f e l e ct ric s ho ck, e x p l o s io n, o r a r c flash. ? di s c o n n e c t a l l p o w e r b e f o r e i n s ta l l i n g o r wo r k i n g w i t h th i s equipment. ? v e r i f y a l l c o n n e c ti o n s a n d r e p l a c e a l l c o v e r s b e f o r e tu r n i n g o n p o w e r . f a ilu r e t o f o llo w t h e s e in s t r u c t io n s w ill r e s u lt in d e a t h o r s e r io u s in ju r y . rie s g o de de s c a rg a e l e ct ric a o e x p l o s io n. ? de s c o n e c ta r to d o s l o s s u m i n i s tr o s d e e n e r g i a a e s te e q u i p o a n t e s d e tr a b a j a r c o n e s te equipo. ? v e r i f i c a r to d a s l a s conexiones y colocar todas l a s ta p a s antes d e energizer el e q u i p o . e l in c u m p lim ie n t o d e e s t a s in s t r u c c io n e s p u e d e p r o v o c a r la m u e r t e o le s io n e s s e r ia s . ris q u e de de s ch a rg e e l e ct riq ue o u explosion ? e te i n d r e to u te s l e s s o u r c e s d ' n e r g i e d e c e t a p p a r e i l a v a n t d e tr a v a i l l e r d e s s u s d e c e t a p p a r e i l ? vrifier tous connections, et remettre tous couverts en olace avant de mettre sous de n o n-s u iv i d e c e s in s t r u c t io n s p r o v o q u e r a la m o r t o u d e s l s io n s srieuses s r i e u s e s. g e f a hr e in e s e l e kt ris ch e n s chl a g e s o de r e ine r e x p l o s io n. ? s te l l e n s i e j e g l i c h e n s tr o m a b , d e r d i e s e s g e r ? t v e r s o r g t, bevor s i e a n dem g e r ? t arbeiten d u r c h f h r e n ? v o r d e m dr e h e n a u f e n e r g i e a l l e a n s c h l s s e b e r p r f e n u n d a l l e a b d e c k u n g e n e r s e t z e n. un t e r la s s u n g d ie s e r a n w e i s u n g e n k ? n n e n z u m t o d e o d e r z u s c h w e r e n v e r le t z u n g e n f h r e n. ris chio di s co s s a e l e t t ric a o de l l ?e s p l o s i o ne . ? s p e n g a tu tt a l ' a l i m e n ta z i o n e c h e f o r n i s c e q u e s ta a p p a r e c c h i a t u r a p r i m a d e l l a v o r a r e a questa a p p a r e c c h i a t u ra ? v e r i f i c a r e t u tti i c o l l e g a m e n ti e s o s ti tu i r e tu tte l e coperture p r i m a d e l l a r o ta z i o n e s u l l ' a l i m e n ta z i one l ' o m is s io n e d i s e g u ir e q u e s t e is t r u z io n i p r o v o c h e r l a m o r t e o d i le s io n i s e r i e ? ? ? ? ? ?? ??? ? ??? ? warning / avertissement / warnung /advertencia / avvertenza / / risk of material damage and hot enclosure ? the product's side panels may be hot, allow the product to cool before touching. ? follow proper mounting instructions including torque values. ? do not allow liquids or foreign objects to enter this product. failure to follow these instructions can result in serious injury, or equipment damage. risque de dommage materiel et de surchauffe du boitier ? les panneaux latraux du produit peuvent tre chauds. laisser le produit refroidir avant de le toucher. ? respecter les consignes de montage, et notamment les couples de serrage. ? ne pas laisser pntrer de liquide ni de corps trangers l'intrieur du produit. le non-respect de cette directive peut entra?ner, des lsions corporelles graves ou des dommages matriels. die nichtbeachtung dieser anweisung kann k?rperverletzung oder materialsch?den zur folge haben. gefahr von materialsch?den und geh?useerhitzung ? die seitenw?nde k?nnen hei? sein. lassen sie das produkt abkhlen, bevor sie es berhren. ? beachten sie die montageanweisungen, ? fhren sie keine flssigkeiten oder fremdk?rper in das produkt ein. si no se respetan estas precauciones pueden producirse graves lesiones, da?os materiales. riesgo de da?os materiales y de sobrecalentamiento de la unidad ? los paneles laterales del producto pueden estar calientes. esperar que el producto se enfre antes de tocarlo. ? respetar las instrucciones de montaje, y en particular los pares de apretado. ? no dejar que penetren lquidos o cuerpos extra?os en el producto. la mancata osservanza di questa precauzione pu causare gravi rischi per l'incolumit personale o danni alle apparecchiature. rischio di danni materiali e d'involucro caldo ? i pannelli laterali dell'apparecchio poss ono scottare; lasciar quindi raffreddare il prodotto prima di toccarlo. ? seguire le istruzioni di montaggio corrette. ? non far entrare liquidi o oggetti estranei in questo apparecchio. ??? ??? ???? ? ?????? ? ? ?????? ? ??? do not forget to visit us at: www.crydom.com copyright ? 2013 crydom inc. specifications subject to change without notice.
datasheet panel mount annex - e n v i romental information the environmental information disclosed in this annex including the eip pollution logo are in compliance w i th people?s republic of china electronic industr y standard sj/t11364 ? 2006, marking for c ontrol of pollution caused by electronic information products. part name toxic or hazardous substance and elements lead mercury cadmium hexavalent polybrominated polybrominated (pb) (hg) (cd) chromium (cr (vi)) biphenyls (pbb) diphenyl ethers (pbde) semiconductor die solder ?q ? n?q ?s u ?0? ? ?ms ????? |
? ?s0?<s4+5 0? ? ? e?s m1 pb ??? ? ? (pb) (hg) (cd) (cr (vi)) (pbb) (pbde) ?? ? 50 do not forget to visit us at: www.crydom.com copyright ? 2013 crydom inc. specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of A1210E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X