Part Number Hot Search : 
C1608C0G SA120 TIP140 KBPC1002 HMT112U 222841 ML145405 MSB31DH
Product Description
Full Text Search
 

To Download A12106PHCW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec-00214 e polyester polypro?, t yp e 4x equipment protection solutions subject to change without notice no n -metallic 1 spec-00214 e 763.422.2211 763.422.2600 no n -metallic polyester p oly p ro ?, t y p e 4x p oly p ro ?, t y p e 4x tm i ndu stry sta nd ar d s mounting brackets required to meet ul/csa external mounting requirements. ul 508a listed; type 4, 4x, 12, 13; file no. e61997 cul listed per csa c22.2 no 94; type 4, 4x, 12, 13; file no. e61997 enclosure flammability evaluated per ul 508a window flammability evaluated per ul 508a nema/eemac type 4, 4x, 12, 13 csa file no. 42186; type 4, 4x, 12, 13 (solid covers only) iec 60529, ip66 a pp licatio n polypro? polyester enclosures perform exceptionally well in applications where harsh chemicals, weather extremes and corrosive environments demand toughness from a lightweight enclosure. providing excellent ultraviolet protection and a tight environmental seal, these versatile, feature-rich enclosures are also recyclable. s p eci f icatio n s ? non-glass-filled polyester material offers superior uv resistance; eliminates fiberbloom associated with fiberglass ? provides excellent chemical resistance to a broad range of solvents, alkalis and acids ? resists cracking and provides excellent impact resistance ? lighter-weight than fiberglass ? recyclable ? easy, dustless in-field modifications using standard tools ? overlapping tongue-and-groove raised cover and gasket provide a secure type 4x seal ? removable snap-hinge cover allows for easy access to cover and body for modifications ? molded layout grid on inside of body and solid covers assists with component mounting ? molded-in embosses for rear panel mounting ? optional cover screws included with all models ? internal rail system and adjustable panel blocks allow for panel height adjustment and installation of multiple panels ? scratch-resistant polycarbonate windows ? standard models include body and cover, two mounting feet, two latch assemblies with optional cover screws and hardware (adjustable panel blocks and panels sold separately) f i n is h ral 7035 light-gray textured finish inside and out accessories see also accessories. adjustable panel block kit panels for junction boxes hol-sealers tm non-metallic hole seals aluminum swing-out panels stainless steel latches (padlockable) hinge retainers m o d i f icatio n a nd c u sto m i z atio n hoffman excels at modifying and customizing products to your specifications. contact your local hoffman sales office or distributor for complete information. bulletin: pc r
spec-00214 e polyester polypro?, t yp e 4x ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions no n -metallic 2 standard product ? catalog number axbxc in./mm cover type steel panel aluminum panel panel size d x e in./mm f in./mm g in./mm h in./mm j in./mm l in./mm m in./mm n in./mm w in./mm a644phc 6.12 x 4.12 x 4.38 155 x 105 x 111 solid a6p4 a6p4al 4.88 x 2.88 124 x 73 4.32 110 7.38 187 2.56 65 3.91 99 8.15 207 5.23 133 a644phcw 6.12 x 4.12 x 4.38 155 x 105 x 111 window a6p4 a6p4al 4.88 x 2.88 124 x 73 4.32 110 7.38 187 2.56 65 3.91 99 8.15 207 4.25 108 2.25 57 5.23 133 a664phc 6.12 x 6.12 x 4.38 155 x 155 x 111 solid a6p6 a6p6al 4.88 x 4.88 124 x 124 4.32 110 7.38 187 4.56 116 3.91 99 8.15 207 7.23 184 a664phcw 6.12 x 6.12 x 4.38 155 x 155 x 111 window a6p6 a6p6al 4.88 x 4.88 124 x 124 4.32 110 7.38 187 4.56 116 3.91 99 8.15 207 4.25 108 4.25 108 7.23 184 a864phc 8.12 x 6.12 x 4.38 206 x 155 x 111 solid a8p6 a8p6al 6.75 x 4.88 171 x 124 4.32 110 9.38 238 4.56 116 3.91 99 10.15 258 7.23 184 a864phcw 8.12 x 6.12 x 4.38 206 x 155 x 111 window a8p6 a8p6al 6.75 x 4.88 171 x 124 4.32 110 9.38 238 4.56 116 3.91 99 10.15 258 6.25 159 4.25 108 7.23 184 a884phc 8.12 x 8.12 x 4.38 206 x 206 x 111 solid a8p8 a8p8al 6.75 x 6.88 171 x 175 4.32 110 9.38 238 6.56 167 3.91 99 10.15 258 9.23 234 a884phcw 8.12 x 8.12 x 4.38 206 x 206 x 111 window a8p8 a8p8al 6.75 x 6.88 171 x 175 4.32 110 9.38 238 6.56 167 3.91 99 10.15 258 6.25 159 6.25 159 9.23 234 a1084phc 10.12 x 8.12 x 4.38 257 x 155 x 111 solid a10p8 a10p8al 8.75 x 6.88 222 x 175 4.32 110 11.38 289 6.56 167 3.91 99 12.15 309 9.23 234 a1084phcw 10.12 x 8.12 x 4.38 257 x 155 x 111 window a10p8 a10p8al 8.75 x 6.88 222 x 175 4.32 110 11.38 289 6.56 167 3.91 99 12.15 309 8.25 210 6.25 159 9.23 234 a10106phc 10.04 x 10.04 x 6.38 255 x 255 x 162 solid a10p10 a10p10al 8.75 x 8.88 222 x 226 6.32 161 11.31 287 8.56 217 5.91 150 12.08 307 11.23 285 a10106phcw 10.04 x 10.04 x 6.38 255 x 255 x 162 window a10p10 a10p10al 8.75 x 8.88 222 x 226 6.32 161 11.31 287 8.56 217 5.91 150 12.08 307 8.25 210 8.25 210 11.23 285 a12106phc 12.08 x 10.09 x 6.38 307 x 256 x 162 solid a12p10 a12p10al 10.75 x 8.88 273 x 226 6.32 161 13.34 339 8.56 217 5.91 150 14.08 358 11.23 285 A12106PHCW 12.08 x 10.09 x 6.38 307 x 256 x 162 window a12p10 a12p10al 10.75 x 8.88 273 x 226 6.32 161 13.34 339 8.56 217 5.91 150 14.08 358 10.25 260 8.25 210 11.23 285 a14128phc 14.02 x 12.01 x 8.35 356 x 305 x 212 solid a14p12 a14p12al 12.75 x 10.88 324 x 276 8.27 210 15.27 388 10.56 268 7.91 201 16.04 407 13.32 338 a14128phcw 14.02 x 12.01 x 8.35 356 x 305 x 212 window a14p12 a14p12al 12.75 x 10.88 324 x 276 8.27 210 15.27 388 10.56 268 7.91 201 16.04 407 12.25 311 10.25 260 13.32 338 a16148phc 16.02 x 14.01 x 8.35 407 x 356 x 212 solid a16p14 a16p14al 14.75 x 12.88 375 x 327 8.27 210 17.27 439 12.56 319 7.91 201 18.04 458 15.32 389 a16148phcw 16.02 x 14.01 x 8.35 407 x 356 x 212 window a16p14 a16p14al 14.75 x 12.88 375 x 327 8.27 210 17.27 439 12.56 319 7.91 201 18.04 458 14.25 362 12.25 311 15.32 389 a181610phc 17.95 x 15.94 x 10.35 456 x 405 x 263 solid a18p16 a18p16al 16.75 x 14.88 425 x 378 10.27 261 19.20 488 14.56 370 9.91 252 19.97 507 17.32 440 a181610phcw 17.95 x 15.94 x 10.35 456 x 405 x 263 window a18p16 a18p16al 16.75 x 14.88 425 x 378 10.27 261 19.20 488 14.56 370 9.91 252 19.97 507 16.25 413 14.25 362 17.32 440 purchase panels separately. panels are available in aluminum, mild steel, stainless steel, conductive and composite materials.
spec-00214 e polyester polypro?, t yp e 4x equipment protection solutions subject to change without notice no n -metallic 3 ad j u stable pa n el b lock k it panel blocks slide inside polypro internal rail system for panel height adjustment within top 5 in. of enclosure. allows for installation of multiple panels. bulletin: pc ry catalog number qty. apnlblk 4 includes allen wrench  $gmxvwdeoh sdqhoeorfn ; polyester mo un ti n g b racket k its replacement polypro mounting brackets are sold in sets of two and include hardware for mounting to enclosure. included with standard polypro models. bulletin: pc ry catalog number description (in.) qty. apolyft4 4.00 2 apolyft6 6.00 2 apolyft8 8.00 2 apolyft10 10.00 2 apolyft12 12.00 2 apolyft14 14.00 2 apolyft16 16.00 2 & /  pp  pp  a l um i num s wi n g- ou t pa n els includes four polypro adjustable panel blocks. no enclosure modification is required for installation. bulletin: pc ry ' (  catalog number d x e (in.) d x e (mm) a64pswpnl 5.00 x 3.62 127 x 92 a66pswpnl 5.00 x 5.62 127 x 143 a86pswpnl 7.00 x 5.62 178 x 143 a88pswpnl 7.00 x 7.62 178 x 194 a108pswpnl 9.00 x 7.62 229 x 194 a1010pswpnl 9.00 x 9.62 229 x 244 a1210pswpnl 11.00 x 9.62 279 x 244 a1412pswpnl 13.00 x 11.62 330 x 295 a1614pswpnl 15.00 x 13.62 381 x 346 a1816pswpnl 17.00 x 15.62 432 x 397
spec-00214 e polyester polypro?, t yp e 4x ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions no n -metallic 4 s tai n less s teel l atc h es (pa d lockable) stainless steel latches can be retrofitted on all polypro models with no modification or drilling required. hinge/latch constructed of corrosion-resistant polyester with a type 316l stainless steel bail. included with standard polypro models. bulletin: pc ry catalog number qty. aqrlss6 2 hi n ge r etai n ers hinge retainers can be field-installed without modification to polypro hinges for applications where easy cover removal is not desired. two retainers per enclosure is recommended. kit includes ten hinge retainers. bulletin: pc ry catalog number description pkg. qty. ahgclp polypro hinge retainers 10


▲Up To Search▲   

 
Price & Availability of A12106PHCW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X