grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.gr ayhill.com tact switches dimensions in inches (and millimeters) features excellent tactile feedback thru-hole and gull wing versions surface mount versions compatible with smt assembly including infrared and vapor phase ultraminiature and lightweight structure suitable for high density mounting applications used in applications such as consumer electronics, audio equipment, pcs, vcrs, cable boxes, modems, communications equipment, controls, security and alarm equipment, and test and measurement equipment. c .020 (0,50) max. .256 0.20 (6,50 0,50) .071 +0.0-0.20 (1,80 +0,0-0,50) "h" dim. .008 ("h" dim. 0,20) .010 (0,25) l .138 0.20 (3,50 0,50) .118 (3,00) .236 (6,00) l c .138 (3,50) .059 (1,50) .039 (1,00) .020 (0,51) l c p.c.b. layout 2x?.051 .002 (2x?1,30 0,05) .256 .004 (6,50 0,10) .311 0.20 (7,90 0,50) .138 (3,50) top view front view side view thru-hole .039 (1,00) .059 (1,50) .283 (7,20) .118 (3,00) 30? .035 (0,90) see ordering information .138 (3,50) .063 (1,60) .291 (7,40) .134 (3,40) gull wing .236 (6,00) l c l c l c .138 (3,50) p.c.b. layout .002 (0,05) max. .002 (0,05) max. "h" dim. .008 ("h" dim. 0,20) specifications materials base: ul94v-0 nylon thermoplastic cover: stainless steel actuator: ul94v-0 nylon thermoplastic terminal: brass with silver-plating contact: stainless steel with silver- plating electrical rating: 50ma, 12 vdc life: 50,000 cycles actuator travel: .010? + .008?/ - .004? contact resistance: 100 m ? max. insulation resistance: 100 m ? min. at 5 00vdc dielectric strength: no dielectric breakdown after 250v after one minute contact arrangement: single pole, single throw environmental operating temperature range : -25 to 70c storage temperature range: -30 to 80c mechanical shock: mil-std-202f, method 213b, test condition a. gravity: 50g (peak value), 11 msec. direction and times: 6 sides and 3 times in each direction. high reliability. vibration: mil-std-202f, method 201a. passed 6 hours (2 hours in each) of three perpendicular planes at a cycle of 10-55-10hz/minute. soldering process hand soldering: use a soldering iron of 30 watts, controlled at 350c for 5 seconds maximum while applying solder. reflow soldering (surface mount versions only) : peak temp erature 260c (500f). wave soldering: 260c (500f) max. for 5 seconds. subject to p.c.b. .063 in. (1,6mm) thickness. packaging thru-hole: 135 pcs/tube. surface mount: 135 pcs/tube, 1800 pcs/reel (.169" height), 1600 pcs/reel (.197" height). circuitry available from your local grayhill component distributor. for prices and discounts, contact a local sales office, an authorized local distributor, or grayhill. series size: 04 = 3.5mm x 6mm height (?h?): a = .169 (4,30), b = .197 (5,00) 95C04A3GWRT rohs compliant packaging: blank = tube, r = tape and reel (see pkg note) terminal style: blank = thru-hole, gw = gull wing operating force: 3 = 160g (brown), 5 = 320g (orange) ordering information unless otherise specified, dimension tolerances are 0.010. thru-hole, 160g, brown actuator gull wing, 320g, orange actuator t2 t1 series 95c 6mm x 3.5mm non-washable tactile switches tact 3
|