Part Number Hot Search : 
DMBT9015 180MW 180MW WTC4501 MPS650 161230 SS14E XKTO1
Product Description
Full Text Search
 

To Download 74AUP2G3404FW3-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74aup2g3404 document number: ds36096 rev. 4 - 2 1 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product buffer and inverter notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- an d antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. click for ordering information description the advanced ultra low power (aup ) cmos logic family is designed for low power and extended battery life in portable applications. the 74aup2g3404 has one buffer and one inverter. both gates have push-pull outputs designed for operation over a power supply range of 0.8v to 3.6v. the device is fu lly specified for partial power down applications using i off . the i off circuitry disables the output preventing damaging current backflow when the device is powered down. features ? advanced ultra low power (aup) cmos ? supply voltage range from 0.8v to 3.6v ? 4ma output drive at 3.0v ? low static power consumption ? i cc < 0.9a ? low dynamic power consumption ? c pd = 6pf typical at 3.6v ? schmitt trigger action at all i nputs make the circuit tolerant for slower input rise and fall time. the hysteresis is typically 250mv at v cc = 3.0v ? i off supports partial-power-down mode operation ? esd protection per jesd 22 ? exceeds 200-v machine model (a115) ? exceeds 2000-v human body model (a114-) ? exceeds 1000-v charged device model (c101) ? latch-up exceeds 100ma per jesd 78, class i ? leadless packages per jesd30e ? dfn1410 denoted as x2-dfn1410-6 ? dfn1010 denoted as x2-dfn1010-6 ? dfn0910 denoted as x2-dfn0910-6 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments applications ? suited for battery and low power needs ? wide array of products such as: ? pcs, networking, notebooks, netbooks, pdas ? tablet computers, e-readers ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box ? cell phones, personal navigation / gps ? mp3 players ,cameras, video recorders
74aup2g3404 document number: ds36096 rev. 4 - 2 2 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product pin descriptions pin name pin no. function 1a 1 data input gnd 2 ground 2a 3 data input 2y 4 data output v cc 5 supply voltage 1y 6 data output logic diagram 1y 1a 2y 2a 1 6 3 4 function tables input output 1a 1y h h l l input output 2a 2y h l l h
74aup2g3404 document number: ds36096 rev. 4 - 2 3 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to 4.6 v v i input voltage range -0.5 to 4.6 v v o voltage applied to output in high or low state -0.5 to v cc +0.5 v i ik input clamp current v i < 0 50 ma i ok output clamp current (v o < 0 ) -50 ma i o continuous output current (v o = 0 to v cc ) 20 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c note: 4. stresses beyond the absolute maximum may result in immediate failure or reduced reliability. these are stress values and device operation should be within recommend values. recommended operating conditions (note 5) (@t a = +25c, unless otherwise specified.) s y mbol parameter min max unit v cc operating voltage ? 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage 0 v cc v i oh high-level output current v cc = 0.8v ? -20 a v cc = 1.1v ? -1.1 ma v cc = 1.4v ? -1.7 v cc = 1.65v ? -1.9 v cc = 2.3v ? -3.1 v cc = 3.0v ? -4 i ol low-level output current v cc = 0.8v ? 20 a v cc = 1.1v ? 1.1 ma v cc = 1.4v ? 1.7 v cc = 1.65v ? 1.9 v cc = 2.3v ? 3.1 v cc = 3.0v ? 4 ? t/ ? v input transition rise or fall rate v cc = 0.8v to 3.6v ? 200 ns/v t a operating free-air temperature ? -40 +125 c note: 5. unused inputs should be held at v cc or ground.
74aup2g3404 document number: ds36096 rev. 4 - 2 4 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = +25c t a =-40 to +85c unit min max min max v ih high-level input voltage ? 0.8v to 1.65v 0.80 x v cc ? 0.80 x v cc ? v ? 1.65v to 1.95v 0.65 x v cc ? 0.65 x v cc ? ? 2.3v to 2.7v 1.6 ? 1.6 ? ? 3.0v to 3.6v 2.0 ? 2.0 ? v il low-level input voltage ? 0.8v to 1.65v ? 0.30 x v cc ? 0.30 x v cc v ? 1.65v to 1.95v ? 0.35 x v cc ? 0.35 x v cc ? 2.3v to 2.7v ? 0.7 ? 0.7 ? 3.0v to 3.6v ? 0.9 ? 0.9 v oh high-level output voltage i oh = -20 a i off power down v i or v o = 0v to 3.6v 0v ? 0.2 ? 0.6 a ? a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v ? 0.5 ? 0.9 a ? a
74aup2g3404 document number: ds36096 rev. 4 - 2 5 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product electrical characteristics (cont.) (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = -40 to 125c unit min max v ih high-level input voltage ? 0.8v to 1.65v 0.80 x v cc ? v ? 1.65v to 1.95v 0.70 x v cc ? ? 2.3v to 2.7v 1.6 ? ? 3.0v to 3.6v 2.0 ? v il low-level input voltage ? 0.8v to 1.65v ? 0.25 x v cc v ? 1.65v to 1.95v ? 0.30 x v cc ? 2.3v to 2.7v ? 0.7 ? 3.0v to 3.6v ? 0.9 v oh high-level output voltage i oh = -20 a 0.8v to 3.6v v cc ? 0.11 ? v i oh = -1.1ma 1.1v 0.6 x v cc ? i oh = -1.7ma 1.4v 0.93 ? i oh = -1.9ma 1.65v 1.17 ? i oh = -2.3ma 2.3v 1.77 ? i oh = -3.1ma 1.67 ? i oh = -2.7ma 3v 2.40 ? i oh = -4ma 2.30 ? v ol low-level input voltage i ol = 20 a 0.8v to 3.6v ? 0.11 v i ol = 1.1ma 1.1v ? 0.33 x v cc i ol = 1.7ma 1.4v ? 0.41 i ol = 1.9ma 1.65v ? 0.39 i ol = 2.3ma 2.3v ? 0.36 i ol = 3.1ma ? 0.50 i ol = 2.7ma 3v ? 0.36 i ol = 4ma ? 0.50 i i input current a or b input, v i = gnd to 3.6v 0v to 3.6v ? 0.75 a i off power down leakage current v i or v o = 0v to 3.6v 0v ? 1.0 a ? i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v ? 2.5 a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v ? 1.4 a ? i cc additional supply current input at v cc ?0.6v other input at v cc or gnd 3.3v ? 75 a operating and package characteristics t a = +25c parameter test conditions v cc typ unit c pd power dissipation capacitance f = 1mhz no load 0.8v 5.1 pf 1.2v 0.1v 5.2 1.5v 0.1v 5.2 1.8v 0.15v 5.5 2.5v 0.2v 5.7 3.3v 0.3v 6.0 c i input capacitance v i = v cc or gnd 0v or 3.3v 2.0 pf c o output capacitance v o = v cc or gnd 0v 3.5 pf
74aup2g3404 document number: ds36096 rev. 4 - 2 6 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product switching characteristics c l = 5pf see figure 1 parameter from input to output v cc t a = +25c t a = -40 to +85c t a = -40 to +125c unit min typ max min max min max t pd a y 0.8v 16.0 ns 1.2v 0.1v 2.4 5.0 10.3 2.0 11.4 2.0 12.6 1.5v 0.1v 1.8 3.6 6.4 1.6 7.4 1.6 8.2 1.8v 0.15v 1.5 2.9 5.0 1.4 5.9 1.4 6.5 2.5v 0.2v 1.2 2.4 3.9 1.1 4.5 1.1 5.0 3.3v 0.3v 1.1 2.1 3.2 1.0 3.9 1.0 4.3 c l = 10pf see figure 1 parameter from input to output v cc t a = +25c t a = -40 to +85c t a = -40 to +125c unit min typ max min max min max t pd a y 0.8v 19.8 ns 1.2v 0.1v 2.8 5.9 12.2 2.3 13.7 2.3 15.1 1.5v 0.1v 2.3 4.2 7.5 1.9 8.7 1.9 9.6 1.8v 0.15v 2.0 3.5 5.9 1.7 7.0 1.7 7.7 2.5v 0.2v 1.7 2.9 4.6 1.5 5.4 1.5 6.0 3.3v 0.3v 1.6 2.7 3.8 1.4 4.5 1.4 5.1 c l = 15pf see figure 1 parameter from input to output v cc t a = +25c t a = -40 to +85c t a = -40 to +125c unit min typ max min max min max t pd a y 0.8v 23.3 ns 1.2v 0.1v 3.2 6.7 13.0 2.6 15.8 2.6 17.4 1.5v 0.1v 2.6 4.7 8.6 2.2 10.0 2.2 11.0 1.8v 0.15v 2.3 4.0 6.7 2.0 8.0 2.0 8.8 2.5v 0.2v 2.1 3.3 5.1 1.8 6.1 1.8 6.8 3.3v 0.3v 2.0 3.1 4.2 1.6 5.0 1.6 5.5 c l = 30pf see figure 1 parameter from input to output v cc t a = +25c t a = -40 to +85c t a = -40 to +125c unit min typ max min max min max t pd a y 0.8v 33.6 ns 1.2v 0.1v 4.4 8.9 16.3 3.6 19.0 3.6 20.9 1.5v 0.1v 3.6 6.3 10.8 3.2 12.9 3.2 14.2 1.8v 0.15v 3.2 5.3 9.0 2.9 10.5 2.9 11.6 2.5v 0.2v 2.4 4.5 6.5 2.6 7.6 2.6 8.5 3.3v 0.3v 2.2 4.2 5.6 2.2 6.2 2.2 7.2
74aup2g3404 document number: ds36096 rev. 4 - 2 7 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product parameter measurement information r l c l (see note a) from output under test =1m ? v cc inputs v m c l v i t r /t f 0.8 v v cc 3ns v cc /2 5, 10, 15, 30pf 1.2v0.1v v cc 3ns v cc /2 5, 10, 15, 30pf 1.5v0.1v v cc 3ns v cc /2 5, 10, 15, 30pf 1.8v0.15v v cc 3ns v cc /2 5, 10, 15, 30pf 2.5v0.2v v cc 3ns v cc /2 5, 10, 15, 30pf 3.3v0.3v v cc 3ns v cc /2 5, 10, 15, 30pf voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs figure 1 load circuit and voltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz. c. inputs are measured separatel y one transition per measurement. d. t plh and t phl are the same as t pd.
74aup2g3404 document number: ds36096 rev. 4 - 2 8 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product ordering information device package code packaging (note 7) 7? tape and reel quantity part number suffix 74aup2g3404fz4-7 fz4 x2-dfn1410-6 5000/tape & reel -7 74aup2g3404fw4-7 fw4 x2-dfn1010-6 5000/tape & reel -7 74AUP2G3404FW3-7 fw3 x2-dfn0910-6 5000/tape & reel -7 note: 7. the taping orientation is located on our website at http://www.d iodes.com/datas heets/ap02007.pdf 8. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html marking information (1) x2-dfn1410-6, x2-dfn1010-6, x2-dfn0910-6 part number package identification code 74aup2g3404fz4 x2-dfn1410-6 ru 74aup2g3404fw4 x2-dfn1010-6 su 74aup2g3404fw3 x2-dfn0910-6 mu
74aup2g3404 document number: ds36096 rev. 4 - 2 9 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. (1) package type x2-dfn1410-6 (2) package type: x2-dfn1010-6 x2-dfn1410-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.15 0.25 0.20 d 1.35 1.45 1.40 e 0.95 1.05 1.00 e ?? ?? 0.50 l 0.25 0.35 0.30 z ?? ?? 0.10 z1 0.045 0.105 0.075 all dimensions in mm x2-dfn1010-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 d 0.95 1.05 1.00 e 0.95 1.05 1.00 e ?? ?? 0.35 l 0.35 0.45 0.40 k 0.15 ?? ?? z ?? ?? 0.065 all dimensions in mm d e e l(6x) a a3 (pin #1 id) seating plane z(4x) a1 b(6x) z1(4x) a a1 a3 d e z(4x) b(6x) e l(6x) k (pin #1 id) b1
74aup2g3404 document number: ds36096 rev. 4 - 2 10 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product package outline dimensions (cont.) (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. (3) package type: x2-dfn0910-6 x2-dfn0910-6 dim min max typ a - 0.35 0.30 a1 0 0.03 0.02 b 0.10 0.20 0.15 d 0.85 0.95 0.90 e 0.95 1.05 1.00 e - - 0.30 k 0.20 - - k1 0.25 - - l 0.25 0.35 0.30 l1 0.30 0.40 0.35 z - - 0.075 z1 - - 0.075 all dimensions in mm a a 1 seating plane d e b 6 x e l 5 x k (pin #1 id) c0.5x45 k 1 l 1 z 4 x z 1 4 x
74aup2g3404 document number: ds36096 rev. 4 - 2 11 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (1) package type x2-dfn1410-6 (2) package type: x2-dfn1010-6 (3) package type: x2-dfn0910-6 dimensions value (in mm) c 0.500 g 0.250 x 0.250 x1 1.250 y 0.525 y1 1.250 dimensions value (in mm) c 0.350 g 0.150 x 0.200 x1 0.900 y 0.550 y1 1.250 dimensions value (in mm) g 0.100 g1 0.050 g2 0.150 x 0.150 x1 0.750 y 0.525 y1 0.475 y2 1.150 1 y1 x1 x(6x) y (6x) g(4x) c 1 x1 y1 y(6x) x(6x) g(4x) c p i n 1 x 1 y 2 y y 1 g 2 x g 1 g
74aup2g3404 document number: ds36096 rev. 4 - 2 12 of 12 www.diodes.com december 2013 ? diodes incorporated new product 74aup2g3404 advanced information advanced information new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described her ein; neither does diodes incor porated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes in corporated and all the companies w hose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability what soever in respect of any pr oducts purchased through unauthoriz ed sales channel. should customers purchase or use diodes in corporated products for any unintended or unauthorized application, customers shall i ndemnify and hold diodes incorporated and its representatives harmless agai nst all claims, damages, expenses , and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or mo re united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format re leased by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical co mponents in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when prop erly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible fo r all legal, regulatory and safety -related requirements concerning their products and any use of diodes incorporated products in such safety-cri tical, life support devices or systems, notwithstanding any devic es- or systems- related information or support that may be provided by diodes inco rporated. further, customers must fully indemnify diodes inc orporated and its representatives against any damages aris ing out of the use of diodes incorporated products in such safety-critical, life su pport devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74AUP2G3404FW3-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X