Part Number Hot Search : 
ADUM5400 AZF510AV LTC7545 B400012 S15VB60 2SC327 G4BC30F BBY6507
Product Description
Full Text Search
 

To Download 74AUP2G07FW3-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74aup2g07 document number: ds35511 rev. 4.2 1 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product dual buffers with open drain outputs description the advanced ultra low power (aup ) cmos logic family is designed for low power and extended battery life in portable applications. the 74aup2g07 is composed of two buffers with open drain outputs designed for operation over a power supply range of 0.8v to 3.6v. the device is fully specified for pa rtial power down applications using i off . the i off circuitry disables the output preventing damaging current backflow when the device is powered down. the gates perform the positive boolean function: a y = features ? advanced ultra low power (aup) cmos ? supply voltage range from 0.8v to 3.6v ? -4ma output drive at 3.0v ? low static power consumption ? i cc < 0.9a ? low dynamic power consumption ? c pd = 1.2pf typical at 3.6v ? schmitt trigger action at all inputs make the circuit tolerant for slower input rise and fall time. the hysteresis is typically 250mv at v cc = 3.0v ? i off supports partial-power-down mode operation ? esd protection per jesd 22 ? exceeds 200-v machine model (a115) ? exceeds 2000-v human body model (a114) ? exceeds 1000-v charged device model (c101) ? latch-up exceeds 100ma per jesd 78, class i ? leadless packages per jesd30e ? dfn1410 denoted as x2-dfn1410-6 ? dfn1010 denoted as x2-dfn1010-6 ? dfn0910 denoted as x2-dfn0910-6 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments applications ? suited for battery and low power needs ? wide array of products such as: ? pcs, networking, notebooks, netbooks, pdas ? tablet computers, e-readers ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box ? cell phones, personal navigation / gps ? mp3 players ,cameras, video recorders notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds.
74aup2g07 document number: ds35511 rev. 4.2 2 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product ordering information 74 aup2g 07 x xx -7 logic device function package packing 74 : logic prefix 07: 1-input dw : sot363 -7 : 7? tape & reel aup : 0.8 to 3.6 v buffe r / fw3 : x2-dfn0910-6 logic family drive r with open fw4 : x 2-dfn1010-6 2g : dual gate drain outputs fz4 : x2- dfn1410-6 notes: 4. pad layout as shown on diodes inc. suggested pad layout document ap02001, which c an be found on our website at http://www.diodes .com/datasheets/ap02001.pdf. 5. the taping orientation is located on our website at http://www.di odes.com/datas heets/ap02007.pdf pin descriptions pin name pin no function 1a 1 data input gnd 2 ground 2a 3 data input 2y 4 data output v cc 5 supply voltage 1y 6 data output logic diagram function table inputs output na ny h z l l part number package code package (notes 4 & 5) package size 7? tape and reel quantity part number suffix 74aup2g07dw-7 dw sot363 2.0mm x 2.0mm x 1.1mm 0.65 mm lead pitch 3000/tape & reel -7 74AUP2G07FW3-7 fw3 x2-dfn0910-6 0.9mm x 1.0mm x 0.35mm 0.35 mm pad pitch 5000/tape & reel -7 74aup2g07fw4-7 fw4 x2-dfn1010-6 1.0mm x 1.0mm x 0.4mm 0.35 mm pad pitch 5000/tape & reel -7 74aup2g07fz4-7 fz4 x2-dfn1410-6 1.4mm x 1.0mm x 0.4mm 0.5 mm pad pitch 5000/tape & reel -7
74aup2g07 document number: ds35511 rev. 4.2 3 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product absolute maximum ratings (notes 6,7) (@t a = +25c, unless otherwise specified.) symbol parameter rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +4.6 v v i input voltage range -0.5 to +4.6 v v o voltage applied to output in high or low state -0.5 to +4.6 v i ik input clamp current v i < 0 -50 ma i ok output clamp current (v o < 0 ) -50 ma i o continuous output current (v o = 0 to v cc ) 20 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c notes: 6. stresses beyond the absolute maximum may result in imm ediate failure or reduced reliab ility. these are stress values and device operation should be within recommend values. 7. forcing the maximum allowed voltage could cause a condition ex ceeding the maximum current or conversely forcing the maximum current could cause a condition exceeding the maximum voltage. the rati ngs of both current and voltage must be maintained within the c ontrolled range. recommended operating conditions (note 8) (@t a = +25c, unless otherwise specified.) symbol parameter min max unit v cc operating voltage 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage 0 3.6 v i ol low-level output current v cc = 0.8v 20 a v cc = 1.1v 1.1 ma v cc = 1.4v 1.7 v cc = 1.65v 1.9 v cc = 2.3v 3.1 v cc = 3.0v 4 ? t/ ? v input transition rise or fall rate v cc = 0.8v to 3.6v 200 ns/v t a operating free-air temperature -40 +125 c note: 8. unused inputs should be held at v cc or ground.
74aup2g07 document number: ds35511 rev. 4.2 4 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = +25c t a = -40 to +85c unit min max min max v ih high-level input voltage ? 0.8v to 1.65v 0.80 x v cc ? 0.80 x v cc ? v ? 1.65v to 1.95v 0.65 x v cc ? 0.65 x v cc ? ? 2.3v to 2.7v 1.6 ? 1.6 ? ? 3.0v to 3.6v 2.0 ? 2.0 ? v il low-level input voltage ? 0.8v to 1.65v ? 0.30 x v cc ? 0.30 x v cc v ? 1.65v to 1.95v ? 0.35 x v cc ? 0.35 x v cc ? 2.3v to 2.7v ? 0.7 ? 0.7 ? 3.0v to 3.6v ? 0.9 ? 0.9 v ol low-level output voltage i ol = 20 a 0.8v to 3.6v ? 0.1 ? 0.1 v i ol = 1.1ma 1.1v ? 0.3 x v cc ? 0.3 x v cc i ol = 1.7ma 1.4v ? 0.31 ? 0.37 i ol = 1.9ma 1.65v ? 0.31 ? 0.35 i ol = 2.3ma 2.3v ? 0.31 ? 0.33 i ol = 3.1ma ? 0.44 ? 0.45 i ol = 2.7ma 3v ? 0.31 ? 0.33 i ol = 4ma ? 0.44 ? 0.45 i i input current a or b input, v i = gnd to 3.6v 0v to 3.6v ? 0.1 ? 0.5 a i oz z state leakage current v o = 3.6v, v i = 3.6v 3.6v ? 0.1 ? 0.5 a i off power down leakage current v i or v o = 0v to 3.6v 0v ? 0.2 ? 0.6 a ? i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v ? 0.2 ? 0.6 a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v ? 0.5 ? 0.9 a ? i cc additional supply current one input at v cc -0.6v other inputs at v cc or gnd 3.3v ? 40 ? 50 a
74aup2g07 document number: ds35511 rev. 4.2 5 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = -40c to +125c unit min max v ih high-level input voltage ? 0.8v to 1.65v 0.80 x v cc ? v ? 1.65v to 1.95v 0.70 x v cc ? ? 2.3v to 2.7v 1.6 ? ? 3.0v to 3.6v 2.0 ? v il low-level input voltage ? 0.8v to 1.65v ? 0.25 x v cc v ? 1.65v to 1.95v ? 0.30 x v cc ? 2.3v to 2.7v ? 0.7 ? 3.0v to 3.6v ? 0.9 v ol low-level output voltage i ol = 20 a 0.8v to 3.6v ? 0.11 v i ol = 1.1ma 1.1v ? 0.33 x v cc i ol = 1.7ma 1.4v ? 0.41 i ol = 1.9ma 1.65v ? 0.39 i ol = 2.3ma 2.3v ? 0.36 i ol = 3.1ma ? 0.50 i ol = 2.7ma 3v ? 0.36 i ol = 4ma ? 0.50 i i input current a or b input, v i = gnd to 3.6v 0v to 3.6v ? 0.75 a i oz z state leakage current v o = 3.6v, v i = 3.6v 3.6v ? 0.75 a i off power down leakage current v i or v o = 0v to 3.6v 0v ? 0.75 a ? i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v ? 2.5 a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v ? 1.4 a ? i cc additional supply current input at v cc -0.6v other inputs at v cc or gnd 3.3v ? 75 a operating characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc typ unit c pd power dissipation capacitance f = 1mhz no load 0.8v 0.5 pf 1.2v 0.1v 0.6 1.5v 0.1v 0.7 1.8v 0.15v 0.7 2.5v 0.2v 1.0 3.3v 0.3v 1.2 c i input capacitance v i = v cc or gnd 0v or 3.3v 2.0 pf c o output capacitance v o = v cc or gnd 0v 2.0 pf
74aup2g07 document number: ds35511 rev. 4.2 6 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product switching characteristics c l = 5pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a y 0.8v 12.8 ns 1.2v 0.1v 2.6 5.8 11.3 2.3 12.5 2.3 15.9 1.5v 0.1v 1.8 3.6 6.4 1.6 7.4 1.6 8.2 1.8v 0.15v 1.5 2.9 5 1.4 5.9 1.4 6.5 2.5v 0.2v 1.2 2.4 3.9 1.1 4.5 1.1 5 3.3v 0.3v 0.9 3 3.5 0.8 3.9 0.8 4.3 c l = 10pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a y 0.8v 14.5 ns 1.2v 0.1v 3.1 7 13.4 2.9 15.1 2.9 19.2 1.5v 0.1v 2.3 4.8 7.5 2.1 8.7 2.1 10.5 1.8v 0.15v 2 3.8 4.8 1.8 7 1.8 7.7 2.5v 0.2v 1.6 3.1 4.6 1.5 5.4 1.5 6 3.3v 0.3v 1.2 4.3 4.9 1.1 5.4 1.1 5.9 c l = 15pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a y 0.8v 16.2 ns 1.2v 0.1v 3.5 8.2 14.3 3.3 17.4 3.3 22.5 1.5v 0.1v 2.6 6.2 8.6 2.4 10.5 2.4 13.7 1.8v 0.15v 2.3 5 6.7 2.1 8 2.1 9.8 2.5v 0.2v 2.1 3.9 5.1 1.8 6.1 1.8 6.8 3.3v 0.3v 1.6 5.6 6.4 1.4 7.1 1.4 7.8 c l = 30pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ min min max min max t pd a y 0.8v 19.8 ns 1.2v 0.1v 4.8 9.8 18.4 4.4 18.4 4.4 25.8 1.5v 0.1v 3.6 8.2 13.9 3.2 13.9 3.2 18 1.8v 0.15v 3.2 7.8 12.2 2.9 12.2 2.9 15.2 2.5v 0.2v 2.4 7.5 9.9 2.6 9.9 2.6 11.4 3.3v 0.3v 1.8 9.2 10.6 2.1 11.6 2.1 12.8
74aup2g07 document number: ds35511 rev. 4.2 7 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product parameter measurement information test condition t plz (see notes d and e) t pzl (see notes d and f) vload vload v cc inputs v m v load c l r l v ? v i t r /t f 0.8v v cc 3ns v cc /2 2 x v cc 5, 10, 15, 30pf 5 k ? 0.1v 1.2v0.1v v cc 3ns v cc /2 2 x v cc 5, 10, 15, 30pf 5 k ? 0.1v 1.5v0.1v v cc 3ns v cc /2 2 x v cc 5, 10, 15, 30pf 5 k ? 0.15v 1.8v0.15v v cc 3ns v cc /2 2 x v cc 5, 10, 15, 30pf 5 k ? 0.15v 2.5v0.2v v cc 3ns v cc /2 2 x v cc 5, 10, 15, 30pf 5 k ? 0.15v 3.3v0.3v v cc 3ns v cc /2 2 x v cc 5, 10, 15, 30pf 5 k ? 0.3v voltage waveform pulse duration voltage waveform propagation delay times figure 1 load circuit andvoltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10mhz. c. the inputs are measured one at a time with one transition per measurement. d. for the open drain device t plz and t pzl are the same as t pd . e. t pzl is measured at v m . d. t plz is measured at v ol +v ? .
74aup2g07 document number: ds35511 rev. 4.2 8 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product marking information (1) sot363 part number package identification code 74aup2g07dw-7 sot363 sp (2) x2-dfn1410-6, x2-dfn1010-6, x2-dfn0910-6 part number package identification code 74aup2g07fz4 x2-dfn1410-6 rp 74aup2g07fw4 x2-dfn1010-6 sp 74aup2g07fw3 x2-dfn0910-6 mp
74aup2g07 document number: ds35511 rev. 4.2 9 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. (1) package type sot363 (2) package type x2-dfn1410-6 (3) package type: x2-dfn1010-6 sot363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 typ f 0.40 0.45 h 1.80 2.20 j 0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.22 0 8 all dimensions in mm x2-dfn1410-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.15 0.25 0.20 d 1.35 1.45 1.40 e 0.95 1.05 1.00 e ?? ?? 0.50 l 0.25 0.35 0.30 z ?? ?? 0.10 z1 0.045 0.105 0.075 all dimensions in mm x2-dfn1010-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 d 0.95 1.05 1.00 e 0.95 1.05 1.00 e ?? ?? 0.35 l 0.35 0.45 0.40 k 0.15 ?? ?? z ?? ?? 0.065 all dimensions in mm d e e l(6x) a a3 (pin #1 id) seating plane z(4x) a1 b(6x) z1(4x) a a1 a3 d e z(4x) b(6x) e l(6x) k (pin #1 id) b1 a m j l d b c h k f
74aup2g07 document number: ds35511 rev. 4.2 10 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product package outline dimensions (cont.) (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. (4) package type: x2-dfn0910-6 suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (1) package type sot363 (2) package type x2-dfn1410-6 x2-dfn0910-6 dim min max typ a - 0.35 0.30 a1 0 0.03 0.02 b 0.10 0.20 0.15 d 0.85 0.95 0.90 e 0.95 1.05 1.00 e - - 0.30 k 0.20 - - k1 0.25 - - l 0.25 0.35 0.30 l1 0.30 0.40 0.35 z - - 0.075 z1 - - 0.075 all dimensions in mm dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 dimensions value (in mm) c 0.500 g 0.250 x 0.250 x1 1.250 y 0.525 y1 1.250 $ $  seating plane ' ( e !  [ " h / !  [ " . (pin #1 id) c0.5x45 .  /  = !  ; " =  !  ; " 1 x1 y1 y(6x) x(6x) g(4x) c z y g c2 c2 c1 x
74aup2g07 document number: ds35511 rev. 4.2 11 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (3) package type: x2-dfn1010-6 (4) package type: x2-dfn0910-6 dimensions value (in mm) g 0.100 g1 0.050 g2 0.150 x 0.150 x1 0.750 y 0.525 y1 0.475 y2 1.150 dimensions value (in mm) c 0.350 g 0.150 x 0.200 x1 0.900 y 0.550 y1 1.250 3 l q  ;  <  < <  *  ; *  * 1 y1 x1 x(6x) y (6x) g(4x) c
74aup2g07 document number: ds35511 rev. 4.2 12 of 12 www.diodes.com may 2014 ? diodes incorporated 74aup2g07 new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes inco rporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose pr oducts are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability what soever in respect of any pr oducts purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or u nauthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, ex penses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical co mponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when prope rly used in accordance with instructions for use provided in the labeling can be reasonably expected to re sult in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for a ll legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74AUP2G07FW3-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X