Part Number Hot Search : 
2SC1966 HT86AR72 GM1015 TSOP361 Z5250 T1206 D54ACT DTC11
Product Description
Full Text Search
 

To Download 477ACZ016MLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3757 w. touhy ave., lincolnwood, il 60712 (847)675-1760 fax (847) 675-2850 www.illcap.com acz +105c very low impedance surface mount aluminum electrolytic capacitors features ? standard case sizes ? lead free leads ? low impedance (lower than axz series) ? extended life applications ? bypass ? filtering ? coupling ? de-coupling specifications operating temperature range -55c to +105c capacitance tolerance + 20% at 120 hz, 20c wvdc 6.3 10 16 25 35 50 surge voltage svdc 7.9 13 20 32 44 63 wvdc 6.3 10 16 25 35 50 dissipation factor tan .24 .19 .16 .14 .12 .12 2 minutes leakage current .01cv or 3ua,whichever is greater rated wvdc 6.3 10 16 25 35 50 -25c to +20c 3 2 2 2 2 2 low temperature stability impedance ratio (120 hz) -40c to +20c 5 4 4 3 3 3 2000 hours(d< 6.3mm,1000 hrs.) at 105c with rated wvdc and ripple current applied capacitance change < 25% of initial measured value dissipation factor < 200% of maximum specified value load life leakage current > 100% of maximum specified value 1000 hours at 85c with no voltage applied capacitance change < 25% of initial measured value dissipation factor < 200% of maximum specified value shelf life leakage current > 100% of maximum specified value capacitors placed on a 250c hot plate for 30 seconds with their electrode terminations facing downward will fulfill the following conditions after being cooled to room temperature capacitance change <10% of initial measured value dissipation factor <100% of maximum specified value resistance to soldering heat leakage current >100% of maximum specified value frequency (hz) temperature (c) 50 120 1k 100k 105c 85 65 ripple current multipliers .45 .5 .83 1.0 1.0 1.7 2.1 d l w+ 0.2 h+ 0.2 c+ 0.2 r s+ 0.2 5 5.8 +0.1/-0.2 5.3 5.3 6.0 0.5~0.8 1.4 6.3 5.4 +0.1/-0.2 6.6 6.6 7.3 0.5~0.8 2.2 6.3 5.8 +0.1/-0.2 6.6 6.6 7.3 0.5~0.8 2.2 6.3 7.7 +0.1/-0.2 6.6 6.6 7.3 0.5~0.8 2.2 8 6.2 +0.1/-0.2 8.3 8.3 9.0 0.7~1.0 3.2 8 10.2 +0.1/-0.2 8.3 8.3 9.0 0.7~1.0 3.2 10 10.2 +0.1/-0.2 10 10 11.0 0.7~1.0 4.6
acz +105c, lower impedance 1000 to 2000 hours capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c impedance +20c/- 10c 100khz maximum rms ripple current (ma) 100 khz, +105c dims dxl (mm) 10 35 106acz035m 19.8944 0.7 170 5x5.4 10 50 106acz050m 19.8944 0.52 215 6.3x5.4 15 35 156acz035m 13.2629 0.7 170 5x5.4 15 50 156acz050m 13.2629 0.52 215 6.3x5.4 22 35 226acz035m 9.04289 0.7 170 5x5.4 22 50 226acz050m 9.04289 0.52 215 6.3x5.4 27 16 276acz016m 9.8244 0.76 150 5x5.4 27 35 276acz035m 7.3683 0.39 250 6.3x5.4 27 50 276acz050m 7.368 0.44 243 6.3x7.7 33 10 336acz010m 9.5453 0.7 170 5x5.4 33 35 336acz035m 6.0286 0.39 240 6.3x5.4 33 50 336acz050m 6.0286 0.66 280 6.3x7.7 33 50 336acz050mjg 6.0286 0.63 300 8x6.2 47 6.3 476acz6r3m 8.466 0.7 170 5x5.4 47 35 476acz035m 4.23284 0.39 240 6.3x5.4 47 50 476acz050mjg 4.2328 0.63 300 8x6.2 47 50 476acz050m 4.2328 0.66 280 6.3x7.7 56 6.3 566acz6r3m 7.1051 0.7 170 5x5.4 56 25 566acz025m 4.14466 0.39 250 6.3x5.4 56 35 566acz035m 3.55 0.3 300 6.3x7.7 68 25 686acz025m 3.413 0.39 240 6.3x5.4 68 35 686acz035m 2.926 0.32 290 6.3x7.7 68 50 686acz050m 2.926 0.22 400 8x10.5 100 16 107acz016m 2.653 0.39 240 6.3x5.4 100 25 107acz025mjg 1.9894 0.32 300 8x6.2 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c impedance +20c/- 10c 100khz maximum rms ripple current (ma) 100 khz, +105c dims dxl (mm) 100 25 107acz025m 2.321 0.36 290 6.3x7.7 100 50 107acz050m 1.9894 0.22 400 8x10.5 100 50 107acz050mll 1.9894 0.16 700 10x10.5 150 10 157acz010m 2.1 0.39 240 6.3x5.4 150 16 157acz016m 1.768 0.32 290 6.3x7.7 150 25 157acz025m 1.547 0.15 600 8x10.2 150 35 157acz035m 1.326 0.15 600 8x10.2 150 50 157acz050m 1.3268 0.16 600 8x10.5 220 6.3 227acz6r3m 1.809 0.39 240 6.3x5.4 220 16 227acz016m 1.206 0.32 290 6.3x7.7 220 16 227acz016mjg 1.206 0.26 300 8x6.2 220 35 227acz035mll 0.9043 0.08 850 10x10.2 220 35 227acz035m 0.9043 0.16 600 8x10.5 220 50 227acz050m 0.9043 0.13 585 10x10.2 330 6.3 337acz6r3m 1.206 0.32 290 6.3x7.7 330 6.3 337acz6r3mjg 1.206 0.23 300 8x6.2 330 25 337acz025m 0.7033 0.16 600 8x10.5 330 35 337acz035m 0.603 0.08 850 10x10.2 470 16 477acz016m 0.5644 0.16 600 8x10.5 470 16 477ACZ016MLL 0.5644 0.08 850 10x10.5 470 25 477acz025m 0.4938 0.08 850 10x10.2 680 6.3 687acz6r3m 0.585 0.15 600 8x10.5 1000 6.3 108acz6r3m 0.398 0.16 600 8x10.5 1000 10 108acz010m 0.315 0.08 850 10x10.2 1500 6.3 158acz6r3m 0.2653 0.08 850 10x10.5


▲Up To Search▲   

 
Price & Availability of 477ACZ016MLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X