Part Number Hot Search : 
K20J60 LM213XB MAX9875 DS446 FD2005 EM73C63 UN224 2GWJ2C42
Product Description
Full Text Search
 

To Download 2SK3018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-323 plastic-encapsulate mosfets 2SK3018 n-channel mosfet features z low on-resistance z fast switching speed z low voltage drive makes this device ideal for portable equipment z easily designed drive circuits z easy to parallel marking: kn equivalent circuit mosfet maximum ratings (t a = 25c unless otherwise noted) symbol parameter value units v ds drain-source voltage 30 v v gs gate-source voltage 20 v i d continuous drain current 0.1 a p d power dissipation 0.2 w t j junction temperature 150 t stg storage temperature -55-150 r ja thermal resistance from junction to ambient 625 /w parameter symbol test condition min typ max units off characteristics drain-source breakdown voltage v (br) ds s v gs = 0v, i d = 10a 30 v zero gate voltage drain current i dss v ds =30v,v gs = 0v 0.2 a gate ?source leakage current i gss v gs = 20 v, v ds = 0v 2 gate threshold voltage v gs(th) v ds = 3v, i d =100a 0.8 1.5 v v gs = 4v, i d =10ma 8 ? drain-source on-resistance r ds(on) v gs =2.5v,i d =1ma 13 ? forward transconductance g fs v ds =3v, i d = 10ma 20 ms dynamic characteristics * input capacitance c iss 13 pf output capacitance c oss 9 pf reverse transfer capacitance c rss v ds =5v,v gs =0v,f =1mhz 4 pf switching characteristics * turn-on delay time t d(on) 15 ns rise time t r 35 ns turn-off delay time t d(off) 80 ns fall time t f v gs =5v, v dd =5v, i d =10ma, r g =10 ? , r l =500 ? 80 ns sot-323 1. gate 2. source 3. drain mosfet electrical characteristics(t a =25 unless otherwise noted) *these parameters have no way to verify. 1 2 3 a 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b,mar,2014
012345 0.00 0.05 0.10 0.15 0.20 1 10 100 0 20 40 60 0 5 10 15 20 0 5 10 15 01234 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 0.1 1 10 100 v gs =2.5v 4.0v 3.5v t a =25 pulsed output characteristics v gs =3.0v v gs =2.0v v gs =1.5v drain current i d (a) drain to source voltage v ds (v) t a =25 pulsed i d ?? r ds(on) v gs = 2.5v v gs = 4v on-resistance r ds(on) ( ) drain current i d (ma) 30 0.3 3 3 30 2SK3018 t a =25 pulsed i d =100ma i d =50ma v gs ?? r ds(on) on-resistance r ds(on) ( ) gate to source voltage v gs (v) 0.3 30 3 200 200 v ds =3v t a =25 pulsed transfer characteristics 200 drain current i d (ma) gate to source voltage v gs (v) v sd i s ?? v gs =0v t a =25 pulsed source current i s (ma) source to drain voltage v sd (v) 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b,mar,2014


▲Up To Search▲   

 
Price & Availability of 2SK3018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X