Part Number Hot Search : 
1N5226 VN0635 IS111 BA762 TDA4173 MAX85 1N5408 100A1
Product Description
Full Text Search
 

To Download 2SD1815-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2sd1815 3a , 120v npn epitaxial planar silicon transistor 25-feb-2014 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? emitte r collector ? ? a c d h g e f k b j p m rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low collector-to-emitter saturation voltage ? excllent linearity of hfe ? high ft ? fast switching time classification of h fe product-rank 2sd1815-q 2SD1815-R 2sd1815-s range 70~140 100~200 140~280 absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 120 v collector to emitter voltage v ceo 100 v emitter to base voltage v ebo 6 v collector current -continuous i c 3 a collector power dissipation p c 1 w junction temperature t j 150 storage temperature t stg -55 ~ 150 electrical characteristics (t a = 25c unless otherwise noted) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v ( br ) cbo 120 - - v i c =10 a, i e =0 collector-emitter breakdown voltage v (br)ceo 100 - - v i c =1ma, i b =0 emitter-base breakdown voltage v (br)ebo 6 - - v i e =10 a, i c =0 collector cut-off current i cbo - - 1 a v cb =100v, i e =0 emitter cut-off current i ebo - - 1 a v eb =4v, i c =0 70 - 280 v ce =5v, i c =500ma dc current gain h fe 40 - - v ce =5v, i c =2a collector-emitter sa turation voltage v ce(sat) - - 0.4 v i c =1.5a, i b =150ma base -emitter satu ration voltage v be(sat) - - 1.2 v i c =1.5a, i b =150ma transition frequency f t - 180 - mhz v ce =10v, i c =500ma collector output capacitance c ob - 25 - pf v cb =10v, i e =0, f=1mhz turn-on time t on - 100 - storage time t s - 900 - fall time t f - 50 - ns v cc =50v, i c =1.5a, i b1 = -i b2 = -0.15a to-251 millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.80 g 5.40 6.25 b 4.90 5.50 h 0.85 1.50 c 2.15 2.40 j 2.30 d 0.43 0.90 k 0.60 1.05 e 6.50 7.50 m 0.50 0.90 f 7.20 9.65 p 0.43 0.62
elektronische bauelemente 2sd1815 3a , 120v npn epitaxial planar silicon transistor 25-feb-2014 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SD1815-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X