Part Number Hot Search : 
44000 XC402 N74S10 PCA9670 IRS2106 BC847 MSP3415 RJH60D5
Product Description
Full Text Search
 

To Download 109W1448H101-U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  239  10  140 ? 0.8 124.5 ? 0.5 124.5 ? 0.5 140 ? 0.8  250  8-  4.3 ? 0.3
' zm2 s 8m2  ?;@ +30 300 0 6 ? 0.4 6 ? 0.4 38 ? 0.5 ???
awg24 ul1007 4 ? 0.2 4 ? 0.2  150 124.5 ? 0.3 4-  4.5 138 124.5 ? 0.3 138  147 124.5 ? 0.3 4-  4.5 138 124.5 ? 0.3 138 14 0 mm sq.  dimensions  unit : mm  splash proof fan 140  140  38 mm  mass  650g  38mm thick, 51mm thick(wb type) san ace 140w ip 68  general specifi cations ~ material ???????? frame: aluminum, impeller: plastics (flammability: ul94v-1) ~ expected life ????? refer to specifi cations (indoor, l10:survival rate: 90% at 60 ? , rated voltage, and continuously run in a free air state) ~ lead wire ???????  red  black or blue sensor yellow ~ storage temperature ? 30 ? to  70 ? non-condensing   specifi cations the following nos. have pulse sensors. model no. rated voltage operating voltage range rated current rated input rated speed max. air flow max. static pressure spl operating temperature expected life | v | v | a | w | min -1  | m3/min  | cfm | pa | inchh 2 o | db(a) |? | h  109w1412h101-u 12 10.2 to 13.8 0.73 8.76 2,600 4.5 159 98 0.394 46  20 to  70 100,000 109w1412m101-u 0.3 3.6 1,900 3.3 117 52 0.209 38 109w1424h101-u 24 20.4 to 27.6 0.37 8.88 2,600 4.5 159 98 0.394 46 109w1424m101-u 0.16 3.84 1,900 3.3 117 52 0.209 38 109W1448H101-U 48 40.8 to 55.2 0.2 9.6 2,600 4.6 159 98 0.394 46 109w1448m101-u 0.09 4.32 1,900 3.3 117 52 0.209 38 inlet side outlet side  reference dimension of mounting holes and vent opening  unit : mm  rotating direction air flow direction mounting hole lead wire ~ available options: e without sensor ~ please inquire as the availability of these functions depend on the model. e lock sensor
240  1. 6  1.6  136.2  176  186  0.5 4.3  145  26.8  0.4 4-4.5 4-12 5.5 y 0 ? 1 ? 0.2 ? 1  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 0.5 0.6 0.4 0.3 0.2 0.1 0 50 100 150 200 150 100 50 0 123456 13.8v/27.6v/55.2v 12v/24v/48v 10.2v/20.4v/40.8v 109w1412h101-u 109w1424h101-u 109W1448H101-U  pa   inch h 2 o   cfm   m 3 /min  
iy  ? 0 0.30 0.25 0.20 0.15 0.10 0.05 0 140 120 100 80 60 40 20 70 60 50 40 30 20 10 0 1234 13.8v/27.6v/55.2v 12v/24v/48v 10.2v/20.4v/40.8v 109w1412m101-u 109w1424m101-u 109w1448m101-u  1. 6  136.2  176  141 4-4.5 5.5 y 0 ? 1  1. 6 4-12  26.8 4.3  0.4 ? 0.2  186  0.5 ? 1 splash proof fan 140mm m speed h speed inlet side, outlet side  options  unit : mm   air flow - static pressure characteristics finger guards model  109-719 surface treatment  nickel-chrome plating  silver  color  static pressure  air flow  static pressure  air flow model  109-719h surface treatment  cation electropainting  black  color inlet side, outlet side


▲Up To Search▲   

 
Price & Availability of 109W1448H101-U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X