Part Number Hot Search : 
AZ494AP HZU3CLL MC3401 92U03 20100C CCH600 UPA1818 1310P0
Product Description
Full Text Search
 

To Download 0804-5000-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 corporate bel fuse inc. 206 van vorst street jersey city, nj 07302 tel 201 - 432 - 0463 fax 201 - 432 - 9542 www.belfuse.com asia bel fuse ltd. 8f / 8 luk hop s treet san po kong kowloon, hong kong tel 852 - 2328 - 5515 fax 852 - 2352 - 3706 www.belfuse.com europe bel integrated modules 28 turkey court, turkey mill ashford road maidstone, kent me14 5pp u.k. tel 44 - 1622 - 757395 fax 44 - 1622 - 663252 www.belfuse.com 1 powerline modules low power embedded homeplug ? av modules features ? based on qualcomm atheros ar6400/ar1400 chipset ? supports homeplug? av standard with data rates of 200mbps ? temperature rated for industrial applications ? mii (host & phy) interface ? supports1024/256/64/16/8 - qam, qpsk, bpsk, and robo modulation schem es ? 128 - bit aes link encryption with key management for secure power line communications ? windowed ofdm with noise mitigation based on patented line synchronization techniques improves data integrity in noisy conditions ? dynamic channel adaptation and channel estimation maximizes throughput in harsh channel conditions ? advanced turbo code forward error correction ? tos, cos and ip port number packet classifiers ? supports igmp managed multicast sessions ? green standard (rohs) compliant ? gpio second function as genera l data lines ? horizontal mounting configuration using standard 1.27mm pin header ? integrates all components necessary to add homeplug av functionality to any embedded system at low cost applications ? over - the - top video ? retail adapters ? telco / iptv ? smart grid ? ethernet - over - powerline (plc) and multi - dwelling unit (mdu) applications part number mount temp range 0804 - 5000 - 17 vertical 0 - 70c 0804 - 5000 - 18 horizontal 0 - 70c 0804 - 5000 - 24 horizontal - 40 - +85c including heatsink in partnership with
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 20 1 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 2 powerline modules low power em bedded homeplug ? av modules module block diagr am gpio leds and config mii (md i ) reset 3.3v dc m a c p h y dac adc ar6 4 00 sys clk pll cxo bpf tx rx ar1400 plc coupler bpf flash ram zero cross detector dc - dc 1v 11.2v
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 3 powerline modules low power embedded homeplug ? av modules presentation the bel single in - line package (sip) module is a homeplug av, open - standard - based mac/phy/afe powerline communications (plc) transceiver. the module is available in both industrial and commercial temperature - rated variants. the module enables the development of hd - grade communication bridges, to and from the powerline. it also serves as a translator between the digital and analogue worlds. on the digital side, host interfaces include: ethernet mii host or phy. the data rec eived and transmitted is translated by the ar6400 to and from a complex analogue signal which is modulated on multiple carriers and transmitted over the ac wiring. module interface pin i/o table pin number pin name pin number pin name 1 vdd 26 mdc 2 v ss 27 reserved ( 0 ) 3 vdd 28 reserved ( 2 ) 4 vss 29 vss 5 vdd 30 mrx_d0 6 tx+ 31 mrx_d1 7 tx - 32 mrx_d2 8 vss 33 mrx_d3 9 rx+ 34 col 10 rx - 35 mrx_clk 11 reset / 36 vss 12 gpio0 37 mrx_err 13 gpio1 38 mrx_dv 14 gpio2 39 mtx_d0 15 gpio3 40 mtx_d1 16 gpio4 41 mtx_d2 17 gpio5 42 mtx_d3 18 gpio6 43 crs 19 gpio7 44 mtx_clk 20 gpio8 45 mtx_en 21 gpio9 46 vss 22 gpio10 47 phy_rst/ 23 gpio11 48 vss 24 zc_in 49 phy_clk 25 mdio 50 vss 1. pin 27: internally connected and reserved for future use. do not connect externally. 2. pin 28: internally connected and reserved for future use. required connection to ground.
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 20 1 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 4 powerline modules low power em bedded homeplug ? av modules system block diag ram the block diagram presents t he powerline module in a typical environment. eight different types of interfaces are shown . these interfaces are described in detail below. media independent interface (mii) the mii interface is configured as either an ethernet medium access controller (mac) or a physical medium dependent (pmd or phy) controller. medium independent interface (mii) is an industry standard, multi - vendor interface between the mac and phy sub - layers. it provides a simple connection between ethernet phy controllers and ieee80 2.3 ethernet macs from a variety of sources. mii consists of separate 4 - bit data paths for transmit and receive data along with carrier sense and collision detection. further details of the mii are available from the ieee 802.3u standard. configuration s traps described in section 3 set the mii operation to a mac or phy controller. the mac and phy configurations support 10 mbps or 100 mbps in half - duplex or full - duplex modes and flow control for half - duplex and full - duplex connections. the ethernet mac mod ule implements standard ethernet mac functionality. the ethernet mac is connected to an external ethernet phy function. the mac configuration provides bridging between ethernet and the powerline. the phy configuration emulates ethernet phy functionality an d provides homeplug av connectivity to devices designed to communicate over an ethernet network. the mii (ethernet) interface has separate transmit and receive packet buffering. when operating as a mac the mii transmit fifo is 2 kb and the receive fifo is 8 kb. when operating as a phy controller, the mii transmit fifo is 8 kb and the receive fifo is 2 kb. mii mac the mii mac configuration operates as an ieee 802.3 10/100 - mbps ethernet mac connected to an external 10/100 - mbps ethernet phy. when the powe r line module boots it attempts to configure the mii mac interface, it will first scan all external mii phys starting from phy #0 and will select the first phy that responds with valid register contents. powerline module mains coupler mains zero cross detector power reset coupling interface mii (mac or phy mode) mdi phy utility phy device or mac controller gpio
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 5 powerline modules low power embedded homeplug ? av modules the phys link status register will be read, and i f the link is up, auto - negotiation will be performed. if the phys status indicates that auto - negotiation is not supported, auto - negotiation will not be performed. based upon the results of the phys status registers, or auto - negotiation results, the phy will be configured in an operational mode (i.e. no loopback, no collision test, not in isolate, etc.). the mii mac within the power line module will be configured for the same speed and duplex. external devices do not have direct access to any mii mac reg isters in the ar6400 .
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 20 1 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 6 powerline modules low power em bedded homeplug ? av modules mii phy the mii phy emulation hardware connects to an external 10/100 - mbps ethernet mac. the default phy functionality is configured through standard management data interface communications (mdi interface) and may be overridden by the ar6400 mac firmware access to the phy emulation registers. the interface supports the standard control and status register. ? link speed at 10 mbps or 100 mbps ? full - duplex or half - duplex operation ? management data interface base address ? isolate to discon nect the phy from the mii port in mii phy mode, auto - negotiation is not supported. gpio strapping on the power line module will determine the desired configuration, these straps will be reflected in the default settings in the mii phy emulation registers.
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 7 powerline modules low power embedded homeplug ? av modules mii signals pin number pin name i/o description mac mode phy mode 30 31 32 33 mrx_d0 mrx_d1 mrx_d2 mrx_d3 i o mii receive data. the phy controller drives mrx_d[3:0] and the mac core receives mrx_d[3:0]. mrx_d[3:0] transition s synchronously with res pect to mrx_clk. for each mrx_clk period in which mrx_dv is asserted, mrx_d[3:0] is valid. mrx_d0 is the least - significant bit. the phy controller tri - states mrx_d[3:0] in isolate mode. 34 col i o mii collision detected. the phy controller asserts col whe n it detects a collision on the medium. col remains asserted while the collision condition persists. col signal transitions are not synchronous to either the mtx_clk or the mrx_clk. the mac core ignores the col signal when operating in the full - duplex mode . the phy controller tristates col in isolate mode. 35 mrx_clk i o mii receive clock. mrx_clk is a continuous clock that provides the timing reference for the transfer of the mrx_dv and mrx_d[3:0] signals from the phy controller to the mac core. the phy c ontroller sources mrx_clk. mrx_clk frequency is equal to 25% of the data rate of the received signal on the ethernet cable. the phy controller tri - states mrx_clk in isolate mode. 37 mrx_err i o mii receive error. the phy controller asserts mrx_err high fo r one or more mrx_ clk periods to indicate to the mac core that an error (a coding error or any error that the phy is capable of detecting that is otherwise undetectable by the mac) was detected somewhere in the current frame. mrx_err transitions synchrono usly with respect to mrx_clk. while mrx_dv is de - asserted, mrx_err has no effect on the mac core. the phy controller tri - states mrx_err in isolate mode. 38 mrx_dv i o mii receive data valid. the phy controller asserts mrx_dv to indicate to the mac core th at it is presenting the recovered and decoded data bits on mrx_d[3:0] and that the data on mrx_d[3:0] is synchronous to mrx_clk. mrx_dv transitions synchronously with respect to mrx_clk. mrx_dv remains asserted continuously from the first recovered nibble of the frame through the final recovered nibble, and is de - asserted prior to the first mrx_clk that follows the final nibble. the phy controller tri - states mrx_dv in isolate mode. 39 mtx_d0 o i mii transmit data. the mac core drives mtx_d[3:0] and the phy controller receives mtx_d[3:0]. mtx_d[3:0] transitions synchronously with respect to mtx_clk. for each mtx_clk period in which mtx_en is asserted, mtx_d[3:0] is valid. mtx_d0 is the least significant bit. the phy controller ignores mtx_d[3:0] in isolate m ode. 40 mtx_d1 41 mtx_d2 42 mtx_d3 43 crs i o mii carrier sense. the phy controller asserts crs when either transmit or receive medium is non - idle. the phy de - asserts crs when both transmit and receive medium are idle. the phy must ensure that crs remains asserted throughout the duration of a collision condition. the transitions on the crs signal are not synchronous to either the mtx_clk or the mrx_clk. the phy controller tri - states crs in isolate mode.
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 20 1 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 8 powerline modules low power em bedded homeplug ? av modules 44 mtx_clk i o mii transmit clock. mtx_c lk is a continuous clock that provides a timing reference for the transfer of the mtx_en and mtx_d[3:0] signals from the mac core to the phy controller. the phy controller sources mtx_clk. the operating frequency of mtx_clk is 25 mhz when operating at 100 mbps and 2.5 mhz when operating at 10 mbps. the phy controller tri - states mtx_clk in isolate mode. 45 mtx_en o i mii transmit enable. a high assertion on mtx_en indicates that the mac core is presenting nibbles to the phy controller for transmission. the ar6400 mac core asserts mtx_en with the first nibble of the preamble and keeps mtx_en asserted while all nibbles to be transmitted are presented to the mii. mtx_en is de - asserted prior to the first mtx_clk following the final nibble of the frame. mtx_en tr ansitions synchronously with respect to mtx_clk. the phy controller ignores mtx_en in isolate mode. special care must be taken during pcb layout of the mii bus. keep mii signal traces as short as possible and preferably on in ner pcb layers.
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 9 powerline modules low power embedded homeplug ? av modules mii management data interface (mdi) pin number pin name i/o description mac mode phy mode 25 mdio i/o i/o mii management data in/out . this is the data input signal from the phy controller. the phy drives the read data synchronously with respect to the mdc clock du ring the read cycles. this is also the data output signal from the mac core that drives the control information during the read/write cycles to the phy controller. the mac core drives the mdo signal synchronously with respect to the mdc. an external pull - u p resistor is needed on this pin. 26 mdc o i mii management data clock. the mac core sources mdc as the timing reference for transfer of information on the mdio signal. mdc signal has no maximum high or low times. mdc minimum high and low times are 160 ns each, and the minimum period for mdc is 400 ns. the mii interface has a two - wires bi - directional serial management data interface (mdi). this interface provides access to the status and control registers in the ethernet phy logic. the mii and mdi pins a re shared between the mac and phy interfaces. general purpose input/output (gpio) pins interface general purpose i/o pins are software programmable inputs or outputs, which can also be used as an external interrupt source. as indicated in the table below , some of these gpio signals also have additional functionality as configuration straps. see section 3 for configuration options. pin number pin name configuration strap function i/o* internal pull up/down 12 gpio0 n/a s.c. up 13 gpio1 n/a s.c. up 14 g pio2 n/a s.c. up 15 gpio3 isodef s.c. up 16 gpio4 speed s.c. up 17 gpio5 md_a3 s.c. up 18 gpio6 cfg_sel s.c. down 19 gpio7 md_a4 s.c. down 20 gpio8 mp_sel s.c. up 21 gpio9 n/a s.c. down 22 gpio10 bm_sel s.c. down 23 gpio11 n/a s.c. down * s. c. = software configurable.
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 20 1 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 10 powerline modules low power em bedded homeplug ? av modules in addition to their configuration strap function, the gpios can perform some software configurable functions after reset. the default configuration provided by bel fuse is as shown in the chart that follows. gpio i/o default func tion after reset gpio0 o not used (hiz) gpio1 i typically connected to a push - button. this gpio is used to add a new device to, or remove an old device from, a homeplug ac logical network. contact bel fuse for further information. gpio2 i typically conn ected to a push - button. the factory default pib can be restored by applying a low - level digital voltage on gpio2 for greater than 0.5 seconds and less than 3.0 seconds. gpio[3..7] o not used (hiz) gpio8 o to be connected to an led. the led gives indicati ons about power line link & activity: on: powerline link detected. flash: tx or rx powerline activity ( 1 ) . off: powerline link not detected. gpio9 o to be connected to an led. the led gives indications ab out ethernet link & activity: on: ethernet link detected. flash: transmit or receive activity. off: no link detected. gpio10 o to be connected to an led. the led gives indications about power line mode: on: homeplug 1.0 traffic detected flash: n/a off: silence gpio11 o to be connected to an led. the led gives indication about power: on: power ready flash: load firmware ( 2 ) off: power not ready 1. the power line link led indicator turns on when p owerline link is detected. if the ar6400 module is serving as a station (sta), the led indicator will flash to indicate transmit or receive powerline activity. if the int6400 module is serving as a cco (central c oordinator), the led indicator will light st eadily on, even in the presence of powerline activity. 2. if module flash memory is corrupted/blank or a host processor does not provide fw, the module rom b ased code will blink the power led on and off at a frequency of one cycle per second. phy utility int erface pin number pin name i/o description 47 phy_rst/ o phy device reset (active low). connect to an external ethernet phy. this reset output is a stretched version of the reset/ input. 49 phy_clk o 25mhz clock out. this output is a dedicated cloc k output that can be used to drive the clock input on an external ethernet phy. this clock output is only available when the ar6400 is configured in mac mode, and not in phy mode of operation. note that if this output is used, it is strongly advised that t he corresponding phy_rst/ signal also be connected to the external ethernet phy.
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 11 powerline modules low power embedded homeplug ? av modules coupling interface pin number pin name i/o description 6 tx+ o differential tx line driver output, connects to coupling transformer 7 tx - o differential tx line driver out put, connects to coupling transformer 9 rx+ i differential rx line filter input, connects to coupling transformer 10 rx - i differential rx line filter input, connects to coupling transformer special care must be taken during pcb layout of the coupling interface signals. route differential pairs close together and away from all other signals. route each differential pair on the same pcb layer. keep both traces of each differential pair as identical to each other as possible. wide copper is needed here to support current density of up to 30mhz. these high frequencies result in higher resistance due to skin effect. the wide traces also accommodate high transient currents caused by voltage spikes. trace widths between the module and the coupling transforme r must be no less than 0.020 (0.5 mm) and should be no greater than 0.030 (0.75 mm). use of the bel fuse 0557 - 7700 - 36, 0557 - 7700 - 40, 0557 - 7700 - 41 or 0557 - 7700 - 42 powerline couplers is recommended. details can be found in their associated datasheets. re set interface pin number pin name i/o description 11 reset/ i resets all ic logic when low. maintain this signal active for 100 ms after the vdd rail is stable. z ero - crossing interface pin number pin name i/o description 24 zc_in i zero cross detect or input. the zero cross detector provides a logic level signal with safety isolation that corresponds to the polarity of the ac power line waveform. this information synchronizes the channel adaptation of the ar6400 to the line cycle periodic noise presen t on the power line. power interface pin number pin name i/o description 1, 3, 5 vdd i +3.3v with respect to vss 2, 4, 8, 29, 36, 46, 48, 50 vss i ground
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 20 1 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 12 powerline modules low power em bedded homeplug ? av modules configuration options the ar6400 mii and boot options are selected by the initial condition o f gpio pins. if a gpio pin is not used and its internal strapping resistor sets the booting option correctly, then the pin may be left unconnected. if a gpio pin is not used but the internal strapping resistor sets the booting option incorrectly, then the pin must be pulled high or low to the correct booting option by an external resistor. this resistor can be 10 k - ohms down to a few hundred ohms. 3.3 k - ohms is typical. many gpio pins are driven by firmware for led output immediately after boot up so connec ting these gpio directly to ground or vdd is not permitted. pin number pin name strap function internal pull up/down default function 15 gpio3 isodef up phy mode: hi - z mii interface 16 gpio4 speed up phy mode: 100mbps 17 gpio5 md_a3 up phy mode: phy ad dress 0x0100 18 gpio6 cfg_sel down boot: sdram parameters from host 19 gpio7 md_a4 down phy mode: phy address 0x0100 20 gpio8 mp_sel up host: mac mode 22 gpio10 bm_sel down boot: firmware from host 49 phy_clk duplex up phy mode: full duplex
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 13 powerline modules low power embedded homeplug ? av modules mii optio ns the mp_sel strap is used to specify whether the ar6400 chip is configured for mii mac mode, or in mii phy mode (i.e. reverse - mii mode). the encoding of this signal is shown in the following table: mp_sel mode 0 mii in phy mode 1 mii in mac mode in mii phy mode, there are 5 additional configuration straps that are unique to this mode of operation. speed mii speed duplex mii duplex 0 10mbps 0 half duplex 1 100mbps 1 full duplex isodef isolation md_a[3,4] mii management address 0 normal operation 00 0x00 1 isolated 01 0x08 10 0x10 11 0x18 boot options bm_sel cfg_sel meaning 0 0 load sdram configuration and boot code from external host 0 1 load sdram configuration applet from flash, and then load boot code from external hos t 1 0 not supported 1 1 load sdram configuration and boot code from flash the bm_sel strap is used to determine the source of the boot code for the embedded arm processor. similarly, the cfg_sel strap is used to determine the source of the sdram config uration applet. the encodings for these two signals are shown in the following table. design notes ? leave below lines unconnected if they are not unused: ? pin 47: phy_rst# ? pin 49: phy_clk ? pin 27: reserved ? connect pin 28 (reserved) signal to the ground. ? ze ro - cross detection circuit is not required for dc line connection, but to work correctly the plc module requires a pull - up resistor (10k) on zc_in line ? do not force other logic levels than default during the module boot on reserved gpio strappings, gpio: 0 - 2 and 3. ? when the power line module is in phy mode, rx_er signal should not be connected to the mii bus. this line is not tri - stated. use a 10k ohm pull down resistor only.
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 20 1 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 14 powerline modules low power em bedded homeplug ? av modules firmware the powerline module is supplied pre - programmed with the most recent fi rmware version and default parameter information block (pib) for north america from qualcomm atheros. the pib contains the parameters used to configure the operation of the ar6400 chipset including: ? network management key (nmk), ? mac address ? device access key (dak), ? gpio function after reset. ? tone bins suitable for north american use (alternatives available) this factory default pib can be superseded by a customized user pib using the avitar pc - based application. a non disclosure agreement is required wit h qualcomm atheros to access this tool. electrical characteristics symbol parameter test conditions min max units vdd supply voltage ( 1 ) 3.0 3.6 v v il low - level input voltage 0.8 v v ih high - level input v oltage 2.0 v v ol low - level output voltage i ol = 4 ma, 12 ma ( 2 ) 0.4 v v oh high - level output voltage i oh = - 4 ma, - 12 ma ( 3 ) 2.4 v i il low - level input current v i = gnd - 1 a i ih high - level input current v i = 3.3 v 1 a i oz high - impedance output current gnd < v i < 3.3 v - 1 +1 a t op operating temperature range - 40 +85 c 1. a typical supply current, assuming a nominal operation of 50% transmit and 50% receive duty cycle, is 580 ma. 2. i ol =12 ma for all gpios. i ol = 4 ma for all other digital interfaces. 3. i oh = - 12 ma for all gpios. i oh = - 4 ma for all other digital interfaces
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 bel fuse inc. 206 van vorst street, jersey city, nj 07302 ? tel 201 - 432 - 0463 ? fax 201 - 432 - 9542 ? www.belfuse.com 15 powerline modules low power embedded homeplug ? av modules mechanical 0804 - 5000 - 17 vertical mount 0804 - 5000 - 18 horizontal mount
?201 3 bel fuse inc. specifications subject to change without notice. 03.09.2013 corporate bel fuse inc. 206 van vorst street jersey city, nj 07302 tel 201 - 432 - 0463 fax 201 - 432 - 9542 www.belfuse.com asia bel fuse ltd. 8f / 8 luk hop stree t san po kong kowloon, hong kong tel 852 - 2328 - 5515 fax 852 - 2352 - 3706 www.belfuse.com europe bel integrated modules 28 turkey court, turkey mill ashford road maidstone, kent me14 5pp u.k. tel 44 - 1622 - 757395 fax 44 - 1622 - 663252 www.belfuse.com 16 powerline modules low power em bedded homeplug ? av modules 0804 - 5000 - 24 horizontal mount - industrial temperature with heatsink


▲Up To Search▲   

 
Price & Availability of 0804-5000-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X