Part Number Hot Search : 
BR100 6501L CXXXX 4N38X SD271P0 SB120 MIC49300 FODM121E
Product Description
Full Text Search
 

To Download VSMF4720 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 81923 for tec hnical questions, contact: emittertechsuppo rt@vishay.com www.vishay.com rev. 1.1, 03-nov-09 302 high speed infrared emitting diode , 870 nm, gaalas double hetero VSMF4720 vishay semiconductors description VSMF4720 is an infrared, 870 nm emitting diode in gaalas double hetero (dh) technology with high radiant power and high speed, molded in a plcc-2 package for surface mounting (smd). a 19" chip provides outstanding low forward voltage and radiant in tensity even at 1 a pulse current. features ? package type: surface mount ? package form: plcc-2 ? dimensions (l x w x h in mm): 3.5 x 2.8 x 1.75 ? peak wavelength: p = 870 nm ? high reliability ? high radiant power ? high radiant intensity ? angle of half intensity: ? = 60 ? low forward voltage ? suitable for high pulse current operation ? high modulation band width: f c = 24 mhz ? good spectral matching with si photodetectors ? floor life: 168 h, msl 3, acc. j-std-020 ? lead (pb)-free reflow soldering ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? find out more about vishays automotive grade product requirements at: www.vishay.com/applications applications ? high speed ir data transmission ? high power emitter for low space applications ? high performance transmissi ve or reflective sensors note test conditions see table basic characteristics note moq: minimum order quantity 94 8553 product summary component i e (mw/sr) ? (deg) p (nm) t r (ns) VSMF4720 16 60 870 15 ordering information ordering code packaging remarks package form VSMF4720-gs08 tape and reel mo q: 7500 pcs, 1500 pcs/reel plcc-2 VSMF4720-gs18 tape and reel mo q: 8000 pcs, 8000 pcs/reel plcc-2 ** please see document vishay material category policy: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 81923 303 rev. 1.1, 03-nov-09 VSMF4720 vishay semiconductors high speed infrared emitting diode, 870 nm, gaalas double hetero note t amb = 25 c, unless otherwise specified fig. 1 - power dissipation limit vs. ambient temperature fig. 2 - forward current limit vs. ambient temperature note t amb = 25 c, unless otherwise specified absolute maximum ratings parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma peak forward current t p /t = 0.5, t p = 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1a power dissipation p v 160 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature acc . figure 8, j-std-020 t sd 260 c thermal resistance j unction/ambient j-std-051, soldered on pcb r thja 250 k/w 0 20 40 60 80 100 120 140 160 180 0 102030405060708090100 21343 t amb - ambient temperature (c) p v - power dissipation (mw) r thja = 250 k/w 0 20 40 60 80 100 120 0 10 203040 50607080 90100 21344 r thja = 250 k/w t amb - ambient temperature (c) i f - forward current (ma) basic characteristics parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma, t p = 20 ms v f 1.45 1.6 v i f = 1 a, t p = 100 s v f 2.1 v temperature coefficient of v f i f = 1 ma tk vf - 1.8 mv/k reverse current v r = 5 v i r 10 a junction capacitance v r = 0 v, f = 1 mhz, e = 0 c j 125 pf radiant intensity i f = 100 ma, t p = 20 ms i e 10 16 30 mw/sr i f = 1 a, t p = 100 s i e 150 mw/sr radiant power i f = 100 ma, t p = 20 ms e 50 mw temperature coefficient of e i f = 100 ma tk e - 0.35 %/k angle of half intensity ? 60 deg peak wavelength i f = 100 ma p 870 nm spectral bandwidth i f = 100 ma ? 40 nm temperature coefficient of p i f = 100 ma tk p 0.25 nm/k rise time i f = 100 ma t r 15 ns fall time i f = 100 ma t f 15 ns cut-off frequency i dc = 70 ma, i ac = 30 ma pp f c 24 mhz virtual source diameter d 0.67 mm
document number: 81923 for tec hnical questions, contact: emittertechsuppo rt@vishay.com www.vishay.com rev. 1.1, 03-nov-09 304 VSMF4720 high speed infrared emitting diode, 870 nm, gaalas double hetero vishay semiconductors basic characteristics t amb = 25 c, unless ot herwise specified fig. 3 - pulse forward current vs. pulse duration fig. 4 - forward current vs. forward voltage fig. 5 - radiant intensity vs. forward current fig. 6 - relative radi ant power vs. wavelength fig. 7 - relative radiant in tensity vs. angular displacement 100 1000 0.01 0.1 1 10 100 t p - pulse duration (ms) 16031 t p /t = 0.01 0.05 0.2 0.5 0.1 0.02 t amb < 50 c i f - forward current (ma) 18873_1 i f - forward current (ma) 1000 100 10 1 v f - forward voltage (v) 024 13 t p = 100 s t p /t = 0.001 0.1 1 10 100 1000 1 10 100 1000 21426 i f - forward pulse current (ma) i e - radiant intensity (mw/sr) t p = 0.1 ms 820 870 0 0.25 0.5 0.75 1.0 1.25 920 15821 i f = 100 ma e rel - relative radiant power - wavelength (nm) 0.4 0.2 0 i e, rel - relative radiant intensity 94 8013 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 ? - angular displacement
www.vishay.com for technical questions, contact: emittertechsupport@vishay.com document number: 81923 305 rev. 1.1, 03-nov-09 VSMF4720 vishay semiconductors high speed infrared emitting diode, 870 nm, gaalas double hetero package dimensions in millimeters solder profile fig. 8 - lead (pb)-free reflow solder profile acc. j-std-020 for preconditioning acc. to jedec, level 3 drypack devices are packed in mois ture barrier bags (mbb) to prevent the products from moisture absorption during transportation and storage. each bag contains a desiccant. floor life floor life (time between soldering and removing from mbb) must not exceed the time indicated on mbb label: floor life: 168 h conditions: t amb < 30 c, rh < 60 % moisture sensitivity leve l 3, acc. to j-std-020. drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry using recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. 20541 mounting pad layout 1.2 2.6 (2.8) 1.6 (1.9) 4 4 area covered with solder resist 3.5 0.2 3 + 0.15 1.75 0.1 0.9 2.8 0.15 ca pin identification 2.2 ? 2.4 technical drawings according to din specifications drawing-no.: 6.541-5067.01-4 issue: 5; 04.11.08 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
document number: 81923 for tec hnical questions, contact: emittertechsuppo rt@vishay.com www.vishay.com rev. 1.1, 03-nov-09 306 VSMF4720 high speed infrared emitting diode, 870 nm, gaalas double hetero vishay semiconductors tape and reel plcc-2 components are packed in antistatic blister tape (din iec (co) 564) for automatic component insertion. cavities of blister tape are covered with adhesive tape. fig. 9 - blister tape fig. 10 - tape dimensions in mm for plcc-2 missing devices a maximum of 0.5 % of the to tal number of components per reel may be missing, exclusively missing components at the beginning and at the end of the reel. a maximum of three consecutive components may be missing, provided this gap is followed by six consecutive components. fig. 11 - beginning and end of reel the tape leader is at least 160 mm and is followed by a carrier tape leader with at least 40 empty compartements. the tape leader may include the carrier tape as long as the cover tape is not connected to the carrier tape. the least component is followed by a carri er tape trailer with a least 75 empty compartements and sealed with cover tape. fig. 12 - dimens ions of reel-gs08 fig. 13 - dimens ions of reel-gs18 cover tape removal force the removal force lies between 0.1 n and 1.0 n at a removal speed of 5 mm/s. in order to prevent components from popping out of the blisters, the cover tape must be pulled off at an angle of 180 with re gard to the feed direction. adhesive tape component cavity blister tape 94 8670 1.85 1.65 4.0 3.6 3.6 3.4 2.05 1.95 1.6 1.4 4.1 3.9 4.1 3.9 5.75 5.25 8.3 7.7 3.5 3.1 2.2 2.0 0.25 94 8668 de-reeling direction tape leader min. 75 empty compartments > 160 mm 40 empty compartments carrier leader carrier trailer 94 8158 180 178 4.5 3.5 2.5 1.5 13.00 12.75 63.5 60.5 14.4 max. 10.0 9.0 120 94 8665 identification label: vishay type group tape code production code quantity 321 329 identification 4.5 3.5 2.5 1.5 13.00 12.75 62.5 60.0 14.4 max. 10.4 8.4 120 18857 label: vishay type group tape code production code quantity
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VSMF4720

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X