Part Number Hot Search : 
TXC101 5MTCX NJM2146 PSMR12 SDZ5V1Q 150B6TR BR404 30SC4MT
Product Description
Full Text Search
 

To Download VSB1545-M373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vsb1545 www.vishay.com vishay general semiconductor revision: 06-jul-12 1 document number: 89390 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 photovoltaic solar cell protection schottky rectifier ultra low v f = 0.33 v at i f = 5.0 a features ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? high forward surge capability ? esd capability ? solder dip 275 c max. 10 s, per jesd 22-b106 ?t j 200 c max. in solar bypass mode application ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in solar cell junction box as a bypass diode for protection, using dc forward current without reverse bias. mechanical data case: p600 molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-fr ee, rohs-compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 2 01 class 1a whisker test polarity: color band denotes cathode end notes (1) with heatsink (2) without heatsink, free air (3) meets the requirements of iec 61215 ed. 2 bypass di ode thermal test primary characteristics i f(av) 15 a v rrm 45 v i fsm 200 a v f at i f = 15 a 0.44 v t op max. (ac mode) 150 c t j max. (dc forw ard current) 200 c p600 tmbs ? maximum ratings (t a = 25 c unless otherwise noted) parameter symbol vsb1545 unit device marking code v1545 maximum repetitive pe ak reverse voltage v rrm 45 v maximum average forward rectified current (fig. 1) i f(av) (1) 15 a i f(av) (2) 6 peak forward surge curr ent 8.3 ms single half sine-wave superimposed on rated load i fsm 200 a operating junction temperature range t op - 40 to + 150 c storage temperature range t stg - 40 to + 175 c junction temperature in dc forward current without reverse bias, t ? 1 hp t j (3) ? 200 c
vsb1545 www.vishay.com vishay general semiconductor revision: 06-jul-12 2 document number: 89390 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: 40 ms pulse width notes (1) without heatsink, free air; units mo unted on pcb with 2 mm x 2 mm coppe r pad areas at 9.5 mm lead length (2) leads clipped at 3 mm lead length from plastic body on 7.0 cm x 2.2 cm x 1.9 cm x 2 heatsink notes (1) immunity to iec 61000-4- 2 air discharge mode has a typical perfor mance > 25 kv (2) system esd standard electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditi ons symbol typ. max. unit instantaneous forward voltage i f = 5.0 a t a = 25 c v f (1) 0.44 - v i f = 7.5 a 0.46 - i f = 15 a 0.51 0.59 i f = 5.0 a t a = 125 c 0.33 - i f = 7.5 a 0.36 - i f = 15 a 0.44 0.54 reverse current v r = 45 v t a = 25 c i r (2) 11.6 800 a t a = 125 c 7.5 25 ma typical junction capa citance 4.0 v, 1 mhz c j 1290 - pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol vsb1545 unit thermal resistance r ? ja (1) 55 c/w r ? jl (1) 3.5 typical thermal resistance r ? jl (2) 2.5 c/w immunity to electrical static discharge to the following standards (t a = 25 c unless otherwise noted) standard test type test conditions symbol class value jesd22-a114 human body model (con tact mode) c = 150 pf, r = 1.5 ? v c 3b > 8 kv jesd22-a115 machine model (contact mode) c = 200 pf, r = 0 ? c > 400 v iec 61000-4-2 (2) air discharge mode (1) c = 150 pf, r = 330 ? 4 > 15 kv ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode vsb1545-m3/54 1.88 54 800 13" diam eter paper tape and reel vsb1545-m3/73 1.88 73 300 ammo pack packaging
vsb1545 www.vishay.com vishay general semiconductor revision: 06-jul-12 3 document number: 89390 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - rated forward current vs. ambient temperature fig. 3 - forward power loss characteristics fig. 4 - typical instantaneous forward characteristics fig. 5 - typical reverse leakage characteristics fig. 6 - typical junction capacitance ambient temperature (c) dc forward current (a) 8 7 6 5 1 0 0 25 50 75 100 175 4 3 125 150 2 free air, without heat s ink 120 0 0 50 100 150 200 ambient temperature (c) percentage of rated current (%) 100 80 60 40 20 25 75 125 175 dc current with heat s ink 0 1 6 7 8 10 02 6 10 1618 average forward current (a) average power loss (w) d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0.8 d = 1.0 12 3 4 5 2 14 48 9 d = t p /t t p t instantaneous forward voltage (v) 0.1 0.2 0.4 0.8 100 10 1 0.1 t a = 150 c t a = 125 c t a = 100 c t a = 25 c 0.6 instantaneous forward current (a) 0.3 0.5 0.7 20 40 60 80 100 1000 100 10 1 100 000 10 000 percent of rated peak reverse voltage (%) instantaneous reverse current (a) t a = 150 c t a = 25 c t a = 100 c t a = 125 c 100 10 000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 1000
vsb1545 www.vishay.com vishay general semiconductor revision: 06-jul-12 4 document number: 89390 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) 0.052 (1.32) 0.048 (1.22) 0.360 (9.1) 0.340 (8.6) dia. 1.0 (25.4) min. 0.360 (9.1) 0.340 (8.6) 1.0 (25.4) min. p600
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VSB1545-M373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X