Part Number Hot Search : 
AM188 PAA150F GBJ15005 05001 FMMT5551 L6232 MSB55CA PL354
Product Description
Full Text Search
 

To Download UMD3N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ty transistor (built-in resistor ty emd3 / UMD3N / imd3a z f eatu r es 1 ) b o th t he dt a1 14 e ch ip a n d dt c 1 14 e chi p i n a emt or umt or smt p a ckage. 2) mounting possible w i th emt 3 or umt 3 or smt 3 automatic mounting machines. 3) t r ansistor element s are independent, eliminating interference. 4) mounting cost and area can be cut in half. z s t ru ctu r e epit axial planar ty pe npn / pnp pe) t he follow i ng characteristics apply to both the dt r 1 and dt r 2 , how ever , the ? ? ? sign on dt r 2 values for the pnp ty pe have been omitted. z equiv a le nt c i rc uit s emd3 / UMD3N imd3a dtr 2 dtr 1 (3) (2) (1) (3) (2) (1) (4) (5) (6) (4) (5) (6) r 1 r 2 r 2 r 1 dtr 2 dtr 1 r 1 r 2 r 2 r 1 r 2 =10k ? r 1 =10k ? r 2 =10k ? r 1 =10k ? z a b solute maximum ratings (t a= 25 c) parameter symbol limits unit v cc 50 v ? 10 v v in 40 i o 50 ma i c (max.) 100 tj 150 ?c tstg ? 55 + 150 ?c pd emd3, UMD3N 150 (total) mw imd3a 300 (total) ? 1 ? 2 supply voltage input voltage output current junction temperature storage temperature power dissipation ? 1 120mw per element must not be exceeded. ? 2 200mw per element must not be exceeded. z ex te rna l dime ns ions (unit : mm) rohm : emt6 emd3 rohm : umt6 eiaj : sc-88 UMD3N abbreviated symbol : d3 abbreviated symbol : d3 abbreviated symbol : d3 rohm : smt6 eiaj : sc-74 imd3a each lead has same dimensions each lead has same dimensions each lead has same dimensions 0to0.1 ( 6 ) 2.0 1.3 0.9 0.15 0.7 0.1min. 2.1 0.65 0.2 1.25 ( 1 ) 0.65 ( 4 ) ( 3 ) ( 2 ) ( 5 ) ( 6 ) ( 5 ) ( 4 ) 0.3to0.6 0.15 0.3 1.1 0.8 0to0.1 ( 3 ) 2.8 1.6 1.9 2.9 0.95 ( 2 ) 0.95 ( 1 ) 0.22 1.2 1.6 ( 1 ) ( 2 ) ( 5 ) ( 3 ) ( 6 ) ( 4 ) 0.13 0.5 0.5 0.5 1.0 1.6 product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
z electrical ch aracteristics (t a= 25 c) parameter symbol i i r 1 g i r 2 /r 1 min. ? 3 ? ? ? 7 30 0.8 ? ? 0.1 ? ? 10 ? 1 0.5 ? 0.3 0.88 0.5 13 ? 1.2 v v cc = 5v, i o = 100 a v o = 0.3v, i o =10 ma i o = 10ma, i i = 0.5ma v i = 5v v cc = 50v, v i = 0v ? v o = 5v, i o = 5ma v ma a k ? ? ?? typ. max. unit conditions v i (off) v i (on) v o (on) i o (off) f t ? 250 ? v ce = 10v, i e = ? 5ma, f = 100mhz ? mhz ? transition frequency of the device input voltage output voltage input current output current input resistance dc current gain transition frequency resistance ratio z packag in g sp ecificatio n s package code tn t110 3000 3000 taping basic ordering unit (pieces) UMD3N t2r 8000 emd3 imd3a type emd3 / UMD3N / imd3a product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of UMD3N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X