Part Number Hot Search : 
E220K EVH12390 TA7414P LD7710 GC160A24 ADC1415S 1SS187 MPSW6306
Product Description
Full Text Search
 

To Download UCD4001B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd UCD4001B preliminary cmos ic www.unisonic.com.tw 1 of 5 copyright ? 2013 unisonic technologies co., ltd qw-r502-599.c quad 2-input nor buffered b series gate ? description the utc UCD4001B contains four independent 2-input nor gates, they perform the function y=a+b in positive logic. ? features * 5v-10v-15v parametric ratings * quad 2-input nor gate * symmetrical output characteristics * maximum input current of 1ua at 15v over full package temper- ature rage * low power ttl: fan out of 2 driving 74l compatibility or 1 driving 74ls sop-14 ? ordering information ordering number package packing lead free halogen free UCD4001Bl-s14-r ud4001bg-s14-r sop-14 tape reel
UCD4001B preliminary cmos ic unisonic technologies co., ltd 2 of 5 www.unisonic.com.tw qw-r502-599.c ? pin configuration 1a 1b 1y 2a 2b 2y v ss v dd 4b 4a 4y 3b 3a 3y 1 2 3 4 5 6 7 14 13 12 11 10 9 8 ? function table (each gate) input(a) input(b) output(y) h h l h l l l h l l l h ? logic diagram (positive logic)
UCD4001B preliminary cmos ic unisonic technologies co., ltd 3 of 5 www.unisonic.com.tw qw-r502-599.c ? absolute maximum rating ( t a =25 , unless otherwise specified) parameter symbol ratings unit supply voltage v dd -0.5 ~ 18 v input voltage v(na,nb) -0.5 ~ v dd +0.5 v output voltage v(ny) -0.5 ~ v dd +0.5 v storage temperature t stg -65 ~ + 150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device operation is not implied. ? recommended operating conditions parameter symbol ratings unit supply voltage v dd 3 ~ 15 v operating temprature t op -40 ~ 125 c ? electrical characteristics (t a =25 ) parameter symbol test conditions min typ max unit input voltage high v ih v dd = 5v, v o =0.5v 3.5 3 v v dd = 10v, v o =1.0v 7.0 6 v dd = 15v, v o =1.5v 11.0 9 low v il v dd = 5v, v o =4.5v 2 1.5 v v dd = 10v, v o =9.0v 4 3.0 v dd = 15v, v o =13.5v 6 4.0 output voltage high v oh v dd = 5v, i oh =-1a 4.95 5 v v dd = 10v, i oh =-1a 9.95 10 v dd = 15v, i oh =-1a 14.95 15 low v ol v dd = 5v, i ol =1a 0 0.05 v v dd = 10v, i ol =1a 0 0.05 v dd = 15v, i ol =1a 0 0.05 output current (note) high i oh v dd = 5v, v o =4.6v -0.51 -0.88 ma v dd = 10v, v o =9.5v -1.3 -2.25 v dd = 15v, v o =13.5v -3.4 -8.8 low i ol v dd = 5v, v o =0.4v 0.51 0.88 v dd = 10v, v o =0.5v 1.3 2.25 v dd = 15v, v o =1.5v 3.4 8.8 input leakage current i i ( leak ) v dd = 15v ,v in = v dd or gnd 0.1 a quiescent supply current i q v dd = 5v, v in = v dd or v ss , i out = 0 0.004 0.25 a v dd = 10v, v in = v dd or v ss , i out = 0 0.005 0.5 v dd = 15v, v in = v dd or v ss , i out = 0 0.006 1.0 note: i ol and i oh are tested one output at a time
UCD4001B preliminary cmos ic unisonic technologies co., ltd 4 of 5 www.unisonic.com.tw qw-r502-599.c ? switching characteristics (t a =25 , input: t r =t f =20ns, unless otherwise specified ) parameter symbol test conditions min typ max unit propagation delay from input(a or b) to output(y) t plh v dd =5v, c l =50pf, r l =200k ? 110 250 ns v dd =10v, c l =50pf, r l =200k ? 50 100 v dd =15v, c l =50pf, r l =200k ? 35 70 t phl v dd =5v, c l =50pf, r l =200k ? 120 250 v dd =10v, c l =50pf, r l =200k ? 50 100 v dd =15v, c l =50pf, r l =200k ? 35 70 transition time t tlh t thl v dd =5v, c l =50pf, r l =200k ? 90 200 ns v dd =10v, c l =50pf, r l =200k ? 50 100 v dd =15v, c l =50pf, r l =200k ? 40 80 ? operating characteristics (t a =25 ) parameter symbol test conditions min typ max unit a verage input capacitance c in any input 5 7.5 pf power dissipation capacitance c pd any gate 14
UCD4001B preliminary cmos ic unisonic technologies co., ltd 5 of 5 www.unisonic.com.tw qw-r502-599.c ? test circuit and waveforms output c l 50pf 50% 50% 50% 50% v cc 0v v oh v ol v vo r l 200k note: cl includes probe and jig capacitance. utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UCD4001B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X