Part Number Hot Search : 
BC807U 75M00 XFATM6 33981 75000 VLX85 LTM4623 CDE32P
Product Description
Full Text Search
 

To Download TIP29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic power transistors TIP29, a, b, c npn tip30, a, b, c pnp to-220 plastic package complementary silicon transistors intended for a wide variety of switching and amplifier applications, series and shunt regulators, driver and output stages of hi-fi amplifiers absolute maximum ratings (t a =25oc) TIP29 TIP29a TIP29b TIP29c tip30 tip30a tip30b tip30c collector emitter (sus) voltage v ceo 40 60 80 100 v collector base voltage v cbo 40 60 80 100 v emitter base voltage v ebo v collector current continuous i c a collector current peak i cm a base current i b a power dissipation upto t c =25oc p d w power dissipation upto t a =25oc p d w derate above 25oc mw/oc storage temperature t stg oc junction temperature t j oc thermal resistance junction to case r th (j-c) oc/w junction to ambient in free air r th (j-a) oc/w - 65 to +150 150 62.5 unit description symbol 16 5.0 1.0 3.0 0.4 30 2.0 4.167 continental device india limited data sheet page 1 of 4 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
plastic power transistors TIP29, a, b, c npn tip30, a, b, c pnp to-220 plastic package electrical characteristics (t c =25oc unless specified otherwise ) collector emitter voltage *v ceo(sus) i c =30ma, i b =0 TIP29/30 40 v TIP29a/30a 60 v TIP29b/30b 80 v TIP29c/30c 100 v collector cut off current i ceo v ce =30v, i b =0 TIP29, a / 30, a 0.3 ma v ce =60v, i b =0 TIP29b, c / 30b, c 0.3 ma collector cut off current i ces v ce =v ceo (max), v be =0 0.2 ma emitter cut off current i ebo v eb =5v, i c =0 1.0 ma dc current gain *h fe i c =0.2a, v ce =4v 40 i c =1a, v ce =4v 15 75 base emitter on voltage *v be(on) i c =1a, v ce =4v 1.3 v *pulse test : pulse width < 300 m m s, duty cycle < 2% dynamic characteristic description symbol test condition min max unit small signal current gain h fe i c =0.2a, v ce =10v, f=1khz 20 transition frequency f t i c =0.2a, v ce =10v, f=1mhz 3 mhz switching characteristics description symbol test condition unit turn on time t on m s turn off time t off m s *v ce (sat) 0.7 v test condition min unit collector emitter saturation voltage symbol i c =1a, i b =125ma max description v cc =30v, i c =2a, i b1 =i b2 =0.2a typ 0.43 1.0 continental device india limited data sheet page 2 of 4
TIP29, a, b, c npn tip30, a, b, c pnp to-220 plastic package to-220 plastic package to-220 tube packing to-220 200 pcs/polybag 50 pcs/tube 396 gm/200 pcs 120 gm/50 pcs 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 1.0k 1.0k 17" x 15" x 13.5" 19" x 19" x 19" 16.0k 10.0k 36 kgs 29 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail pin configuration 1. base 2. collector 3. emitter 4. collector 3 2 1 4 all diminsions in mm. dim min max n o b c d ? e f g h j k l m a 14.42 16.51 9.63 10.67 3.56 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 ? 0.56 12.70 14.73 2.80 4.07 2.03 2.92 ? 31.24 7 deg b f c e h l n k 1 2 3 d g m j a 0 0 6.87 3 2 . 8 5 13.74 end pin tube thickness device name label 536.00 1.5 50 pcs./tube sr. qty. all dimensions in mm ammo pack size 20 tubes/ammo pack 1000 pcs./ammo pack label 5 3 8 . 0 0 7 5 . 0 9 2 . 0 continental device india limited data sheet page 3 of 4
notes TIP29, a, b, c npn tip30, a, b, c pnp to-220 plastic package TIP29_30rev_1 131102e disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 4 of 4


▲Up To Search▲   

 
Price & Availability of TIP29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X