Part Number Hot Search : 
AS300DB 1N2812 SM552 0100M M1000 CFB940P 683ML KRA317
Product Description
Full Text Search
 

To Download THI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.tracopower.com dc/dc converters THI 2 series, 2 watt features dipC24 plastic package i/o isolation voltage 2500 vacrms supplementary insulation rated for working voltage up to 250 vac regulated output operating temp. range C40c to +85c low coupling capacity short circuit protection 3-years product warranty order code input voltage range output voltage output current max. effciency typ. THI 0511 5 vdc 400 ma 62 % THI 0512 12 vdc 165 ma 63 % THI 0513 5.0 vdc 10% 15 vdc 130 ma 64 % THI 0520 5 vdc 100 ma 42 % THI 0521 12 vdc 80 ma 57 % THI 0522 15 vdc 65 ma 57 % THI 1211 5 vdc 400 ma 62 % THI 1212 12 vdc 165 ma 63 % THI 1213 12.0 vdc 10% 15 vdc 130 ma 64 % THI 1220 5 vdc 100 ma 45 % THI 1221 12 vdc 80 ma 59 % THI 1222 15 vdc 65 ma 59 % THI 2411 5 vdc 400 ma 62 % THI 2412 12 vdc 165 ma 63 % THI 2413 24 vdc 10% 15 vdc 130 ma 64 % THI 2420 5 vdc 100 ma 45 % THI 2421 12 vdc 80 ma 58 % THI 2422 15 vdc 65 ma 58 % models the THI 2 series is a family of dc/dc converter with very high i/o isolation specifca - tion. they are certifed according to en 60950 and iec 60601-1 safety standards and offer a cost effective solution for all industrial, telecom and medical applications where a supplementary insulation is required. smd technology and a 100 % pro - duction test of the safety barrier ensure a very high reliability of THIs product. page 1 of 3
http://www.tracopower.com dc/dc converters THI 2 series 2 watt input specifications input current no load / full load 5 vin models: 100 ma / 660 ma typ. 12 vin models: 50 ma / 280 ma typ. 24 vin models: 30 ma / 140 ma typ. surge voltage (1 sec. max.) 5 vin models: 7.5 v max. 12 vin models: 15 v max. 24 vin models: 30 v max. input filter pi-filter output specifications voltage set accuracy 3 % voltage balance (dual output models) 3 % max. regulation C input variation 0.5 % C load variation 10C100% 1.0 % max. ripple and noise (20 mhz bandwidth) 50 mvpk-pk max. temperature coefficient 0.02 %/k current limitation >120 % constant current short circuit protection continuous (automatic recovery) capacitive load single output models: 680 f max. dual output models: 270 f max. (each output) general specifications temperature ranges C operating C40c to +85c C case +95c max. C storage C40c to +125c derating 3 %/k above 70c humidity (non condensing) 95 % rel. h max. reliability, calculated mtbf (mil-hdbk-217f, at 25c, ground benign) >600000 h isolation voltage C i/o isolation voltage 2500 vacrms (rated for 250vac) C isolation test voltage (1 sec.) 6000 vpk isolation capacitance C input/output 20 pf typ. isolation resistance C input/output >10 gohm safety standards iec/en 60950 iec/en 60601-1, rated for 250vac switching frequency 25 C 80 khz (pfm) all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. page 2 of 3
r e v. 11/11 specifcations can be changed any time without notice. page 3 of 3 general specifications casing material plastic (ul 94v-0 rated) weight 12.4 g (0.44 oz) soldering temperature max. 265c / 10 sec dc/dc converters THI 2 series 2 watt outline dimensions 10 11 12 24 23 1 2 15 13 bottom view 20 15.24 2.4 (0.6) (0.79) (0.1) 10 4 (0.16) 27.94 2.0 32 2.54 2.54 20.32 2.54 (1.25) (1.1) (0.8) (0.08) (0.1) (0.1) (0.1) (0.4) pin single dual 1 +vin (vcc) +vin (vcc) 2 +vin (vcc) +vin (vcc) 10 no pin common 11 no pin common 12 Cvout no pin. 13 +vout Cvout 15 no pin +vout 23 Cvin (gnd) Cvin (gnd) 24 Cvin (gnd) Cvin (gnd) pin-out dimensions in [mm], () = inch pin diameter: 0.5 0.05 (0.024 0.002) tolerances: 0.25 (0.01) pin pitch tolerances: 0.05 (0.002) jenatschstrasse 1 ch-8002 zurich switzerland t el. +41 43 311 45 11 fax +41 43 311 45 45 info@traco.ch www .tracopower .com


▲Up To Search▲   

 
Price & Availability of THI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X