Part Number Hot Search : 
MM1923H MAX1604 BAS21T1 LTM4620 ADP1864 BZX84 HER801 645ETT
Product Description
Full Text Search
 

To Download TACK334010TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  26 april 2014 tacmicrochip ? standard microchip features ? the worlds smallest surface mount tantalum capacitor ? cv range: 0.10-150f / 2-25v ? 5 case sizes available ? low profile options available ? industrial and hi-rel medical applications applications ? hearing aids, non-life support medical, long life miniature designs l slt w h polarity band not to exceed center line tac type tacmicrochip ? l case size see table above 226 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) * tolerance k=10% m=20% ta alternative characters may be used for special requirements how to order r packaging r, p = 7" standard tin termination plastic tape x, q = 4 1 ? 4 " standard tin termination plastic tape a = 7" gold termination plastic tape f = 4 1 ? 4 " gold termination plastic tape technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.10 f to 150 f capacitance tolerance: 10%; 20% leakage current dcl: 0.01cv or 0.5a whichever is the greater rated voltage (v r ) +85c: 2 3 4 6.3 10 16 20 25 category voltage (v c ) +125c: 1.3 2 2.7 4 7 10 13 17 surge voltage (v s ) +85c: 2.7 3.9 5.2 8 13 20 26 32 surge voltage (v s ) +125c: 1.7 2.6 3.2 5 8 12 16 20 temperature range: -55c to +125c reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level termination finish: nickel and tin plating (standard), nickel and gold plating option available upon request technical specifications 004 rated dc voltage 002=2vdc 003=3vdc 004=4vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc % % % case dimensions: millimeters (inches) l+0.20 (0.008) w+0.15 (0.006) h+0.15 (0.006) minimum code eia eia -0.00 (0.000) -0.00 (0.000) -0.00 (0.000) termination termination code metric spacing(s) length (lt) a 1206 3216-18 3.20 0.20 1.60 0.20 1.60 0.20 1.80 (0.071) min 0.15 (0.006) (0.126 0.008) (0.060 0.008) (0.063 0.008) b 1210 3528-15 3.50 0.20 2.80 1.50 (0.059) max 2.00 (0.079) min 0.15 (0.006) (0.138 0.008) (0.110 ) k 0402 1005-07 1.00 (0.039) 0.50 0.50 0.40 (0.016) min 0.10 (0.004) (0.020 ) (0.020 ) l 0603 1608-10 1.60 (0.063) 0.85 (0.033) 0.85 (0.033) 0.55 (0.022) min 0.15 (0.006) r 0805 2012-15 2.00 (0.079) 1.35 (0.053) 1.35 (0.053) 0.70 (0.027) min 0.15 (0.006) +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.10 +0.008 -0.004 lead-free compatible component a, b, k, l, r case polarity band (anode+) marking
april 2014 27 april 2014 27 capacitance voltage rating dc (v r ) at 85c f code 2.0v 3.0v 4.0v 6.3v 10v 16v 20v 25v 0.10 104 k 0.15 154 kk 0.22 224 kkk 0.33 334 kk 0.47 474 k/l l 0.68 684 k/l l 1.0 105 k/l k/l/r l r 1.5 155 l l l 2.2 225 k/l l k/l l l 3.3 335 k/l k/l l l l/r r 4.7 475 k/l k/l l l l/r r 6.8 685 k/l l l l/r l/r 10 106 k/l l l/r l/r l/r r 15 156 r l/r l/r r 22 226 r l/r l/r r r 33 336 r r r r a/r 47 476 r r r a/r b 68 686 r a/r a 100 107 a/r a/r a 150 157 a 220 227 capacitance and rated voltage range (letter denotes case size) tacmicrochip ? standard microchip esr limits quoted in brackets (ohms) released codes engineering samples - please contact manufacturer *codes under development - subject to change. standard height profile: a, b, k, l, r case low profile: h, j, t, u, v case note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same reliability standards.
28 april 2014 ratings & part number reference rated rated category category dcl df esr 100khz rms current (ma) product avx case capacitance voltage temperature voltage temperature (a) % max. () msl 25oc 85oc 125oc category part no. size (f) (v) (oc) (v) (oc) max. max. @ 100khz 2.5 volt @ 85c tack335*002#ta k 3.3 2 85 1.3 125 0.5 8 15 1 32 28 13 3 tacl335*002#ta l 3.3 2 85 1.3 125 0.5 6 7.5 1 58 52 23 2 tack475*002#ta k 4.7 2 85 1.3 125 0.5 12 15 1 32 28 13 3 tacl475*002#ta l 4.7 2 85 1.3 125 0.5 6 7.5 1 58 52 23 1 tack685*002#ta k 6.8 2 85 1.3 125 0.5 20 15 1 32 28 13 3 tacl685*002#ta l 6.8 2 85 1.3 125 0.5 6 7.5 1 58 52 23 2 tack106*002#ta k 10 2 85 1.3 125 0.5 15 15 1 32 28 13 3 tacl106*002#ta l 10 2 85 1.3 125 0.5 10 7.5 1 58 52 23 3 tacr226*002#ta r 22 2 85 1.3 125 0.5 8 5 1 95 85 38 1 tacr336*002#ta r 33 2 85 1.3 125 0.7 10 5 1 95 85 38 2 tacr476*002#ta r 47 2 85 1.3 125 0.9 10 5 1 95 85 38 2 tacr686*002#ta r 68 2 85 1.3 125 1.4 14 5 1 95 85 38 2 taca157*002#ta a 150 2 85 1.3 125 3 20 1 1 200 180 80 2 3 volt @ 85c tack225*003#ta k 2.2 3 85 2 125 0.5 6 15 1 32 28 13 2 tacl225*003#ta l 2.2 3 85 2 125 0.5 6 7.5 1 58 52 23 1 tack335*003#ta k 3.3 3 85 2 125 0.5 8 15 1 32 28 13 3 tacl335*003#ta l 3.3 3 85 2 125 0.5 6 7.5 1 58 52 23 2 tack475*003#ta k 4.7 3 85 2 125 0.5 12 15 1 32 28 13 3 tacl475*003#ta l 4.7 3 85 2 125 0.5 6 7.5 1 58 52 23 1 tacl685*003#ta l 6.8 3 85 2 125 0.5 6 7.5 1 58 52 23 2 tacl106*003#ta l 10 3 85 2 125 0.5 10 7.5 1 58 52 23 3 tacr156*003#ta r 15 3 85 2 125 0.5 8 5 1 95 85 38 1 tacl226*003#ta l 22 3 85 2 125 0.7 20 7.5 1 58 52 23 3 tacr226*003#ta r 22 3 85 2 125 0.7 8 5 1 95 85 38 1 tacr336*003#ta r 33 3 85 2 125 1 10 5 1 95 85 38 2 tacr476*003#ta r 47 3 85 2 125 1.5 10 5 1 95 85 38 2 taca686*003#ta a 68 3 85 2 125 2 15 2 1 141 127 57 1 tacr686*003#ta r 68 3 85 2 125 2 14 5 1 95 85 38 3 taca107*003#ta a 100 3 85 2 125 3 15 1 1 200 180 80 2 tacr107*003#ta r 100 3 85 2 125 3 30 5 1 95 85 38 3 4 volt @ 85c tacl155*004#ta l 1.5 4 85 2.7 125 0.5 6 7.5 1 58 52 23 1 tacl225*004#ta l 2.2 4 85 2.7 125 0.5 6 7.5 1 58 52 23 1 tacl335*004#ta l 3.3 4 85 2.7 125 0.5 6 7.5 1 58 52 23 2 tacl475*004#ta l 4.7 4 85 2.7 125 0.5 6 7.5 1 58 52 23 1 tacl685*004#ta l 6.8 4 85 2.7 125 0.5 8 7.5 1 58 52 23 2 tacl106*004#ta l 10 4 85 2.7 125 0.5 10 7.5 1 58 52 23 2 tacr106*004#ta r 10 4 85 2.7 125 0.5 8 5 1 95 85 38 1 tacl156*004#ta l 15 4 85 2.7 125 0.6 20 7.5 1 58 52 23 3 tacr156*004#ta r 15 4 85 2.7 125 0.6 8 5 1 95 85 38 1 tacl226*004#ta l 22 4 85 2.7 125 0.9 20 7.5 1 58 52 23 3 tacr226*004#ta r 22 4 85 2.7 125 0.9 8 5 1 95 85 38 1 tacr336*004#ta r 33 4 85 2.7 125 1.3 10 5 1 95 85 38 2 tacr476*004#ta r 47 4 85 2.7 125 1.9 14 5 1 95 85 38 3 taca686*004#ta a 68 4 85 2.7 125 2.7 15 1 1 200 180 80 1 taca107*004#ta a 100 4 85 2.7 125 4 20 1 1 200 180 80 2 tacr107*004#ta r 100 4 85 2.7 125 4 30 5 1 95 85 38 3 6.3 volt @ 85c tack105*006#ta k 1 6.3 85 4 125 0.5 6 15 1 32 28 13 2 tacl105*006#ta l 1 6.3 85 4 125 0.5 6 7.5 1 58 52 23 1 tacl155*006#ta l 1.5 6.3 85 4 125 0.5 6 7.5 1 58 52 23 1 tack225*006#ta k 2.2 6.3 85 4 125 0.5 8 15 1 32 28 13 3 tacl225*006#ta l 2.2 6.3 85 4 125 0.5 6 7.5 1 58 52 23 1 tacl335*006#ta l 3.3 6.3 85 4 125 0.5 6 7.5 1 58 52 23 2 tacl475*006#ta l 4.7 6.3 85 4 125 0.5 8 7.5 1 58 52 23 2 tacl685*006#ta l 6.8 6.3 85 4 125 0.5 10 7.5 1 58 52 23 2 tacr685*006#ta r 6.8 6.3 85 4 125 0.5 8 5 1 95 85 38 1 tacl106*006#ta l 10 6.3 85 4 125 0.6 10 6 1 65 58 26 2 tacr106*006#ta r 10 6.3 85 4 125 0.6 8 5 1 95 85 38 1 tacl156*006#ta l 15 6.3 85 4 125 0.9 20 7.5 1 58 52 23 3 tacr156*006#ta r 15 6.3 85 4 125 0.9 8 5 1 95 85 38 1 tacr226*006#ta r 22 6.3 85 4 125 1.4 10 5 1 95 85 38 1 tacr336*006#ta r 33 6.3 85 4 125 2.1 12 5 1 95 85 38 2 taca476*006#ta a 47 6.3 85 4 125 3 15 1 1 200 180 80 1 tacr476*006#ta r 47 6.3 85 4 125 3 20 5 1 95 85 38 3 taca107*006#ta a 100 6.3 85 4 125 6.3 20 1 1 200 180 80 2 10 volt @ 85c tack154*010#ta k 0.15 10 85 7 125 0.5 6 40 1 19 17 8 1 tack224*010#ta k 0.22 10 85 7 125 0.5 6 30 1 22 20 9 1 tacmicrochip ? standard microchip
april 2014 29 ratings & part number reference rated rated category category dcl df esr 100khz rms current (ma) product avx case capacitance voltage temperature voltage temperature (a) % max. () msl 25oc 85oc 125oc category part no. size (f) (v) (oc) (v) (oc) max. max. @ 100khz tack334*010#ta k 0.33 10 85 7 125 0.5 6 20 1 27 25 11 1 tack474*010#ta k 0.47 10 85 7 125 0.5 6 15 1 32 28 13 1 tacl474*010#ta l 0.47 10 85 7 125 0.5 6 7.5 1 58 52 23 1 tack684*010#ta k 0.68 10 85 7 125 0.5 8 15 1 32 28 13 2 tacl684*010#ta l 0.68 10 85 7 125 0.5 6 7.5 1 58 52 23 1 tack105*010#ta k 1 10 85 7 125 0.5 6 15 1 32 28 13 2 tacl105*010#ta l 1 10 85 7 125 0.5 6 7.5 1 58 52 23 1 tacr105*010#ta r 1 10 85 7 125 0.5 6 7 1 80 72 32 1 tacl155*010#ta l 1.5 10 85 7 125 0.5 6 7.5 1 58 52 23 1 tacl225*010#ta l 2.2 10 85 7 125 0.5 6 7.5 1 58 52 23 1 tacl335*010#ta l 3.3 10 85 7 125 0.5 8 7.5 1 58 52 23 2 tacr335*010#ta r 3.3 10 85 7 125 0.5 8 5 1 95 85 38 1 tacl475*010#ta l 4.7 10 85 7 125 0.5 10 6 1 65 58 26 2 tacr475*010#ta r 4.7 10 85 7 125 0.5 8 6 1 87 78 35 1 tacl685*010#ta l 6.8 10 85 7 125 0.7 20 7,5 1 58 52 23 3 tacr685*010#ta r 6.8 10 85 7 125 0.7 8 5 1 95 85 38 1 tacl106*010#ta l 10 10 85 7 125 1 20 7.5 1 58 52 23 3 tacr106*010#ta r 10 10 85 7 125 1 8 5 1 95 85 38 1 tacr156*010#ta r 15 10 85 7 125 1.5 10 5 1 95 85 38 1 tacr226*010#ta r 22 10 85 7 125 2.2 14 5 1 95 85 38 2 taca336*010#ta a 33 10 85 7 125 3.3 12 1 1 200 180 80 1 tacr336*010#ta r 33 10 85 7 125 3.3 20 5 1 95 85 38 3 tacb476*010#ta b 47 10 85 7 125 4.7 15 1 1 200 180 80 1 16 volt @ 85c tack104*016#ta k 0.1 16 85 10 125 0.5 6 40 1 19 17 8 1 tack154*016#ta k 0.15 16 85 10 125 0.5 6 30 1 22 20 9 1 tack224*016#ta k 0.22 16 85 10 125 0.5 6 20 1 27 25 11 1 tack334*016#ta k 0.33 16 85 10 125 0.5 6 20 1 27 25 11 1 tacl474*016#ta l 0.47 16 85 10 125 0.5 6 7.5 1 58 52 23 1 tacl684*016#ta l 0.68 16 85 10 125 0.5 6 7.5 1 58 52 23 1 tacl105*016#ta l 1 16 85 10 125 0.5 6 7.5 1 58 52 23 1 tacl225*016#ta l 2.2 16 85 10 125 0.5 10 7.5 1 58 52 23 1 tacr106*016#ta r 10 16 85 10 125 1.6 10 5 1 95 85 38 2 20 volt @ 85c tack224*020#ta k 0.22 20 85 13 125 0.5 6 20 1 27 25 11 1 tacr335*020#ta r 3.3 20 85 13 125 0.7 8 5 1 95 85 38 1 tacr475*020#ta r 4.7 20 85 13 125 0.9 8 5 1 95 85 38 1 25 volt @ 85c tacr105*025#ta r 1 25 85 17 125 0.5 8 5 1 95 85 38 1 moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximu m dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 202. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same rel iability standards. tacmicrochip ? standard microchip
30 april 2014 tacmicrochip ? standard microchip test tac series (temperature range -55oc to +125oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within 10% of initial value df 1.5 x initial limit esr 1.5 x initial limit visual examination no visible damage humidity dcl initial limit c/c within 5% of initial value df 1.2 x initial limit esr 1.2 x initial limit +20oc -55oc +20oc +85oc +125oc +20oc temperature dcl il* n/a il* 10 x il* 12.5 x il* il* stability c/c n/a +0/-10% 5% +10/-0% +15/-0% 5% df il* 1.5 x il* il* 1.5 x il* 2 x il* il* esr il* 1.25 x il* il* 1.25 x il* 2 x il* il* visual examination no visible damage surge dcl initial limit voltage c/c within 10% of initial value df initial limit esr initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. also determine of 125oc tem- perature, category voltage for 2000 +48/-0 hours and then leaving 1-2 hours at room temperature. power supply impedance to be 0.1/v. determine after storage without applied voltage at 402oc and 90-95% relative humidity for 1344 +48/-0 hours and then recovery 1-2 hours at room temperature test temperature: 85oc+3/0oc test voltage: 1.3 x rated voltage series protection resistance 1000100 discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +125+3/-0 15 6 +202 15 *initial limit qualification table C category 1 test tac series (temperature range -55oc to +125oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within 15% of initial value df 1.5 x initial limit esr 1.5 x initial limit visual examination no visible damage humidity dcl initial limit c/c within 10% of initial value df 1.2 x initial limit esr 1.2 x initial limit +20oc -55oc +20oc +85oc +125oc +20oc temperature dcl il* n/a il* 10 x il* 12.5 x il* il* stability c/c n/a +0/-15% 5% +15/-0% +20/-0% 5% df il* 1.5 x il* il* 1.5 x il* 2 x il* il* esr il* 1.25 x il* il* 1.25 x il* 2 x il* il* visual examination no visible damage surge dcl 1.5 x initial limit voltage c/c within 15% of initial value df 1.5 x initial limit esr 1.5 x initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. also determine of 125oc tem- perature, category voltage for 2000 +48/-0 hours and then leaving 1-2 hours at room temperature. power supply impedance to be 0.1/v. determine after storage without applied voltage at 402oc and 90-95% relative humidity for 1344 +48/-0 hours and then recovery 1-2 hours at room temperature test temperature: 85oc+3/0oc test voltage: 1.3 x rated voltage series protection resistance 1000100 discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +125+3/-0 15 6 +202 15 *initial limit qualification table C category 2
april 2014 31 tacmicrochip ? standard microchip test tac series (temperature range -55oc to +125oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within 30% of initial value df 1.5 x initial limit esr 1.5 x initial limit visual examination no visible damage humidity dcl 2 x initial limit c/c within 30% of initial value df 1.5 x initial limit esr 1.25 x initial limit +20oc -55oc +20oc +85oc +125oc +20oc temperature dcl il* n/a il* 10 x il* 12.5 x il* il* stability c/c n/a +0/-25% 5% +20/-0% +25/-0% 20% df il* 1.5 x il* il* 1.5 x il* 2 x il* 1.5 x il* esr il* 1.25 x il* il* 1.25 x il* 2 x il* 1.5 x il* visual examination no visible damage surge dcl 2 x initial limit voltage c/c within 30% of initial value df 2 x initial limit esr 2 x initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. also determine of 125oc tem- perature, category voltage for 2000 +48/-0 hours and then leaving 1-2 hours at room temperature. power supply impedance to be 0.1/v. determine after storage without applied voltage at 402oc and 90-95% relative humidity for 1344 +48/-0 hours and then recovery 1-2 hours at room temperature test temperature: 85oc+3/0oc test voltage: 1.3 x rated voltage series protection resistance 1000100 discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +125+3/-0 15 6 +202 15 *initial limit qualification table C category 3


▲Up To Search▲   

 
Price & Availability of TACK334010TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X