Part Number Hot Search : 
KS5211 NJL21194 W8NA60 HM304 XHXXX 2SD1260A C9013N BL8596
Product Description
Full Text Search
 

To Download STH300NH02L-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. july 2013 docid019022 rev 4 1/15 15 STH300NH02L-6 automotive-grade n-channel 24 v, 0.95 m typ., 180 a stripfet? iii power mosfet in a h 2 pak-6 package datasheet ? production data figure 1. internal schematic diagram features ? designed for automotive applications and aec-q101 qualified ? conduction losses reduced ? low profile, very low parasitic inductance, high current package applications ? switching applications description this device is an n-channel enhancement mode power mosfet produced using stmicroelectronics? stripfet? iii technology, which is specifically designed to minimize on- resistance and gate charge to provide superior switching performance. h 2 pak-6 1 tab 7 order code v dss r ds(on) max. i d (1) 1. current limited by package. STH300NH02L-6 24 v < 1.2 m 180 a table 1. device summary order code marking package packaging STH300NH02L-6 300nh02l h 2 pak-6 tape and reel www.st.com
contents STH300NH02L-6 2/15 docid019022 rev 4 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
docid019022 rev 4 3/15 STH300NH02L-6 electrical ratings 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage 24 v v gs gate-source voltage 20 v i d (1) 1. current limited by package drain current (continuous) at t c = 25 c 180 a i d (1) drain current (continuous) at t c = 100 c 180 a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 720 a p tot (3) 3. this value is rated according to r thj-c total dissipation at t c = 25 c 300 w derating factor 2 w/c e as (4) 4. starting t j = 25 c, i d = 60 a, v dd = 20 v single pulse avalanche energy 1.6 j t stg storage temperature -55 to 175 c t j operating junction temperature table 3. thermal data symbol parameter value unit r thj-case thermal resistance junction-case max 0.5 c/w r thj-pcb (1) 1. when mounted on 1 inch2 fr-4 2 oz cu. thermal resistance junction-pcb max 35 c/w
electrical characteristics STH300NH02L-6 4/15 docid019022 rev 4 2 electrical characteristics (tcase = 25 c unless otherwise specified) table 4. on /off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage (v gs = 0) i d = 250 a 24 v i dss zero gate voltage drain current (v gs = 0) v ds = 24 v, v ds = 24 v, t c =125 c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 20 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 1v r ds(on) static drain-source on- resistance v gs = 10 v, i d = 80 a v gs = 5 v, i d = 40 a 0.95 1.15 1.2 1.5 m table 5. dynamic symbol parameter test conditions min. typ. max. unit c iss input capacitance v ds = 15 v, f = 1 mhz, v gs =0 - 7050 - pf c oss output capacitance - 3250 - pf c rss reverse transfer capacitance - 307 - pf q g total gate charge v dd = 20 v, i d = 120 a, v gs = 10 v (see figure 14) - 109 - nc q gs gate-source charge - 30 - nc q gd gate-drain charge - 26 - nc table 6. switching times symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time v dd = 20 v, i d = 80 a r g = 4.7 , v gs = 10 v, (see figure 13) -18 -ns t r rise time - 275 - ns t d(off) turn-off delay time v dd = 20 v, i d = 80 a r g = 4.7 , v gs = 10 v, (see figure 13) - 138 - ns t f fall time - 94.4 - ns
docid019022 rev 4 5/15 STH300NH02L-6 electrical characteristics table 7. source drain diode symbol parameter test conditions min. typ. max. unit i sd (1) i sd (2) 1. current limited by package 2. pulse width limited by safe operating area source-drain current source-drain current (pulsed) - 180 720 a a v sd (3) 3. pulsed: pulse duration = 300 s, duty cycle 1.5% forward on voltage i sd = 180 a, v gs = 0 -1.3v t rr reverse recovery time i sd = 120 a,di/dt = 100 a/ s v dd = 20 v, t j = 150 c (see figure 15) -65 ns q rr reverse recovery charg - 90 nc i rrm reverse recovery current - 2.8 a
electrical characteristics STH300NH02L-6 6/15 docid019022 rev 4 2.1 electrical characteristics (curves) figure 2. safe operating area figure 3. thermal impedance figure 4. output characteristics figure 5. transfer characteristics figure 6. normalized b vdss vs temperature figure 7. static drain-source on-resistance i d 100 10 1 0.1 0.1 1 v ds (v) 10 (a) operation in this area is limited by max r ds(on) 100s 1ms 10ms tj=175c tc=25c single pulse am10339v1 r ds(on) 0.9 0.8 0.7 0.6 0 40 i d (a) (m ) 20 60 1.0 1.1 v gs =10v 100 80 120 160 140 180 am10340v1
docid019022 rev 4 7/15 STH300NH02L-6 electrical characteristics figure 8. gate charge vs gate-source voltage figure 9. capacitance variations figure 10. normalized gate threshold voltage vs temperature figure 11. normalized on resistance vs temperature figure 12. source-drain diode forward characteristics
test circuits STH300NH02L-6 8/15 docid019022 rev 4 3 test circuits figure 13. switching times test circuit for resistive load figure 14. gate charge test circuit figure 15. test circuit for inductive load switching and diode recovery times figure 16. unclamped inductive load test circuit figure 17. unclamped inductive waveform figure 18. switching time waveform am01468v1 v gs p w v d r g r l d.u.t. 2200 f 3.3 f v dd am01469v1 v dd 47k 1k 47k 2.7k 1k 12v v i =20v=v gmax 2200 f p w i g =const 100 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 a a b b r g g fast diode d s l=100 h f 3.3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3.3 f v dd am01472v1 v (br)dss v dd v dd v d i dm i d am01473v1 v ds t on td on td off t off t f t r 90% 10% 10% 0 0 90% 90% 10% v gs
docid019022 rev 4 9/15 STH300NH02L-6 package mechanical data 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 8. h2pak-6 mechanical data dim. mm min. typ. max. a4.30 - 4.80 a1 0.03 0.20 c 1.17 1.37 e 2.34 2.74 e1 4.88 5.28 e2 7.42 7.82 e 0.45 0.60 f 0.50 0.70 h 10.00 10.40 h1 7.40 7.80 l 14.75 15.25 l1 1.27 1.40 l2 4.35 4.95 l3 6.85 7.25 l4 1.5 1.75 m 1.90 2.50 r 0.20 0.60 v0 8
package mechanical data STH300NH02L-6 10/15 docid019022 rev 4 figure 19. h2pak-6 drawing 8159693_rev_e
docid019022 rev 4 11/15 STH300NH02L-6 package mechanical data figure 20. h2pak-6 recommended footprint (dimensions in mm) footprint_rev_e
packaging mechanical data STH300NH02L-6 12/15 docid019022 rev 4 5 packaging mechanical data table 9. tape and reel mechanical data tape reel dim. mm dim. mm min. max. min. max. a0 10.5 10.7 a 330 b0 15.7 15.9 b 1.5 d 1.5 1.6 c 12.8 13.2 d1 1.59 1.61 d 20.2 e 1.65 1.85 g 24.4 26.4 f 11.4 11.6 n 100 k0 4.8 5.0 t 30.4 p0 3.9 4.1 p1 11.9 12.1 base qty 1000 p2 1.9 2.1 bulk qty 1000 r50 t 0.25 0.35 w 23.7 24.3
docid019022 rev 4 13/15 STH300NH02L-6 packaging mechanical data figure 21. tape figure 22. reel p1 a0 d1 p0 f w e d b0 k0 t user direction of feed p2 10 pitches cumulative tolerance on tape +/- 0.2 mm user direction of feed r bending radius top cover tape am08852v2 a d b full radius g measured at hub c n reel dimensions 40mm min. access hole at sl ot location t tape slot in core for tape start 25 mm min. width am08851v2
revision history STH300NH02L-6 14/15 docid019022 rev 4 6 revision history table 10. document revision history date revision changes 12-jul-2011 1 initial release 24-oct-2011 2 updated test conditions in section table 5.: dynamic and section table 7.: source drain diode . 15-may-2013 3 ? updated: title, applications and description in cover page ? minor text changes 22-jul-2013 4 ? updated title in cover page.
docid019022 rev 4 15/15 STH300NH02L-6 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not authorized for use in weapons. nor are st products designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statem ents and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - swed en - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STH300NH02L-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X