Part Number Hot Search : 
8128A 05ZXPF 1N3040 HV830 G1565 MC96406 ZMM5253 HT68F
Product Description
Full Text Search
 

To Download SCB-201M-SMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spark gap protectors (spg) revision september 25, 2013 1 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. scb-smd series socay electronics co., ltd. www.socay.com u approximately zero leaking current before clamping voltage u less decay at on/off state. u high capability to withstand repeated lightning strikes. u low electrode capacitance ( 0.8pf) and high isolation ( 100m ? ). u rohs compliant. u bilateral symmetrical. u temperature, humidity and lightness insensitive. u operating temperature: -40 ~ +85 u storage temperature: -40~ +125 u meets msl level 1, per j-std-020 u power supplies u motor sparks eliminating u relay switching spark absorbing u data line pulse guarding u electronic devices requiring ul497a and ul497b compliant u telephone/fax/modem u high frequency signal transmitters/receivers u satellite antenna u radio amplifiers u alarm systems u cathode ray tubes in monitors/tvs (1) series (2) v s voltage, e.g. 201=20x10 1 =200v (3) v s voltage tolerance: l - 15%, m - 20%, n - 30% (4) surface mount devices dimensions inches millimeters l 0.197 5.0 d 0.106 2.7 d 0.102 2.6 recommended pad size (mm) t 0.016 0.4 a pplications features part numbering dimensions scb - 201 m - smd (1) (2) (3) (4)
spark gap protectors (spg) revision september 25, 2013 2 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. scb-smd series socay electronics co., ltd. www.socay.com part number dc spark-over voltage vs(v) minimum insulation resistance ir(ohm)/dc maximum capacitance 1khz-6vmax c (pf) surge current capacity 8/20 s surge life test scb-141n-smd 140(98~182) >100m / 50v <1.0 500a 10kv / 100a , >200t scb-181n-smd 180(126~234) >100m / 50v <1.0 500a 10kv / 100a , >200t SCB-201M-SMD 200(160~240) >100m /100v <1.0 500a 10kv / 100a , >200t scb-301m-smd 300(240~360) >100m /100v <1.0 500a 10kv / 100a , >200t scb-401m-smd 400(320~480) >100m / 250v <1.0 500a 10kv / 100a , >200t scb-501m-smd 500(400~600) >100m / 250v <1.0 500a 10kv / 100a , >200t part number color code1 color code2 color code3 scb-141n-smd brown - - scb-181n-smd gray - - SCB-201M-SMD red - - scb-301m-smd orange - - scb-401m-smd yellow - - scb-501m-smd green - - electrical characteristics color code
spark gap protectors (spg) revision september 25, 2013 3 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. scb-smd series socay electronics co., ltd. www.socay.com items test method standard dc spark-over voltage measure starting discharge voltage (vs) by gradually increasing applied dc voltage. test current is 0.5ma max. and the dc voltage ascends up within 100v/s(vs 1000v) or 500v/s(vs 1000v). insulation resistance measure the insulation resistance across the terminal at regular voltage. but the test voltage doesn t over the dc spark-over voltage. capacitance measure the electrostatic capacitance by applying a voltage of less than 6v (at 1khz) between terminals. rate-of-change, within 30% insulation resistance & capacitance, conformed to rated spec. static life 10kv with 1500pf condenser is discharged through 2k ? resistor. 200 times at an interval of 10sec. vs/vs 30% OO characteristics of other items must meet the specified value surge current capacity the following impulse current for specified current applied 5 times, each time interval 60 seconds. thereafter, outer appearance shall be visually examined. type impulse current vs < 400v 1.2/50 s & 8/20 s, 500a vs 400v 1.2/50 s & 8/20 s, 500a, electrically connected with a resistor (1~2 ? ). no crack and no failures cold resistance measurement after -40 /1000 hrs & normal temperature/2 hrs. heat resistance measurement after 125 /1000 hrs & normal temperature/2 hrs. humidity resistance measurement after humidity 90~95 (45 ) /1000 hrs & normal temperature/2 hrs. temperature cycle 10 times repetition of cycle -40 /30min normal, temp/2 min 125/30min, measurement after normal temp/2 hrs. features are conformed to rated spec solder ability apply flux and immerse in molten solder 230 5 for 3sec up to the point of 1.5mm from body. check for solder adhesion. lead wire is evenly covered by solder solder heat measurement after lead wire is dipped up to the point of 1.5mm from body into 260 5 solder for 10sec conformed to rated spec pull strength apply 0.5kg load for 10sec flexural strength bend lead wire at the point of 2mm from body under 0.25 load and back to its original point. repeat 1 time. lead shall not pull out to snap test methods and results
spark gap protectors (spg) revision september 25, 2013 4 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. scb-smd series socay electronics co., ltd. www.socay.com flow soldering conditions reflow soldering conditions 1) time shown in the above figures is measured from the point when chip surface reaches temperature. 2) temperature difference in high temperature part should be within 110 . 3) after soldering, do not force cool, allow the parts to cool gradually. hand soldering solder iron temperature: 350 5 heating time: 3 seconds max. general attention to soldering u high soldering temperatures and long soldering times can cause leaching of the termination, decrease in adherence strength, and the change of characteristic may occur. u for soldering, please refer to the soldering curves above. however, please keep exposures to temperatures exceeding 200 to fewer than 50 seconds. u please use a mild flux (containing less than 0.2wt% ci). also, if the flux is water soluble, be sure to wash thoroughly to remove any residue from the underside of components that could affect resistance. cleaning when using ultrasonic cleaning, the board may resonate if the output power is too high. since this vibration can cause cracking or a decrease in the adherence of the termination, we recommend that you use the conditions below: frequency: 40khz max. output power: 20w/liter cleaning time: 5 minutes max. recommended soldering conditions 250 soldering cooling air preheat 200 150 100 50 0 t 150~180 260 60~120 sec 3~4 sec temperature ( ) 250 soldering cooling air preheat 200 150 100 50 0 t 150~180 260 60~120 sec 10 sec. or less temperature ( ) 60 sec. or less
spark gap protectors (spg) revision september 25, 2013 5 / 5 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. scb-smd series socay electronics co., ltd. www.socay.com symbol inches millimeters w 0.472 0.008 12.00 0.20 e 0.069 0.004 1.75 0.10 f 0.222 0.002 5.65 0.05 d 0.059 0.004 1.50 0.10 p 0.315 0.004 8.00 0.10 p0 0.315 0.004 8.00 0.10 tape p2 0.157 0.004 4.00 0.10 a0 0.181 0.004 4.60 0.10 b0 0.240 0.004 6.10 0.10 k0 0.118 0.004 3.00 0.10 t 0.012 0.002 0.30 0.05 symbol inches millimeters d 13.00 0.079 330.00 2.00 d1 1.969 min 50 min d2 0.512 0.020 13.00 0.50 w1 0.661 0.079 16.80 2.00 reel packaging


▲Up To Search▲   

 
Price & Availability of SCB-201M-SMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X