Part Number Hot Search : 
080502MS DMN2004 LBS70A25 RGP30K GRM32D M8170 RF1119 ZMD33220
Product Description
Full Text Search
 

To Download S9015-SOT23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-23 plastic-encapsulate transistors s9015 transistor (pnp) features complimentary to s9014 marking:m6 maximum ratings (ta=25 unless otherwise noted) symbol ? parameter ? value ?? units vcbo collector-base voltage - ? -50 v vceo collector-emitter voltage - ? -45 v vebo emitter-base voltage - ? -5 v ic collector current -continuous -0.1 a pc collector power dissipation ?? 0.2 w tj junction temperature 150 tstg storage temperature ?? -55-150 electrical characteristics (tamb=25 unless otherwise specified) parameter ? symbol ? test conditions min ? typ ? max ? unit collector-base breakdown voltage - ? v(br)cbo ic= -100 a, ie=0 -50 v collector-emitter breakdown voltage - ? v(br)ceo ic= -1ma, ib=0 -45 v emitter-base breakdown voltage - ? v(br)ebo ie=-100 a, ic=0 -5 v collector cut-off current - ? icbo vcb=-50 v , ie=0 -1 a collector cut-off current - ? iceo vce=-35v , ib=0 -10 a emitter cut-off current - ? iebo veb=-5v , ic=0 -1 a dc current gain ? hfe vce=-5v, ic= -1ma 80 600 collector-emitter sa turation voltage - ? vce(sat) ic=-100ma, ib= -5ma -0.3 v base-emitter satura tion voltage - ? vbe(sat) ic=-100ma, ib= -5ma -1 v classification of hfe range 80-200 200-400 400-600 product specification 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of S9015-SOT23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X