Part Number Hot Search : 
1029273 D211RPI 47100801 TA8302F SDM7101 MBR4045 MC340306 XXXAG
Product Description
Full Text Search
 

To Download RU1H80P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c opyright ruichips semiconductor co . , ltd rev . a C nov ., 2010 www. ruichips .com ru 1h8 0r n - channel advanced power mosfet mosfet features pin description applications symbol parameter rating unit common ratings ( t a =25 c un less otherwise noted) v dss drain - source voltage 10 0 v gss gate - source voltage 2 5 v t j maximum junction temperature 175 c t stg storage temperature range - 55 to 175 c i s diode continuous forward current t c =25 c 80 a mounted on large heat sink i d p 300 s pulse drain current tested t c =25 c 32 0 a t c =25 c 80 i d continuous drain current t c =100 c 68 a t c =25 c 1 76 p d maximum power dissipation t c =100 c 88 w r q jc thermal resistance - junction to case 0.8 5 c /w drain - source avalanche ratings e as avalanche energy, single pulsed 600 m j ? 10 0 v/ 8 0a, r ds ( on ) = 9 m w (type ) @ v gs =10v , i ds = 4 0 a ? ultra low on - resistance ? exceptional dv/dt capability ? fast switching and fully avalanche rated ? 100% avalanche tested ? 175c operating temperature ? lead free and green available ? high current switching applications absolute maximum ratings to - 220 to - 220f to - 263 to - 247 n - channel mosfe t
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 2 www. ruichips .com ru 1h8 0r electrical characteristics ( t a =25 c unless otherwise noted) ru 1h80 r symbol parameter test condition min. typ. max. unit static characteristics bv dss drain - sou rce breakdown voltage v gs =0v, i ds =250 m a 10 0 v v ds = 10 0 v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 30 m a v gs ( th) gate threshold voltage v ds =v gs , i ds =250 m a 2 3 4 v i gss gate leakage current v gs = 25 v, v ds =0v 100 n a r ds ( on ) drain - source on - state resistance v gs = 10 v, i ds = 4 0 a 9 12 m w notes : pulse width limited by safe operating area. calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a. . limited by t jmax , i as = 48 a, v dd = 48v, r g = 47 , starting t j = 25c . pulse test ; p ulse width 3 00 m s, duty cycle 2% . guaranteed by design, not subject to production testing . d iode characteristics v sd diode forward voltage i sd = 4 0 a, v gs =0v 1. 2 v t rr reverse recovery time 5 2 ns q rr reverse recovery charge i sd = 4 0 a, dl sd /dt=100a/ m s 9 7 nc dynamic charact eristics r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz 1. 7 w c iss input capacitance 36 00 c oss output capacitance 47 0 c rss reverse transfer capacitance v gs =0v, v ds = 30 v, frequency=1.0mhz 34 0 pf t d ( on ) turn - on delay time 15 t r turn - on rise time 1 8 t d ( off ) turn - off delay time 42 t f turn - off fall time v dd = 30 v, r l = 30 w , i ds = 4 0 a, v gen = 10v, r g = 6 w 64 ns gate charge characteristics q g total gate charge 7 8 103 q gs gate - source charge 1 5 q gd gate - drai n charge v ds = 80 v, v gs = 10v, i ds = 4 0 a 27 nc
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 3 www. ruichips .com ru 1h8 0r typical characteristics power dissipation drain current p tot - power ( w) i d - drain current (a) t j - junction temperature ( c) t j - junction temperature ( c) safe operation area thermal trans ient impedance i d - drain current (a) normalized effective transient v ds - drain - source voltage (v) square wave pulse duration ( sec)
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 4 www. ruichips .com ru 1h8 0r typical characteristics output characteristics drain - source on re sistance i d - drain current (a) r ds(on) - on resistance ( m ) v ds - drain - source voltage (v) i d - drain current (a) drain - source on resistance gate threshold voltage r ds ( on ) - on - resistance (m ? ) normalized threshold voltage v gs - gate - source voltage (v) t j - junction temperature (c)
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 5 www. ruichips .com ru 1h8 0r typical characteristics drain - source on resistance source - drain diode forward normalized on resistance i s - source current (a) t j - junction temperature (c) v sd - source - drain voltage (v) capacitance gate charge c - capacitance ( pf ) v gs - gate - source voltage (v) v ds - drain - source voltage (v) q g - gate charge (nc)
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 6 www. ruichips .com ru 1h8 0r avalanche test circuit and waveforms switching time test circuit and waveforms
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 7 www. ruichips .com ru 1h8 0r ordering and marking information ru 1h8 0 pack age (available) r : to - 220; s: to - 263 ; p: to - 220f q: to - 247 operating temperature range c : - 55 to 175 oc assembly material g : green & lead free packaging t : tube tr : tape & reel
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 8 www. ruichips .com ru 1h8 0r package information to - 220fb - 3l all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min nom max min nom max symbol min nom max min nom max a 4.40 4.57 4.70 0.173 0.180 0.185 ?p1 1.40 1.50 1.60 0.055 0.059 0.063 a1 1.27 1.30 1.33 0.050 0.051 0.052 e 2.54bsc 0.1b sc a2 2.35 2.40 2.50 0.093 0.094 0.098 e1 5.08bsc 0.2bsc b 0.77 - 0.90 0.030 - 0.035 h1 6.40 6.50 6.60 0.252 0.256 0.260 b2 1.23 - 1.36 0.048 - 0.054 l 12.75 - 13.17 0.502 - 0.519 c 0.48 0.50 0.52 0.019 0.020 0.021 l1 - - 3.95 - - 0.156 d 15.40 15.60 15.80 0.606 0.614 0.622 l2 2.50ref . 0.098ref . d1 9.00 9.10 9.20 0.354 0.358 0.362 ?p 3.57 3.60 3.63 0.141 0.142 0.143 dep 0.05 0.10 0.20 0.002 0.004 0.008 q 2.73 2.80 2.87 0.107 0.110 0.113 e 9.70 9.90 10.10 0.382 0.389 0.398 1 5 7 9 5 7 9 e 1 - 8.70 - - 0.343 - 2 1 3 5 1 3 5 e 2 9.80 10.00 10.20 0.386 0.394 0.401
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 9 www. ruichips .com ru 1h8 0r to - 263 - 2l all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min nom max min nom max symbol min nom max min n om max a 4.40 4.57 4.70 0.173 0.180 0.185 l 2.00 2.30 2.60 0.079 0.090 0.102 a1 0 0.10 0.25 0 0.004 0.010 l3 1.17 1.27 1.40 0.046 0.050 0.055 a2 2.59 2.69 2.79 0.102 0.106 0.110 l1 - - 1.70 - - 0.067 b 0.77 - 0.90 0.030 - 0.035 l4 0.25bsc 0.01bsc b1 1 .23 - 1.36 0.048 - 0.052 l 2 2.50ref. 0.098ref. c 0.34 - 0.47 0.013 - 0.019 0 - 8 0 - 8 c1 1.22 - 1.32 0.048 - 0.052 1 5 7 9 5 7 9 d 8.60 8.70 8.80 0.338 0.343 0.346 2 1 3 5 1 3 5 e 10.00 10.16 10.26 0.394 0.4 0.404 dep 0.05 0.10 0.20 0.002 0.004 0.008 e 2.54bsc 0.1bsc ?p1 1.40 1.50 1.60 0.055 0.059 0.063 h 14.70 15.10 15.50 0.579 0.594 0.610
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 10 www. ruichips .com ru 1h8 0r to - 220f - 3l all dimensions refer to jedec standard do not include mold flash o r protrusions mm inch mm inch symbol min nom max min nom max symbol min nom max min nom max e 9.96 10.16 10.36 0.392 0. 400 0.408 ?p 3 - 3.450 - - 0.136 - a 4.50 4.70 4.90 0.177 0.185 0.193 1 5 7 9 5 7 9 a 1 2.34 2.54 2.74 0.092 0.100 0.108 2 - 45 - - 45 - a2 0.95 1.05 1.15 0.037 0.041 0.045 dep 0.05 0.10 0.15 0.002 0.004 0.006 a3 0.42 0.52 0.62 0.017 0.020 0.024 f1 1.90 2.00 2.10 0.075 0.079 0.083 a4 2.65 2.75 2.85 0.104 0.108 0 .112 f2 13.61 13.81 14.01 0.536 0.544 0.552 c - 0.50 - - 0.020 - f3 3.20 3.30 3.40 0.126 0.130 0.134 d 15.67 15.87 16.07 0.617 0.625 0.633 g 3.25 3.45 3.65 0.128 0.136 0.144 q 8.80 9.00 9.20 0.346 0.354 0.362 g1 5.90 6.00 6.10 0.232 0.236 0.240 h 1 6.48 6.68 6.88 0.255 0.263 0.271 g2 6.90 7.00 7.10 0.272 0.276 0.280 e 2.54bsc 0.1bsc b1 1.17 1.20 1.24 0.046 0.047 0.048 ?p - 3.183 - - 0.125 - b2 0.77 0.8 0.85 0.030 0.031 0.033 l 12.78 12.98 13.18 0.503 0.511 0.519 b3 1.10 1.30 1.50 0.043 0.051 0.059 d1 8.99 9.19 9.39 0.354 0.362 0.370 e1 9.8 10.00 10.20 0.386 0.394 0.412 ?p1 1.40 1.50 1.60 0.055 0.059 0.063 k1 0.75 0.8 0.85 0.030 0.031 0.033 ?p 2 1.15 1.20 1.25 0.045 0.047 0.049
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 11 www. ruichips .com ru 1h8 0r to - 247 all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min max min max symbol min max min max a 4.850 5.150 0,191 0.200 e 2 3.600 ref 0.142 ref a1 2.200 2.600 0.087 0.102 l 40.900 41.300 1.610 1.626 b 1.000 1.400 0.039 0.055 l1 24.800 25.100 0.976 0.988 b1 2.800 3.200 0.110 0.126 l2 20.300 20.600 0.799 0.811 b2 1.800 2.200 0.071 0.087 7.100 7.300 0.280 0.287 c 0.500 0.700 0.020 0.028 e 5.450 typ 0.215 typ c 1 1.900 2.100 0.075 0.083 h 5.980 ref. 0.235 ref. d 15.450 15.750 0.608 0.620 h 0.000 0.300 0. 000 0.012 e1 3.500 ref. 0.138 ref.
c opyrigh t ruichips semiconductor co . , ltd rev . a C nov ., 2010 12 www. ruichips .com ru 1h8 0r customer service worldwide sales and service : sales@ru i chips.com technical s upport : technical@ruichips.com inves tor relations contacts : investor@ruichips.com marcom contact: marcom@ruichips.com editorial contact : editorial@ruichips.com hr conta c t: hr@ruichips. com legal contact : legal@ruichips.com shen zhen ruichips semiconductor co., ltd room 501, the 5floor an tong industrial bui l ding, n o.207 mei hua road fu tian area shen zhen city , chi na tel: ( 86 - 755) 8311 - 5334 f ax : (86 - 75 5 ) 8311 - 4278 e - mail: sales - sz@ruichips.com


▲Up To Search▲   

 
Price & Availability of RU1H80P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X