Part Number Hot Search : 
SZ3C130B 40310 D2N101LE HY5V62CF P1256 20005 BPC5010 NDUCTOR
Product Description
Full Text Search
 

To Download RMB14F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rmb12f-rmb16f major ratings and characteristics i f(av) 1.0a features low profile space ideal for automated placement glass passivated chip junction low forward voltage drop low leakage current high forward surge capability high temperature soldering 260 /10 seconds at terminals component in accordance to rohs 2002/95/1 and weee 2002/96/ec mechanical date case: mbf molded plastic over glass passivated chip terminals: solder plated, solderable per j-std-002b and jesd22-b102d polarity: polarity symbols marked on body maximum ratings & thermal characteristics & electrical characteristics (t a = 25 c unless otherwise noted) symbol rmb12f RMB14F rmb16f unit v rrm 200 400 600 v v rms 140 280 420 v v dc 200 400 600 v maximum average forward output rectified current at t a =30 i f(av) a i fsm a v f v i r a t rr 250 ns r ja /w t j , t stg note1: units mounted on p.c.b. with 0.050.05 (1.31.3mm) pads operating junction and storage temperature range ?55 to +150 80 thermal resistance per leg (note:1) maximum dc reverse current at rated dc blocking voltage per leg t a = 25 t a = 125 5.0 100 maximum reverse recovery time at if = 0.5 a , ir = 1.0 a , irr = 0.25 a 150 peak forward surge current 8.3 ms single half sine-wave superimposed on rated load(jedec method) 30 maximum instantaneous forward voltage drop per leg at 1.0a 1.25 1 maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage t j max. 150 c t rr 150ns,250ns v f 1.25v i f(av) 1.0a v rrm 200-600v i fsm 30 a i r 5.0 a http://www.trr-jx.com surface mount bridge rectifiers
characteristic curves (t a =25 unless otherwise noted) http://www.trr-jx.com rmb12f-rmb16f surface mount bridge rectifiers


▲Up To Search▲   

 
Price & Availability of RMB14F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X