Part Number Hot Search : 
BC848C 68732LA STTH106 STTH106 EP9302 221M35 SS215A NE68100
Product Description
Full Text Search
 

To Download PMB-24V50W1AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 1 pmt highlights & features ? universal ac input range ? allows input voltage from 90vac to 264vac without power de - rating ? versatile connector options (terminal block, front face, harness) ? mtbf > 200,000 hrs. ? overvoltage / overcurrent / over temperature protections ? reliable economical solution with high temperature range e - cap safety standards cb certified for worldwide use model number: pmt -24v 50 w1a x unit weight : 0. 2 4 kg dimensions (l x w x d): 98 x 9 8 x 3 7.5 mm general description the new pmt series of panel mount power supplies is the latest offering from one of the world?s largest power supply manufact urers and solution providers - delta. the first range of pmt products will offer a nominal output voltage of 24v with a wide operating temperature range from - 10c to +70c and ca n withstand shock and vibration requirements (in accordance to iec60068 -2 - 27 and iec60068 - 2 -6 respectively) . in addition to features like overvoltage and overload protections, delta?s pmt series of panel mount power supplies is unlike many other brands in the same price level. the pmt series is designed for cost competitive markets without compromising the quali ty of the components and product specifications. the series of products has an expected life time of 10 years and will have no output power de - rating from 90 vac to 264vac. this versatile series has three different connector options (terminal block, front f ace and harness) and can also be converted into l frame (pml) or open frame (pmb) type of power supplies to satisfy different application needs. model information pmt panel mount power supply model number input v oltage range output v oltage output cur r ent pmt - 24v50w1a x 85- 264v ac 24vdc 2. 09a model numbering pm x ? 24v 50w 1 a x panel mount product type t ? enclosed l ? l frame* b ? open frame* output voltage output power single phase no pfc series connector type a ? terminal block g ? front face* h ? harness* *options
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 2 specifications input ratings / characteristics nominal input v oltage 100- 240v ac input v oltage range 85- 264v ac nominal input f r equency 50- 60hz input f r equency range 47- 63hz input cur r ent < 1.10a @ 115vac, < 0. 65 a @ 230vac ef ficiency at 100% load > 86.0% @ 115vac & 230vac max inrush cur r ent < 3 0a @ 115vac, < 6 0a @ 230vac power factor conform to en61000 -3 - 2 leakage cur r ent < 1ma @ 240vac output ratings / characteristics nominal output voltage 24vdc output voltage tolerance 2 % (initial set point tolerance from factory ) output voltage adjustment range 22- 28vdc output current 2. 09a output power 5 0w line regulation < 0.5% typ. (@ 85 - 264vac input, 100% input) load regulation < 1% typ. (@ 85 - 264vac input, 0- 100% input) pard (20mhz) < 100mvpp @ 0c to 50c, < 150mvpp @ - 10c to 0c rise time < 3 0ms @ nominal input (100% load) start - up time < 25 00ms @ nominal input (100% load ) hold - up time > 16.7 ms @ 115vac dynamic response (overshoot & undershoot o/p voltage) 5% @ 0 - 100% load (slew rate: 0.1a/s) start - up with capacitive loads 8,000f max mechanical case chassis aluminium case cover sgcc dimensions (l x w x d) 98 x 9 8 x 3 7.5 mm unit weight 0. 24 kg indicator green led (dc ok) cooling system convection terminal refer to the table on page 7 wire refer to the table on page 7
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 3 environment surrounding air temperature operating -1 0c to + 7 0 c storage - 25c to + 85c power de - rating > 50 c de- rate power by 2.5% / c operating humidity < 95 % rh (non - condensing) operating altitude 5 ,000 meters shock test (non - operating) iec60068 - 2 - 27, 5 0g for a duration of 11 ms, 3 times per direction, 18 times in total vibration (non - operating) iec60068 - 2 - 6, 10hz to 55hz @ 50 m/s2 (5 g peak ); 9 0 min per axis for all x, y, z direction pollution degree 2 protections overvoltage < 32v , 10% , selv output, hicc - up mode, non - latch ing (auto - recovery) overload / overcurrent > 1 2 0 % of rated load current, hicc - up mode, non - latching (auto - recovery) over temperature non - latching (auto - recovery) short circuit hicc - up mode, non- latching (auto - recovery when the fault is removed) protection against shock class i with pe* connection *pe: primary earth reliability data mtbf > 2 00,000 hrs. expected cap life time 10 years (115vac & 230vac , 50% load @ 40c ) safety standards / directives electrical safety tuv bauart to en60950 - 1, ul/cul recognized to ul60950 -1 and csa c22.2 no. 60950 - 1, cb scheme to iec60950 - 1, ccc to gb4943 ite iec/en/ul 60950 - 1 ce in conformance with emc directive 2004/108/ec and low voltage directive 2006/95/ec material and parts rohs directive 2011/65/eu compliant galvanic isolation input to output 3 .0kvac input to ground 1.5kvac output to ground 0 .5kvac
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 4 emc emc / emissions cispr22, en55022 , fcc title 47: class b immunity to electrostatic discharge iec 61000 - 4 -2 level 4 criteria a 1) air discharge: 15kv contact discharge: 8kv radiated field iec 61000 - 4 -3 level 3 criteria a 1) 80mhz - 1ghz, 10v/m with 1khz tone / 80% modulation electrical fast transient / burst iec 61000 - 4 -4 level 3 criteria a 1) 2kv surge iec61 0 00- 4 -5 level 3 criteria a 1) common mode 2) : 2kv differential mode 3) : 1 kv conducted iec 61000 - 4 -6 level 3 criteria a 1) 150khz - 80mhz, 10vrms power frequency magnetic fields iec 61000 - 4 -8 criteria a 1) 1 0a/meter voltage dips iec 61000 - 4 -11 100% dip; 1 cycle (20ms); self recoverable low energy pulse test (ring wave) iec61000 - 4 -12 level 3 criteria a 1) common mode 2) : 2kv differential mode 3) : 1kv 1) criteria a: normal performance within the specification limits 2) asymmetrical: common mode (line to earth) 3) symmetrical: differential mode (line to line) block diagram
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 5 dimensions l x w x d: 98 x 9 8 x 3 7.5 mm engineering data de - rating note 1 . power supply components may degrade, or be damaged, when the power supply is continuously used outside the shaded region, refer to the graph shown in fig. 1. 2 . if the output capacity is not reduced when the surrounding air temperature >50 c, the device will run into over temperature protection. when activated, the output voltage will go into bouncing mode and will recover when the surrounding air temperature is lowered or the load is reduced as far as necessary to keep the d evice in working condition. 3 . in order for the device to function in the manner intended, it is also necessary to keep a safety distance of 20mm with adjacent units while the device is in operation. 4 . depending on the surrounding air temperature and output lo ad delivered by the power supply, the device can be very hot! 5 . if the device has to be mounted in any other orientation, please do not hesitate to contact info@deltapsu.com for more details. fig. 1 de - rating for vertical and horizontal mounting orientation > 50 c de- rate power by 2.5% / c
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 6 output de - rating vs. input voltage assembly & installation mounting holes for power supply assembly onto the mounting surface . ? the power supply shall be mounted on minimum 2 mounting holes using m3 screw minimum 5 mm length. ? this surface belongs to customer?s end system or panel where the power supply is mounted. ? conn ector improper installations ? no output power de - rating for the input voltage from 90vac to 264vac fig. 2.1 side mounting (vertical) fig. 2.2 base mounting (vertical) fig. 2.3 side mounting (horizontal)
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 7 connection & screw protrusion data product group item connector options pmt a ? terminal block g ? front face* h ? harness* awg 22-12 22-12 22-18 torque 13kgf.cm 13kgf.cm ? input connector ? ? b3p5 - vh(lf)(sn) output connector ? ? b2p3 - vh(lf)(sn) input mating connector ? ? vhr -5n output mating c ? ? vhr -3n input & output terminal ? ? svh -21t - p1.1 screw protrusion length 5mm (6mm max) 5mm (6mm max) 5mm (6mm max) pml* awg 22-12 22-12 22-18 torque 13kgf.cm 13kgf.cm ? input connector ? ? b3p5 - vh(lf)(sn) output connector ? ? b2p3 - vh(lf)(sn) input mating connector ? ? vhr -5n output mating c ? ? vhr -3n input & output terminal ? ? svh -21t - p1.1 screw protrusion length 5mm (6mm max) 5mm (6mm max) 5mm (6mm max) pmb* awg 22-12 22-12 22-18 torque 13kgf.cm 13kgf.cm ? input connector ? ? b3p5 - vh(lf)(sn) output connector ? ? b2p3 - vh(lf)(sn) input mating connector ? ? vhr -5n output mating c ? ? vhr -3n input & output terminal ? ? svh -21t - p1.1 screw protrusion length 5mm 5mm 5mm *options ? to ensure sufficient convection cooling, always maintain a safety distance of 20mm from all ventilated surfaces while the device is in operation. ? the device is not recommended to be placed on low thermal conductive surfaces, for example, plastics. ? prevent any foreign metal, particles or conductors to enter the device through the openings during installation. it can cause : - electric shock; safety hazard; fire; product failure. ? only use m3 screw x mm through the base mounting holes (refer to the screw protrusion length in the table below). this is to keep a safe distance between the screw and internal components.
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 8 functions start - up time the time required for the output voltage to reach 90% of its set value, after the input voltage is applied. rise time the time required for the output voltage to change f rom 10% to 90% of its set value. hold - up time hold up time is the time when the ac input collapses and output voltage retains regulation for a certain period of time. the time required for the output to reach 95% of its set value, after the input voltage is removed. graph illustrating the start - up time, rise time, and hold- up time inrush current inrush current is the peak, instan taneous, input current measured and, occurs when the input voltage is first applied. for ac input voltages, the maximum peak value of inrush current will occur during the first half cycle of the applied ac voltage. this peak value decreases exponentially during subsequent cycles of ac voltage. dynamic response the power supply output voltage wil l remains within 5% of its steady state value, when su bjected to a dynamic load from 0 to 100% of its rated current.
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 9 overload & overcurrent protections the power supply?s overload (olp) and overcurrent (ocp) protections will be activated when output current exceeds 1 2 0 % of i o (max load). in such occurrence, the v o will start to droop and once the power supply has reached its maximum power limit, the protection is activated and the power supply will go i nto ?hiccup mode? (auto - recovery). the power supply will recover once the fault condition of the olp and ocp is removed and i o is back within the specifications. additionally, if the i o is <1 2 0 % but > 100% for a prolong period of time (depending on the load), the over temperature protection (otp) will be activated due to high temperature on critical components. the power supply will then go into ?hiccup mode? until the fault is removed. overvoltage protection the power supply?s overvoltage circuit will be activated when its internal feedback circuit fails. the output voltage shall not exceed its specifications defined on page 3 under ?protections?. over temperature protection as mentioned above, the power supply also has over temperature protection (otp). this is activated when the overload condition persists for an extended duration and the output current is below the overload trigger point but >100% load. in the event of a higher operating cond ition at 100% load, the power supply will run into otp when the surrounding air temperature is > 50c . when activated, the output voltage will go into bouncing mode until the operating surrounding air temperature drops to 50 c or output capacity is reduced as recommended in the de - rating graph. short circuit protection the power supply?s output olp/ocp function also provides protection against short circuits. when a short circuit is applied, the output current will operate in ? hiccup mode?, as shown in the illustration in the olp/ocp section on this page. the power supply will return to normal operation after the short circuit is removed. operating mode ? redundancy operation in order to ensure proper redundancy operation for the power supply unit (psu), ensure that the output voltage difference between the two units is kept at 0.45 ~ 0.50v for 24v supplies. follow simple steps given below to verify: step 1. measure output voltage of psu 1 and psu 2. if psu 1 is the master unit, then v o of psu 1 must be higher than psu 2. in order to set the output voltage, connect the power supply to 50% load and set the psu 1 and psu 2 output voltage. step 2. connect the right drr module, 20a as per the system requirement to th e power supply units psu 1 and psu 2 at v in 1 & v in 2 respectively. step 3. connect the system load from v out . please note that output voltage v out from drr module will be = v o (output voltage of power supply) ? v drop * (in drr module). fig. 3 redundancy / parallel operation connection diagram *v drop will vary from 0.60v to 0.90v (typical 0.65v) depending on the load current and surrounding air temperature.
technical d at asheet pmt panel mount power supply 24v 50 w 1 phase / pmt - 24v 50 w1a x all parameters are specified at 25 c ambient unless otherwise noted. www. deltapsu .com ( february 201 3 , rev. 0 1 ) 10 ? parallel operation these drr modules can also be used for parallel function in order to increase the output power by n+1 (e.g. 2.5a + 2.5a = 5a or 2.5a + 2.5a + 2.5a = 7.5a) or current sharing, and thus increasing the power supply and system reliability. though the drp024v060w1az is not designed for current sharing, a good current sharing between two power supplies can be achieved by following simple st eps as below (r efer to fig. 3 for the connection diagram). *v drop will vary from 0.60v to 0.90v (typical 0.65v) depending on the load current and surrounding air temperature. others delta rohs compliant restriction of the usage of hazardous substances the european directive 2011/65/e u limits the maximum impurity level of homogeneous materials such as lead, mercury, cadmium, chrome, polybrominated flame retardants pbb and pbde for the use in electrical and electronic equipment. rohs is the abbreviation for ?restriction of the use of certain hazardous substances in electrical and electronic equipment?. this product conforms to this standard. step 1 . set output load condition for both supplies at 50% and measure the output voltages. step 2. adjust output voltages to the same level or within 25mv difference. step 3 . connect psu 1 and psu 2 with the drr - 20a module and measure at v in 1 & v in 2 to verify the voltage difference. ensure the voltages are within 25mv. step 4 . output voltage from drr module v out will be = v o (output voltage of power supply) ? v drop * (in drr module).
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: delta: ? pmt-24v50w1aa


▲Up To Search▲   

 
Price & Availability of PMB-24V50W1AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X