Part Number Hot Search : 
UDZ5V1B PSOXSO3B B6411 7B452 SD120 MAX5487 SR560 D1027
Product Description
Full Text Search
 

To Download P33-FREQ-A-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ecs-p33/p35 programmable oscillator ecs-p33 (3.3v) and ecs-p35 (5.0 v) subminiature programmable oscillators. the miniature, very low profile, ceramic package is ideal for today's smd manufacturing environment. 1105 south ridgeview road z olathe, ks 66062 z phone: 913.782.7787 z fax: 913.782.6991 z www.ecsxtal.com parameters conditions ecs-p33 (+3.3v) min typ max min typ max ecs-p35 (+5.0v) operating conditions / el ectrical characteristics units text text text 20% vcc to 80% vcc @ ? v cc level extended (option n) standard option b option a load enable/disable time start-up time "1" level "0" level jitter rise and fall times output symmetry input current input voltage (v cc) storage temperature operating temperature frequency stability* frequency range text text text text text text text text text 40/60 40/60 +3.0 +3.3 +3.6 +5.0 +4.5 +5.5 -10 -40 -55 -10 -40 -55 text 1.000 1.000 1.000 10 100 15 4 45 125.0 1.000 ms ns pf ps p-p ns ma % vdc vdc vdc c c c ppm ppm mhz 10 100 15 250 vcc x 0.1 vcc x0.9 vcc x0.9 vcc x 0.1 250 4 25 60/40 60/40 +70 +85 +70 +85 +125 +125 50 50 100 100 125.0 * inclusive of 25 c tolerance, operating temperature range, input voltage change, load change aging, shock and vibration package dimensions (mm) part numbering guide: example ecs - p33 - 16.384 - a - n pin connections tri-state control voltage pin #1 pin #2 pin #3 pin #4 pin 3 output output high impedance p35 pin 1 p33 pin 1 open 0.7 v min. 0.2 v max. open 2.0 v min. 0.8 v max. smd 3.3v & 5.0v versions 3.2 x 2.5 mm footprint extended temp. range option pll technology one time programmable rohs compliant ecs - voltage - frequency - stability - temp. range p33 +3.3v p35 +5.0v 16.384 = 16.384 mhz a = +/- 100ppm b = +/- 50ppm blank = -10 to +70 c n = -40 to +85 c tri-state gnd output vcc


▲Up To Search▲   

 
Price & Availability of P33-FREQ-A-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X