Part Number Hot Search : 
STW7NA90 LTD321 PIC16F8 1005F L51DC 030PBF W58300 1N4007
Product Description
Full Text Search
 

To Download P14RG-2415E41LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pmbw-series ? p14rg-xxxxe/z4:1lf ? single / dual ou tput ? sip9 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/4 p14rg-xxxxe/z4:1lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 4:1 ultra wide input (see table) input filter capacitor input reflected ripple current1 20 ma pk-pk start-up time 10 ms, typ. output specifications voltage accuracy 1% short circuit protection indefinite (hiccup, automatic recovery) line regulation 0.5% load regulation (0% - 100%) 0.5%, max. (<10% load: 1% for 3.3vout and 5vout) cross regulation (dual output) 5% ripple and noise (20mhz bandwidth) 50 mv pk-pk temperature coefficient 0.02% / c transient recovery time 3 300 us, typ. transient response deviation 3 3%, max. general specifications i/o isolation voltage (3 sec.) 1500 vdc i/o isolation capacity 500 pf, max. i/o isolation resistance 1000 m ohm switching frequency 250 khz humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 1.212 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material epoxy (ul94v-0 rated) weight ~ 6.5 g, typ. environment specifications operating temperature -40 to +75c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection (10mm distance required) rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm b w 3 watt series is a family of cost effective dcdc converters with 4:1 ultra wide input, 3w single and dual output dc/ dc converters with control pin. these converters are encapsulated in a n ultra miniature sip9 plastic case. high performance features: continuous / long time short circuit protection with automatic restart and tight line / load regulation, high efficiency operation and output voltage accuracy of 2% maximum. pmbw-series  3 watt  4:1 ultra wide input  reg. single and dual output  1.5 kv dc i/o isolation  sip9 case  on/off control  contin. short circuit protection rev.04-2009
pmbw-series ? p14rg-xxxxe/z4:1lf ? single / dual ou tput ? sip9 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/4 selection guide single/dual output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p14rg-243r3e4:1lf 9-36 10 125 3.3 0 700 77 2200 p14rg-2405e4:1lf 9-36 10 153 5 0 600 82 1000 p14rg-2412e4:1lf 9-36 10 149 12 0 250 84 165 p14rg-2415e4:1lf 9-36 10 148 15 0 200 85 100 p14rg-483r3e4:1lf 18-72 5 65 3.3 0 700 75 2200 p14rg-4805e4:1lf 18-72 5 78 5 0 600 81 1000 p14rg-4812e4:1lf 18-72 5 75 12 0 250 84 165 p14rg-4815e4:1lf 18-72 5 75 15 0 200 84 100 order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 dual output p14rg-2405z4:1lf 9-36 10 155 5 0 300 81 470 p14rg-2412z4:1lf 9-36 10 149 12 0 125 84 100 p14rg-2415z4:1lf 9-36 10 149 15 0 100 84 47 p14rg-4805z4:1lf 18-72 5 78 5 0 300 81 470 p14rg-4812z4:1lf 18-72 5 75 12 0 125 84 100 p14rg-4815z4:1lf 18-72 5 76 15 0 100 83 47 if you need other specifications, please enquire.
pmbw-series ? p14rg-xxxxe/z4:1lf ? single / dual ou tput ? sip9 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/4 package / pinning / derating 12.50 (0.49) 2.90 (0.11) 4.00 (0.16) # single dual 1 - vin - vin 2 +vin +vin 3 ctrl. ctrl. 6 +vout +vout 7 n.c. common 8 n.c. n.c. 9 - vout - vout pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh 2 = tested by nominal vin and constant resistive load. 3 = test by normal vin and 100%-25% load,25% ioad st ep change; if vout is 3.3v then the transient respo nse deviation is 5%. 4 = input filter components are required to help mee t conducted emission class a 5 = an external filter capacitor is required to meet en 61000-4-4 and en61000-4-5. (e.g. nippon-chemi-con k y series, 220uf/100v) emc specifications conducted emissions 4 en 55022 class a radiated emissions en 55022 class a esd iec 61000-4-2 perf. criteria b rs iec 61000-4-3 perf. criteria a eft 5 iec 61000-4-4 perf. criteria b surge 5 iec 61000-4-5 perf. criteria b cs iec 61000-4-6 perf. criteria a pfmf iec 61000-4-8 perf. criteria a remote on/off the mcu pin voltage is referenced to ?vin (pin1) on: 0 ? 0.6 vdc or open circuit off: 2.7 - 15 vdc off stand by input current: 5ma, max.
pmbw-series ? p14rg-xxxxe/z4:1lf ? single / dual ou tput ? sip9 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 4/4 app notes test configurations input components c1 l p14rg-24xx 1210, 225k/100v,x7r (2pcs) 6.8 uh p14rg-48xx 1210,105k/100v,x7r 56 uh input reflected ripple current test step input reflected ripple current is measured through a source inductor lin(12uh) and a source capacitor cin(47uf, esr<1.ohm at 100khz) at nominal input and full load. emi filter input filter components (c1, l) are used to help meet conducted emissions equirement for the module. these components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. output ripple & noise measurement test the scope measurement bandwidth is 20mhz.


▲Up To Search▲   

 
Price & Availability of P14RG-2415E41LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X