Part Number Hot Search : 
TC9320F 1884652 LS245 W25Q1 20712 SBR605SD TSM3460 IRF40B
Product Description
Full Text Search
 

To Download NRLR821M250V30X35SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change operating temperature range -40 ~ +85c -25 ~ +85c rated voltage range 10 ~ 250vdc 315 ~ 450vdc rated capacitance range 180 ~ 82,000 f 56 ~ 1,000 f capacitance tolerance 20% (m) max. leakage current ( a) after 5 minutes (20c) 3 x c( f)v max. tan at 120hz/20c w.v. (vdc) 10 16 25 35 50 63 80 100 160~400 420~450 tan max. 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.25 surge voltage w.v. (vdc) 10 16 25 35 50 63 80 100 160 180 s.v. (vdc) 13 20 32 44 63 79 100 125 200 220 w.v. (vdc) 200 220 250 315 350 385 400 420 450 - s.v. (vdc) 250 270 300 365 400 435 450 470 500 - ripple current correction factors frequency (hz) 50 (60) 120 500 1k 10k> - - - - - multiplier at 85c 10 ~ 100vdc 0.90 1.00 1.05 1.10 1.15 - - - - - 160 ~ 250vdc 0.80 1.00 1.20 1.30 1.50 - - - - - 315 ~ 450vdc 0.80 1.00 1.20 1.25 1.40 - - - - - low temperature stability (10 to 250vdc) temperature (c) 0 -25 -40 - - - - - - - capacitance change -5% -15% -30% - - - - - - - impedance ratio 1.5 3 12 - - - - - - - load life test 3,000 hours at +85c capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value shelf life test 1,000 hours at +85c (no load) capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value surge voltage test per jis-c-5141 (table #6, #4) surge voltage applied: 30 seconds "on" and 5.5 minutes no voltage "off" capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value soldering effect refer to jisc5102.8.5 capacitance change within 10% of initial measured value tan less than speci ed maximum value leakage current less than speci ed maximum value large can aluminum electrolytic capacitors nrlr series features ? expanded value range ? long life at +85c (3,000 hours) ? high ripple current ? low profile, high density design ? suitable for switching power supplies specifications mechanical characteristics: 1. safety vent: the capacitors are provided with a pressure sensitive safety vent on the top of can. the vent is designed to rupture in the eve nt that high internal gas pressure is developed by circuit mal func tion or mis-use like reverse voltage. 2. terminal strength: each terminal of the capacitor shall withstand an axial pull force of 4.5kg for a period 10 seconds or a radial bent force of 2 .5kg for a period of 30 seconds. nrlr 222 m 50v 20x25 s f rohs compliant lead length (s=4mm or 3.5mm for 35mm diameter parts, l= 6mm is discontinued) case size (mm) voltage rating tolerance code capacitance code series part number system precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com notice for mounting the space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emer gen cy. recommended pc board mounting holes: sleeve color: dark blue can top safety vent sleeve and minus polarity marking d+1 max. l 2 10 (-) (+) maximum ex pan sion for safety vent approx. 3.0mm 10 .1 ? = 2 0.1 d ? 0.5 chassis pc board *see part number system for details rohs compliant includes all homogeneous materials 4.0 1 or 3.5 1 (parts with 35mm diameter)
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr103m10v20x25sf 10,000 10 20x25 0.092 0.071 2.22 2.55 nrlr123m10v20x30sf 12,000 20x30 0.076 0.059 2.44 2.80 nrlr123m10v22x25sf 22x25 0.076 0.059 2.41 2.77 nrlr153m10v20x35sf 15,000 20x35 0.061 0.047 2.90 3.33 nrlr153m10v22x30sf 22x30 0.061 0.047 2.88 3.31 nrlr153m10v25x25sf 25x25 0.061 0.047 2.88 3.31 nrlr183m10v20x40sf 18,000 20x40 0.051 0.039 3.31 3.80 nrlr183m10v22x35sf 22x35 0.051 0.039 3.32 3.81 nrlr183m10v25x30sf 25x30 0.051 0.039 3.08 3.54 nrlr223m10v22x40sf 22,000 22x40 0.042 0.032 3.79 4.35 nrlr223m10v25x30sf 25x30 0.042 0.032 3.66 4.20 nrlr223m10v30x25sf 30x25 0.042 0.032 3.58 4.11 nrlr273m10v22x45sf 27,000 22x45 0.034 0.026 4.04 4.64 nrlr273m10v25x35sf 25x35 0.034 0.026 4.04 4.64 nrlr273m10v30x30sf 30x30 0.034 0.026 3.99 4.58 nrlr333m10v22x50sf 33,000 22x50 0.028 0.022 4.58 5.26 nrlr333m10v25x40sf 25x40 0.028 0.022 4.56 5.24 nrlr333m10v30x30sf 30x30 0.028 0.022 4.58 5.26 nrlr392m10v25x45sf 39,000 25x45 0.024 0.018 5.29 6.08 nrlr392m10v30x35sf 30x35 0.024 0.018 5.21 5.99 nrlr393m10v35x30sf 35x30 0.024 0.018 5.05 5.80 nrlr473m10v25x50sf 47,000 25x50 0.020 0.015 5.78 6.64 nrlr473m10v30x40sf 30x40 0.020 0.015 5.78 6.64 nrlr473m10v35x35sf 35x35 0.020 0.015 5.55 6.38 nrlr563m10v30x45sf 56,000 30x45 0.017 0.013 6.59 7.57 nrlr563m10v35x35sf 35x35 0.017 0.013 6.40 7.36 nrlr683m10v30x50sf 68,000 30x50 0.014 0.011 7.50 8.62 nrlr683m10v35x40sf 35x40 0.014 0.011 7.48 8.60 nrlr823m10v35x50sf 82,000 35x50 0.012 0.009 8.50 9.77 nrlr822m16v20x25sf 8,200 16 20x25 0.102 0.078 2.56 2.94 nrlr103m16v20x30sf 10,000 20x30 0.083 0.064 2.85 3.27 nrlr103m16v22x25sf 22x25 0.083 0.064 2.85 3.27 nrlr123m16v20x35sf 12,000 20x35 0.070 0.054 3.20 3.68 nrlr123m16v22x30sf 22x30 0.070 0.054 3.20 3.68 nrlr153m16v20x40sf 15,000 20x40 0.056 0.043 3.70 4.25 nrlr153m16v22x35sf 22x35 0.056 0.043 3.70 4.25 nrlr153m16v25x25sf 25x25 0.056 0.043 3.70 4.25 nrlr183m16v22x40sf 18,000 22x40 0.047 0.036 3.98 4.57 nrlr183m16v25x30sf 25x30 0.047 0.036 3.98 4.57 nrlr223m16v22x45sf 22,000 22x45 0.038 0.029 4.52 5.19 nrlr223m16v25x35sf 25x35 0.038 0.029 4.52 5.19 nrlr223m16v30x25sf 30x25 0.038 0.029 4.52 5.19 nrlr273m16v22x50sf 27,000 22x50 0.031 0.024 4.98 5.72 nrlr273m16v25x40sf 25x40 0.031 0.024 4.98 5.72 nrlr273m16v30x30sf 30x30 0.031 0.024 4.98 5.72 nrlr333m16v25x45sf 33,000 25x45 0.026 0.020 5.49 6.31 nrlr333m16v30x35sf 30x35 0.026 0.020 5.49 6.31 nrlr333m16v35x30sf 35x30 0.026 0.020 5.49 6.31 nrlr333m16v25x50sf 39,000 25x50 0.022 0.017 6.11 7.02 nrlr333m16v30x40sf 30x40 0.022 0.017 6.11 7.02 nrlr333m16v35x35sf 35x35 0.022 0.017 6.11 7.02 nrlr473m16v30x45sf 47,000 30x45 0.018 0.014 6.80 7.82 nrlr473m16v35x35sf 35x35 0.018 0.014 6.80 7.82 nrlr563m16v30x50sf 56,000 30x50 0.015 0.012 7.62 8.76 nrlr563m16v35x40sf 35x40 0.015 0.012 7.62 8.76 nrlr683m16v35x45sf 68,000 35x45 0.013 0.010 8.45 9.71 nrlr823m16v35x50sf 82,000 35x50 0.011 0.008 9.14 10.51 large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr562m25v20x25sf 5,600 25 20x25 0.134 0.103 2.33 2.67 nrlr682m25v20x30sf 6,800 20x30 0.110 0.085 2.56 2.94 nrlr682m25v22x25sf 22x25 0.110 0.085 2.56 2.94 nrlr822m25v20x35sf 8,200 20x35 0.091 0.070 2.91 3.34 nrlr822m25v22x30sf 22x30 0.091 0.070 2.91 3.34 nrlr103m25v20x40sf 10,000 20x40 0.075 0.058 3.18 3.65 nrlr103m25v22x35sf 22x35 0.075 0.058 3.18 3.65 nrlr103m25v25x25sf 25x25 0.075 0.058 3.18 3.65 nrlr123m25v22x40sf 12,000 22x40 0.063 0.048 3.53 4.05 nrlr123m25v25x30sf 25x30 0.063 0.048 3.53 4.05 nrlr153m25v22x45sf 15,000 22x45 0.050 0.039 4.08 4.69 nrlr153m25v25x35sf 25x35 0.050 0.039 4.08 4.69 nrlr153m25v30x25sf 30x25 0.050 0.039 4.08 4.69 nrlr183m25v22x50sf 18,000 22x50 0.042 0.032 4.68 5.38 nrlr183m25v25x40sf 25x40 0.042 0.032 4.68 5.38 nrlr183m25v30x30sf 30x30 0.042 0.032 4.68 5.38 nrlr223m25v25x45sf 22,000 25x45 0.034 0.027 5.19 5.96 nrlr223m25v30x35sf 30x35 0.034 0.027 5.19 5.96 nrlr223m25v35x30sf 35x30 0.034 0.027 5.19 5.96 nrlr273m25v25x50sf 27,000 25x50 0.028 0.022 6.02 6.92 nrlr273m25v30x40sf 30x40 0.028 0.022 6.02 6.92 nrlr273m25v35x35sf 35x35 0.028 0.022 6.02 6.92 nrlr333m25v30x45sf 33,000 30x45 0.023 0.018 6.75 7.76 nrlr333m25v35x40sf 35x40 0.023 0.018 6.75 7.76 nrlr393m25v30x50sf 39,000 30x50 0.020 0.015 7.56 8.69 nrlr393m25v35x45sf 35x45 0.020 0.015 7.56 8.69 nrlr473m25v35x50sf 47,000 35x50 0.016 0.013 8.30 9.54 nrlr332m35v20x25sf 3,300 35 20x25 0.201 0.155 2.14 2.46 nrlr392m35v20x30sf 3,900 20x30 0.171 0.131 2.28 2.62 nrlr472m35v20x35sf 4,700 20x35 0.142 0.109 2.46 2.82 nrlr472m35v22x25sf 22x25 0.142 0.109 2.46 2.82 nrlr562m35v20x40sf 5,600 20x40 0.119 0.092 2.79 3.20 nrlr562m35v22x30sf 22x30 0.119 0.092 2.79 3.20 nrlr562m35v25x25sf 25x25 0.119 0.092 2.79 3.20 nrlr682m35v22x35sf 6,800 22x35 0.098 0.076 2.89 3.32 nrlr682m35v25x30sf 25x30 0.098 0.076 2.89 3.32 nrlr822m35v22x40sf 8,200 22x40 0.081 0.063 3.47 3.99 nrlr822m35v25x30sf 25x30 0.081 0.063 3.47 3.99 nrlr822m35v30x25sf 30x25 0.081 0.063 3.47 3.99 nrlr103m35v22x45sf 10,000 22x45 0.067 0.052 3.59 4.12 nrlr103m35v25x35sf 25x35 0.067 0.052 3.59 4.12 nrlr103m35v30x30sf 30x30 0.067 0.052 3.59 4.12 nrlr123m35v22x50sf 12,000 22x50 0.056 0.043 4.51 5.18 nrlr123m35v25x40sf 25x40 0.056 0.043 4.51 5.18 nrlr123m35v30x30sf 30x30 0.056 0.043 4.51 5.18 nrlr153m35v25x45sf 15,000 25x45 0.045 0.035 4.80 5.52 nrlr153m35v30x35sf 30x35 0.045 0.035 4.80 5.52 nrlr153m35v35x30sf 35x30 0.045 0.035 4.80 5.52 nrlr183m35v30x40sf 18,000 30x40 0.037 0.029 5.70 6.55 nrlr183m35v35x35sf 35x35 0.037 0.029 5.70 6.55 nrlr223m35v30x45sf 22,000 30x45 0.031 0.024 6.38 7.33 nrlr223m35v35x40sf 35x40 0.031 0.024 6.38 7.33 nrlr273m35v35x45sf 27,000 35x45 0.025 0.019 6.90 7.93 nrlr333m35v35x50sf 33,000 35x50 0.021 0.016 7.49 8.61 large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr222m50v20x25sf 2,200 50 20x25 0.264 0.203 2.07 2.38 nrlr272m50v20x30sf 2,700 20x30 0.215 0.166 2.21 2.54 nrlr272m50v22x25sf 22x25 0.215 0.166 2.21 2.54 nrlr332m50v20x35sf 3,300 20x35 0.176 0.136 2.41 2.77 nrlr332m50v22x30sf 22x30 0.176 0.136 2.41 2.77 nrlr392m50v20x40sf 3,900 20x40 0.149 0.115 2.72 3.12 nrlr392m50v22x30sf 22x30 0.149 0.115 2.72 3.12 nrlr392m50v25x25sf 25x25 0.149 0.115 2.72 3.12 nrlr472m50v22x35sf 4,700 22x35 0.124 0.095 3.01 3.46 nrlr472m50v25x30sf 25x30 0.124 0.095 3.01 3.46 nrlr562m50v22x40sf 5,600 22x40 0.104 0.080 3.43 3.94 nrlr562m50v25x35sf 25x35 0.104 0.080 3.43 3.94 nrlr562m50v30x25sf 30x25 0.104 0.080 3.43 3.94 nrlr682m50v22x45sf 6,800 22x45 0.086 0.066 3.94 4.53 nrlr682m50v25x35sf 25x35 0.086 0.066 3.94 4.53 nrlr682m50v30x30sf 30x30 0.086 0.066 3.94 4.53 nrlr822m50v25x40sf 8,200 25x40 0.071 0.055 4.37 5.02 nrlr822m50v30x35sf 30x35 0.071 0.055 4.37 5.02 nrlr103m50v25x50sf 10,000 25x50 0.059 0.045 5.02 5.77 nrlr103m50v30x40sf 30x40 0.059 0.045 5.02 5.77 nrlr103m50v35x30sf 35x30 0.059 0.045 5.02 5.77 nrlr123m50v30x45sf 12,000 30x45 0.049 0.038 5.60 6.44 nrlr123m50v35x35sf 35x35 0.049 0.038 5.60 6.44 nrlr153m50v30x50sf 15,000 30x50 0.039 0.030 6.44 7.40 nrlr153m50v35x40sf 35x40 0.039 0.030 6.44 7.40 nrlr183m50v35x45sf 18,000 35x45 0.033 0.025 6.71 7.71 nrlr152m63v20x25sf 1,500 63 20x25 0.332 0.256 1.69 1.94 nrlr182m63v20x30sf 1,800 20x30 0.277 0.213 2.04 2.34 nrlr182m63v22x25sf 22x25 0.277 0.213 2.04 2.34 nrlr222m63v20x35sf 2,200 20x35 0.227 0.174 2.40 2.76 nrlr222m63v22x30sf 22x30 0.227 0.174 2.40 2.76 nrlr272m63v20x40sf 2,700 20x40 0.185 0.142 2.52 2.89 nrlr272m63v22x35sf 22x35 0.185 0.142 2.52 2.89 nrlr272m63v25x25sf 25x25 0.185 0.142 2.52 2.89 nrlr332m63v22x40sf 3,300 22x40 0.151 0.116 2.69 3.09 nrlr332m63v25x30sf 25x30 0.151 0.116 2.69 3.09 nrlr392m63v22x45sf 3,900 22x45 0.128 0.099 3.10 3.56 nrlr392m63v25x35sf 25x35 0.128 0.099 3.10 3.56 nrlr392m63v30x25sf 30x25 0.128 0.099 3.10 3.56 nrlr472m63v22x50sf 4,700 22x50 0.106 0.082 3.49 4.01 nrlr472m63v25x40sf 25x40 0.106 0.082 3.49 4.01 nrlr472m63v30x30sf 30x30 0.106 0.082 3.49 4.01 nrlr562m63v25x45sf 5,600 25x45 0.089 0.069 3.81 4.38 nrlr562m63v30x35sf 30x35 0.089 0.069 3.81 4.38 nrlr682m63v25x50sf 6,800 25x50 0.074 0.057 4.41 5.07 nrlr682m63v30x40sf 30x40 0.074 0.057 4.41 5.07 nrlr682m63v35x30sf 35x30 0.074 0.057 4.41 5.07 nrlr822m63v30x45sf 8,200 30x45 0.061 0.047 4.90 5.63 nrlr822m63v35x35sf 35x35 0.061 0.047 4.90 5.63 nrlr103m63v30x50sf 10,000 30x50 0.050 0.039 5.49 6.31 nrlr103m63v35x40sf 35x40 0.050 0.039 5.49 6.31 nrlr123m63v35x45sf 12,000 35x45 0.042 0.032 6.30 7.24
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr102m80v20x25sf 1,000 80 20x25 0.415 0.319 1.56 1.79 nrlr122m80v20x30sf 1,200 20x30 0.346 0.266 1.80 2.07 nrlr122m80v22x25sf 22x25 0.346 0.266 1.80 2.07 nrlr152m80v20x30sf 1,500 20x30 0.277 0.213 2.10 2.41 nrlr152m80v22x30sf 22x30 0.277 0.213 2.10 2.41 nrlr182m80v20x35sf 1,800 20x35 0.231 0.178 2.30 2.64 nrlr182m80v22x30sf 22x30 0.231 0.178 2.30 2.64 nrlr182m80v25x25sf 25x25 0.231 0.178 2.30 2.64 nrlr222m80v20x40sf 2,200 20x40 0.189 0.145 2.53 2.90 nrlr222m80v22x35sf 22x35 0.189 0.145 2.53 2.90 nrlr222m80v25x30sf 25x30 0.189 0.145 2.53 2.90 nrlr272m80v22x40sf 2,700 22x40 0.154 0.119 2.93 3.36 nrlr272m80v25x35sf 25x35 0.154 0.119 2.93 3.36 nrlr272m80v30x25sf 30x25 0.154 0.119 2.93 3.36 nrlr332m80v22x45sf 3,300 22x45 0.126 0.097 3.25 3.73 nrlr332m80v25x35sf 25x35 0.126 0.097 3.25 3.73 nrlr332m80v30x30sf 30x30 0.126 0.097 3.25 3.73 nrlr392m80v25x40sf 3,900 25x40 0.107 0.082 3.62 4.16 nrlr392m80v30x40sf 30x35 0.107 0.082 3.62 4.16 nrlr472m80v25x45sf 4,700 25x45 0.089 0.068 4.28 4.92 nrlr472m80v30x40sf 30x40 0.089 0.068 4.28 4.92 nrlr472m80v35x30sf 35x30 0.089 0.068 4.28 4.92 nrlr562m80v30x45sf 5,600 30x45 0.075 0.057 4.55 5.23 nrlr562m80v35x35sf 35x35 0.075 0.057 4.55 5.23 nrlr682m80v30x45sf 6,800 30x45 0.061 0.047 5.83 6.70 nrlr682m80v35x40sf 35x40 0.061 0.047 5.83 6.70 nrlr822m80v35x45sf 8,200 35x45 0.061 0.047 5.83 6.70 nrlr103m80v35x50sf 10,000 35x50 0.042 0.032 7.03 8.08 nrlr681m100v20x25sf 680 100 20x25 0.488 0.376 1.66 1.90 nrlr821m100v20x30sf 820 20x30 0.405 0.312 1.86 2.13 nrlr821m100v22x25sf 22x25 0.405 0.312 1.86 2.13 nrlr102m100v20x30sf 1,000 20x30 0.332 0.256 2.02 2.32 nrlr102m100v22x30sf 22x30 0.332 0.256 2.02 2.32 nrlr122m100v20x35sf 1,200 20x35 0.277 0.213 2.12 2.43 nrlr122m100v22x30sf 22x30 0.277 0.213 2.12 2.43 nrlr122m100v25x25sf 25x25 0.277 0.213 2.12 2.43 nrlr152m100v20x40sf 1,500 20x40 0.222 0.171 2.45 2.81 nrlr152m100v22x35sf 22x35 0.222 0.171 2.45 2.81 nrlr152m100v25x30sf 25x30 0.222 0.171 2.45 2.81 nrlr182m100v22x40sf 1,800 22x40 0.185 0.142 2.77 3.18 nrlr182m100v25x30sf 25x30 0.185 0.142 2.77 3.18 nrlr182m100v30x25sf 30x25 0.185 0.142 2.77 3.18 nrlr222m100v22x45sf 2,200 22x45 0.151 0.116 3.12 3.58 nrlr222m100v25x35sf 25x35 0.151 0.116 3.12 3.58 nrlr222m100v30x30sf 30x30 0.151 0.116 3.12 3.58 nrlr272m100v25x40sf 2,700 25x40 0.123 0.095 3.61 4.15 nrlr272m100v30x30sf 30x30 0.123 0.095 3.61 4.15 nrlr332m100v25x50sf 3,300 25x50 0.101 0.078 4.06 4.66 nrlr332m100v30x35sf 30x35 0.101 0.078 4.06 4.66 nrlr332m100v35x30sf 35x30 0.101 0.078 4.06 4.66 nrlr392m100v30x40sf 3,900 30x40 0.086 0.066 4.60 5.29 nrlr392m100v35x35sf 35x35 0.086 0.066 4.60 5.29 nrlr472m100v30x45sf 4,700 30x45 0.071 0.055 5.13 5.89 nrlr472m100v35x40sf 35x40 0.071 0.055 5.13 5.89 nrlr562m100v35x45sf 5,600 35x45 0.06 0.046 5.75 6.61 nrlr682m100v35x50sf 6,800 35x50 0.049 0.038 6.01 6.91
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr271m160v20x25sf 270 160 20x25 0.922 0.709 1.28 1.92 nrlr331m160v20x25sf 330 20x25 0.754 0.580 1.55 2.32 nrlr391m160v20x30sf 390 20x30 0.638 0.491 1.63 2.44 nrlr391m160v22x25sf 22x25 0.638 0.491 1.63 2.44 nrlr471m160v20x30sf 470 20x30 0.53 0.408 1.90 2.85 nrlr471m160v22x30sf 22x30 0.53 0.408 1.86 2.79 nrlr471m160v25x25sf 25x25 0.53 0.408 1.86 2.79 nrlr561m160v20x35sf 560 20x35 0.445 0.342 2.14 3.21 nrlr561m160v22x30sf 22x30 0.445 0.342 2.15 3.22 nrlr561m160v25x25sf 25x25 0.445 0.342 2.15 3.22 nrlr681m160v20x40sf 680 20x40 0.366 0.282 2.35 3.52 nrlr681m160v22x35sf 22x35 0.366 0.282 2.35 3.52 nrlr681m160v25x30sf 25x30 0.366 0.282 2.33 3.49 nrlr681m160v30x25sf 30x25 0.366 0.282 2.33 3.49 nrlr821m160v22x40sf 820 22x40 0.304 0.234 2.68 4.02 nrlr821m160v25x30sf 25x30 0.304 0.234 2.65 3.97 nrlr821m160v30x25sf 30x25 0.304 0.234 2.64 3.96 nrlr102m160v22x45sf 1,000 22x45 0.249 0.192 3.02 4.53 nrlr102m160v25x35sf 25x35 0.249 0.192 3.00 4.50 nrlr102m160v30x30sf 30x30 0.249 0.192 2.96 4.44 nrlr122m160v25x40sf 1,200 25x40 0.208 0.160 3.43 5.14 nrlr122m160v30x30sf 30x30 0.208 0.160 3.41 5.11 nrlr122m160v35x30sf 35x30 0.208 0.160 3.40 5.10 nrlr152m160v25x50sf 1,500 25x50 0.166 0.128 3.96 5.94 nrlr152m160v30x35sf 30x35 0.166 0.128 3.96 5.94 nrlr152m160v35x30sf 35x30 0.166 0.128 3.94 5.91 nrlr182m160v30x40sf 1,800 30x40 0.139 0.107 4.31 6.46 nrlr182m160v35x35sf 35x35 0.139 0.107 4.28 6.42 nrlr222m160v30x50sf 2,200 30x50 0.114 0.087 4.96 7.44 nrlr222m160v35x40sf 35x40 0.114 0.087 4.96 7.44 nrlr272m160v35x45sf 2,700 35x45 0.093 0.071 5.57 8.35 nrlr271m180v20x25sf 270 180 20x25 0.922 0.709 1.29 1.93 nrlr331m180v20x30sf 330 20x30 0.754 0.580 1.77 2.65 nrlr331m180v22x25sf 22x25 0.754 0.580 1.49 2.23 nrlr391m180v20x30sf 390 20x30 0.638 0.491 1.84 2.76 nrlr391m180v22x25sf 22x25 0.638 0.491 1.84 2.76 nrlr471m180v20x35sf 470 20x35 0.530 0.408 1.91 2.86 nrlr471m180v25x30sf 22x30 0.530 0.408 1.91 2.86 nrlr471m180v25x25sf 25x25 0.530 0.408 2.08 3.12 nrlr561m180v20x40sf 560 20x40 0.445 0.342 2.15 3.22 nrlr561m180v22x35sf 22x35 0.445 0.342 2.25 3.37 nrlr561m180v25x25sf 25x25 0.445 0.342 2.25 3.37 nrlr681m180v22x35sf 680 22x35 0.366 0.282 2.48 3.72 nrlr681m180v25x30sf 25x30 0.366 0.282 2.50 3.75 nrlr681m180v30x25sf 30x25 0.366 0.282 2.46 3.69 nrlr821m180v22x40sf 820 22x40 0.304 0.234 2.86 4.29 nrlr821m180v25x35sf 25x35 0.304 0.234 2.75 4.12 nrlr821m180v30x25sf 30x25 0.304 0.234 2.69 4.03 nrlr102m180v22x50sf 1,000 22x50 0.249 0.192 3.10 4.65 nrlr102m180v25x40sf 25x40 0.249 0.192 3.06 4.59 nrlr102m180v30x30sf 30x30 0.249 0.192 3.10 4.65 nrlr122m180v25x45sf 1,200 25x45 0.208 0.160 3.63 5.44 nrlr122m180v30x35sf 30x35 0.208 0.160 3.55 5.32 nrlr122m180v35x30sf 35x30 0.208 0.160 3.49 5.23 nrlr152m180v20x25sf 1,500 30x40 0.166 0.128 4.10 6.15 nrlr152m180v35x35sf 35x35 0.166 0.128 4.02 6.03 180vdc continued on next page
7 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr182m180v30x45sf 1,800 180 30x45 0.139 0.107 4.55 6.82 nrlr182m180v35x35sf 35x35 0.139 0.107 4.54 6.81 nrlr222m180v35x40sf 2,200 35x40 0.114 0.087 4.83 7.24 nrlr272m180v35x50sf 2,700 35x50 0.093 0.071 5.3 7.95 nrlr221m200v20x25sf 220 200 20x25 1.131 0.870 1.19 1.78 nrlr271m200v20x25sf 270 20x25 0.922 0.709 1.39 2.08 nrlr271m200v22x25sf 22x25 0.922 0.709 1.37 2.05 nrlr331m200v20x30sf 330 20x30 0.754 0.580 1.56 2.34 nrlr331m200v22x25sf 22x25 0.754 0.580 1.51 2.26 nrlr391m200v20x35sf 390 20x35 0.638 0.491 1.74 2.61 nrlr391m200v22x30sf 22x30 0.638 0.491 1.73 2.59 nrlr391m200v25x25sf 25x25 0.638 0.491 1.71 2.56 nrlr471m200v20x35sf 470 20x35 0.530 0.408 2.03 3.04 nrlr471m200v22x30sf 22x30 0.530 0.408 1.97 2.95 nrlr471m200v25x25sf 25x25 0.530 0.408 1.95 2.92 nrlr561m200v20x40sf 560 20x40 0.445 0.342 2.18 3.27 nrlr561m200v22x35sf 22x35 0.445 0.342 2.18 3.27 nrlr561m200v25x30sf 25x30 0.445 0.342 2.15 3.22 nrlr561m200v30x25sf 30x25 0.445 0.342 2.15 3.22 nrlr681m200v22x40sf 680 22x40 0.366 0.282 2.48 3.72 nrlr681m200v25x30sf 25x30 0.366 0.282 2.48 3.72 nrlr681m200v30x25sf 30x25 0.366 0.282 2.48 3.72 nrlr821m200v22x45sf 820 22x45 0.304 0.234 2.81 4.21 nrlr821m200v25x35sf 25x35 0.304 0.234 2.79 4.18 nrlr821m200v30x30sf 30x30 0.304 0.234 2.75 4.12 nrlr102m200v22x50sf 1,000 22x50 0.249 0.192 3.28 4.92 nrlr102m200v25x40sf 25x40 0.249 0.192 3.28 4.92 nrlr102m200v30x35sf 30x35 0.249 0.192 3.15 4.72 nrlr122m200v25x45sf 1,200 25x45 0.208 0.160 3.61 5.41 nrlr122m200v30x35sf 30x35 0.208 0.160 3.61 5.41 nrlr122m200v35x30sf 35x30 0.208 0.160 3.57 5.35 nrlr152m200v30x45sf 1,500 30x45 0.166 0.128 4.13 6.19 nrlr152m200v35x35sf 35x35 0.166 0.128 4.06 6.09 nrlr182m200v30x50sf 1,800 30x50 0.139 0.107 4.60 6.90 nrlr182m200v35x40sf 35x40 0.139 0.107 4.59 6.88 nrlr222m200v35x45sf 2,200 35x45 0.114 0.087 5.25 7.87 nrlr221m220v20x25sf 220 220 20x25 1.131 0.870 1.23 1.84 nrlr271m220v20x30sf 270 20x30 0.922 0.709 1.46 2.19 nrlr271m220v22x25sf 22x25 0.922 0.709 1.42 2.13 nrlr331m220v20x35sf 330 20x35 0.754 0.580 1.64 2.46 nrlr331m220v22x30sf 22x30 0.754 0.580 1.59 2.38 nrlr391m220v20x35sf 390 20x35 0.638 0.491 1.79 2.68 nrlr391m220v22x30sf 22x30 0.638 0.491 1.80 2.70 nrlr391m220v25x25sf 25x25 0.638 0.491 1.75 2.62 nrlr471m220v20x40sf 470 20x40 0.530 0.408 2.12 3.18 nrlr471m220v22x35sf 22x35 0.530 0.408 2.06 3.09 nrlr471m220v25x30sf 25x30 0.530 0.408 2.08 3.12 nrlr561m220v22x40sf 560 22x40 0.445 0.342 2.22 3.33 nrlr561m220v25x35sf 25x35 0.445 0.342 2.38 3.57 nrlr561m220v30x25sf 30x25 0.445 0.342 2.18 3.27 nrlr681m220v22x45sf 680 22x45 0.366 0.282 2.62 3.93 nrlr681m220v25x35sf 25x35 0.366 0.282 2.56 3.84 nrlr681m220v30x30sf 30x30 0.366 0.282 2.52 3.78 220vdc continued on next page
8 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr821m220v25x45sf 820 220 25x45 0.304 0.234 2.91 4.36 nrlr821m220v30x35sf 30x35 0.304 0.234 2.84 4.26 nrlr821m220v35x30sf 35x30 0.304 0.234 2.79 4.18 nrlr102m220v30x35sf 1,000 30x35 0.249 0.192 3.36 5.04 nrlr102m220v35x30sf 35x30 0.249 0.192 3.29 4.93 nrlr122m220v30x40sf 1,200 30x40 0.208 0.160 3.72 5.58 nrlr122m220v35x35sf 35x35 0.208 0.160 3.68 5.52 nrlr152m220v30x50sf 1,500 30x50 0.166 0.128 4.18 6.27 nrlr152m220v35x40sf 35x40 0.166 0.128 4.10 6.15 nrlr182m220v35x45sf 1,800 35x45 0.139 0.107 4.52 6.78 nrlr181m250v20x25sf 180 250 20x25 1.382 1.063 1.20 1.80 nrlr221m250v20x25sf 220 20x25 1.131 0.870 1.26 1.89 nrlr221m250v22x25sf 22x25 1.131 0.870 1.24 1.86 nrlr271m250v20x30sf 270 20x30 0.922 0.709 1.42 2.13 nrlr271m250v22x25sf 22x25 0.922 0.709 1.50 2.25 nrlr331m250v20x35sf 330 20x35 0.754 0.580 1.68 2.52 nrlr331m250v22x30sf 22x30 0.754 0.580 1.66 2.49 nrlr331m250v25x25sf 25x25 0.754 0.580 1.61 2.41 nrlr391m250v20x40sf 390 20x40 0.638 0.491 1.92 2.88 nrlr391m250v22x35sf 22x35 0.638 0.491 1.88 2.82 nrlr391m250v25x30sf 25x30 0.638 0.491 1.88 2.82 nrlr471m250v22x35sf 470 22x35 0.530 0.408 2.15 3.22 nrlr471m250v25x35sf 25x35 0.530 0.408 2.15 3.22 nrlr471m250v30x25sf 30x25 0.530 0.408 2.04 3.06 nrlr561m250v22x40sf 560 22x40 0.445 0.342 2.48 3.72 nrlr561m250v25x35sf 25x35 0.445 0.342 2.35 3.52 nrlr561m250v30x25sf 30x25 0.445 0.342 2.35 3.52 nrlr681m250v25x40sf 680 25x40 0.366 0.282 2.67 4.00 nrlr681m250v30x30sf 30x30 0.366 0.282 2.71 4.06 nrlr821m250v25x45sf 820 25x45 0.304 0.234 3.01 4.51 NRLR821M250V30X35SF 30x35 0.304 0.234 2.98 4.47 nrlr821m250v35x30sf 35x30 0.304 0.234 2.96 4.44 nrlr102m250v30x40sf 1,000 30x40 0.249 0.192 3.56 5.34 nrlr102m250v35x35sf 35x35 0.249 0.192 3.48 5.22 nrlr122m250v30x45sf 1,200 30x45 0.208 0.160 3.99 5.98 nrlr122m250v35x35sf 35x35 0.208 0.160 3.84 5.76 nrlr152m250v35x40sf 1,500 35x40 0.166 0.128 4.33 6.49 nrlr182m250v35x50sf 1,800 35x50 0.139 0.107 4.54 6.81 nrlr151m315v20x30sf 150 315 20x30 1.658 1.276 1.00 1.40 nrlr181m315v20x35sf 180 20x35 1.382 1.063 1.13 1.58 nrlr181m315v22x30sf 22x30 1.382 1.063 1.29 1.80 nrlr181m315v25x25sf 25x25 1.382 1.063 1.38 1.93 nrlr221m315v20x35sf 220 20x35 1.131 0.870 1.29 1.80 nrlr221m315v22x30sf 22x30 1.131 0.870 1.41 1.97 nrlr221m315v25x25sf 25x25 1.131 0.870 1.47 2.05 nrlr271m315v22x35sf 270 22x35 0.922 0.709 1.68 2.35 nrlr271m315v25x30sf 25x30 0.922 0.709 1.70 2.38 nrlr331m315v22x40sf 330 22x40 0.754 0.580 1.91 2.67 nrlr331m315v25x35sf 25x35 0.754 0.580 1.94 2.71 nrlr331m315v30x25sf 30x25 0.754 0.580 1.98 2.77 nrlr391m315v22x45sf 390 22x45 0.638 0.491 2.07 2.89 nrlr391m315v25x40sf 25x40 0.638 0.491 2.11 2.95 nrlr391m315v30x30sf 30x30 0.638 0.491 2.15 3.01 nrlr471m315v25x50sf 470 25x50 0.530 0.408 2.31 3.23 nrlr471m315v30x35sf 30x35 0.530 0.408 2.38 3.33 nrlr471m315v35x30sf 35x30 0.530 0.408 2.36 3.30 315vdc continued on next page
9 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr561m315v30x35sf 560 315 30x35 0.445 0.342 2.63 3.68 nrlr561m315v35x30sf 35x30 0.445 0.342 2.69 3.76 nrlr681m315v30x45sf 680 30x45 0.366 0.282 2.80 3.92 nrlr681m315v35x35sf 35x35 0.366 0.282 3.05 4.27 nrlr821m315v30x50sf 820 30x50 0.304 0.234 3.28 4.59 nrlr821m315v35x40sf 35x40 0.304 0.234 3.45 4.83 nrlr102m315v35x45sf 1,000 35x45 0.249 0.192 3.57 4.99 nrlr121m350v20x30sf 120 350 20x30 2.073 1.595 0.96 1.34 nrlr121m350v22x25sf 22x25 2.073 1.595 1.04 1.45 nrlr151m350v20x30sf 150 20x30 1.658 1.276 1.10 1.54 nrlr151m350v22x30sf 22x30 1.658 1.276 1.20 1.68 nrlr151m350v25x25sf 25x25 1.658 1.276 1.22 1.70 nrlr181m350v20x35sf 180 20x35 1.382 1.063 1.24 1.73 nrlr181m350v22x30sf 22x30 1.382 1.063 1.34 1.87 nrlr181m350v25x25sf 25x25 1.382 1.063 1.37 1.91 nrlr221m350v22x35sf 220 22x35 1.131 0.870 1.47 2.05 nrlr221m350v25x30sf 25x30 1.131 0.870 1.53 2.14 nrlr221m350v30x25sf 30x25 1.131 0.870 1.54 2.15 nrlr271m350v22x40sf 270 22x40 0.922 0.709 1.70 2.38 nrlr271m350v25x35sf 25x35 0.922 0.709 1.73 2.42 nrlr271m350v30x25sf 30x25 0.922 0.709 1.80 2.52 nrlr331m350v22x45sf 330 22x45 0.754 0.580 1.87 2.61 nrlr331m350v25x35sf 25x35 0.754 0.580 1.97 2.75 nrlr331m350v30x30sf 30x30 0.754 0.580 2.03 2.84 nrlr391m350v25x40sf 390 25x40 0.638 0.491 2.14 2.99 nrlr391m350v30x35sf 30x35 0.638 0.491 2.23 3.12 nrlr391m350v35x30sf 35x30 0.638 0.491 2.30 3.22 nrlr471m350v25x50sf 470 25x50 0.530 0.408 2.55 3.57 nrlr471m350v30x35sf 30x35 0.530 0.408 2.53 3.54 nrlr471m350v35x30sf 35x30 0.530 0.408 2.55 3.57 nrlr561m350v30x40sf 560 30x40 0.445 0.342 2.73 3.82 nrlr561m350v35x35sf 35x35 0.445 0.342 2.75 3.85 nrlr681m350v30x50sf 680 30x50 0.366 0.282 3.15 4.41 nrlr681m350v35x40sf 35x40 0.366 0.282 3.15 4.41 nrlr821m350v35x45sf 820 35x45 0.304 0.234 3.47 4.85 nrlr102m350v35x50sf 1,000 35x50 0.249 0.192 3.60 5.04 nrlr680m385v20x25sf 68 385 20x25 3.658 2.814 0.68 0.95 nrlr820m385v20x30sf 82 20x30 3.033 2.333 0.74 1.03 nrlr820m385v22x25sf 22x25 3.033 2.333 0.76 1.06 nrlr101m385v20x30sf 100 20x30 2.487 1.913 0.86 1.2 nrlr101m385v22x30sf 22x30 2.487 1.913 0.89 1.24 nrlr121m385v20x35sf 120 20x35 2.073 1.595 0.96 1.34 nrlr121m385v22x30sf 22x30 2.073 1.595 0.98 1.37 nrlr121m385v25x25sf 25x25 2.073 1.595 1.02 1.42 nrlr151m385v20x35sf 150 20x35 1.658 1.276 1.10 1.54 nrlr151m385v22x35sf 22x35 1.658 1.276 1.12 1.56 nrlr151m385v25x30sf 25x30 1.658 1.276 1.14 1.59 nrlr181m385v20x40sf 180 20x40 1.382 1.063 1.27 1.77 nrlr181m385v22x35sf 22x35 1.382 1.063 1.27 1.77 nrlr181m385v25x30sf 25x30 1.382 1.063 1.30 1.82 nrlr181m385v30x25sf 30x25 1.382 1.063 1.37 1.91 nrlr221m385v22x40sf 220 22x40 1.131 0.870 1.42 1.98 nrlr221m385v25x35sf 25x35 1.131 0.870 1.48 2.07 nrlr221m385v30x30sf 30x30 1.131 0.870 1.49 2.08 nrlr271m385v22x50sf 270 22x50 0.922 0.709 1.60 2.24 nrlr271m385v25x40sf 25x40 0.922 0.709 1.61 2.25 nrlr271m385v30x30sf 30x30 0.922 0.709 1.64 2.29 385vdc continued on next page large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications
10 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr331m385v25x45sf 330 385 25x45 0.754 0.580 1.80 2.52 nrlr331m385v30x35sf 30x35 0.754 0.580 1.85 2.59 nrlr331m385v35x30sf 35x30 0.754 0.580 1.87 2.61 nrlr391m385v25x50sf 390 25x50 0.638 0.491 2.04 2.85 nrlr391m385v30x40sf 30x40 0.638 0.491 2.05 2.87 nrlr391m385v35x35sf 35x35 0.638 0.491 2.07 2.89 nrlr471m385v30x45sf 470 30x45 0.530 0.408 2.26 3.16 nrlr471m385v35x35sf 35x35 0.530 0.408 2.26 3.16 nrlr561m385v30x50sf 560 30x50 0.445 0.342 2.57 3.59 nrlr561m385v35x40sf 35x40 0.445 0.342 2.59 3.62 nrlr681m385v35x45sf 680 35x45 0.366 0.282 2.80 3.92 nrlr680m400v20x25sf 68 400 20x25 3.658 2.814 0.75 1.05 nrlr820m400v20x30sf 82 20x30 3.033 2.333 0.82 1.14 nrlr820m400v22x25sf 22x25 3.033 2.333 0.84 1.17 nrlr101m400v20x30sf 100 20x30 2.487 1.913 0.95 1.33 nrlr101m400v22x30sf 22x30 2.487 1.913 0.99 1.38 nrlr121m400v20x35sf 120 20x35 2.073 1.595 1.07 1.49 nrlr121m400v22x30sf 22x30 2.073 1.595 1.09 1.52 nrlr121m400v25x25sf 25x25 2.073 1.595 1.13 1.58 nrlr151m400v20x40sf 150 20x40 1.658 1.276 1.22 1.70 nrlr151m400v22x35sf 22x35 1.658 1.276 1.24 1.73 nrlr151m400v25x30sf 25x30 1.658 1.276 1.27 1.77 nrlr181m400v22x40sf 180 22x40 1.382 1.063 1.41 1.97 nrlr181m400v25x30sf 25x30 1.382 1.063 1.44 2.01 nrlr181m400v30x25sf 30x25 1.382 1.063 1.52 2.12 nrlr221m400v22x45sf 220 22x45 1.131 0.870 1.58 2.21 nrlr221m400v25x35sf 25x35 1.131 0.870 1.64 2.29 nrlr221m400v30x30sf 30x30 1.131 0.870 1.66 2.32 nrlr272m400v25x40sf 270 25x40 0.922 0.709 1.79 2.50 nrlr272m400v30x30sf 30x30 0.922 0.709 1.82 2.54 nrlr331m400v25x45sf 330 25x45 0.754 0.580 2.00 2.80 nrlr331m400v30x35sf 30x35 0.754 0.580 2.05 2.87 nrlr331m400v35x30sf 35x30 0.754 0.580 2.05 2.87 nrlr391m400v30x40sf 390 30x40 0.638 0.491 2.26 3.16 nrlr391m400v35x35sf 35x35 0.638 0.491 2.28 3.19 nrlr471m400v30x45sf 470 30x45 0.530 0.408 2.51 3.51 nrlr471m400v35x40sf 35x40 0.530 0.408 2.54 3.55 nrlr561m400v30x50sf 560 30x50 0.445 0.342 2.85 3.99 nrlr561m400v35x40sf 35x40 0.445 0.342 2.85 3.99 nrlr681m400v35x50sf 680 35x50 0.366 0.282 3.10 4.34 large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications nrlr680m420v20x25sf 68 420 20x25 6.096 4.689 0.70 0.98 nrlr820m420v20x30sf 82 20x30 5.055 3.889 0.80 1.12 nrlr820m420v22x25sf 22x25 5.055 3.889 0.85 1.19 nrlr101m420v20x35sf 100 20x35 4.145 3.189 0.90 1.26 nrlr101m420v22x30sf 22x30 4.145 3.189 0.97 1.35 nrlr101m420v25x25sf 25x25 4.145 3.189 0.98 1.37 nrlr121m420v20x35sf 120 20x35 3.454 2.657 1.04 1.45 nrlr121m420v22x30sf 22x30 3.454 2.657 1.07 1.49 nrlr121m420v25x25sf 25x25 3.454 2.657 1.08 1.51 nrlr151m420v20x40sf 150 20x40 2.764 2.126 1.17 1.63 nrlr151m420v22x35sf 22x35 2.764 2.126 1.21 1.69 nrlr151m420v25x30sf 25x30 2.764 2.126 1.26 1.76 nrlr151m420v30x25sf 30x25 2.764 2.126 1.30 1.82 nrlr181m420v22x40sf 180 22x40 2.303 1.772 1.33 1.86 nrlr181m420v25x35sf 25x35 2.303 1.772 1.42 1.98 nrlr181m420v30x25sf 30x25 2.303 1.772 1.48 2.07 420vdc continued on next page
11 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap ( f) w.v. case size esr ( @ 20c) max. ripple current (arms@85c) 120hz 20khz 120hz 10k ~ 50khz nrlr221m420v22x45sf 220 420 22x45 1.884 1.450 1.55 2.17 nrlr221m420v25x35sf 25x35 1.884 1.450 1.58 2.21 nrlr221m420v30x30sf 30x30 1.884 1.450 1.65 2.31 nrlr271m420v25x40sf 270 25x40 1.536 1.181 1.74 2.43 nrlr271m420v30x35sf 30x35 1.536 1.181 1.90 2.66 nrlr271m420v35x30sf 35x30 1.536 1.181 1.94 2.71 nrlr331m420v25x50sf 330 25x50 1.256 0.967 2.20 3.08 nrlr331m420v30x35sf 30x35 1.256 0.967 1.98 2.77 nrlr331m420v35x35sf 35x35 1.256 0.967 2.17 3.03 nrlr391m420v30x40sf 390 30x40 1.063 0.818 2.22 3.10 nrlr391m420v35x35sf 35x35 1.063 0.818 2.27 3.17 nrlr471m420v30x45sf 470 30x45 0.882 0.679 2.50 3.50 nrlr471m420v35x40sf 35x40 0.882 0.679 2.61 3.65 nrlr561m420v35x45sf 560 35x45 0.741 0.570 2.95 4.13 large can aluminum electrolytic capacitors nrlr series standard product list, case size and specifications nrlr560m450v20x25sf 56 450 20x25 7.402 5.694 0.61 0.85 nrlr680m450v20x30sf 68 20x30 6.096 4.689 0.70 0.98 nrlr680m450v22x25sf 22x25 6.096 4.689 0.71 0.99 nrlr820m450v20x35sf 82 20x35 5.055 3.889 0.80 1.12 nrlr820m450v22x25sf 22x25 5.055 3.889 0.86 1.20 nrlr101m450v20x35sf 100 20x35 4.145 3.189 0.88 1.23 nrlr101m450v22x30sf 22x30 4.145 3.189 0.95 1.33 nrlr101m450v25x25sf 25x25 4.145 3.189 0.97 1.35 nrlr121m450v20x40sf 120 20x40 3.454 2.657 0.99 1.38 nrlr121m450v22x35sf 22x35 3.454 2.657 1.07 1.49 nrlr121m450v25x30sf 25x30 3.454 2.657 1.09 1.52 nrlr121m450v30x25sf 30x25 3.454 2.657 1.12 1.56 nrlr151m450v22x40sf 150 22x40 2.764 2.126 1.18 1.65 nrlr151m450v25x30sf 25x30 2.764 2.126 1.25 1.75 nrlr151m450v30x25sf 30x25 2.764 2.126 1.29 1.80 nrlr181m450v22x45sf 180 22x45 2.303 1.772 1.32 1.84 nrlr181m450v25x35sf 25x35 2.303 1.772 1.40 1.96 nrlr181m450v30x30sf 30x30 2.303 1.772 1.45 2.03 nrlr221m450v25x40sf 220 25x40 1.884 1.450 1.59 2.22 nrlr221m450v30x30sf 30x30 1.884 1.450 1.64 2.29 nrlr221m450v35x30sf 35x30 1.884 1.450 1.66 2.32 nrlr271m450v25x45sf 270 25x45 1.536 1.181 1.73 2.42 nrlr271m450v30x35sf 30x35 1.536 1.181 1.89 2.64 nrlr271m450v35x30sf 35x30 1.536 1.181 1.90 2.66 nrlr331m450v25x50sf 330 25x50 1.256 0.967 2.12 2.96 nrlr331m450v30x40sf 30x40 1.256 0.967 2.12 2.96 nrlr331m450v35x35sf 35x35 1.256 0.967 2.15 3.01 nrlr391m450v30x45sf 390 30x45 1.063 0.818 2.35 3.29 nrlr391m450v35x40sf 35x40 1.063 0.818 2.38 3.33 nrlr471m450v30x50sf 470 30x50 0.882 0.679 2.65 3.71 nrlr471m450v35x45sf 35x45 0.882 0.679 2.68 3.75 nrlr561m450v35x50sf 560 35x50 0.741 0.570 2.88 4.03 terminal length a b c d e s = 4.0 2.0 max. 0.9 0.1 1.5 0.1 1.5 0.3 4.0 0.50 l = 6.0 2.7 0.3 6.0 1.00 terminal dimensions (mm) sleeve color: dark blue polarity marking insulation sleeve 4.0mm - standard lead length 6.0mm - optional lead length l 2.0 max. can top vent s 1 ? d 1.0 top of spin c d b a terminal thickness is 0.8mm s 2 pcb holes s1 = terminal spacing10mm ref. s2 = pcb hole spacing10mm 0.1mm e


▲Up To Search▲   

 
Price & Availability of NRLR821M250V30X35SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X