Part Number Hot Search : 
AF82801 TMP88 D0Z14GN P50NE 2SA115 B12V114B GS1JE PE9104
Product Description
Full Text Search
 

To Download NCMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  69 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com axial multilayer ceramic capacitors features ? conformally coated, miniature size ? 50, 100, and 200 vdc ? npo, x7r, and z5u temperature coefficients ? supplied on tape and reel specifications NCMA series size code and available capacitance range *-selected values, please contact nic for availability. tape and reel 104 m 50 tr capacitance code, expressed in pf, ? rst two digits are signi? cant, third digit is no. of zeros. ?r? indicates decimal for under 10pf tolerance code (see speci? cations table below) voltage z5u temperature coef? cient NCMA20 series, size code f rohs compliant part number system characteristics npo x7r z5u capacitance range* 1pf ~ 0.01f 220pf ~ 0.47f 0.01f ~ 1.0f capacitance tolerance (code) 1%(f), 2%(g), 5%(j) 5%(j), 10%(k), 20%(m) 20%(m), +80%/-20%(z) operating temperature range -55c to +125c -55c to +125c +10c to +85c temperature characterisitcs 030ppm/c 15% (0 vdc) +22%/-56% voltage rating 50, 100 & 200 vdc 50, 100 & 200 vdc 50 & 100 vdc dissipation factor 0.15% max. (+25c and +125c) for values greater than 30 pf. for values of 30pf and below: q = 20 x c +400 1.0vrms 1mhz for values < 1000pf 1khz for values > 1000pf 2.5% max. at 1khz, 1vrms max. 4.0% max. at 1khz, 5vrms max. insulation resistance 25c (mil- std-202, method 302) 100k megohms or 1000 megohm -f min., whichever is less 100k megohms or 1000 megohm -f min., whichever is less 10k megohms or 100 megohm -f min., whichever is less dielectric strength 250% of rated voltage 250% of rated voltage 200% of rated voltage life test (1000 hours) 200% of rated voltage at +125c 200% of rated voltage at +125c 150% of rated voltage at +85c size code wvdc npo x7r z5u NCMA10 50 1000pf~1200pf 8200pf~0.047 f 0.068f~0.22f 100 150pf~820pf 560pf~0.015 f 0.01f~0.047f 200 1pf~330pf* 220pf~0.01 f- NCMA11 50 1800pf~3900pf 0.047 f~0.1 f 0.22f~0.047f 100 1000pf~2700pf 0.018 f~0.039 f 0.1f NCMA20 50 1800pf~3900pf 0.027 f~0.1 f 0.047f~0.1f 100 1000pf~1800pf 8200pf~0.033 f 0.033f~0.047f NCMA30 50 4700pf~5600pf 0.056 f~0.33 f 0.15f~1.0f 100 1800pf~3900pf 0.022 f~0.1 f 0.068f~0.33f NCMA40 50 8200pf~0.01 f 0.33f~0.47f- 100 4700pf-8200pf 0.12f~0.18 f 0.15f~0.47f
70 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com leader tape: 300mm min. splicing tape: tape only missing parts: 0.25% of component count max. no consecutive missing parts conformally coated, ax ial multilayer ceramic capacitors NCMA series dimensions (mm) tape and reel class 1 rs-296 reel quantities NCMA 10 7500 pcs NCMA 11 5000 pcs NCMA 20 5000 pcs NCMA 30 5000 pcs NCMA 40 5000 pcs l max. d max. .483 r .05mm lead length min 25.4 e b a f c d 1 d 2 *also available in 26.0mm ?0mm +1.5mm optional design h i g k j type d diameter l length NCMA10 2.54 4.32 NCMA11 3.50 4.32 NCMA20 2.54 6.80 NCMA30 3.81 7.37 NCMA40 3.81 10.16 a 5mm 0.5mm b* 52.4mm 1.5mm c 6.35mm 0.4mm e 1.2mm f 1.6mm g 356mm h 76mm i 25.4mm j 84mm k 70mm


▲Up To Search▲   

 
Price & Availability of NCMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X