Part Number Hot Search : 
2SC2295 70502 5M50V3X GD24A TPC13 2SC2295 SC251 15700
Product Description
Full Text Search
 

To Download N2510-50K2-RB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? 4-wall header .100 .100 low profile, straight and right angle 2500 series physical electrical environmental *rohs = directive 2002/95/ec, restriction of the use of certai n hazardous substances in elec trical and electronic equipment "rohs compliant" means that the product or part does not contain any of the following substances in excess of the following max imum concentration values in any homogeneous material, unless the subst ance is in an application that is exempt under rohs: (a) 0.1% (by weight) for lead , mercury, hexavalent chromium, polybrominated biphenyls or prolybromianted diphenyl ether s; or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3m's knowledge and belief based upon information provided by third party suppliers to 3m. insulator material: glass filled polyester (pct) flammability: ul 94v-0 color: black contact material: copper alloy plating underplating: 100 ? [ 2.54 m ] nickel - overall wiping area: 30 ? [ 0.76 m ] gold solder tails: 200 ? [ 5.08 m ] matte tin terminal finish indicator: e3 (per jesd97) marking: 3m logo, part identification number and orientation triangle current rating: 2 a insulation resistance: >1 10 9 ? at 500 vdc withstanding voltage: 1000 vrms at sea level temperature rating: -55 c to +105 c process rating: maximum 260 c, single pass, (profile per j-std-020c) moisture sensitivity level: 1 (per j-std-020c) ts-0770-15 sheet 1 of 4 ? low profile, space saving design ? center slot polarization prevents mis-insertions and reduces insertion time ? dual slot polarization means broader compatibility with competitive polarization designs ? optional retainer clip fo r locking sockets in place and increasing connection reliability in vibration- prone environments ? high temperature insulator suitable for ?no lead? soldering operations ? suitable for reflow soldering using ?paste in hole? techniques ? exposed solder tails (o n right angle version) provide ease of cleaning and reduced repair costs ? rohs* compliant date modified: august 25, 2005
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? 4-wall header .100 .100 low profile, straight and right angle 2500 series ab 10 .788 [20.02] .708 [17.98] bc 14 .988 [25.10] .908 [22.06] b c d e 16 1.088 [27.64] 1.008 [25.60] a b c d e 20 1.288 [32.72] 1.208 [30.68] a b c d e 24 1.488 [37.80] 1.408 [35.76] a b c d e 26 1.588 [40.34] 1.508 [38.30] a b c d e 30 1.788 [45.42] 1.708 [43.38] a b c d e 34 1.988 [50.50] 1.908 [48.46] a b c d e 40 2.288 [58.12] 2.208 [56.08] a b c d e 50 2.788 [70.82] 2.708 [68.78] a b c d e 60 3.288 [83.52] 3.208 [81.48] a b c d e 64 3.488 [88.60] 3.408 [86.56] a b c d e table 1 polarizing notches dimensions pin qty inch .005 .1 .01 tolerance unless noted .0 .00 .000 inch [ ] dimensions for reference only [mm] ts-0770-15 sheet 2 of 4 ordering information notes: 1. notches a & c will accomodate 3m polarizing keys (3m part #n3518). 2. contact tails .0245 [0.622] crowned wire with .0075 [0.191] corner radii & .028 [.072] diagonal. 3. see page 4 for kink tail positions. 4. solder stand offs facilitate .01 clea rance above board for reflow soldering. n25xx-60xx-rb pin quantity: (see table 1) tail 02 = for .062 [1.57] thick board 03 = for .094 to .125 [2.39 to 3.18] thick board k2 = kinked for .062 [1.57] thick board .112 +/- .01 [2.84] for 02 & k2 versions .155 +/-.01 [3.94] for 03 version
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? 4-wall header .100 .100 low profile, straight an d right angle 2500 series ts-0770-15 sheet 3 of 4 inch .005 .1 .01 tolerance unless noted .0 .00 .000 inch [ ] dimensions for reference only [mm] ordering information n25xx-50xx-rb pin quantity: (see table 1) notes: 1. notches a & c will accomodate 3m polarizing keys (3m part #n3518). 2. contacts tails .0245 [0.622] crowned wire with .0075 [0.191] corner radii & .028 [.072] diagonal. 3. see page 4 for kink tail positions. ab 10 .788 [20.02] .708 [17.98] bc 14 .988 [25.10] .908 [22.06] b c d e 16 1.088 [27.64] 1.008 [25.60] a b c d e 20 1.288 [32.72] 1.208 [30.68] a b c d e 24 1.488 [37.80] 1.408 [35.76] a b c d e 26 1.588 [40.34] 1.508 [38.30] a b c d e 30 1.788 [45.42] 1.708 [43.38] a b c d e 34 1.988 [50.50] 1.908 [48.46] a b c d e 40 2.288 [58.12] 2.208 [56.08] a b c d e 50 2.788 [70.82] 2.708 [68.78] a b c d e 60 3.288 [83.52] 3.208 [81.48] a b c d e 64 3.488 [88.60] 3.408 [86.56] a b c d e table 1 polarizing notches dimensions pin qty tail 02 = for .062 [1.57] thick board 03 = for .094 to .125 [2.39 to 3.18] thick board k2 = kinked for .062 [1.57] thick board .112 +/- .01 [2.84] for 02 & k2 versions .155 +/-.01 [3.94] for 03 version
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? 4-wall header .100 .100 low profile, straight and righ t angle, accessories 2500 series connector pin qty dimension a 10 .81 [20.6,] 14 1.02 [25.9] 16 1.12 [28.4] 20 1.32 [33.5] 24 1.52 [38.7] 26 1.63 [41.4] 30 1.83 [46.4] 34 2.03 [51.6] 40 2.33 [59.2] 50 2.83 [71.9] 60 3.33 [84.6] 64 3.53 [89.7] ts-0770-15 sheet 4 of 4 note: #2216 b/a scotchweld can be used to adhere keys. polarizing post .144 [3.66] .830 [21.08] .057 [1.45] .573 [14.55] .204 [5.18] .118 [3.00] .043 [1.09] long snap in latch .118 [3.00] .370 [9.40] .102 [2.59] .267 [6.78] .082 [2.10] .030 dia [0.76] polarizing keys .15 [3.8] .09 [2.3] a breakaway tab .34 ref [8.6] .2 .1 [5.1] a maximum uncoated area (on both edges) alternate uncoated area clip height code .11 [2.8] short/long socket retainer clip note: stainless steel with polyurethane coating. 3505-8xxx clip height code 0 = .31 [ 7.9 ] for sockets w/o strain relief 1 = .53 [ 13.5 ] for sockets with strain relief connector pin count: (see table) part number material color 3505-33 nylon black part number material color dim a n3518 lcp black 0.02 10 4 3 4 7 8 14 4 3 4 11 12 16 4 3 4 13 14 20 4 3 4 17 18 24 4 3 4 21 22 26 4 3 4 23 24 30 4 5 6 25 26 34 4 7 8 27 28 36 4 7 8 27 28 40 4 7 8 33 34 50 4 7 8 43 44 60 4 11 12 49 50 64 4 11 12 53 54 2500 & 3000 series shrouded header positions kinked number of tails kinked total number of pins kinked tail detail: kink is located .05? below bottom surface of plastic. external radius of kink toward part centerline. part number material color 3201-3 pct black
3 printed in usa. ? 3m 2005 minimum 10% post-consumer fiber important notice all statements, technical information, and recommendations related to 3ms products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. before using this product, you must evaluate it and determine if it is suitable for your intended application. you assume all risks and liability associated with such use. any statements related to the product which are not contained in 3ms current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3m. warranty; limited remedy; limited liability. this product will be free from defects in material and manufacture for a period of 90 days from the time of purchase. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3ms option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. electronics 6801 river place blvd. austin, tx 78726-9000 800/328-1368 www.3m.com/electronics


▲Up To Search▲   

 
Price & Availability of N2510-50K2-RB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X